Part Number Hot Search : 
BC547B 2RS18G W91590 GM7110 PF6AT CY6117A 6601C W91590
Product Description
Full Text Search
 

To Download SBG1040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBG1030CT - SBG1045CT
10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 125A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Plastic Material: UL Flammability Classification Rating 94V-0
E A
4
D2PAK
G H J
Dim A B C D E G H
Min 9.65 14.60 0.51 2.29 4.37 1.14 1.14 8.25 0.30 2.03 2.29
Max 10.69 15.88 1.14 2.79 4.83 1.40 1.40 9.25 0.64 2.92 2.79
B
1 2 3
M
Mechanical Data
* * * * * * Case: D2PAK Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: Type Number Weight: 1.7 grams (approx.) Mounting Position: Any
D C
PIN 1 PIN 3
K L
PIN 2 & 4
J K L M
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage, per Element Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range @ IF = 5.0A @ Tj = 25C @ Tj = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJC Tj, TSTG
@ TA = 25C unless otherwise specified
SBG 1030CT 30 21
SBG 1035CT 35 25 10 125 0.55 1.0 50 275 3.0
SBG 1040CT 40 28
SBG 1045CT 45 32
Unit V V A A V mA pF K/W C
-65 to +125
Notes:
1. Thermal resistance: junction to case mounted on heat sink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS30092 Rev. B-2
1 of 2
SBG1030CT - SBG1045CT
10
IF, INSTANTANEOUS FORWARD CURRENT (A)
12
100
I(AV), AVERAGE FWD CURRENT (A)
Tj = 125C
8
10
Tj = 25C
6
4
1.0
2
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
150
0.1 0 0.4
Pulse Width = 300s 2% Duty Cycle
0.8
1.2
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
1000
IFSM, PEAK FORWARD SURGE CURRENT (A)
Tj = 25C f = 1.0MHz
Cj, JUNCTION CAPACITANCE (pF)
125
500
100
75
50
200
25
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100
100 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
DS30092 Rev. B-2
2 of 2
SBG1030CT - SBG1045CT


▲Up To Search▲   

 
Price & Availability of SBG1040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X