Part Number Hot Search : 
W83L7 270751B MAX3110 ALF1T12 07ATB RGP204 RMD10 13N50
Product Description
Full Text Search
 

To Download SA607D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF COMMUNICATIONS PRODUCTS
20
19
18
17
16
15
14
13
12
11
IF AMP
LIMITER
MIXER
RSSI
QUAD OSCILLATOR
-
+ VREG
-
+
E
B
AUDIO
1
2
3
4
5
6
7
8
9
10
SA607 Low-voltage high performance mixer FM IF system
Product specification Replaces data of November 3, 1992 IC17 Data Handbook 1997 Nov 07
Philips Semiconductors
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
DESCRIPTION
The SA607 is a low voltage high performance monolithic FM IF system incorporating a mixer/oscillator, two limiting intermediate frequency amplifiers, quadrature detector, logarithmic received signal strength indicator (RSSI), voltage regulator and audio and RSSI op amps. The SA607 is available in 20-lead SOL (surface-mounted miniature package) and 20-lead SSOP package. The SA607 was designed for portable communication applications and will function down to 2.7V. The RF section is similar to the famous SA605. The audio output has an internal amplifier with the feedback pin accessible. The RSSI output is buffered. The SA607 also has an extra limiter output. This signal is buffered from the output of the limiter and can be used to perform frequency check. This is accomplished by comparing a reference frequency with the frequency check signal using a comparator to a varactor or PLL at the oscillator inputs.
PIN CONFIGURATION
D and DK Packages
RF IN+ RF IN- DECOUPLING OSCOUT OSCIN RSSI VCC AUDIO FEEDBACK AUDIO FREQ CHECK/LIM OUT (-) 1 2 3 4 5 6 7 8 9 20 MIXER OUT 19 IF AMP DECOUPLING 18 IF AMP IN 17 IF AMP DECOUPLING 16 IF AMP OUT 15 GND 14 LIMITER IN 13 LIMITER DECOUPLING 12 LIMITER DECOUPLING 11 LIM OUT(+)
QUADRATURE IN 10
FEATURES
SR00387
* Low power consumption: 3.5mA typical at 3V * Mixer input to >150MHz * Mixer conversion power gain of 17dB at 45MHz * XTAL oscillator effective to 150MHz (L.C. oscillator or external
oscillator can be used at higher frequencies)
* Buffered frequency check output * Internal op amps with rail-to-rail outputs * ESD protection: Human Body Model 2kV
Robot Model 200V
Figure 1. Pin Configuration
* 102dB of IF Amp/Limiter gain * 2MHz limiter small signal bandwidth * Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a 90dB dynamic range
APPLICATIONS
* Low external component count; suitable for crystal/ceramic/LC
filters
* Excellent sensitivity:
0.31V into 50 matching network for 12dB SINAD (Signal to Noise and Distortion ratio) for 1kHz tone, 8kHz deviation with RF at 45MHz and IF at 455kHz
* SA607 meets cellular radio specifications * Audio output internal op amp * RSSI output internal op amp
* Portable cellular radio FM IF * Cordless phones * Narrow band cellular applications (NAMPS/NTACS) * RF level meter * Spectrum analyzer * Instrumentation * FSK and ASK data receivers * Log amps * Portable high performance communication receivers * Single conversion VHF receivers * Wireless systems
ORDERING INFORMATION
DESCRIPTION 20-Pin Plastic Small Outline Large (SOL) package (Surface-mount) 20-Pin Plastic Shirnk Small Outline Package (SSOP) (Surface-mount) TEMPERATURE RANGE -40 to +85C -40 to +85C ORDER CODE SA607D SA607DK DWG # SOT163-1 SOT266-1
1997 Nov 07
2
853-1677 18665
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
BLOCK DIAGRAM
20 19 18 17 16 15 14 13 12 11
IF AMP MIXER RSSI
LIMITER
QUAD OSCILLATOR
-
+ VREG
-+
E
B
AUDIO
1
2
3
4
5
6
7
8
9
10
SR00388
Figure 2. Block Diagram
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC TSTG TA JA Single supply voltage Storage temperature range Operating ambient temperature range SA607 Thermal impedance D package DK package PARAMETER RATING 7 -65 to +150 -40 to +85 90 117 UNITS V
C C C/W
DC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25C; unless otherwise stated. LIMITS SYMBOL PARAMETER TEST CONDITIONS MIN VCC ICC Power supply voltage range DC current drain 2.7 3.5 SA607 TYP MAX 7.0 4.2 V mA UNITS
1997 Nov 07
3
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
AC ELECTRICAL CHARACTERISTICS
TA = 25C; VCC = +3V, unless otherwise stated. RF frequency = 45MHz + 14.5dBV RF input step-up; IF frequency = 455kHz; R17 = 2.4k; R18 = 3.3k; RF level = -45dBm; FM modulation = 1kHz with 8kHz peak deviation. Audio output with de-emphasis filter and C-message weighted filter. Test circuit 3. The parameters listed below are tested using automatic test equipment to assure consistent electrical characterristics. The limits do not represent the ultimate performance limits of the device. Use of an optimized RF layout will improve many of the listed parameters. LIMITS SYMBOL PARAMETER TEST CONDITIONS MIN Mixer/Osc section (ext LO = 220mVRMS) fIN fOSC Input signal frequency Crystal oscillator frequency Noise figure at 45MHz Third-order input intercept point (50 source) Conversion power gain RF input resistance RF input capacitance Mixer output resistance IF section IF amp gain Limiter gain Input limiting -3dB, R17 = 2.4k AM rejection Audio level SINAD sensitivity THD S/N Total harmonic distortion Signal-to-noise ratio IF RSSI output, R9 = 2k1 No modulation for noise IF level = -118dBm IF level = -68dBm IF level = -23dBm RSSI range RSSI accuracy IF input impedance IF output impedance Limiter input impedance Limiter output impedance Limiter output level Frequency check/limiter output impedance Frequency check/limiter output level RF/IF section (int LO) Audio level System RSSI output System SINAD sensitivity 3V = VCC, RF level = -27dBm 3V = VCC, RF level = -27dBm RF level = -117dBm 120 2.2 12 mVRMS V dB (Pin 11) (Pin 11) (Pin 9) (Pin 9) No load 5k load No load 5k load 1.30 1.3 .70 1.2 50 source 50 source Test at Pin 18 80% AM 1kHz Gain of two (2k AC load) RF level -110dB -35 70 44 58 -109 45 120 17 -50 62 0.3 1.1 1.8 90 +1.5 1.5 0.3 1.5 200 130 115 200 130 115 0.8 1.80 2.5 160 dB dB dBm dB mV dB dB dB V V V dB dB k k k mVRMS mVRMS (Pin 20) 1.25 f1 = 45.0; f2 = 45.06MHz Input RF Level = -52dBm Matched 14.5dBV step-up 50 source Single-ended input 13.5 150 150 6.2 -9 17 +2.5 8 3.0 1.5 4.0 19.5 MHz MHz dB dBm dB dB k pF k SA607 TYP MAX UNITS
NOTE: 1. The generator source impedance is 50, but the SA607 input impedance at Pin 18 is 1500. As a result, IF level refers to the actual signal that enters the SA607 input (Pin 18) which is about 21dB less than the "available power" at the generator.
1997 Nov 07
4
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
CIRCUIT DESCRIPTION
The SA607 is an IF signal processing system suitable for second IF systems with input frequency as high as 150MHz. The bandwidth of the IF amplifier and limiter is at least 2MHz with 90dB of gain. The gain/bandwidth distribution is optimized for 455kHz, 1.5k source applications. The overall system is well-suited to battery operation as well as high performance and high quality products of all types. The input stage is a Gilbert cell mixer with oscillator. Typical mixer characteristics include a noise figure of 6.2dB, conversion gain of 17dB, and input third-order intercept of -9dBm. The oscillator will operate in excess of 200MHz in L/C tank configurations. Hartley or Colpitts circuits can be used up to 100MHz for xtal configurations. Butler oscillators are recommended for xtal configurations up to 150MHz. The output impedance of the mixer is a 1.5k resistor permitting direct connection to a 455kHz ceramic filter. The input resistance of the limiting IF amplifiers is also 1.5k. With most 455kHz ceramic filters and many crystal filters, no impedance matching network is necessary. The IF amplifier has 43dB of gain and 5.5MHz bandwidth. The IF limiter has 60dB of gain and 4.5MHz bandwidth. To achieve optimum linearity of the log signal strength indicator, there must be a 12dB(v) insertion loss between the first and second IF stages. If the IF filter or interstage network does not cause 12dB(v) insertion loss, a fixed or variable resistor or an L pad for simultaneous loss and impedance matching can be added between the first IF output (Pin 16) and the interstage network. The overall gain will then be 90dB with 2MHz bandwidth.
The signal from the second limiting amplifier goes to a Gilbert cell quadrature detector. One port of the Gilbert cell is internally driven by the IF. The other output of the IF is AC-coupled to a tuned quadrature network. This signal, which now has a 90 phase relationship to the internal signal, drives the other port of the multiplier cell. The demodulated output of the quadrature drives an internal op amp. This op amp can be configured as a unity gain buffer, or for simultaneous gain, filtering, and 2nd-order temperature compensation if needed. It can drive an AC load as low as 5k with a rail-to-rail output. A log signal strength completes the circuitry. The output range is greater than 90dB and is temperature compensated. This log signal strength indicator exceeds the criteria for AMPs or TACs cellular telephone. This signal is buffered through an internal unity gain op amp. The frequency check pin provides a buffered limiter output. This is useful for implementing an AFC (Automatic Frequency Check) function. This same output can also be used in conjunction with limiter output (Pin 11) for demodulating FSK (Frequency Shift Keying) data. Both pins are of the same amplitude, but 180 out of phase. NOTE: Limiter output or Frequency Check output has drive capability of a load minimum of 2k or higher to obtain 115mV output level. NOTE: dB(v) = 20log VOUT/VIN
1997 Nov 07
5
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
-25dB,
-10dB,
-29dB,
-10.6dB,
-36dB,
1500/50 PAD 50/50 PAD
929/50 PAD
51.5
50/50 PAD
156k/50 PAD
50.5 3880 2430 C24 SW9
96.5 71.5
C26 R18 3.3k
96.5 32.8 71.5 C19 SW6 C18 C17
51.7
32.6
1.3k C16 SW5 C15
C20 C22 FLT1 C23 SW8 C21 SW7
R17 2.4k
FLT2
20
19
18
17
16
15
14
13
12
11
IF AMP MIXER
LIMITER
RSSI QUAD OSCILLATOR
-+
VREG
-+ AUDIO
1
2
3
4
5
6
7
8
C26
9
10
C1
SW1
SW3
SW4 C8
R9 C9 R10
R11 R14 SW10 C12 C27 C10 R12 DEEMPHASIS FILTER IFT1 R19 16k
C2
L1 C7 R4 51.1 C5 L2 C6 C4 EXT. LOC OSC 44.545 45.06 MHZ MINI-CIRCUIT ZSC2-1B X1 R7 30.5 R6 178 R8 39.2
SW2 R1
C3 R3 R2
"C" WEIGHTED AUDIO MEASUREMENT CIRCUIT
C14
45MHZ
VCC
AUDIO
FREQ CHECK
Automatic Test Circuit Component List C1 C2 C5 C6 C7 C8 C9 C10 C12 C14 C15 C17 C18 C21 C23 C25 100pF NPO Ceramic 390pF NPO Ceramic 100nF +10% Monolithic Ceramic 22pF NPO Ceramic 1nF Ceramic 10.0pF NPO Ceramic 100nF +10% Monolithic Ceramic 10F Tantalum (minimum) * 2.2F 100nF +10% Monolithic Ceramic 10pF NPO Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic C26 C27 Flt 1 Flt 2 IFT 1 L1 L2 X1 R9 R10 R11 R12 R14 R17 R18 R19 0.1F +10% Monolithic Ceramic 2.2F Ceramic Filter Murata SFG455A3 or equiv Ceramic Filter Murata SFG455A3 or equiv 455kHz (Ce = 180pF) Toko RMC-2A6597H 147-160nH Coilcraft UNI-10/142-04J08S 0.8H nominal Toko 292CNS-T1038Z 44.545MHz Crystal ICM4712701 2k +1% 1/4W Metal Film 8.2k +1% 10k +1% 2k +1% 5k +1% 2.4k +5% 1/4W Carbon Composition 3.3k +5% 1/4W Carbon Composition 16k +5% 1/4W Carbon Composition
SR00389
*NOTE: This value can be reduced when a battery is the power source.
Figure 3. SA607 45MHz Test Circuit (Relays as shown)
1997 Nov 07
6
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
C26 R18 3.3k R17 2.4k FLT1 C23 C21 FLT2 C18 C17
C15
20
19
18
17
16
15
14
13
12
11
IF AMP MIXER
LIMITER
RSSI QUAD OSCILLATOR
-+
VREG
-+ AUDIO
1
2
3
4
5
6
7
R11
8
9
10
C1 C8 C2 L1 C7
C9 C12 R10 C27 IFT1 X1 R19 11k C19 390pF
C10 C5 L2 45MHz INPUT C6
C14
RSSI OUTPUT
VCC
AUDIO
FREQ CHECK
SA607D/DK Application Component List C1 C2 C5 C6 C7 C8 C9 C10 C12 C14 C15 C17 C18 C19 C21 51pF NPO Ceramic 220pF NPO Ceramic 100nF +10% Monolithic Ceramic 5-30pF trim cap 1nF Ceramic 10.0pF NPO Ceramic 100nF +10% Monolithic Ceramic 10F Tantalum (minimum) * 2.2F +10% Tantalum 100nF +10% Monolithic Ceramic 10pF NPO Ceramic 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 390pF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic C23 C26 C27 Flt 1 Flt 2 IFT 1 L1 L2 X1 R5 R10 R11 R17 R18 R19 100nF +10% Monolithic Ceramic 100nF +10% Monolithic Ceramic 2.2F Tantalum Ceramic Filter Murata SFG455A3 or equiv Ceramic Filter Murata SFG455A3 or equiv 330H TOKO 303LN-1130 .33H TOKO SCB-1320Z 1.2H Coilcraft 1008C S-122 44.545MHz Crystal Hy-Q Not Used in Application Board (see Note 8, pg 8) 8.2k +5% 1/4W Carbon Composition 10k +5% 1/4W Carbon Composition 2.4k +5% 1/4W Carbon Composition 3.3k +5% 1/4W Carbon Composition 11k +5% 1/4W Carbon Composition
SR00390
*NOTE: This value can be reduced when a battery is the power source.
Figure 4. SA607 45MHz Application Circuit
1997 Nov 07
7
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
RF GENERATOR 45MHz
SA607 DEMO-BOARD RSSI AUDIO
VCC (+3) DE-EMPHASIS FILTER DC VOLTMETER C-MESSAGE
SCOPE
HP339A DISTORTION ANALYZER
SR00391
Figure 5. SA607 Application Circuit Test Set Up NOTES: 1. C-message: The C-message and de-emphasis filter combination has a peak gain of 10 for accurate measurements. Without the gain, the measurements may be affected by the noise of the scope and HP339 analyzer. The de-emphasis filter has a fixed -6dB/Octave slope between 300Hz and 3kHz. 2. Ceramic filters: The ceramic filters can be 30kHz SFG455A3s made by Murata which have 30kHz IF bandwidth (they come in blue), or 16kHz CFU455Ds, also made by Murata (they come in black). All of our specifications and testing are done with the more wideband filter. 3. RF generator: Set your RF generator at 45.000MHz, use a 1kHz modulation frequency and a 6kHz deviation if you use 16kHz filters, or 8kHz if you use 30kHz filters. 4. Sensitivity: The measured typical sensitivity for 12dB SINAD should be 0.35V or -116dBm at the RF input. 5. Layout: The layout is very critical in the performance of the receiver. We highly recommend our demo board layout. 6. RSSI: The smallest RSSI voltage (i.e., when no RF input is present and the input is terminated) is a measure of the quality of the layout and design. If the lowest RSSI voltage is 500mV or higher, it means the receiver is in regenerative mode. In that case, the receiver sensitivity will be worse than expected. 7. Supply bypass and shielding: All of the inductors, the quad tank, and their shield must be grounded. A 10-15F or higher value tantalum capacitor on the supply line is essential. A low frequency ESR screening test on this capacitor will ensure consistent good sensitivity in production. A 0.1F bypass capacitor on the supply pin, and grounded near the 44.545MHz oscillator improves sensitivity by 2-3dB. 8. R5 can be used to bias the oscillator transistor at a higher current for operation above 45MHz. Recommended value is 22k, but should not be below 10k.
1997 Nov 07
8
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
mA 6 VCC = 7V
5
VCC = 5V 4
VCC = 3V
3
VCC = 2.7V
2 -55 -35 -15 5 25 45 65 85 105 125
C
SR00392
Figure 6. ICC vs Temperature
-8.0 -8.5 -9.0 50 INPUT INTERCEPT POINT (dBm) 2.7V -9.5 -10.0 -10.5 -11.0 -11.5 -12.0 -12.5 -13.0 -13.5 -14.0 -40 3V
7V
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature (C)
SR00393
Figure 7. Third Order Intercept Point vs Supply Voltage
1997 Nov 07
9
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
8.00 7.75 7.50 7.25 7.00 6.75 NOISE FIGURE 6.50 6.25 6.00 5.75 5.50 5.25 5.00 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 7.0V
3V 2.7V
TEMPERATURE (C)
SR00394
Figure 8. Mixer Noise Figure vs Supply Voltage
18.00
17.75
2.7V
17.50 CONVERSION GAIN (dB) 3V 17.25 7.0V 17.00
16.75
16.50
16.25
16.00 -40
-30
-20
-10
0
10
20
30
40
50
60
70
80
TEMPERATURE (C)
SR00395
Figure 9. Conversion Gain vs Supply Voltage
1997 Nov 07
10
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
20
10
0 RF = 45MHz IF = 455kHz -10
IF OUTPUT POWER (-dBm)
-20
-30
-40
FUND PRODUCT
3rd ORDER PRODUCT
-50
-60
-70
*50 INPUT
-80 -66
-56
-46
-36
-26
-16
-6
4
14
24
34
RF* INPUT LEVEL (dBm)
SR00396
Figure 10. Mixer Third Order Intercept and Compression
1997 Nov 07
11
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
5 AUDIO 0 -5 -10 -15 -20 DECIBELS (dB) -25 -30 AM REJECTION -35 -40 -45 -50 -55 -60 NOISE -65 -125 -115 -105 -95 -85 -75 RF LEVEL (dBm) -65 -55 -45 -35 -25 THD + NOISE VCC = 3V RF = 45MHz DEVIATION = 8kHz AUDIO LEVEL = 104.9mVRMS
SR00397
Figure 11. Sensitivity vs RF Level (-40C)
5 AUDIO 0 -5 -10 VCC = 3V RF = 45MHz -20 DECIBELS (dB) -25 -30 -35 -40 -45 -50 -55 -60 -65 -125 NOISE -115 -105 -95 -85 -75 RF LEVEL (dBm) -65 -55 -45 -35 -25 THD + NOISE AM REJECTION DEVIATION = 8kHz AUDIO LEVEL = 117.6mVRMS
SR00398
Figure 12. Sensitivity vs RF Level (+25C)
1997 Nov 07
12
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
5 AUDIO 0 -5 -10 -15 -20 DECIBELS (dB) -25 -30 -35 -40 -45 THD + NOISE -50 -55 -60 -65 -125 NOISE -115 -105 -95 -85 -75 RF LEVEL (dBm) -65 -55 -45 -35 -25 AM REJECTION VCC = 3V RF = 45MHz DEVIATION = 8kHz AUDIO LEVEL = 127mVRMS
SR00399
Figure 13. Sensitivity vs RF Level (Temperature 85C)
5 AUDIO 0 -5 -10 -15 -20 DECIBELS (dB) -25 -30 -35 -40 -45 -50 -55 -60 NOISE -65 -55 -35 -15 5 25 45 TEMPERATURE (C) 65 85 105 125 AM REJECTION DISTORTION VCC = 3V RF = 45MHz RF LEVEL = -45dBm DEVIATION = 8kHz AUDIO LEVEL = +117.6mVRMS
SR00400
Figure 14. Relative Audio Level, Distortion, AM Rejection and Noise vs Temperature
1997 Nov 07
13
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
2.400
2.000 +85C 1.600 VOLTAGE (V)
ROOM 1.200 -40C
0.800
0.400
0.000 -95 -85 -75 -65 -55 -45 IF LEVEL (dBm) -35 -25 -15 -5 5
SR00401
Figure 15. RSSI (455kHz IF @ 3V)
2.1 2.0 1.9 1.8 1.7 1.6 1.5 VOLTAGE (V) 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 -125 -115 -105 -95 -85 -75 -65 -55 -45 -35 -25 +85C +27C -40C
RF LEVEL (dBm)
SR00402
Figure 16. RSSI vs RF Level and Temperature - VCC = 3V
1997 Nov 07
14
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
V 300
250
VCC = 7V
200 mV RMS VCC = 5V 150 VCC = 3V 100 VCC = 2.7V
50
0 -55 -35 -15 5 25 45 65 85 105 125
C
SR00403
Figure 17. Audio Output vs Temperature
1997 Nov 07
15
Philips Semiconductors
Product specification
Low voltage high performance mixer FM IF system
SA607
607 Silk Screen
607 TOP
607 BOTTOM
NOTE; All views are TOP VIEW and not actual size. For reference only.
SR00404
Figure 18. 1997 Nov 07 16
Philips Semiconductors
Product specification
Low voltage high performance FM IF system
SA607
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
1997 Nov 07
17
Philips Semiconductors
Product specification
Low voltage high performance FM IF system
SA607
SSOP20: plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
1997 Nov 07
18
Philips Semiconductors
Product specification
Low voltage high performance FM IF system
SA607
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1997 All rights reserved. Printed in U.S.A.
Philips Semiconductors
1997 Nov 07 19


▲Up To Search▲   

 
Price & Availability of SA607D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X