Part Number Hot Search : 
RA102 MF0603X5 EN2575E FMMT596 WP424YDT AD790JR N74F651 S1202
Product Description
Full Text Search
 

To Download RM7000B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RM7000B
Preliminary
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
FEATURES
* Dual-Issue symmetric superscalar microprocessor * 500MHz max CPU frequency * Capable of issuing two instructions per clock cycle * Integrated primary and secondary caches * 16KB Instruction, 16KB Data, and 256KB on-chip secondary * All are 4-way set associative with 32-byte line size * Per-line locking in primary and secondary caches * Fast Packet CacheTM increases system efficiency in networking applications * Integrated external cache controller * Allows up to 8Mbyte of external cache for applications with large data sets * High-performance system interface * 1000 Mbyte per-second peak throughput 125 MHz max. freq., multiplexed address/data bus (SysAD) * Supports two outstanding reads with out-of-order return High-performance floating-point unit * 1000 MFLOPS maximum * IEEE754 compliant single and double precision floating-point operations 64-bit MIPS instruction set architecture * Data PREFETCH instruction allows the processor to overlap cache miss latency and instruction execution * Single-cycle floating-point multiplyadd Integrated memory management unit * Fully associative TLB * 64/48 dual entries map 128/96 pages * Variable page size Embedded application enhancements * Fourteen fully prioritized vectored interrupts-10 external, 2 internal, 2 software
* *
*
*
*
Specialized DSP integer MultiplyAccumulate instructions (MAD/MADU), and three-operand Multiply instruction (MUL) I and D Test/Break-point (Watch) registers for emulation and debug Performance counter for system and software tuning and debug
*
PACKAGING
*
*
Fully Static 0.13 CMOS design with dynamic power down logic 304 pin TBGA package, 31x31 mm
*
DEVELOPMENT TOOLS
* Operating Systems: * Linux by MontaVista and Red Hat * VxWorks by Wind River Systems * Nucleus by Accelerated Technology * Neutrino by QNX Software Systems * Compiler Suites * Algorithmics * Green Hills Software
*
BLOCK DIAGRAM
64-bit Integer Unit
Dual-Issue Superscalar
Integer Multiplier
System Control
PC Unit
64-bit FP Unit
Double/Single IEEE754
Instr. Dispatch
I-Cache
16KB, 4-way, lockable
MMU
Fully Assoc., 48 or 64 Entry
D-Cache
16KB, 4-way, lockable
Bus Interface Unit
L3 Cache Control
System Cache (L2) Int Ctlr
256KB, 4-way, lockable
64-bit SysA /D Bus & L3 Ctr NMI, INT9 - INT0
PMC- 2011603(P1)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
(c) Copyright PMC-Sierra, Inc. 2000
Preliminary RM7000B
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
* Red Hat * Evaluation Boards and Companion Chips * Galileo Technology * EV-64120A-7000: 32/64-bit, 33/66MHz PCI * EV-64240-7000: 32/64-bit, 33/66MHz PCI * Momentum Computer * Ocelot: 6U RM7000 Compact PCI Single Board Computer *
Logic Analyzers and Emulation * HP * Tektronix * Corelis * Crescent Heart Software
APPLICATIONS
* * * * * * * * * * * Voice Gateways Multi-Service Access Platforms DSLAMs/Access Concentrators Remote Access Switches Web Switches Layer 3 Switches Backbone Switches/Routers RAIDs Set Top Boxes Networked Printers Cellular Base Stations
TYPICAL APPLICATION
RM7000B
64-Bit 100MHz 64-Bit 100MHz
L3 Cache
Galileo GT-64120A
SDRAM
PCI Bus 32/64-bit @ 33MHz 64bit PCI-to-PCI Bridge 32bit Ethernet MAC 32bit
64bit
Data Buffer 8-bit Boot-Flash Flash Disk Watchdog, I2C & Control Registers
Ethernet MAC
Dual UART
Head Office: PMC-Sierra, Inc. #105 - 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC- 2011603(P1) (c) Copyright PMC-Sierra, Inc. 2001. All rights reserved. RM7000B is a trademark of PMC-Sierra Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE


▲Up To Search▲   

 
Price & Availability of RM7000B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X