![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RM7000A 64-Bit MIPS RISC Microprocessor with Integrated L2 Cache FEATURES * Dual-Issue symmetric superscalar microprocessor * 400MHz max CPU frequency * Capable of issuing two instructions per clock cycle * Integrated primary and secondary caches * 16KB Instruction, 16KB Data, and 256KB on-chip secondary * All are 4-way set associative with 32-byte line size * Per-line locking in primary and secondary caches * Fast Packet CacheTM increases system efficiency in networking applications * Integrated external cache controller * Allows up to 8Mbyte of external * cache for applications with large * data sets * High-performance system interface * 1000 Mbyte per-second peak throughput 125 MHz max. freq., multiplexed address/data bus (SysAD) * Supports two outstanding reads with out-of-order return High-performance floating-point unit * 800 MFLOPS maximum * IEEE754 compliant single and double precision floating-point operations 64-bit MIPS instruction set architecture * Data PREFETCH instruction allows the processor to overlap cache miss latency and instruction execution * Single-cycle floating-point multiplyadd Integrated memory management unit * Fully associative TLB * 64/48 dual entries map 128/96 pages * Variable page size Embedded application enhancements * Fourteen fully prioritized vectored interrupts-10 external, 2 internal, 2 software * * * * * Specialized DSP integer MultiplyAccumulate instructions (MAD/MADU), and three-operand Multiply instruction (MUL) I and D Test/Break-point (Watch) registers for emulation and debug Performance counter for system and software tuning and debug * PACKAGING * * Fully Static 0.18 CMOS design with dynamic power down logic 304 pin TBGA package, 31x31 mm * DEVELOPMENT TOOLS * Operating Systems: * Linux by MontaVista and Red Hat * VxWorks by Wind River Systems * Nucleus by Accelerated Technology * Neutrino by QNX Software Systems * Compiler Suites * Algorithmics * Green Hills Software * BLOCK DIAGRAM 64-bit Integer Unit Dual-Issue Superscalar Integer Multiplier System Control PC Unit 64-bit FP Unit Double/Single IEEE754 Instr. Dispatch I-Cache 16KB, 4-way, lockable MMU Fully Assoc., 48 or 64 Entry D-Cache 16KB, 4-way, lockable Bus Interface Unit Int Ctlr System Cache (L2) 256KB, 4-way, lockable SysA /D Bus NMI, INT9 - INT0 PMC- 2010739(R2) PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE (c) Copyright PMC-Sierra, Inc. 2001 RM7000A 64-Bit MIPS RISC Microprocessor with Integrated L2 Cache * Red Hat * Evaluation Boards and Companion Chips * Galileo Technology * EV-64120A-7000: 32/64-bit, * 33/66MHz PCI * EV-64240-7000: 32/64-bit, * 33/66MHz PCI * Momentum Computer * Ocelot: 6U RM7000 Compact PCI * Single Board Computer * Logic Analyzers and Emulation * HP * Tektronix * Corelis * Crescent Heart Software APPLICATIONS * * * * * * * * * * * Voice Gateways Multi-Service Access Platforms DSLAMs/Access Concentrators Remote Access Switches Web Switches Layer 3 Switches Backbone Switches/Routers RAIDs Set Top Boxes Networked Printers Cellular Base Stations TYPICAL APPLICATION RM7000A 64-Bit 100MHz 64-Bit 100MHz L3 Cache Marvell/Galileo GT-64120A SDRAM PCI Bus 32/64-bit @ 33MHz 64bit PCI-to-PCI Bridge 32bit Ethernet MAC 32bit 64bit Data Buffer 8-bit Boot-Flash Flash Disk Watchdog, I2C & Control Registers Ethernet MAC Dual UART Head Office: PMC-Sierra, Inc. 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200 To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com PMC- 2010739(R2) (c) Copyright PMC-Sierra, Inc. 2001. All rights reserved. RM7000A is a trademark of PMC-Sierra Inc. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE |
Price & Availability of RM7000A
![]() |