Part Number Hot Search : 
2SC5979 087381 CM1822 SZ308C 1045011 57110 FCH20 3DT12S
Product Description
Full Text Search
 

To Download RM5532 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
RC5532/RC5532A
High Performance Dual Low Noise Operational Amplifier
Features
* * * * * * * * Small signal bandwidth - 10 MHz Output drive capability - 600W, 10 VRMS Input noise voltage - 5 nV/ Hz DC voltage gain - 50,000 AC voltage gain - 2200 at 10 KHz Power bandwidth - 140 KHz Slew rate - 8 V/mS Large supply voltage range - 3V to 20V
Description
The RC5532 is a high performance, dual low noise operational amplifier. Compared to standard dual operational amplifiers, such as the RC747, it shows better noise performance, improved output drive capability, and considerably higher small-signal and power bandwidths. This makes the device especially suitable for application in high quality and professional audio equipment, instrumentation, control circuits, and telephone channel amplifiers. The op amp is internally compensated for gains equal to one. If very low noise is of prime importance, it is recommended that the RC5532A version be used which has guaranteed noise specifications.
Block Diagram
Output A -Input A +VS Output B
A
+Input A -VS
B
-Input B +Input B
65-5532-01
Rev. 1.1.2
RC5532/RC5532A
PRODUCT SPECIFICATION
Pin Assignments
+VS Output (A) Output (A)
8 1 2 3 4 5 7 6
1 2 3 4
8 7 6 5
65-5532-03
+VS Output (B) -Input (B) +Input (B)
Output (B) -Input (A) -Input (B) +Input (A) -VS
-Input (A)
+Input (A)
+Input (B)
65-5532-02
-VS
Absolute Maximum Ratings
(beyond which the device may be damaged)1 Parameter Supply Voltage Input Voltage Differential Input Voltage PDTA < 50C PDIP CerDIP SOIC Junction Temperature Storage Temperature Operating Temperature Lead Soldering Temperature (10 sec) RM5532/A RC5532/A PDIP CerDIP, TO-99 -65 -55 0 Min. Typ. Max. 22 VS 0.5 468 833 658 125 175 150 125 70 300 C C C C Units V V V mW
Notes: 1. Functional operation under any of these conditions is NOT implied. 2. For supply voltages less than 15V, the absolute maximum input voltage is equal to the supply voltage. 3. Short circuit to ground on one amplifier only.
Operating Conditions
Parameter qJC qJA Thermal resistance Thermal resistance CerDIP TO-99 PDIP CerDIP TO-99 For TA > 50C Derate at PDIP CerDIP TO-99 Min. Typ. 45 50 160 150 190 6.25 8.33 5.26 mW/C C/W Max. Units C/W
2
PRODUCT SPECIFICATION
RC5532/RC5532A
DC Electrical Characteristics
(VS = 15V and TA = +25C unless otherwise noted) RM5532/5532A Parameters Input Offset Voltage Over Temperature Input Offset Current Over Temperature Input Bias Current Over Temperature Supply Current Over Temperature Input Voltage Range Common Mode Rejection Ratio Power Supply Rejection Ratio Large Signal Voltage Gain RL 2 KW, VOUT = 10V Over Temperature RL 600W, VOUT = 10V Over Temperature Output Voltage Swing RL 600W RL = 600W, VS = 18V RL 2kW Input Resistance (Diff. Mode) Short Circuit Current 12 80 86 50 25 40 20 12 15 12 13 16 13 300 38 300 38 KW mA 13 100 100 6.0 200 Test Conditions Min. Typ. 0.5 Max. 2.0 3.0 100 200 400 700 11 13 12 70 80 25 15 15 10 12 15 13 16 V 13 100 100 100 50 50 6.0 200 10 RC5532/5532A Min. Typ. 0.5 Max. 4.0 5.0 150 200 800 1000 16 22 Units mV mV nA nA nA nA mA mA V dB dB V/mV
Notes: 1. Diodes protect the inputs against over-voltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential input voltage exceeds 0.6V. Maximum input current should be limited to 10mA. 2. Over Temperature: RM = 55 C TA 125C; RC = 0C TA 70C
Electrical Characteristics
(VS = 15V and TA = +25C ) RC/RM5532 Parameters Input Noise Voltage Density Input Noise Current Density Channel Separation Test Conditions FO = 30 Hz FO = 1 kHz FO = 30 Hz FO = 1 kHz F = 1 kHz, RS = 5 kW Min. Typ. 8.0 5.0 2.7 0.7 110 Max. RC/RM5532A Min. Typ. 8.0 5.0 2.7 0.7 110 Max. 12 6.0 Units nV/ OHz pA/ OHz dB
3
RC5532/RC5532A
PRODUCT SPECIFICATION
AC Electrical Characteristics
(VS = 15V and TA = +25C ) Parameters Output Resistance Overshoot Gain Gain Bandwidth Product Slew Rate Power Bandwidth VOUT = 10V VOUT = 14V, RL = 600W, VS = 18V Test Conditions AV = 30 dB Closed Loop, F = 10 kHz, RL = 600W Unity Gain, VIN = 100 mVp-p CL = 100 pF, RL = 600W F = 10 KHz CL = 100 pF, RL = 600W Min. Typ. 0.3 10 2.2 10 8.0 140 100 Max. Units W % V/mV MHz V/mS KHz KHz
Test Circuits
3 RS 251/2 VIN RE 2 5532A RF 1 VOUT 2 6001/2 VIN 100 pF 100 pF
65-5532-04
+VS
1K
5532A 3
1 6001/2
VOUT
-VS
65-5532-05
Figure 1. Closed Loop Frequency Response
Figure 2. Follower, Transient Response
4
PRODUCT SPECIFICATION
RC5532/RC5532A
Typical Performance Characteristics
120
VS = 15V TA = +25 C R S = 10 W A V = 40 dB
60
RF = 10 K W RE = 100 W
80 AVOL (dB)
40 AVCL (dB)
40
20
RF = 9 K W R E = 1 k W
65-5532-06
40 10
100
1K
10K F (Hz)
100K
1M
10M
-20 1K
10K
100K
1M F (Hz)
10M
100M
1G
Figure 3. Open Loop Gain vs. Frequency
Figure 4. Closed Loop Gain vs. Frequency
40
VS = 15V
80
VS = 15V
30 VOUT p-P (V)
60 I SC (mA)
20
40
65-5532-08
0 100
1K
10K
100K F (Hz)
1M
10M
100M
0 -55
-25
0
+25 T A ( C)
+50
+75
+150
Figure 5. Output Voltage Swing vs. Frequency
Figure 6. Short Circuit Current vs. Temperature
12
I oUT = 0
1.4
VS = 15V
1.2 I SY (mA) I B ( m A) 8
0.8
4
65-5532-10 65-5532-11
0.4
0 0 10 +VS/-VS (V) Figure 7. Supply Current vs. Supply Voltage 20
30
0 -55
-25
0
+25 T A ( C)
+50
+75
+150
Figure 8. Input Bias Current vs. Temperature
65-5532-09
10
20
65-5532-07
0-
0
RF = 1 K W RE =
8
5
RC5532/RC5532A
PRODUCT SPECIFICATION
Typical Performance Characteristics (continued)
15 10 VOUT P-P (V) 5 0 -5
65-5532-12
15
T A = +25 C T A = +25 C R L = 600 W
10 5 VCM (V) 0 -5 -10 -15 0 5 10 +VS/-VS (V) Figure 10. Common Mode Input Range vs. Supply Voltage 15
65-5532-13
-10 -15 0 5 10 +VS/-VS (V) 15
20
20
Figure 9. Output Voltage Swing vs. Supply Voltage
10 8 6 4 2 0 -2 -4 -6 -8 -10
140
VS = 15V TA = +25 C
120 VOUT (mV) 100 80 60 40
65-5532-14
Output
VOUT (V)
Input
20 0 0 50 100
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 Time (S)
150
200
Time (nS) Figure 12. Transient Response Output Voltage vs. Time
Figure 11. Follower Large Signal Pulse Response
100
VS = 15V TA = +25 C R S = 10 W A V = 40 dB
en (nV/ Hz)
10
1
65-5532-16
0.1 10
100
1K
10K F (Hz)
100K
1M
Figure 13. Input Noise Density vs. Frequency
6
65-5532-15
VS = 15V TA = +25 C RL = 600 W AV = +1 CL = 100 pF
PRODUCT SPECIFICATION
RC5532/RC5532A
Notes:
7
RC5532/RC5532A
PRODUCT SPECIFICATION
Notes:
8
PRODUCT SPECIFICATION
RC5532/RC5532A
Mechanical Dimensions
8-Lead Ceramic DIP Package
Inches Min. A b1 b2 c1 D E e eA L Q s1 a Max. Millimeters Min. Max. 8 2, 8 8 4 4 5, 9 7 3 6 Notes: Notes 1. Index area: a notch or a pin one identification mark shall be located adjacent to pin one. The manufacturer's identification shall not be used as pin one identification mark. 2. The minimum limit for dimension "b2" may be .023 (.58mm) for leads number 1, 4, 5 and 8 only. 3. Dimension "Q" shall be measured from the seating plane to the base plane. 4. This dimension allows for off-center lid, meniscus and glass overrun. 5. The basic pin spacing is .100 (2.54mm) between centerlines. Each pin centerline shall be located within .010 (.25mm) of its exact longitudinal position relative to pins 1 and 8. 6. Applies to all four corners (leads number 1, 4, 5, and 8). 7. "eA" shall be measured at the center of the lead bends or at the centerline of the leads when "a" is 90. 8. All leads - Increase maximum limit by .003 (.08mm) measured at the center of the flat, when lead finish applied. 9. Six spaces. D 4 1 Note 1 E
Symbol
-- .200 .014 .023 .045 .065 .008 .015 -- .405 .220 .310 .100 BSC .300 BSC .125 .200 .015 .060 .005 -- 90 105
-- 5.08 .36 .58 1.14 1.65 .20 .38 -- 10.29 5.59 7.87 2.54 BSC 7.62 BSC 3.18 5.08 .38 1.52 .13 -- 90 105
5 s1
8
e
eA
A Q L b2 b1 a c1
9
RC5532/RC5532A
PRODUCT SPECIFICATION
Mechanical Dimensions (continued)
8-Lead Plastic DIP Package
Inches Min. A A1 A2 B B1 C D D1 E E1 e eB L N -- .015 .115 .014 .045 .008 .348 .005 .300 .240 Max. .210 -- .195 .022 .070 .015 .430 -- .325 .280 Millimeters Min. -- .38 2.93 .36 1.14 .20 8.84 .13 7.62 6.10 Max. 5.33 -- 4.95 .56 1.78 .38 10.92 -- 8.26 7.11 Notes: Notes 1. Dimensioning and tolerancing per ANSI Y14.5M-1982. 2. "D" and "E1" do not include mold flashing. Mold flash or protrusions shall not exceed .010 inch (0.25mm). 3. Terminal numbers are for reference only. 4. "C" dimension does not include solder finish thickness. 5. Symbol "N" is the maximum number of terminals. 4 2
Symbol
2
.100 BSC -- .430 .115 .160 8
2.54 BSC -- 10.92 2.92 4.06 8 5
D 4 1
E1
D1
5
8
E e A A1 L B1 B eB A2 C
10
PRODUCT SPECIFICATION
RC5532/RC5532A
Mechanical Dimensions (continued)
8-Lead Metal Can IC Header Package
oD Symbol oD1 A ob ob1 oD oD1 oD2 e e1 F k k1 L L1 L2 Q a Notes: e1 1. (All leads) ob applies between L1 & L2. ob1 applies between L2 & .500 (12.70mm) from the reference plane. Diameter is uncontrolled in L1 & beyond .500 (12.70mm) from the reference plane. 2. Measured from the maximum diameter of the product. 3. Leads having a maximum diameter .019 (.48mm) measured in gauging plane, .054 (1.37mm) +.001 (.03mm) -.000 (.00mm) below the reference plane of the product shall be within .007 (.18mm) of their true position relative to a maximum width tab. a 4. The product may be measured by direct methods or by gauge. 5. All leads - increase maximum limit by .003 (.08mm) when lead finish is applied. k k1 Inches Min. Max. Millimeters Min. Max. 1, 5 1, 5
Notes
L1
F
Q
A
L2 L
ob BASE and SEATING PLANE ob1
REFERENCE PLANE
.165 .185 .016 .019 .016 .021 .335 .375 .305 .335 .110 .160 .200 BSC .100 BSC -- .040 .027 .034 .027 .045 .500 .750 -- .050 .250 -- .010 .045 45 BSC
4.19 4.70 .41 .48 .41 .53 8.51 9.52 7.75 8.51 2.79 4.06 5.08 BSC 2.54 BSC -- 1.02 .69 .86 .69 1.14 12.70 19.05 -- 1.27 6.35 -- .25 1.14 45 BSC
2 1 1 1
e
oD2
11
RC5532/RC5532A
PRODUCT SPECIFICATION
Ordering Information
Product Number RC5532D/RC5532AD RC5532N/RC5532AN RM5532D/RM5532AD RM5532D/883B RM5532AD/883B RM5532T/RM5532AT RM5532T/883B RM5532AT/883B Temperature Range 0C to +70C 0C to +70C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C Screening Commercial Commercial Commercial Military Military Commercial Military Military Package 8 Pin Ceramic DIP 8 Pin Plastic DIP 8 Pin Ceramic DIP 8 Pin Ceramic DIP 8 Pin Ceramic DIP 8 Pin TO-99 Metal Can 8 Pin TO-99 Metal Can 8 Pin TO-99 Metal Can
Note: 1. /883B suffix denotes MIL-STD-883, Par. 1.2.1 compliant device.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonable expected to result in a significant injury of the user.
Fairchild Semiconductor Corporation Americas Customer Response Center Tel:1-888-522-5372 Fairchild Semiconductor Europe Fax: Email: Deutsch Tel: English Tel: Italy Tel: +49 (0) 1 80-530 85 86 europe.support@nsc.com +49 (0) 8 141-35-0 +44 (0) 1 793-85-68-56 +39 (0) 2 57 5631
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Fairchild Semiconductor Hong Kong Ltd. 13th Floor, Straight Block, Ocean Center, 5 Canto Rd. Tsimshatsui, Kowloon Hong Kong Tel:+852 2737-7200 Fax:+852 2314-0061
National Semiconductor Japan Ltd. Tel:81-3-5620-6175 Fax:81-3-5620-6179
www.fairchildsemi.com 2/98 0.0m Stock#DS30005532 O 1998 Fairchild Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of RM5532

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X