Part Number Hot Search : 
T54ACS M4S48HA 1N5518 FN3217 ER508 34012 S05A80PT 0M5KB
Product Description
Full Text Search
 

To Download Q62702-F1494 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFR 280W
NPN Silicon RF Transistor * For low noise, low-power amplifiers in mobile communication systems (pager, cordless telephone) at collector currents from 0.2mA to 8mA * fT = 7.5GHz
F = 1.5dB at 900MHz
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Ordering Code Pin Configuration BFR 280W REs Q62702-F1494 1=B 2=E 3=C
Package SOT-323
Maximum Ratings Parameter Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation Symbol Values 8 10 10 2 10 1.2 mW 80 150 - 65 ... + 150 - 65 ... + 150 435 C mA Unit V
VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
1)
TS 115 C
Junction temperature Ambient temperature Storage temperature Thermal Resistance Junction - soldering point
RthJS
K/W
1) TS is measured on the collector lead at the soldering point to the pcb.
Semiconductor Group
1
Dec-11-1996
BFR 280W
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
8 100 -
V A 100 nA 100 A 1 30 200
IC = 1 mA, IB = 0
Collector-emitter cutoff current
ICES ICBO IEBO hFE
VCE = 10 V, VBE = 0
Collector-base cutoff current
VCB = 8 V, IE = 0
Emitter-base cutoff current
VEB = 1 V, IC = 0
DC current gain
IC = 3 mA, VCE = 5 V
Semiconductor Group
2
Dec-11-1996
BFR 280W
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. AC Characteristics Transition frequency Values typ. max. Unit
fT
5 7.5 0.32 0.22 0.22 -
GHz pF 0.5 dB 1.5 2 -
IC = 6 mA, VCE = 5 V, f = 500 MHz
Collector-base capacitance
Ccb Cce
-
VCB = 5 V, f = 1 MHz
Collector-emitter capacitance
VCE = 5 V, f = 1 MHz
Emitter-base capacitance
Ceb
-
VEB = 0.5 V, f = 1 MHz
Noise figure
F
IC = 1.5 mA, VCE = 5 V, ZS = ZSopt f = 900 MHz f = 1.8 GHz
Power gain
1)
Gms
IC = 3 mA, VCE = 5 V, ZS = ZSopt ZL = ZLopt f = 900 MHz f = 1.8 GHz
Transducer gain |S21e|2 13 8.5 17 12 -
IC = 3 mA, VCE = 5 V, ZS =ZL= 50 f = 900 MHz f = 1.8 GHz
1) Gms = |S21/S12|
Semiconductor Group
3
Dec-11-1996
BFR 280W
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) : Transistor Chip Data IS = 6.472 fA VAF = NE = VAR = NC = RBM = CJE = TF = ITF = VJC = TR = MJS = XTI = 25.609 1.6163 5.6909 1.0651 14.999 36.218 11.744 6.2179 1.1943 2.3693 0 3 V V fF ps mA V ns BF = IKF = BR = IKR = RB = RE = VJE = XTF = PTF = MJC = CJS = XTB = FC = 89.888 20.238 15 2.4518 0.70035 0.21585 0 0.30017 0 0 0.96275 V deg fF NF = ISE = NR = ISC = IRB = RC = MJE = VTF = CJC = XCJC = VJS = EG = TNOM 1.0801 15.596 0.83403 1.409 6.989 0.69773 0.2035 252.99 0.19188 0.75 1.11 300 fA fA V fF V eV K
0.073457 A 0.012696 A
0.031958 mA
All parameters are ready to use, no scalling is necessary. Extracted on behalf of SIEMENS Small Signal Semiconductors by: Institut fur Mobil-und Satellitenfunktechnik (IMST) (c) 1996 SIEMENS AG
Package Equivalent Circuit: LBI = LBO = LEI = LEO = LCI = LCO = CBE = CCB = CCE = 0.57 0.4 0.43 0.5 0 0.41 61 101 175 nH nH nH nH nH nH fF fF fF
Valid up to 6 GHz For examples and ready to use parameters please contact your local Siemens distributor or sales office to obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm
Semiconductor Group
4
Dec-11-1996
BFR 280W
Total power dissipation Ptot = f (TA*, TS)
* Package mounted on epoxy
100 mW
Ptot
80 70
TS
60 50
TA
40 30 20 10 0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax/PtotDC = f (tp)
10 3
10 1
RthJS
K/W
Ptotmax/PtotDC
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 2 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
-
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
5
Dec-11-1996
BFR 280W
Collector-base capacitance Ccb = f (VCB) VBE = vbe = 0, f = 1MHz
Transition frequency fT = f (IC)
VCE = Parameter
0.5
11 GHz
Ccb
pF
fT
9 8 7 3V 6 2V 5 10V 8V 5V
0.3
0.2 4 1V 3 0.1 2 1 0.0 0 2 4 6 8 V VR 11 0 0 2 4 6 8 mA IC 11 0.7V
Power Gain Gma, Gms = f(IC)
f = 0.9GHz VCE = Parameter
20 10V dB
Power Gain Gma, Gms = f(IC)
f = 1.8GHz VCE = Parameter
14
dB 2V
10V 3V 2V
G
16
G
10
14 1V 12 0.7V
8
1V
6
0.7V
10
4
8
2
6 0 2 4 6 8 mA IC 11
0 0 2 4 6 8 mA IC 11
Semiconductor Group
6
Dec-11-1996
BFR 280W
Power Gain Gma, Gms = f(VCE):_____
|S21 |2 = f(VCE):---------
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50)
f = Parameter
18
VCE = Parameter, f = 900MHz
20 0.9GHz 8V 5V 3V 12 2V 8 1V 4
IC=3mA
dB
dBm
G
14 0.9GHz 12 1.8GHz
IP3
10 0 1.8GHz 8 -4 6 4 0 2 4 6 8 V 12
-8 -12 0 2 4 6 8
V CE
mA IC
11
Power Gain Gma, Gms = f(f)
VCE = Parameter
30
Power Gain |S21|2= f(f)
VCE = Parameter
20
IC=3mA
dB
IC=3mA
dB
G
S21
20
16 14 12
15
10 8
10 10V 1V 5 0.7V
6 10V 4 2 1V 0.7V
0 0.0
0.5
1.0
1.5
2.0
2.5
GHz f
3.5
0 0.0
0.5
1.0
1.5
2.0
2.5
GHz f
3.5
Semiconductor Group
7
Dec-11-1996


▲Up To Search▲   

 
Price & Availability of Q62702-F1494

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X