Part Number Hot Search : 
N80C31BH 14000 TW2816 L6563H HY5V66GF 640EB L5111A ELM852
Product Description
Full Text Search
 

To Download Q62702-F1359 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFG 19S
NPN Silicon RF Transistor * For low noise, low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5GHz at collector currents from 10 mA to 70 mA * CECC-type available: CECC 50 002/259
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Ordering Code Pin Configuration BFG 19S BFG19S Q62702-F1359 1=E 2=B 3=E 4=C
Package SOT-223
Maximum Ratings Parameter Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation Symbol Values 15 20 20 3 100 12 W 1 150 - 65 ... + 150 - 65 ... + 150 75 C mA Unit V
VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
1)
TS 75 C
Junction temperature Ambient temperature Storage temperature Thermal Resistance Junction - soldering point
RthJS
K/W
1) TS is measured on the collector lead at the soldering point to the pcb.
Semiconductor Group
1
Dec-13-1996
BFG 19S
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
15 100 -
V A 100 nA 100 A 10 40 220
IC = 1 mA, IB = 0
Collector-emitter cutoff current
ICES ICBO IEBO hFE
VCE = 20 V, VBE = 0
Collector-base cutoff current
VCB = 10 V, IE = 0
Emitter-base cutoff current
VEB = 2 V, IC = 0
DC current gain
IC = 70 mA, VCE = 8 V
Semiconductor Group
2
Dec-13-1996
BFG 19S
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. AC Characteristics Transition frequency Values typ. max. Unit
fT
4 5.5 0.85 0.4 4.6 -
GHz pF 1.4 dB 2.5 4 -
IC = 70 mA, VCE = 8 V, f = 500 MHz
Collector-base capacitance
Ccb Cce
-
VCB = 10 V, f = 1 MHz
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Emitter-base capacitance
Ceb
-
VEB = 0.5 V, f = 1 MHz
Noise figure
F
IC = 20 mA, VCE = 8 V, ZS = ZSopt f = 900 MHz f = 1.8 GHz
Power gain
2)
Gma
IC = 70 mA, VCE = 8 V, ZS = ZSopt ZL = ZLopt f = 900 MHz f = 1.8 GHz
Transducer gain |S21e|2 11 5 dBm 35 13.5 8 -
IC = 30 mA, VCE = 8 V, ZS =ZL= 50 f = 900 MHz f = 1.8 GHz
Third order intercept point
IP3
IC = 70 mA, VCE = 8 V, f = 900 MHz ZS =ZL= 50
2) Gma = |S21/S12| (k-(k2-1)1/2)
Semiconductor Group
3
Dec-13-1996
BFG 19S
Total power dissipation Ptot = f (TA*, TS)
* Package mounted on epoxy
1200 mW 1000
Ptot
900
TS
800 700 600 500 400 300 200 100 0 0 20 40 60 80 100 120 C 150 TA ,TS
TA
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax/PtotDC = f (tp)
10 2
10 2
RthJS
K/W
P totmax/PtotDC D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
4
Dec-13-1996
BFG 19S
Collector-base capacitance Ccb = f (VCB) VBE = vbe = 0, f = 1MHz
Transition frequency fT = f (IC)
VCE = Parameter
2.6 pF 2.2
6.0 GHz
Ccb
2.0 1.8 1.6 1.4
fT
5.0 4.5 4.0 3.5
5V 3V 2V
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 4 8 12 16 V VR 22 1.5 1.0 0 20 40 60 80 mA IC 120 0.7V 3.0 2.5 2.0 1V
Power Gain Gma, Gms = f(IC)
f = 0.9GHz VCE = Parameter
14 10V 5V dB 3V 2V 10
Power Gain Gma, Gms = f(IC)
f = 1.8GHz VCE = Parameter
10
dB
10V
G
G
5V 3V
6
2V
8 1V 6
4
1V 2
4 0.7V 2 0 20 40 60 80 mA IC 120
0
0.7V
-2 0
20
40
60
80
mA IC
120
Semiconductor Group
5
Dec-13-1996
BFG 19S
Power Gain Gma, Gms = f(VCE):_____
|S21 |2 = f(VCE):---------
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50)
f = Parameter
14
VCE = Parameter, f = 900MHz
40
IC=70mA
dB
0.9GHz 8V 5V 30
dBm 0.9GHz
G
10
IP3
8
1.8GHz 25
3V
6 1.8GHz 20 4 1V 2 0 0 2 4 6 8 V 12 15
2V
10 0
20
40
60
80
V CE
mA IC
120
Power Gain Gma, Gms = f(f)
VCE = Parameter
36
Power Gain |S21|2= f(f)
VCE = Parameter
32
IC=70mA
dB
IC=70mA
dB
G
28 24
S21
24 20 16
20 12 16 8 12 8 4 0 0.0 10V 2V 1V 0.7V GHz 3.5 f 4 0 -4 -8 0.0 10V 2V 1V 0.7V
0.5
1.0
1.5
2.0
2.5
0.5
1.0
1.5
2.0
2.5
GHz f
3.5
Semiconductor Group
6
Dec-13-1996


▲Up To Search▲   

 
Price & Availability of Q62702-F1359

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X