Part Number Hot Search : 
DTC144TE STU5025 ADM3251 WF380A 1N4733 00050 1346634 WF380A
Product Description
Full Text Search
 

To Download PS2565 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PHOTOCOUPLER
PS2565-1,-2, PS2565L-1,-2
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
DESCRIPTION
The PS2565-1, -2 and PS2565L-1, -2 are optically coupled isolators containing GaAs light emitting diodes and an NPN silicon phototransistor. PS2565-1, -2 are in a plastic DIP (Dual In-line Package) and PS2565L-1, -2 are lead bending type (Gull-wing) for surface mount.
FEATURES
* AC input response * High isolation voltage BV = 5 000 Vr.m.s.: standard products BV = 3 750 Vr.m.s.: VDE0884 approved products (Option) * High collector to emitter voltage (VCEO = 80 V) * High current transfer ratio (CTR = 200 % TYP.) * High-speed switching (tr = 3 s TYP., tf = 5 s TYP.) * UL approved (File No. E72422 (S) ) * CSA approved (No. CA 101391) * BSI approved (BS415, BS7002) No. 7112 * SEMKO approved (SS4410165) No. 9317144 * NEMKO approved (NEK-HD 195S6) No. A21409 * DEMKO approved (Section 101, 137) No. 300535 * FIMKO approved (E69-89) No. 167265-08 * VDE0884 approved (Option)
APPLICATIONS
* Telephone/FAX. * FA/OA equipment * Programmable logic controller
The information in this document is subject to change without notice.
Document No. P12991EJ4V0DS00 (4th edition) (Previous No. LC-2227) Date Published August 1997 NS Printed in Japan
The mark
shows major revised points.
(c)
1992
PS2565-1,-2,PS2565L-1,-2
PACKAGE DIMENSIONS (in millimeters) DIP Type
PS2565-1 (New Package)
43
PS2565-1
43 5.1 MAX.
4.6 0.35 12 1. Anode, Cathode 2. Cathode, Anode 3. Emitter 4. Collector 7.62 4.55 MAX. 3.8 MAX. 4.55 MAX. 3.8 MAX. 6.5 6.5
12 1. Anode, Cathode 2. Cathode, Anode 3. Emitter 4. Collector 7.62
2.8 MIN.
0.65
2.8 MIN. 0.50 0.10 0.25 M 2.54
1.250.15
0 to 15
1.250.15 2.54
0.65
0.50 0.10 0.25 M
0 to 15
PS2565L1-1
43
PS2565-2
8765
5.1 MAX. 12 1. Anode, Cathode 2. Cathode, Anode 3. Emitter 4. Collector 10.16 7.62 4.25 MAX. 3.8 MAX. 4.55 MAX. 3.8 MAX.
10.2 MAX. 1234 1, 3. Anode, Cathode 2, 4. Cathode, Anode 5, 7. Emitter 6, 8. Collector 7.62
6.5
2.8 MIN.
2.8 MIN.
0.35
0.65
6.5
1.250.15 2.54
0.50 0.10 0.25 M
0 to 15
1.250.15
0.50 0.10 0.25 M 2.54
0 to 15
Caution New package 1ch only
2
PS2565-1,-2,PS2565L-1,-2
Lead Bending Type
PS2565L-1 (New Package)
43 4.6 0.35 12 1. Anode, Cathode 2. Cathode, Anode 3. Emitter 4. Collector 0.05 to 0.2 7.62 3.8 MAX. 6.5 6.5
PS2565L-1
43 5.1 MAX. 12 1. Anode, Cathode 2. Cathode, Anode 3. Emitter 4. Collector 7.62 3.8 MAX. 0.05 to 0.2 0.05 to 0.2
1.250.15 0.25 M 2.54
0.90 0.25 9.60 0.4
1.250.15 0.25 M 2.54
0.90 0.25 9.60 0.4
PS2565L2-1
43
PS2565L-2
8765
5.1 MAX. 12 1. Anode, Cathode 2. Cathode, Anode 3. Emitter 4. Collector 0.05 to 0.2
10.2 MAX. 1234 1, 3. Anode, Cathode 2, 4. Cathode, Anode 5, 7. Emitter 6, 8. Collector
6.5
6.5
7.62 3.8 MAX.
7.62 3.8 MAX.
1.250.15 0.25 M 2.54
0.9 0.25 10.16 12.0 MAX.
1.250.15 0.25 M 2.54
0.90 0.25 9.60 0.4
Caution New package 1ch only
3
PS2565-1,-2,PS2565L-1,-2
ORDERING INFORMATION
Part Number Package Safety Standard Approval Application part *1 number PS2565-1 * CSA approved * NEMKO approved * SEMKO approved
PS2565-1 PS2565L-1 PS2565L1-1 PS2565L2-1
4-pin DIP 4-pin DIP (lead bending surface mount) 4-pin DIP (for long distance) 4-pin DIP (for long distance surface mount) 8-pin DIP 8-pin DIP (lead bending surface mount) 4-pin DIP 4-pin DIP (lead bending surface mount) 4-pin DIP (for long distance) 4-pin DIP (for long distance surface mount) 8-pin DIP 8-pin DIP (lead bending surface mount)
Standard products * UL approved * BSI approved * DEMKO approved * FIMKO approved
PS2565-2 PS2565L-2 PS2565-1-V PS2565L-1-V PS2565L1-1-V PS2565L2-1-V
PS2565-2
VDE0884 approved products (Option)
PS2565-1
PS2565-2-V PS2565L-2-V
PS2565-2
*1 As applying to Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter Symbol Ratings PS2565-1, PS2565L-1 Diode Forward Current (DC) Power Dissipation Derating Power Dissipation Peak Forward Current Transistor
*1
Unit
PS2565-2, PS2565L-2 80 mA 1.2 120 1 80 7 50 mW/C mW/ch A V V mA/ch 1.2 120 mW/C mW/ch Vr.m.s. C C
IF
PD/C
PD IFP VCEO VECO IC
1.5 150
Collector to Emitter Voltage Emitter to Collector Voltage Collector Current Power Dissipation Derating Power Dissipation
PC/C
PC BV
1.5 150 5 000 *3 3 750 -55 to +100 -55 to +150
Isolation Voltage
*2
Operating Ambient Temperature Storage Temperature
TA Tstg
*1 PW = 100 s, Duty Cycle = 1 % *2 AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output *3 VDE0884 approved products (Option)
4
PS2565-1,-2,PS2565L-1,-2
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Parameter Diode Forward Voltage Terminal Capacitance Transistor Collector to Emitter Dark Current Current Transfer Ratio CTR Ratio
*1
Symbol VF Ct ICEO IF = 10 mA
Conditions
MIN.
TYP. 1.17 100
MAX. 1.4
Unit V pF
V = 0 V, f = 1.0 MHz VCE = 80 V, IF = 0 mA
100
nA
Coupled
CTR CTR1/ CTR2 VCE (sat)
IF = 5 mA, VCE = 5 V IF = 5 mA, VCE = 5 V
80 0.3
200 1.0
400 3.0
%
Collector Saturation Voltage Isolation Resistance Isolation Capacitance Rise Time Fall Time
*2
IF = 10 mA, IC = 2 mA
0.3
V
RI-O CI-O tr tf
VI-O = 1.0 kV V = 0 V, f = 1.0 MHz VCC = 10 V, IC = 2 mA, RL = 100
10
11
0.5 3 5
pF
s
*2
*1 CTR1 = IC1/IF1, CTR2 = IC2/IF2
IF1 IF2 IC1 VCE IC2
*2 Test circuit for switching time
Pulse Input PW = 100 s Duty Cycle = 1/10 VOUT RL = 100 IF VCC
50
5
PS2565-1,-2,PS2565L-1,-2
TYPICAL CHARACTERISTICS (TA = 25 C, unless otherwise specified)
DIODE POWER DISSIPATION vs. AMBIENT TEMPERATURE
Transistor Power Dissipation PC (mW)
150 150
TRANSISTOR POWER DISSIPATION vs. AMBIENT TEMPERATURE
Diode Power Dissipation PD (mW)
PS2565-1 PS2565L-1 100 PS2565-2 PS2565L-2 1.5 mW/C
100 PS2565-2 PS2565L-2
PS2565-1 PS2565L-1 1.5 mW/C
50 1.2 mW/C
50 1.2 mW/C
0
25
50
75
100
125
150
0
25
50
75
100
125
150
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD CURRENT vs. FORWARD VOLTAGE
100 50 TA = +100 C +60 C +25 C 80 60
FORWARD CURRENT vs. FORWARD VOLTAGE
Forward Current IF (mA)
Forward Current IF (mA)
1.5
40 20 0 -20 -40 -60
10 5 0 C -25 C -55 C
1 0.5
0.1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
-80
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
Forward Voltage VF (V)
Forward Voltage VF (V)
COLLECTOR TO EMITTER DARK CURRENT vs. AMBIENT TEMPERATURE
Collector to Emitter Dark Current ICEO (nA)
10 000
COLLECTOR CURRENT vs. COLLECTOR SATURATION VOLTAGE
40
Collector Current IC (mA)
1 000
VCE = 80 V 40 V 24 V 10 V 5V
10 5
50 mA 20 mA 10 mA
5 mA
2 mA
100
1 0.5
IF = 1 mA
10
1 - 50 -25 0 25 50 75 100
0.1 0
0.2
0.4
0.6
0.8
1.0
Ambient Temperature TA (C)
Collector Saturation Voltage VCE(sat) (V)
6
PS2565-1,-2,PS2565L-1,-2
COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE
Normalized Current Transfer Ratio CTR 70 60 Collector Current IC (mA) 50 40
50 mA
NORMALIZED CURRENT TRANSFER RATIO vs. AMBIENT TEMPERATURE
30 20 10 0 2
20
mA A m 10
,,,,,,,,,,,,,,,,,,,,,,,, ,,,,,,,,,,,,,,,,,,,,,,,, ,,,,,,,,,,,,,,,,,,,,,,,, 1.0 ,,,,,,,,,,,,,,,,,,,,,,,, ,,,,,,,,,,,,,,,,,,,,,,,, 0.8 ,,,,,,,,,,,,,,,,,,,,,,,, ,,,,,,,,,,,,,,,,,,,,,,,, ,,,,,,,,,,,,,,,,,,,,,,,, 0.6
1.2 0.4 0.2 0 Normalized to 1.0 at TA = 25 C, IF = 5 mA, VCE = 5 V -50 -25 0 25 50 75 100
IF = 5 mA
4
6
8
10
Collector to Emitter Voltage VCE (V)
Ambient Temperature TA (C)
CURRENT TRANSFER RATIO vs. FORWARD CURRENT
450 Current Transfer Ratio CTR (%) 400 Switching Time t ( s) 350 300 250 200 150 100 50 0 0.05 0.1 0.5 1 5 10 50 1 100 1 000
SWITCHING TIME vs. LOAD RESISTANCE
IF = 5 mA, VCC = 5 V, CTR = 290 % 100 tf
ts
10
tr td 500 1 k 5 k 10 k 50 k 100 k
Forward Current IF (mA)
Load Resistance RL ()
SWITCHING TIME vs. LOAD RESISTANCE
50 IC = 2 mA, VCC = 10 V, CTR = 290 % Switching Time t ( s) 10 td ts 1 tf tr Normalized Gain GV 0 -5 -10 -15
FREQUENCY RESPONSE
IF = 5 mA, VCE = 5 V
100 RL = 1 k
-20 0.1 10 300 50 100 500 1 k 5 k 10 k 0.5 1 2 5 10 20 50 100 200 500
Load Resistance RL ()
Frequency f (kHz)
7
PS2565-1,-2,PS2565L-1,-2
LONG TIME CTR DEGRADATION
1.2 TYP. 1.0
CTR (Relative Value)
0.8 0.6 0.4 0.2 0
IF = 5 mA TA = 25 C IF = 5 mA TA = 60 C
102
103 Time (Hr)
104
105
8
PS2565-1,-2,PS2565L-1,-2
TAPING SPECIFICATIONS (in millimeters)
Outline and Dimensions (Tape)
2.00.1 4.00.1
1.750.1
1.550.1
4.30.2
16.00.3
7.50.1
1.550.1 8.00.1
0.3
5.60.1
Taping Direction
PS2565L-1-E3 PS2565L-1-F3 PS2565L-1-E4 PS2565L-1-F4
Outline and Dimensions (Reel)
2.00.5 13.00.5
PS2565L-1-E3, E4: 250 PS2565L-1-F3, F4: 330
R 1.0
21.00.8
80.05.0
10.30.1
16.4 +2.0 -0.0
Packing: PS2565L-1-E3, E4 1 000 pcs/reel PS2565L-1-F3, F4 2 000 pcs/reel
9
PS2565-1,-2,PS2565L-1,-2
Outline and Dimensions (Tape)
2.00.1 4.00.1 1.750.1
1.550.1
4.30.2 16.00.3 10.30.1 0.3
1.550.1 12.00.1
10.40.1
Taping Direction
PS2565L-2-E3
PS2565L-2-E4
Outline and Dimensions (Reel)
2.00.5 13.00.5
7.50.1
R 1.0
21.00.8
80.05.0
330
16.4 +2.0 -0.0
Packing: 1 000 pcs/reel
10
PS2565-1,-2,PS2565L-1,-2
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of temperature higher than 210 C * Number of reflows * Flux 235 C (package surface temperature) 30 seconds or less Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 235 C (peak temperature) 210 C to 30 s 120 to 160 C 60 to 90 s (preheating)
Time (s)
Caution Please avoid to removed the residual flux by water after the first reflow processes.
Peak temperature 235 C or below
(2) Dip soldering * Temperature * Time * Number of times * Flux 260 C or below (molten solder temperature) 10 seconds or less One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
11
PS2565-1,-2,PS2565L-1,-2
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
Parameter Application classification (DIN VDE 0109) for rated line voltages 300 Vr.m.s. for rated line voltages 600 Vr.m.s. Climatic test class (DIN IEC 68 Teil 1/09.80) Dielectric strength maximum operating isolation voltage Test voltage (partial discharge test procedure a for type test and random test) Upr = 1.2 x UIORM, Pd < 5 pC Test voltage (partial discharge test procedure b for random test) Upr = 1.6 x UIORM, Pd < 5 pC Highest permissible overvoltage Degree of pollution (DIN VDE 0109) Clearance distance Creepage distance Comparative tracking index (DIN IEC 112/VDE 0303 part 1) Material group (DIN VDE 0109) Storage temperature range Operating temperature range Isolation resistance, minimum value VIO = 500 V dc at TA = 25 C VIO = 500 V dc at TA MAX. at least 100 C Safety maximum ratings (maximum permissible in case of fault, see thermal derating curve) Package temperature Current (input current IF, Psi = 0) Power (output or total power dissipation) Isolation resistance VIO = 500 V dc at TA = 175 C (Tsi) Tstg TA CTI UIORM Upr Symbol Speck Unit
IV III 55/100/21 890 1 068 Vpeak Vpeak
Upr
1 424
Vpeak
UTR
6 000 2 > 7.0 > 7.0 175 III a -55 to +150 -55 to +100
Vpeak
mm mm
C C
Ris MIN. Ris MIN.
10 11 10
12
Tsi Isi Psi Ris MIN.
175 400 700 10
9
C mA mW
12
PS2565-1,-2,PS2565L-1,-2
[MEMO]
13
PS2565-1,-2,PS2565L-1,-2
[MEMO]
14
PS2565-1,-2,PS2565L-1,-2
[MEMO]
15
PS2565-1,-2,PS2565L-1,-2
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a harmful substance if ingested. Please do not under any circumstances break the hermetic seal.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of PS2565

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X