Part Number Hot Search : 
TA114E 100AC SK292 SK292 03597 UT8120 2SD2118 0124UPJ
Product Description
Full Text Search
 

To Download PS2562-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PHOTOCOUPLER
PS2562-1,-2, PS2562L-1,-2
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
DESCRIPTION
The PS2562-1, -2 and PS2562L-1, -2 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon darlington connected phototransistor. PS2562-1, -2 are in a plastic DIP (Dual In-line Package) and PS2562L-1, -2 are lead bending type (Gull-wing) for surface mount.
FEATURES
* High isolation voltage BV = 5 000 Vr.m.s.: standard products BV = 3 750 Vr.m.s.: VDE0884 approved products (Option) * High current transfer ratio (CTR = 2 000 % TYP.) * High-speed switching (tr, tf = 100 s TYP.) * UL approved (File No. E72422 (S) ) * CSA approved (No. CA 101391) * BSI approved (BS415, BS7002) No. 7112 * SEMKO approved (SS4410165) No. 9317144 * NEMKO approved (NEK-HD 195S6) No. A21409 * DEMKO approved (Section 101, 137) No. 300535 * FIMKO approved (E69-89) No. 167265-08 * VDE0884 approved (Option)
APPLICATIONS
* Power supply * Telephone/FAX. * FA/OA equipment * Programmable logic controller
The information in this document is subject to change without notice.
Document No. P12990EJ4V0DS00 (4th edition) (Previous No. LC-2226) Date Published August 1997 NS Printed in Japan
The mark
shows major revised points.
(c)
1992
PS2562-1,-2,PS2562L-1,-2
PACKAGE DIMENSIONS (in millimeters) DIP Type
PS2562-1 (New Package)
43
PS2562-1
43
4.6 0.35 12 1. Anode 2. Cathode 3. Emitter 4. Collector 7.62
5.1 MAX. 12 1. Anode 2. Cathode 3. Emitter 4. Collector 7.62
4.55 MAX. 3.8 MAX.
6.5
2.8 MIN.
0.65
2.8 MIN.
0.50 0.10 0.25 M 2.54
4.55 MAX.
1.250.15
0 to 15
1.250.15 2.54
0.65
3.8 MAX.
6.5
0.50 0.10 0.25 M
0 to 15
PS2562L1-1
43
PS2562-2
8765
5.1 MAX. 12 1. Anode 2. Cathode 3. Emitter 4. Collector 10.16 7.62
10.2 MAX. 1234 1, 3. Anode 2, 4. Cathode 5, 7. Emitter 6, 8. Collector 7.62
6.5
4.25 MAX.
3.8 MAX.
2.8 MIN.
2.8 MIN.
4.55 MAX.
0.35
0.65
3.8 MAX.
6.5
1.250.15 2.54
0.50 0.10 0.25 M
0 to 15
1.250.15
0.50 0.10 0.25 M 2.54
0 to 15
Caution New package 1ch only
2
PS2562-1,-2,PS2562L-1,-2
Lead Bending Type
PS2562L-1 (New Package)
43 4.6 0.35 12 1. Anode 2. Cathode 3. Emitter 4. Collector 0.05 to 0.2 7.62 3.8 MAX.
PS2562L-1
43
5.1 MAX. 12 1. Anode 2. Cathode 3. Emitter 4. Collector 7.62 3.8 MAX. 0.05 to 0.2 0.05 to 0.2
6.5
1.250.15 0.25 M 2.54
0.90 0.25 9.60 0.4
6.5
1.250.15 0.25 M 2.54
0.90 0.25 9.60 0.4
PS2562L2-1
43
PS2562L-2
8765
5.1 MAX. 12 1. Anode 2. Cathode 3. Emitter 4. Collector 0.05 to 0.2
10.2 MAX. 1234 1, 3. Anode 2, 4. Cathode 5, 7. Emitter 6, 8. Collector
6.5
6.5
7.62 3.8 MAX.
7.62 3.8 MAX.
1.250.15 0.25 M 2.54
0.9 0.25 10.16 12.0 MAX.
1.250.15 0.25 M 2.54
0.90 0.25 9.60 0.4
Caution New package 1ch only
3
PS2562-1,-2,PS2562L-1,-2
ORDERING INFORMATION
Part Number Package Safety Standard Approval Application part *1 number PS2562-1 * CSA approved * NEMKO approved * SEMKO approved
PS2562-1 PS2562L-1 PS2562L1-1 PS2562L2-1
4-pin DIP 4-pin DIP (lead bending surface mount) 4-pin DIP (for long distance) 4-pin DIP (for long distance surface mount) 8-pin DIP 8-pin DIP (lead bending surface mount) 4-pin DIP 4-pin DIP (lead bending surface mount) 4-pin DIP (for long distance) 4-pin DIP (for long distance surface mount) 8-pin DIP 8-pin DIP (lead bending surface mount)
Standard products * UL approved * BSI approved * DEMKO approved * FIMKO approved
PS2562-2 PS2562L-2 PS2562-1-V PS2562L-1-V PS2562L1-1-V PS2562L2-1-V
PS2562-2
VDE0884 approved products (Option)
PS2562-1
PS2562-2-V PS2562L-2-V
PS2562-2
*1 As applying to Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter Symbol Ratings PS2562-1, PS2562L-1 Diode Reverse Voltage Forward Current (DC) Power Dissipation Derating Power Dissipation Peak Forward Current Transistor
*1
Unit
PS2562-2, PS2562L-2 6 80 V mA 1.2 120 1 40 6 mW/C mW/ch A V V 160 1.6 160 mA/ch mW/C mW/ch Vr.m.s. C C
VR IF
PD/C
PD IFP VCEO VECO IC
1.5 150
Collector to Emitter Voltage Emitter to Collector Voltage Collector Current Power Dissipation Derating Power Dissipation
200 2.0 200 5 000 *3 3 750 -55 to +100 -55 to +150
PC/C
PC BV
Isolation Voltage
*2
Operating Ambient Temperature Storage Temperature
TA Tstg
*1 PW = 100 s, Duty Cycle = 1 % *2 AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output *3 VDE0884 approved products (Option)
4
PS2562-1,-2,PS2562L-1,-2
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Parameter Diode Forward Voltage Reverse Current Terminal Capacitance Transistor Collector to Emitter Dark Current Current Transfer Ratio Collector Saturation Voltage Isolation Resistance Isolation Capacitance Rise Time Fall Time
*2 *1
Symbol VF IR Ct ICEO IF = 10 mA VR = 5 V
Conditions
MIN.
TYP. 1.17
MAX. 1.4 5
Unit V
A
pF
V = 0 V, f = 1.0 MHz VCE = 40 V, IF = 0 mA
50 400
nA
Coupled
CTR VCE (sat)
IF = 1 mA, VCE = 2 V IF = 1 mA, IC = 2 mA
200
2 000 1.0
% V
RI-O CI-O tr tf
VI-O = 1.0 kV V = 0 V, f = 1.0 MHz VCC = 10 V, IC = 10 mA, RL = 100
10
11
0.5 100 100
pF
s
*2
*1 CTR rank (only PS2562-1, PS2562L-1) K : 2 000 to L : M: (%)
*2 Test circuit for switching time
Pulse Input PW = 1 ms Duty Cycle = 1/10 IF 50 VOUT RL = 100 VCC
700 to 3 400 (%) 200 to 1 000 (%)
5
PS2562-1,-2,PS2562L-1,-2
TYPICAL CHARACTERISTICS (TA = 25 C, unless otherwise specified)
DIODE POWER DISSIPATION vs. AMBIENT TEMPERATURE
Transistor Power Dissipation PC (mW)
TRANSISTOR POWER DISSIPATION vs. AMBIENT TEMPERATURE
200
150
Diode Power Dissipation PD (mW)
PS2562-1 PS2562L-1 100 PS2562-2 PS2562L-2 1.5 mW/C
150 PS2562-2 PS2562L-2 100
PS2562-1 PS2562L-1 2 mW/C
50 1.2 mW/C
1.6 mW/C 50
0
25
50
75
100
125
150
0
25
50
75
100
125
150
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD CURRENT vs. FORWARD VOLTAGE
100 50
Forward Current IF (mA)
COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE
160 5 mA 140
Collector Current IC (mA)
TA = +100 C +60 C +25 C
120 100 80 60 40 20 1 mA IF = 0.5 mA 2 4 6 8 10 2 mA
10 5 1 0.5 0 C -25 C -55 C
0.1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
0
Forward Voltage VF (V)
Collector to Emitter Voltage VCE (V)
COLLECTOR TO EMITTER DARK CURRENT vs. AMBIENT TEMPERATURE
Collector to Emitter Dark Current ICEO (nA)
COLLECTOR CURRENT vs. COLLECTOR SATURATION VOLTAGE
200 10 mA 5 mA 1 mA 10 5 0.5 mA 100
Collector Current IC (mA)
10 000 VCE = 2 V 5V 10 V 24 V 40 V
50
1000
100
10
0.2 mA 1 0.5 0.2 0.4 IF = 0.1 mA
1 -50 -25 0 25 50 75 100
0.6
0.8
1.0
1.2
1.4
1.6
Ambient Temperature TA (C)
Collector Saturation Voltage VCE(sat) (V)
6
PS2562-1,-2,PS2562L-1,-2
NORMALIZED CURRENT TRANSFER RATIO vs. AMBIENT TEMPERATURE
Normalized Current Transfer Ratio CTR
CURRENT TRANSFER RATIO vs. FORWARD CURRENT
8 000
Current Transfer Ratio CTR (%)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -25 0 25 50 75 100 Normalized to 1.0 at TA = 25 C, IF = 1 mA, VCE = 2 V
VCE = 2 V 7 000 6 000 5 000 4 000 3 000 2 000 1 000 0 0.1 0.5 1 5 10 30
Ambient Temperature TA (C)
Forward Current IF (mA)
SWITCHING TIME vs. LOAD RESISTANCE
1 000
Current Transfer Ratio CTR (%)
CURRENT TRANSFER RATIO vs. FORWARD CURRENT
3 000 VCE = 2 V 2 500 2 000 1 500 1 000 500 0
VCC = 5 V, 500 IC = 2 mA, CTR = 2 280 % tf 100 50 td tr
Switching Time t ( s)
10 5 2 30 50 ts 100 500 1k 5k
10
50
100
500
Load Resistance RL ()
Forward Current IF ( A)
SWITCHING TIME vs. LOAD RESISTANCE
10 000 5 000
Switching Time t ( s)
FREQUENCY RESPONSE
IF = 1 mA, VCE = 2 V
tf
VCC = 5 V, IF = 1 mA, CTR = 2 280 %
Normalized Gain GV
0 -5 -10 -15 RL = 100 -20
1 000 500 ts
100 50 tr
10 td 300 500 1k 5k 10 k 50 k 100 k
0.2
0.5
1
2
5
10 20
50 100 200
Load Resistance RL ()
Frequency f (kHz)
7
PS2562-1,-2,PS2562L-1,-2
LONG TIME CTR DEGRADATION
1.2 IF = 1 mA (TYP.) 1.0 CTR (Relative Value) 0.8 0.6 0.4 0.2 0 10 TA = 25 oC TA = 60 oC
102
103
104
105
106
Time (Hr)
8
PS2562-1,-2,PS2562L-1,-2
TAPING SPECIFICATIONS (in millimeters)
Outline and Dimensions (Tape)
2.00.1 4.00.1
1.750.1
1.550.1
4.30.2
16.00.3
7.50.1
1.550.1 8.00.1
0.3
5.60.1
Taping Direction
PS2562L-1-E3 PS2562L-1-F3 PS2562L-1-E4 PS2562L-1-F4
Outline and Dimensions (Reel)
2.00.5 13.00.5
PS2562L-1-E3, E4: 250 PS2562L-1-F3, F4: 330
R 1.0
21.00.8
80.05.0
10.30.1
16.4 +2.0 -0.0
Packing: PS2562L-1-E3, E4 1 000 pcs/reel PS2562L-1-F3, F4 2 000 pcs/reel
9
PS2562-1,-2,PS2562L-1,-2
Outline and Dimensions (Tape)
2.00.1 4.00.1 1.750.1
1.550.1
4.30.2 16.00.3 10.30.1 0.3
1.550.1 12.00.1
10.40.1
Taping Direction
PS2562L-2-E3
PS2562L-2-E4
Outline and Dimensions (Reel)
2.00.5 13.00.5
7.50.1
R 1.0
21.00.8
80.05.0
330
16.4 +2.0 -0.0
Packing: 1 000 pcs/reel
10
PS2562-1,-2,PS2562L-1,-2
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of temperature higher than 210 C * Number of reflows * Flux 235 C (package surface temperature) 30 seconds or less Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 235 C (peak temperature) 210 C to 30 s 120 to 160 C 60 to 90 s (preheating)
Time (s)
Caution Please avoid to removed the residual flux by water after the first reflow processes.
Peak temperature 235 C or below
(2) Dip soldering * Temperature * Time * Number of times * Flux 260 C or below (molten solder temperature) 10 seconds or less One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
11
PS2562-1,-2,PS2562L-1,-2
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
Parameter Application classification (DIN VDE 0109) for rated line voltages 300 Vr.m.s. for rated line voltages 600 Vr.m.s. Climatic test class (DIN IEC 68 Teil 1/09.80) Dielectric strength maximum operating isolation voltage Test voltage (partial discharge test procedure a for type test and random test) Upr = 1.2 x UIORM, Pd < 5 pC Test voltage (partial discharge test procedure b for random test) Upr = 1.6 x UIORM, Pd < 5 pC Highest permissible overvoltage Degree of pollution (DIN VDE 0109) Clearance distance Creepage distance Comparative tracking index (DIN IEC 112/VDE 0303 part 1) Material group (DIN VDE 0109) Storage temperature range Operating temperature range Isolation resistance, minimum value VIO = 500 V dc at TA = 25 C VIO = 500 V dc at TA MAX. at least 100 C Safety maximum ratings (maximum permissible in case of fault, see thermal derating curve) Package temperature Current (input current IF, Psi = 0) Power (output or total power dissipation) Isolation resistance VIO = 500 V dc at TA = 175 C (Tsi) Tstg TA CTI UIORM Upr Symbol Speck Unit
IV III 55/100/21 890 1 068 Vpeak Vpeak
Upr
1 424
Vpeak
UTR
6 000 2 > 7.0 > 7.0 175 III a -55 to +150 -55 to +100
Vpeak
mm mm
C C
Ris MIN. Ris MIN.
10 11 10
12
Tsi Isi Psi Ris MIN.
175 400 700 10
9
C mA mW
12
PS2562-1,-2,PS2562L-1,-2
[MEMO]
13
PS2562-1,-2,PS2562L-1,-2
[MEMO]
14
PS2562-1,-2,PS2562L-1,-2
[MEMO]
15
PS2562-1,-2,PS2562L-1,-2
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a harmful substance if ingested. Please do not under any circumstances break the hermetic seal.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of PS2562-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X