Part Number Hot Search : 
LT3462A 2015R 2SC2826 C100L SP16000A 33981 55000 28C256
Product Description
Full Text Search
 

To Download PI5A126UX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PI5A126/PI5A127
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
Dual, Wide Bandwidth Analog Switches
Features
* Single-Supply Operation (+2V to +6V) * Rail-to-Rail Analog Signal Dynamic Range * Low On-Resistance (6-Ohms typ. with 5V supply) Minimizes Distortion and Error Voltages * On-Resistance Flatness, 3W typ. * Low Charge Injection Reduces Glitch Errors. Q = 4pC typ. * High Speed. tON = 10ns typ. * Wide -3dB Bandwidth: 230 MHz * High-Current Channel Capability: >100mA * TTL/CMOS Logic Compatible * Low Power Consumption (0.5mW typ.) * Small MSOP-8 package minimizes board area
Description
The PI5A126/PI5A127 are dual SPST (single-pole single-throw) analog switches designed for single supply operation. These high-precision devices are ideal for low-distortion audio, video, signal switching and routing. The PI5A126 is a normally open (NO) switch. The switch is open when IN is LOW. The PI5A127 is a normally closed (NC) switch. Each switch conducts current equally well in either direction when on. When off, they block voltages up to V+. These switches are fully specified with +5V and +3.3V supplies. With +5V, they guarantee <10 -ohm ON-resistance. On-resistance matching between channels is within 2 ohms. On-resistance flatness is less than 5 ohms over the specified range. These switches also guarantee fast switching speeds (tON < 20ns). These products are available in 8-pin SOIC and MSOP plastic packages for operation over the industrial temperature range (-40oC to +85oC).
Applications
* * * * * * * * Audio, Video Switching and Routing Battery-Powered Communication Systems Computer Peripherals Telecommunications Portable Instrumentation Mechanical Relay Replacement Cell Phones PDAs
Functional Diagrams, Pin Configurations and Truth Tables
Top View Switches shown for logic "0" input
Logic 1 0
PI5A126 ON O FF
PI5A127 O FF ON
1
PS8328C
01/12/01
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI5A126/PI5A127 Dual,Wide Bandwidth Analog Switch
Absolute Maximum Ratings
Voltages Referenced to GND V+ ............................................................................................. -0.5V to +7V VIN, VCOM, VNC, VNO (Note 1) ........................... -0.5V to V+ +2V ................................................... or 30mA, whichever occurs first Current (any terminal except COM,NO,NC) ........................ 30mA Current, COM, NO, NC ...................................................... 100mA (Pulsed at 1ms, 10% duty cycle) ........................................120mA
Thermal Information
Continuous Power Dissipation -6 (derate 7mW/C above +70C) ........................................ 550mW Storage Temperature ......................................... -65C to +150C Lead Temperature (soldering, 10s) .................................. +300C Note 1: Signals on NC, NO, COM, or IN exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to 30mA.
Caution: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
Electrical Specifications - Single +5V Supply
(V+ = +5V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parame te r Analog Switch Analog Signal Range(3) On Resistance On- Resistance Match Between Channels(4) On- Resistance Flatness(5) NO or NC Off Leakage Current(6) COM Off Leakage Current(6) COM On Leakage Current(6) VANALOG RON V+ = 4.5V, ICOM = -30mA, VNO or VNC = +2.5V RON V+ = 5V, ICOM = -30mA, or VNC = 1V, 2.5V, 4V Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full -200 -200 0.20 200 -2 0 0 0.20 nA 200 0.18 200 2.72 RFLAT(ON) VNO INO(OFF) or INC(OFF) 0.20 0 7.2 V+ 10 12 2 4 3.5 4 V Symbol Conditions Te mp. (C) M in.(2) Typ.(1) M ax.(2) Units
V+ = 5.5V, VCOM = 0V, VNO or VNC = 4.5V V+ = 5.5V, VCOM = + 4.5V, VNO or VNC = 0V V+ = 5.5V , VCOM = +4.5V VNO or VNC = +4.5V
ICOM(OFF)
ICOM(ON)
2
PS8328C
01/12/01
PI5A126/PI5A127 Dual,Wide Bandwidth Analog Switch
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
Electrical Specifications - Single +5V Supply (continued)
(V+ = + 5V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parame te r Logic Input Input High Voltage Input Low Voltage Input Current with Voltage High Input Current with Voltage Low Dynamic
Symbol
Conditions
Te mp(C)
M in.(1)
Typ.(2)
M ax.(1)
Units
VIH VIL IINH IINL
Guaranteed logic High Level Guaranteed logic Low Level Full VIN = 2.4V, all others = 0.8V VIN = 0.8V, all others = 2.4V
2 V 0.8 -1 -1 0.005 0.005 1 1
25 Turn- On Time tON VCC = 5V, Figure 1 Turn- Off Time Charge Injection(3) Off Isolation Crosstalk NC or NO Capacitance COM Off Capacitance COM On Capacitance - 3dB Bandwidth Distortion Supply Power- Supply Range Positve Supply Current V+ I+ V+ = 5.5V, VIN = 0V or VCC, V+ All Channels on or off Full 2 tOFF CL = 1nF, Vgen = 0V, Rgen = 0, Figure 2 RL = 50, CL = 5pF, f = 10MHz, Figure 3 RL = 50, CL = 5pF, f = 10 MHz, Figure 4 f = 1kHz, Figure 5 Ccom(off) Ccom(on) BW D f = 1kHz, Figure 6 RL = 50, Figure 7 RL = 10 Full 25 Full 25 Full
7
15 20 ns
1
7 10
Q OIRR Xtalk C(off)
1.6 -43
10
pC
dB -43 5.5 5.5 13 326 0.2 MHz % pF
6 1
V A
Notes: 1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in this data sheet. 2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing. 3. Guaranteed by design 4. RON = RON max - RON min. 5. Flatness is defined as the difference between the maximum and minimum value of ON-resistance measured. 6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25C. 7. Off Isolation = 20log10 [ VCOM / (VNO or VNC) ]. See Figure 3.
3
PS8328C
01/12/01
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI5A126/PI5A127 Dual,Wide Bandwidth Analog Switch
Electrical Specifications - Single +3.3V Supply (V+ = +3.3V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parame te r Analog Switch Analog Signal Range(3) On- Resistance VANALOG RON V+ = 3V, ICOM = -30mA, VNO or VNC = 1.5V 25 Full 25 V+ = 3.3V, ICOM = -30mA, VNO or VNC = 0.8V, 2.5V On- Resistance Flatness(3,5) Dynamic 25 Turn- On Time tON V+ = 3.3V, VNO or VNC = 1.5V, Figure 1 Turn- Off Time tOFF Full Charge Injection(3) Supply Supply Current I+ V+ = 3.6V, VIN = 0V or V+ All Channels on or off Full 1 A Q CL = 1nF, VGEN = 0V, RGEN = 0V, Figure 2 25 1.3 20 10 pC Full 25 4.5 40 ns 12 14 25 RFLAT(ON) Full 5 Full 25 3.5 1 0 12 V+ 18 22 1 2 4 V Symbol Conditions Te mp.(C) M in.(1) Typ.(2) M ax.(1) Units
On- Resistance Match Between Channels(4)
RON
4
PS8328C
01/12/01
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
Test Circuits/Timing Diagrams
Figure 2. Charge Injection
Figure 1. Switching Time
5
PI5A126/PI5A127 Dual,Wide Bandwidth Analog Switch
PS8328C
01/12/01
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI5A126/PI5A127 Dual,Wide Bandwidth Analog Switch
Test Circuits/Timing Diagrams (continued)
10nF Signal Generator 0dBm
+5V
V+ COM
50
Analyzer IN 509 GND
Figure 3. Off Isolation
Figure 4. Crosstalk
Figure 5. Channel-Off Capacitance
Figure 6. Channel-On Capacitance
Ordering Information
P/N PI5A126W PI5A126UX PI5A127W PI5A127UX Package Narrow SOIC- 8 MSOP- 8 Narrow SOIC- 8 MSOP- 8
Figure 7. Bandwidth Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
6
PS8328C 01/12/01


▲Up To Search▲   

 
Price & Availability of PI5A126UX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X