Part Number Hot Search : 
ICL765 HCF40106 LX1696A ER50AS SOD123 D274KTV M10010 NTE22
Product Description
Full Text Search
 

To Download NTE15005E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15005E thru NTE15023E Integrated Circuit Protector
Description: The IC Protector (ICP) is an overcurrent protection device having stable and high-speed circuit tripping characteristics which enables these devices to shut off the circuit quickly and safely. This quick shut-off response protects valuable semiconductor devices and circuits from common load short-circuit failures. Features: D Precise and extremely stable cut-off characteristics D Small internal resistance with low voltage drop D Nonflammable D Compact Applications: D Overcurrent protection Electrical Characteristics:
Maximum Rated Voltage (Volts) Maximum Rated Current (Amps) Typical Internal Resistance () Operating Storage Temperature Temperature (C) (C)
Topr Tstg
NTE Type Number
Diagram Number
Case Style
15005E 15006E 15007E 15008E 15009E 15019E 15020E 15021E 15022E 15023E
480 480 480 480 480 481 481 481 481 481
"F" Type "F" Type "F" Type "F" Type "F" Type "N" Type "N" Type "N" Type "N" Type "N" Type
50 50 50 50 50 50 50 50 50 50
0.4 0.6 0.8 1.0 1.5 0.25 0.4 0.6 0.8 1.0
0.220 0.135 0.100 0.070 0.042 0.350 0.220 0.135 0.100 0.070
-55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125
-55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125
Diagram480 ("F" Type) .276 (7.0) Max .102 (2.6) Max
.142 (3.6) Max
.129 (3.3) Min
.025 (0.65)
.022 (0.55)
.017 (0.45) .051 (1.3)
.200 (5.08)
Diagram481 ("N" Type) Alternate Package .200 (5.08) .200 (5.08) Max .200 (5.08) Max .200 (5.08)
.500 (12.7) Min
.019 (0.50) (2 Leads)
.500 (12.7) Min
.019 (0.50) (2 Leads)
.100 (2.54)
.197 (5.00)


▲Up To Search▲   

 
Price & Availability of NTE15005E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X