Part Number Hot Search : 
45300 TPAC400P 3EZ140D5 TMP86CM FMMT497 MB90820 AAT3516 10U2P
Product Description
Full Text Search
 

To Download MMBTA92-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTA92
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * Epitaxial Planar Die Construction Complementary NPN Type Available (MMBTA42) Ideal for Medium Power Amplification and Switching
E
SOT-23
A C B B TOP VIEW E D G H K J L M C
Dim A B C D E G H J K L M a
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
Mechanical Data
* * * * * * * * Case: SOT-23, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking (See Page 2): K3R Ordering & Date Code Information: See Page 2 Weight: 0.008 grams (approx.)
C
B
E
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG MMBTA92 -300 -300 -5.0 -500 300 417 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Collector Current (Note 1) (Note 3) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current ON CHARACTERISTICS (Note 2) DC Current Gain Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Current Gain-Bandwidth Product Notes:
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Min -300 -300 -5.0 3/4 3/4 25 40 25 3/4 3/4 3/4 50 Max 3/4 3/4 3/4 -250 -100 Unit V V V nA nA Test Condition IC = -100mA, IE = 0 IC = -1.0mA, IB = 0 IE = -100mA, IC = 0 VCB = -200V, IE = 0 VCE = -3.0V, IC = 0 IC = -1.0mA, VCE = -10V IC = -10mA, VCE = -10V IC = -30mA, VCE = -10V IC = -20mA, IB = -2.0mA IC = -20mA, IB = -2.0mA VCB = -20V, f = 1.0MHz, IE = 0 VCE = -20V, IC = -10mA, f = 100MHz
hFE VCE(SAT) VBE(SAT) Ccb fT
3/4 -0.5 -0.9 6.0 3/4
3/4 V V pF MHz
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. When operated under collector-emitter saturation conditions within the safe operating area defined by the thermal resistance rating (RqJA), power dissipation rating (Pd) and power derating curve (figure 1).
DS30060 Rev. 5 - 2
1 of 2 www.diodes.com
MMBTA92
Ordering Information
Device MMBTA92-7 Notes:
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K3R
K3R = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4 2002 N May 5 2003 P Jun 6 2004 R Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
350 PD, POWER DISSIPATION (mW) 300 250 200 150 100 50 0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs Ambient Temperature
DS30060 Rev. 5 - 2
2 of 2 www.diodes.com
YM
MMBTA92


▲Up To Search▲   

 
Price & Availability of MMBTA92-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X