Part Number Hot Search : 
8M2012 15KW200 TPC6102 T91SAM7 CS5460A ZL60001 N5353B AD5346
Product Description
Full Text Search
 

To Download MC54HC597J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch
High-Performance Silicon-Gate CMOS
The MC54/74HC597 is identical in pinout to the LS597. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. This device consists of an 8-bit input latch which feeds parallel data to an 8-bit shift register. Data can also be loaded serially (see Function Table). The HC597 is similar in function to the HC589, which is a 3-state device. * * * * * * Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2 to 6 V Low Input Current: 1 A High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A * Chip Complexity: 516 FETs or 129 Equivalent Gates
MC54/74HC597
J SUFFIX CERAMIC PACKAGE CASE 620-10
1
16
16 1
N SUFFIX PLASTIC PACKAGE CASE 648-08
16 1
D SUFFIX SOIC PACKAGE CASE 751B-05
ORDERING INFORMATION MC54HCXXXJ MC74HCXXXN MC74HCXXXD Ceramic Plastic SOIC
LOGIC DIAGRAM
SERIAL DATA INPUT 14
SA
PIN ASSIGNMENT
B 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC A SA SERIAL SHIFT/ PARALLEL LOAD LATCH CLOCK SHIFT CLOCK RESET QH
A B PARALLEL DATA INPUTS C D E F G H LATCH CLOCK
15 1 2 3 4 5 6 7 12 SERIAL 9 DATA QH OUTPUT INPUT LATCH SHIFT REGISTER
C D E F G H GND
SHIFT CLOCK SERIAL SHIFT/ PARALLEL LOAD RESET
11 13 10 PIN 16 = VCC PIN 8 = GND
10/95
(c) Motorola, Inc. 1995
1
REV 6
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I III I I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I III I I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III I III I I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III I III I I III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C -- Ceramic DIP: - 10 mW/_C from 100_ to 125_C -- SOIC Package: - 7 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
RECOMMENDED OPERATING CONDITIONS
MC54/74HC597
Symbol
Vin, Vout
Symbol
Symbol
VCC
Vout
Tstg
ICC
Iout
VCC
Vin
PD
TL
VOH
tr, tf
Iin
VOL
ICC
TA
VIH
VIL
Iin
Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package) (Ceramic DIP)
Storage Temperature
Power Dissipation in Still Air, Plastic or Ceramic DIP SOIC Package
DC Supply Current, VCC and GND Pins
DC Output Current, per Pin
DC Input Current, per Pin
DC Output Voltage (Referenced to GND)
DC Input Voltage (Referenced to GND)
DC Supply Voltage (Referenced to GND)
Input Rise and Fall Time (Figure 1)
Operating Temperature, All Package Types
DC Input Voltage, Output Voltage (Referenced to GND)
DC Supply Voltage (Referenced to GND)
Maximum Quiescent Supply Current (per Package)
Maximum Input Leakage Current
Maximum Low-Level Output Voltage
Minimum High-Level Output Voltage
Maximum Low-Level Input Voltage
Minimum High-Level Input Voltage
Parameter
Parameter
Parameter
Vin = VIH or VIL |Iout| 20 A
Vin = VIH or VIL |Iout| 20 A
Vin = VCC or GND Iout = 0 A
Vin = VCC or GND
Vin = VIH or VIL |Iout| |Iout|
Vin = VIH or VIL |Iout| |Iout|
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A
v
v
v
v
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
Test Conditions
- 0.5 to VCC + 0.5
- 1.5 to VCC + 1.5
- 65 to + 150
- 0.5 to + 7.0
2 - 55 Min 2.0 Value
v 4.0 mA v 5.2 mA
v 4.0 mA v 5.2 mA
0 0 0
0
50
25
20
260 300
750 500
+ 125
1000 500 400
VCC
Max
6.0
VCC V
6.0
6.0
4.5 6.0
2.0 4.5 6.0
4.5 6.0
2.0 4.5 6.0
2.0 4.5 6.0
2.0 4.5 6.0
Unit
Unit
mW
mA
mA
mA
_C
_C
_C
ns
V
V
V
V
V
- 55 to 25_C
0.1
1.5 3.15 4.2
0.26 0.26
3.98 5.48
0.1 0.1 0.1
1.9 4.4 5.9
0.3 0.9 1.2
8
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Guaranteed Limit
v 85_C v 125_C
High-Speed CMOS Logic Data DL129 -- Rev 6 1.0 1.5 3.15 4.2 0.33 0.33 3.84 5.34 0.1 0.1 0.1 1.9 44 5.9 0.3 0.9 1.2 80
v
1.0 1.5 3.15 4.2 0.40 0.40 3.70 5.20 0.1 0.1 0.1 1.9 44 5.9 0.3 0.9 1.2
160
v
Unit
A A V V V V
MC54/74HC597
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit Symbol fmax Parameter VCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -- - 55 to 25_C 6.0 30 35
v 85_C v 125_C
4.8 24 28 4.0 20 24 265 53 45 220 44 37 220 44 37 220 44 37 95 19 16 10 315 63 54 265 53 45 265 53 45 265 53 45 110 22 19 10
Unit
Maximum Clock Frequency (50% Duty Cycle) (Figures 2 and 8)
MHz
tPLH, tPHL tPLH, tPHL tPHL
Maximum Propagation Delay, Latch Clock to QH (Figures 1 and 8) Maximum Propagation Delay, Shift Clock to QH (Figures 2 and 8) Maximum Propagation Delay, Reset to QH (Figures 3 and 8)
210 42 36 175 35 30 175 35 30 175 35 30 75 15 13 10
ns
ns
ns
tPLH, tPHL tTLH, tTHL Cin
Maximum Propagation Delay, Serial Shift/Parallel Load to QH (Figures 4 and 8) Maximum Output Transition Time, Any Output (Figures 1 and 8) Maximum Input Capacitance
ns
ns
pF
NOTES: 1. For propagation delays with loads other than 50 pF, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). 2. Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Package)* 50
pF
* Used to determine the no-load dynamic power consumption: PD = CPD VCC 2 f + ICC VCC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
PIN DESCRIPTIONS
DATA INPUTS A, B, C, D, E, F, G, H (Pins 15, 1, 2, 3, 4, 5, 6, 7) Parallel data inputs. Data on these inputs is stored in the input latch on the rising edge of the Latch Clock input. SA (Pin 14) Serial data input. Data on this input is shifted into the shift register on the rising edge of the Shift Clock input it Serial Shift/Parallel Load is high. Data on this input is ignored when Serial Shift/Parallel Load is low. CONTROL INPUTS Serial Shift/Parallel Load (Pin 13) Shift register mode control. When a high level is applied to this pin, the shift register is allowed to serially shift data. When a low level is applied to this pin, the shift register accepts parallel data from the input latch, and serial shifting is inhibited. Reset (Pin 10) Asynchronous, Active-low shift register reset. A low level applied to this input resets the shift register to a low level, but does not change the data in the input latch. Shift Clock (Pin 11) Serial shift register clock. A low-to-high transition on this input shifts data on the Serial Data Input into the shift register and data in stage H is shifted out QH, being replaced by the data previously stored in stage G. Latch Clock (Pin 12) Latch clock. A low-to-high transition on this input loads the parallel data on inputs A-H into the input latch. OUTPUT QH (Pin 9) Serial data output. This pin is the output from the last stage of the shift register.
High-Speed CMOS Logic Data DL129 -- Rev 6
3
MOTOROLA
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I
2.0 1000 1000 1000 ns 4.5 500 500 500 6.0 400 400 400 NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D).
MOTOROLA LR = latch register contents SR = shift register contents * = depends on latch clock input
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
MC54/74HC597
Load parallel data into data latch and shift serial data into shift register
Shift serial data into shift register
Load parallel data into data latch and shift register
Contents of data latch and shift register are unchanged
Transfer latch contents to shift register
Load parallel data into data latch
Reset shift register; load parallel data into data latch
Reset shift register
Symbol
trec
tr, tf
tsu
tsu
tsu
tw
tw
tw
th
th
Operation
Maximum Input Rise and Fall Times (Figure 1)
Minimum Pulse Width, Serial Shift/Parallel Load (Figure 4)
Minimum Pulse Width, Reset (Figure 3)
Minimum Pulse Width, Latch Clock and Shift Clock (Figures 1 and 2)
Minimum Recovery Time, Reset Inactive to Shift Clock (Figure 3)
Minimum Hold Time, Shift Clock to Serial Data Input SA (Figure 6)
Minimum Hold Time, Latch Clock to Parallel Data Inputs A-H (Figure 5)
Minimum Setup Time, Serial Shift/Parallel Load to Shift Clock (Figure 7)
Minimum Setup Time, Serial Data Input SA to Shift Clock (Figure 6)
Minimum Setup Time, Parallel Data inputs A-H to Latch Clock (Figure 5)
Reset
H
H
H
H
H
H
L
L
Serial Shift/ Parallel Load
Parameter
H
H
H
H
X
X
L
L
a-h = data at parallel data inputs A-H D = data (L, H) at serial data input SA
L, H,
L, H,
L, H,
Latch Clock
Inputs
X
FUNCTION TABLE
L,H,
L,H,
Shift Clock
X
X
X
X
4 Serial Input SA X D D X X X X X Parallel Inputs A-H VCC V a-h a-h a-h a-h 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 X X X X Latch Contents - 55 to 25_C 100 20 17 100 20 17 100 20 17 100 20 17 a-h a-h a-h a-h 80 16 14 80 16 14 80 16 14 25 5 5 5 5 5 U U U *
U = remains unchanged X = don't care
Guaranteed Limit
Resulting Function
SRA = D; SRN SRN + 1
SRA = D; SRN SRN + 1
v 85_C v 125_C
LRN SRN
High-Speed CMOS Logic Data DL129 -- Rev 6 100 20 17 100 20 17 100 20 17 125 25 21 125 25 21 125 25 21 125 25 21 30 6 6 Shift Register Contents 5 5 5 a-h U U L L 120 24 20 120 24 20 120 24 20 150 30 26 150 30 26 150 30 26 150 30 26 40 8 7 5 5 5 SRG SRH SRG SRH Output QH L LRH U U h L Unit ns ns ns ns ns ns ns ns ns
MC54/74HC597
SWITCHING WAVEFORMS
tw tr LATCH CLOCK 90% 50% 10% tf VCC SHIFT CLOCK GND 50% GND 1/fmax tw VCC
tPLH QH 90% 50% 10% tTLH
tPHL QH tTHL
tPLH 50%
tPHL
Figure 1. (Serial Shift/Parallel Load = L)
Figure 2. (Serial Shift/Parallel Load = H)
tw RESET tPHL 50% trec SHIFT CLOCK 50%
VCC GND tw SERIAL SHIFT/ PARALLEL LOAD 50% tPLH QH 50% 50% GND tPHL
VCC
QH
Figure 3.
Figure 4.
VALID PARALLEL DATA A/H VCC 50% GND tsu LATCH CLOCK th VCC 50% GND SHIFT CLOCK SERIAL DATA INPUT SA 50%
VALID VCC GND tsu th VCC 50% GND
Figure 5.
Figure 6.
TEST POINT SERIAL SHIFT/ PARALLEL LOAD VCC 50% GND tsu SHIFT CLOCK VCC 50% GND * Includes all probe and jig capacitance DEVICE UNDER TEST OUTPUT CL*
Figure 7.
Figure 8. Test Circuit
High-Speed CMOS Logic Data DL129 -- Rev 6
5
MOTOROLA
MC54/74HC597
EXPANDED LOGIC DIAGRAM
SERIAL DATA 14 INPUT, SA SHIFT CLOCK RESET 11 10
SERIAL SHIFT/ 13 PARALLEL LOAD LATCH CLOCK A 12 15 STAGE A D C Q D S CQ R
STAGE B B 1 D C Q D S CQ R
PARALLEL DATA INPUTS
C
2
STAGE C*
D
3
STAGE D*
E
4
STAGE E*
F
5
STAGE F*
G
6
STAGE G* STAGE H
H
7
D C
Q D S CQ R 9 QH
*NOTE: Stages C thru G (not shown in detail) are identical to stages A and B above.
MOTOROLA
6
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC597
TIMING DIAGRAM
SHIFT CLOCK
SERIAL DATA INPUT, SA RESET
SERIAL SHIFT PARALLEL LOAD LATCH CLOCK A
H
L
L
B
L
L
L
C
H
L
L
PARALLEL DATA INPUTS
D
L
L
L
E
H
L
H
F
H
L
H
G H
L H
L H
L H
QH RESET SHIFT REGISTER
L SERIAL SHIFT
LH
L
H
H
L
H
L
H
L
H
L
L SERIAL SHIFT
L
H
L
H
H
SERIAL SHIFT
SERIAL SHIFT
LOAD LATCH PARALLEL LOAD SHIFT REGISTER
LOAD LATCH
PARALLEL LOAD SHIFT REGISTER
PARALLEL LOAD LATCH AND SHIFT REGISTER
High-Speed CMOS Logic Data DL129 -- Rev 6
7
MOTOROLA
MC54/74HC597
OUTLINE DIMENSIONS
-A -
16 9
J SUFFIX CERAMIC PACKAGE CASE 620-10 ISSUE V
-B - C L
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. INCHES MIN MAX 0.750 0.785 0.240 0.295 -- 0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 15 0 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 -- 5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 15 0 1.01 0.51
-T
SEATING - PLANE
N E F G D 16 PL 0.25 (0.010)
M
K M J 16 PL 0.25 (0.010)
M
TB
S
TA
S
DIM A B C D E F G J K L M N
-A -
16 9
N SUFFIX PLASTIC PACKAGE CASE 648-08 ISSUE R
B
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MILLIMETERS MIN MAX MIN MAX 0.740 0.770 18.80 19.55 6.35 0.250 0.270 6.85 3.69 0.145 0.175 4.44 0.39 0.015 0.021 0.53 1.02 0.040 0.070 1.77 0.100 BSC 2.54 BSC 0.050 BSC 1.27 BSC 0.21 0.008 0.015 0.38 2.80 0.110 0.130 3.30 7.50 0.295 0.305 7.74 0 0 10 10 0.020 0.040 0.51 1.01
F S
C
L
-T - H G D 16 PL 0.25 (0.010)
M
SEATING PLANE
K
J TA
M
M
-A -
16 9
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-B -
1 8
P 8 PL 0.25 (0.010)
M
B
M
G F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0 7 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0 7 0.229 0.244 0.010 0.019
K C -T SEATING -
PLANE
R X 45
M D 16 PL 0.25 (0.010)
M
J
T
B
S
A
S
MOTOROLA
8
High-Speed CMOS Logic Data DL129 -- Rev 6
MC54/74HC597
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com -TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
High-Speed CMOS Logic Data DL129 -- Rev 6
CODELINE
9
*MC54/74HC597/D*
MC54/74HC597/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC54HC597J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X