Part Number Hot Search : 
1252BL D7612 Y61CAD 3112D SLD1332V PHP3055E TWS4815Z ASI10590
Product Description
Full Text Search
 

To Download MBRF25100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
MBRF2520CT
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
THRU MBRF25100CT
25 Amp
Schottky
Low Power Loss High Efficiency Low Forward Voltage , High Current Capability High surge capacity Case : ITO-220AB Full Molded Plastic Package
Barrier Rectifier 20 to 100 Volts
Maximum Ratings
* * Operating Junction Temperature: -50C to +150C Storage Temperature: -50C to +150C Maximum Recurrent Peak Reverse Voltage MBRF2520CT F2520CT 20V MBRF2530CT F2530CT 30V MBRF2540CT F2540CT 40V MBRF2550CT F2550CT 50V MBRF2560CT F2560CT 60V MBRF2580CT F2580CT 80V MBRF25100CT F25100CT 100V Microsemi Catalog Number Device Marking Maximum RMS Voltage 14V 21V 26V 35V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 100V
ITO-220AB
B C K
PIN 1 2 3
L M D A
E F O I J N HH PIN 1 PIN 3 PIN 2 G
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 2020CT-2040CT 2050CT-2060CT 2080CT-20100CT Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 25 A 200A TC = 90C 8.3ms, half sine
A B C D E F G H I J K L M N O
MM 14.80 --2.55 6.30 ----13.00 2.55 ----3.00 ----2.50 --0.90 0.80 3.40 4.80 3.30 2.90 1.40 15.40 10.30 2.85 6.90 4.10 1.80 13.80
VF
.55V .75V .85V
TJ = 25C IFM = 12.5A;
IR
0.5mA 50mA
Ta = 25C Ta = 100C
INCHES .583 .606 --.406 .100 .112 .248 .272 --.161 --.071 .512 .543 .100 --.035 --.032 .118 .134 --.189 --.130 .098 .114 --.055
. www mccsemi.com
MBRF2520CT thru MBRF25100CT
40
MCC
INSTANTANEOUS FORWARD CURRENT
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
25.0
AVERAGE FORWARD CURRENT
20.0 15.0 10.0 5.0 0 150
0
50
O
100
.4
.5
.6
.7
.8
.9
1.0
1.1
CASE TEMPERATURE, C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
100 TC = 100OC 200
PEAK FORWARD SURGE CURRENT,
10 TC = 75OC 1.0 TC = 25OC 0.1
180 160 120 100 80 50 20 10 1 2 5 10 20 50 100
.01
0
100
200
300
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
800 700
CAPACITANCE, pF
600 500 400 300 0 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBRF25100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X