Part Number Hot Search : 
ATA6285 SMAJ26A E226M NV23K C4020 5MF500 SMC100 SMAJ26A
Product Description
Full Text Search
 

To Download MBRB25100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
MBRB2520
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
THRU MBRB25100
25 Amp
Schottky
Meatl of Silicon Rectifier, Majority Conducton Guard ring for transient protection Low Forward Voltage Drop High Current Capability, High Efficiency Low Power Loss
Barrier Rectifier 20 to 100 Volts
D2-PACK
S
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number MBRB2520 MBRB2530 MBRB2535 MBRB2540 MBRB2545 MBRB2560 MBRB2580 MBRB25100 Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
A 1 G 2 3 D 4
V
B
H E K
C
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 2520CT-2540CT 2545CT-2560CT 2580CT-25100CT Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 25 A 150A TA = 130C 8.3ms, half sine
J
DIMENSIONS INCHES MIN MAX .340 .380 .380 .405 .160 .190 .020 .035 .45 .055 .100 BSC .080 .110 .018 .025 .090 .110 .575 .62 5 .045 .055 MM MIN 8.64 9.65 4.06 .051 1.14 2.54 2.03 0.46 2.29 14.60 1.14
VF
.63V .75V .84V 0.2mA
IFM = 25 A;
IR
TA = 25C
DIM A B C D E. G H J K S V
MAX 9.65 10.29 4.83 0.89 1.40 BSC 2.79 0.64 2.79 15.88 1.40
NOTE
*Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
MBRB2520 thru MBRB25100
Figure 1 Typical Forward Characteristics 100 60 40 20 2520-2540 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .3 .4 .5 .6 .7 .8 2580-25100 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 50 75 2545-2560 10 6 4 2 1 .6 .4
MCC
Figure 2 Typical Reverse Characteristics
100 Volts
125 150
175
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 25
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 150
20 125 15 100 75 Amps 8 25 5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 130 150 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 50
10 Amps
2
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBRB25100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X