Part Number Hot Search : 
10146 27C101A 2450A 3323W101 TRC10 MC100H6 SO1316 GBLC05
Product Description
Full Text Search
 

To Download MB15C100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS06-80105-3E
SEMI CUSTOM
IF Band PLL Frequency Synthesizer
MB15C100 Series
s DESCRIPTION
The Fujitsu MB15C100 series is an exclusive Intermediate Frequency (IF) band Phase Locked Loop (PLL) frequency synthesizer with pulse swallow operation. It can operate maximum at 500 MHz. The reference divider and comparison divider have fixed divide ratios, so that it is not required to set the divide ratios by a controller externally. Because the dividers are designed by means of MASK ROM method, a customer can chose them optionally. SSOP-8 and BCC-16 plastic packages are available. All of the above features help a system designer for easier as well as compact layout work. It operates with a supply voltage of 3.0 V typ. and dissipates 1.2 mA typ. (@ 300 MHz) of current realized through the use of CMOS technology.
s FEATURES
* Operating frequency : 500 MHz max. * Low power supply current: ICC (total) = 1.2 mA typ. (VCC = 3V, 300 MHz) * Pulse swallow function; 500 MHz Prescaler: 8/9, 16/17, 32/33 * MASK ROM optional the comparison and reference dividers: - Main counter ; 5 to 4,095 - Swallow counter ; 0 to 31 - Reference counter ; 5 to 4,095
(Continued)
s PACKAGES
8-pin plastic SSOP 16-pad plastic BCC
(FPT-8P-M03)
(LCC-16P-M06)
MB15C100 Series
(Continued)
* Charge pump options: - L type ; Low sensitivity charge pump for direct modulation. (IOH/IOL = 1.5 mA @ VCC = 3.0 V) - H type ; Super charger circuit for High speed tuning. (IOH/IOL = 6.0 mA @ VCC = 3.0 V) * Low power supply voltage: VCC = 2.4 V min. * Wide operating temperature: Ta = -40 to +85C * Selectable A or B type A: Div type Two different frequencies can be selected by Div input "H" or "L". B: PS type Power saving control PS H L OSC Active Stop R Active Stop N. A. P Active Stop
PS = "L" Do = "Z", LD = "H" * Plastic BCC-16 and 8-pin SSOP packages
2
MB15C100 Series
s PIN ASSIGNMENT
Divide ratio switching type (DIV)
(TOP VIEW)
VCC DO GND fin 1 2 3 4 8 7 6 5 OSCin LD fout DIV
Power saving function type (PS)
(TOP VIEW)
VCC DO GND fin 1 2 3 4 8 7 6 5 OSCin LD fout PS
(FPT-8P-M03)
(FPT-8P-M03)
(TOP VIEW)
N.C. 16 N.C. DIV fout LD OSCin N.C. 1 2 3 4 5 6 N.C. 15 14 13 12 11 10 9 N.C. fin GND DO VCC N.C. N.C. PS fout LD OSCin N.C. 1 2 3 4 5 6
(TOP VIEW)
N.C. 16 N.C. 15 14 13 12 11 10 9 N.C. fin GND DO VCC N.C.
7 N.C.
8 N.C.
7 N.C.
8 N.C.
(LCC-16P-M06)
(LCC-16P-M06)
3
MB15C100 Series
s PIN DESCRIPTIONS
Pin No. SSOP 1 2 3 4 BCC 10 11 12 13 Pin name VCC Do GND fin Div (A type) Power supply voltage input. Charge pump output. Ground. Prescaler input. Connection should be with AC coupling. Divide ratio switching input. Two kinds of divide ratios are selectable by Div input "H" or "L". Power saving mode control 5 2 PS (B type) PS H L 6 7 8 - 3 4 5 1,6,7, 8,9,14, 15,16 fout LD OSCin N.C. OSC Active Stop R Active Stop N. A. P Active Stop PS = "L" Do = "Z", LD = "H" Description
Test purpose output. This pin is an open drain output so that should be left open usually. Lock detector output. LD = H: Locking state, Power saving state, LD = L: Unlocking state. Reference counter input. Connection should be with AC coupling. No connection
4
MB15C100 Series
s BLOCK DIAGRAM

VCC Reference divider OSCIN Oscillator input fr Reference counter (R) fp Comparison divider LD Phase comparator Charge pump Do
DIV
Data setting
Lock detector
Swallow counter (A) fin Prescaler (P) MC
Main counter (N) fout Output selector
Control circuit
GND

VCC Reference divider OSCIN Oscillator input fr Reference counter (R) fp Power saving control circuit Lock detector Main counter (N) fout fin Prescaler (P) MC Control circuit Output selector LD Phase comparator Charge pump Do
PS
Comparison divider
Swallow counter (A)
GND
5
MB15C100 Series
s ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Inputt voltage Output voltage Output current Storage tempareture Symbol VCC VI VO IOUT TSTG Rating Min. -0.5 -0.5 -0.5 0 -55 Max. + 4.0 VCC + 0.5 VCC +0.5 5 +125 Unit V V V mA C
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Input voltage Operating temperature Symbol VCC VIN Ta Value Min. 2.4 GND -40 Typ. 3.0 -- -- Max. 3.6 VCC +85 Unit V V C Note
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand.
6
MB15C100 Series
s ELECTRICAL CHARACTERISTICS
(Recommended operating conditions unless otherwise noted.) Condition 1: Condition 2: Condition 3: fin 300 MHz fin 380 MHz fin 500 MHz Unit Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. 50 -- 300 30 -- 380 30 -- 500 MHz
Parameter (Symbol) Operating frequency (fin) Power supply voltage (VCC) Input sensitivity (Pfin) Power supply current (ICC)
Condition AC coupling by 1000 pF capacitor -- AC coupling by 1000 pF capacitor PLL is locked at fin max.
2.4
3.0
3.6
2.4
2.7
3.0
2.4
3.0
3.6
V
-10
--
+2
-10
--
+2
-5
--
+2
dBm
0.1
1.2*1
2.4
0.1
1.4*2
1.7
0.1
1.2*3
2.4
mA
*1: VCC = 3.0 V, Ta = +25C, fin = 300 MHz, Vin = -10 dBm, OSCin = 19.2 MHz, VOSC = -2 dBm *2: VCC = 3.0 V, Ta = +25C, fin = 380 MHz, Vin = -10 dBm, OSCin = 19.2 MHz, VOSC = -2 dBm *3: VCC = 3.0 V, Ta = +25C, fin = 500 MHz, Vin = -5 dBm, OSCin = 19.2 MHz, VOSC = -2 dBm (Recommended operating conditions unless otherwise noted.) Value Condition Unit Min. Typ.* Max. Ps = "L" AC coupling by 1000pF capacitor AC coupling by 1000pF capacitor -- -- -- -- -- IOH = -1.0 mA IOL = 1.0 mA VCC = 3.0 V, IOH = - 0.3 mA VCC = 3.0 V, IOL = 0.3 mA -- 3 0.5 VCC x 0.7 -- -- -1.0 -100 VCC - 0.8 -- 2.6 -- -- -- -- -- -- 12 -- -- -- -- -- +10 23 -- -- VCC x 0.3 1.0 -- 100 -- 0.4 -- 0.4 A MHz Vpp V V A A A V V V V
Parameter Power saving current (B type) Oscillator input frequency Oscillator input sensivity Input voltage (Div) Input current (Div) Input current (OSCin) Output voltage (LD) Output voltage (Do) Charge pump type: H Charge pump type: L
Symbol IPS fosc Vosc VIH VIL IIH IIL IOSC VOH VOL VOH VOL
(Continued)
7
MB15C100 Series
(Continued)
Parameter Output current (Do) (Charge pump type: H) Output current (Do) (Charge pump type: L) High impedance cut off current (Do) * : VCC = 3.0, Ta = +25C Symbol IOH IOL IOH IOL IOFF Condition VCC = 3 V, VOH = 2 V, Ta = +25C VCC = 3 V, VOL = 1 V, Ta = +25C VCC = 3 V, VOH = 2 V, Ta = +25C VCC = 3 V, VOL = 1 V, Ta = +25C 0V VDO VCC Value Min. -- -- -- -- -- Typ.* -6.0 6.0 -1.5 1.5 -- Max. -- -- -- -- 3 Unit mA mA nA
s FUNCTIONAL DESCRIPTIONS
Divide ratios of the internal counters can be set optionally according to customer requirements. Two different frequencies can be selected by Div input "H" or "L". The divide ratio can be calculated using the following equation: fVCO = {(P x N) + A} x fOSC / R P: N: A: R: (A < N)
fVCO: Output frequency of external voltage controlled ocillator (VCO: up to 500 MHz) Preset divide ratio of dual modulus prescaler (8/9, 16/17, 32/33) Divide ratio of the main counter (5 to 4,095) Divide ratio of the swallow counter (0 to 31) Divide ratio of the reference counter (5 to 4,095)
fOSC: Reference oscillation frequency ( up to 26 MHz) Power saving control (PS) PS H L OSC Active Stop R Active Stop N.A.P Active Stop
* : Power saving current : ~ 10 A * : PS = "L" Do = "Z" LD = "H"
8
MB15C100 Series
s PHASE DETECTOR TIME CHART
fr
fp
tWU
tWL
LD
DO
High impedance
Note: * * * *
Phase defference detection range = -2 to + 2 Spikes on Do pulse during locking state are output to prevent dead zone. LD output becomes low when phase difference is tWU or more. LD output becomes high when phase difference is tWL or less and continues to be so for three cycles or more. * tWU and tWL depend on OSCin input frequency tWU 8/fOSC: i.e. tWU 625 ns, fOSCin = 12.8 MHz tWL 16/fOSC: i.e. tWL 1250 ns, fOSCin = 12.8 MHz
9
MB15C100 Series
s MEASURMENT CIRCUIT (fin, OSCin Input Sensitivity)
<8-pin, SSOP>
MB15C100 1000 pF 1 0.1 F 2 7 2 K 3 S.G 4 1000 pF 50 5 A type : H or L B type : H 6 oscilloscope 8 VCC 50 S.G
VCC
<16-pin, BCC>
MB15C100 8 9 VCC 1000 pF 10 0.1 F 11 4 2 K 12 S.G 13 1000 pF 50 14 15 16 1 2 A type : H or L B type : H 3 oscilloscope 5 VCC 50 S.G 7 6
10
MB15C100 Series
s TYPICAL CHARACTERISTICS
1. Input Sensitivity (fin Pin) * fin 300 MHz, VCC = 2.4 to 3.6 V
(DIV = "L") 10 5 0 -5 -10 Pfin (dBm) -15 -20 -25 -30 -35 -40 -45 -50 0 100 200 300 400 500 fin (MHz) 600 700 800 900 1000
,
SPEC
Ta = +25 C
VCC = 2.4 V VCC = 3.0 V VCC = 3.6 V
* fin
380 MHz, VCC = 2.4 to 3.0 V
(DIV = "L") 10 5 0 -5 -10 Pfin (dBm) -15 -20 -25 -30 -35 -40 -45 -50 0
,,
SPEC 100 200 300 400 500 fin (MHz) 600 700 800
Ta = +25 C
VCC = 2.4 V VCC = 3.0 V
900
1000
(Continued)
11
MB15C100 Series
(Continued)
* fin 500 MHz, VCC = 2.4 to 3.6 V
(DIV = "L") 10 5 0 -5 -10 Pfin (dBm) -15 -20 -25 -30 -35 -40 -45 -50 0 100 200 300 400 500 fin (MHz) 600 700 800 900 1000 VCC = 2.4 V VCC = 3.0 V VCC = 3.6 V
,,,
SPEC
Ta = +25 C
2. Input Sensitivity (OSCin Pin)
(DIV = "H") 10 5 0 -5 -10 Vosc (dBm) -15 -20 -25 -30 -35 -40 -45 -50 0


SPEC 10 20 30 40 50 fosc (MHz) 60 70 80
Ta = +25 C VCC = 2.4 V VCC = 3.0 V VCC = 3.6 V
90
100
12
MB15C100 Series
3. Input Impedance (fin Pin)
4 : 11.867 -131.54 4.0331 pF 300.000 000 MHz 1 : 58.875 -850.16 k 50 MHz 2 : 16.891 -416.2 100 MHz 3 : 12.047 -202.87 200 MHz 1 2 4
3
START .500 000 MHz
STOP 1 000.000 000 MHz
4. Input Impedance (OSCin Pin)
4 : 068.25 -1.4236 4.3 pF
26.000 000 MHz 1 : 5.1345 -10.288 k 3 MHz 2 : 529.87 -3.6659 k 10 MHz 3 : 114.44 -1.8514 k 4 20 MHz 1 2 3
START .500 000 MHz
STOP 100.000 000 MHz
13
MB15C100 Series
5. Output Current Characteristics * Charge pump carrent (H type: high-speed sync charge pump) [VOH-IOH]
3.0 2.5 2.0 VOH (V) 1.5 1.0 0.5 0.0 0 -2 -4 -6 IOH (mA) -8 -10 -12 VCC = 3.0 V
[VOL-IOL]
VCC = 3.0 V 3.0 2.5 2.0 VOL (V) 1.5 1.0 0.5 0.0 0 2 4 6 IOL (mA) 8 10 12
[Measurement circuit]
VCC VCC Do GND IOH Parameter Analyzer
fin OSCin S.G. 50 1000 pF
VCC VCC Do GND IOL Parameter Analyzer
fin S.G. 50 1000 pF OSCin
14
MB15C100 Series
* Charge pump current (L type: low sensitivity charge pump) [VOH-IOH]
3.0 2.5 2.0 VOH (V) 1.5 1.0 0.5 0.0 0 -2 IOH (mA) -4 -6 VCC = 3.0 V
[VOL-IOL]
3.0 2.5 2.0 VOL (V) 1.5 1.0 0.5 0.0 0 2 IOL (mA) 4 6 VCC = 3.0 V
[Measurement circuit]
VCC VCC Do GND IOH Parameter Analyzer
fin OSCin S.G. 50 1000 pF
VCC VCC Do GND IOL Parameter Analyzer
fin S.G. 50 1000 pF OSCin
15
MB15C100 Series
s REFERENCE INFORMATION
1. Application Measurement (H type: high-speed sync charge pump) * Measurement results Parameter Lock up time 1 kHz Unlock Lock Power on Lock Reference leakage ( f = 58 kHz) Phase noise ( f = 1 kHz) ( f = 10 kHz) ( f = 100 kHz) ( f = 1 MHz) VCC (V) VCO * Measurement circuit Results 2.3 ms 3.4 ms -88.5 dBc -88.0 dBc/Hz -111.0 dBc/Hz -118.0 dBc/Hz -134.0 dBc/Hz 3.0 V Discrete VCO (Kv = 3.5 MHz/V) Lock frequency = 274.0 MHz (fr = 58 kHz)
18 VCC = 3.0 V Loop Filter fin R1 MB15C100 S.G 1000 pF OSCin C1 R2 C3 VCO
18 Spectrum Analyzer
18
1000 pF
22.564 MHz
50
C2
C1 = 6800 pF C2 = 0.068 F C3 = 4800 pF R1 = 3.0 k R2 = 3.9 K
16
MB15C100 Series
2. Phase Noise (H type: high-speed sync charge pump)
f = 1 kHz SPAN 2.0 kHz ATTEN 10dB RL -1.5 dBm 10 dB/
MKR -73.83 dB 1.000 kHz
f = 10 kHz SPAN 20 kHz ATTEN 10dB RL -1.5 dBm 10 dB/
MKR -91.83 dB 10.00 kHz
CENTER 273.999827 MHz RBW 30 Hz VBW 3.0 Hz f = 100 kHz SPAN 200 kHz ATTEN 10 dB RL -1.5 dBm 10 dB/
SPAN 2.000 kHz SWP 3.00 sec
CENTER 273.999827 MHz RBW 100 Hz VBW 30 Hz f = 1 MHz SPAN 2 MHz ATTEN 10dB RL -30.0 dBm 10 dB/
SPAN 20.00 kHz SWP 30. 0 sec
MKR -88.50 dB 58.0 kHz
MKR -105.5 dB 275.000 MHz
CENTER 274.0002 MHz RBW 1.0 kHz VBW 30 Hz
SPAN 200.0 kHz SWP 30.0 sec
START 274.000 MHz RBW 1.0 Hz VBW 100 Hz
STOP 276.000 MHz SWP 100 sec
17
MB15C100 Series
3. Lock-up Time: Un-Lock Lock (H type: high-speed sync charge pump) Un-Lock to Lock: DIV = "L" "H" VCC "OFF" to VCC "ON"
Mkr : 2.30 ms 30.00300 MHz
Mkr : 3.40 ms
30.00300 MHz
1.00 kHz/div
1.000 kHz/div
29.99800 MHz 0s 20.0000000 ms
29.99800 MHz 0s 10.0000000 ms
18
MB15C100 Series
4. Application Measurement (L type: low sensitivity charge pump) * Test results Parameter Lock-up time 1 kHz Unlock Lock Power on Lock Reference leakage ( f = 58 kHz) Phase noise ( f = 1 kHz) ( f = 10 kHz) ( f = 100 kHz) ( f = 1 MHz) VCC (V) VCO * Measurment circuit
18 18 Spectrum Analyzer
Results 3.4 ms 5.7 ms -88.5 dBc -90.1 dBc/Hz -107.3 dBc/Hz -119.0 dBc/Hz -127.8 dBc/Hz 3.0 v Discrete VCO (Kv = 2.2 MHz/V) Lock Frequency = 129.63 MHz (fr = 58 kHz)
VCC = 3.0 V 1000 pF fin Loop Filter R1 S. G. 1000 pF OSC in R2 16.704 MHz 50 C2 MB15C100 C1 C3
18
VCO C1 = 5600 pF C2 = 0.015 F C3 = 680 pF R1 = 15 k R2 = 4.7 k
19
MB15C100 Series
5. Phase Noise (L type: low sensitivity charge pump)
f = 1 kHz SPAN 2.0 kHz ATTEN 10dB RL -11.7 dBm 10 dB/
MKR -75.33 dB 1.000 kHz
f = 10 kHz SPAN 20 kHz ATTEN 10dB RL -11.7 dBm 10 dB/
MKR -87.33 dB 10.00 kHz
CENTER 129.630023 MHz RBW 30 Hz VBW 3.0 Hz f = 100 kHz SPAN 200 kHz ATTEN 10 dB RL -11.7 dBm 10 dB/
SPAN 2.000 kHz SWP 3.00 sec
CENTER 129.63002 MHz RBW 100 Hz VBW 30 Hz f = 1 MHz SPAN 2 MHz ATTEN 10dB RL -30.0 dBm 10 dB/
SPAN 20.00 kHz SWP 30. 0 sec
MKR -89.00 dB 58.0 kHz
MKR -109.5 dB 130.630 MHz
CENTER 129.6300 MHz RBW 1.0 kHz VBW 30 Hz
SPAN 200.0 kHz SWP 30.0 sec
START 129.630 MHz RBW 1.0 Hz VBW 100 Hz
STOP 131.630 MHz SWP 100 sec
20
MB15C100 Series
6. Lock-up Time: Un-Lock Lock (L type : low sensitivity charge pump) Un-Lock to Lock: DIV = "L" "H" VCC "OFF" to VCC "ON"
Mkr : 3.40 ms
Mkr : 5.70 ms
129.6330 MHz
129.6330 MHz
1.00 kHz/div
1.00 kHz/div
129.6280 MHz 0s 10.0000000 ms
129.6280 MHz 0s 10.0000000 ms
21
MB15C100 Series
7. fin-ICC Characteristics
* fin
300 MHz, VCC = 2.4 to 3.6 V
(DIV = "L", fOSC = 19.2 MHz / Vosc = -2 dBm) 4.0 3.5 3.0 2.5 ICC (mA) 2.0 1.5 1.0 0.5 0.0 0 100 200
,


SPEC 300 400 500 600 700 800
VCC = 2.4 V VCC = 3.0 V VCC = 3.6 V
900
1000
* fin
380 MHz, VCC = 2.4 to 3.0 V
(DIV = "L", fOSC = 19.2 MHz / Vosc = -2 dBm) 4.0 3.5 3.0 2.5 ICC (mA) 2.0 1.5 1.0 0.5 0.0 0
,,
,,
SPEC 100 200 300
fin (MHz) / Vin = -10 dBm
VCC = 2.4 V VCC = 3.0 V
400
500
600
700
800
900
1000
fin (MHz) / Vin = -10 dBm
(Continued)
22
MB15C100 Series
(Continued)
* fin
(DIV = "L", fOSC = 19.2 MHz / Vosc = -2 dBm) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 100 200
,,,

500 MHz, VCC = 2.4 to 3.6 V
SPEC VCC = 2.4 V VCC = 3.0 V VCC = 3.6 V 300 400 500 600 700 800 900 1000 fin (MHz) / Vin = -5 dBm
ICC (mA)
23
MB15C100 Series
s USAGE PRECAUTIONS
* This device should be transported and stored in anti-static containers. * This is a static-sensitive device; take proper anti-ESD precautions. Ensure that personnel and equipment are properly grounded. Cover workbenches with grounded conductive mats. * Always turn the power supply off before inserting or removing the device from its socket. * Protect leads with a conductive sheet when handling or transporting PC boards with devices.
s ORDERING INFORMATION
Part number MB15C100PFV MB15C100PV1 Package 8-pin Plastic SSOP (FPT-8P-M03) 16-pad Plastic BCC (LCC-16P-M06) Remarks
24
MB15C100 Series
s PACKAGE DIMENSIONS
8-pin plastic SSOP (FPT-8P-M03)
* 3.500.10
(.138.004)
*: This dimension does not include resin protrusion.
1.25 -0.10 +.008 .049 -.004
+0.20
(Mounting height)
0.10(.004)
INDEX
4.200.10 (.165.004)
5.20(.205) NOM
6.200.20 (.244.008)
"A"
0.80(.0315) TYP
0.350.10 (.014.004)
0.10(.004)
M
0.15 -0.02 +.002 .006 -.001
+0.05
Details of "A" part 0.100.10(.004.004) (STAND OFF)
2.40(.094)REF
0
10
0.500.20 (.020.008)
C
1994 FUJITSU LIMITED F08005S-1C-2
Dimensions in mm (inches)
(Continued)
25
MB15C100 Series
(Continued)
16-pad plastic BCC (LCC-16P-M06)
4.550.10 (.179.004)
14 9
0.80(.031)MAX Mounting height 0.400.10 (.016.004) 0.80(.031) REF 0.65(.026) TYP
9
3.40(.134)TYP 0.3250.10 (.013.004)
14
INDEX AREA 3.400.10 (.134.004) 2.45(.096) TYP "A" "B" 1.15(.045) REF
1
6
0.0750.025 (.003.001) (Stand off)
6
1.725(.068) REF
1
Details of "A" part 0.750.10 (.030.004) 0.05(.002)
Details of "B" part 0.600.10 (.024.004)
0.400.10 (.016.004)
0.600.10 (.024.004)
C
1999 FUJITSU LIMITED C16017S-1C-1
Dimensions in mm (inches)
26
MB15C100 Series
s CUSTOMER REQUESTING SPECIFICATIONS
Prameter Option 50 to 500 MHz (* 30 to 380 MHz: VCC = 2.4 V to 3.0 V) (*30 to 500 MHz: Vin = -5 to +2 dBm) fVCO = [(P x N) + A] x fr (N>A, P>A) 3 to 26 MHz fOSC = R x fr A type (Div) or B type (PS) 5 to 4095 0 to 31 8/9, 16/17 or 32/33 5 to 4095 Option H type (high-speed sync) or L type (Low sensitivity) SSOP-8 or BCC-16 Typically 4 weeks from spec. fix to the first ES. -- -- Requirements
fVCO
VCO output frequency
fOSC
Reference oscillation frequency
Power saving function (PS) Div type or PS type N Comparison divider A P R Reference divider Package type ES request date/qty. CS request date/qty. MP request date/qty. Customer comments fr CP Main counter divide ratio Swallow counter divide ratio Prescaler divide ratio Reference counter divide ratio Reference frequency Charge pump type
27
MB15C100 Series
FUJITSU LIMITED
For further information please contact:
Japan FUJITSU LIMITED Corporate Global Business Support Division Electronic Devices KAWASAKI PLANT, 4-1-1, Kamikodanaka Nakahara-ku, Kawasaki-shi Kanagawa 211-8588, Japan Tel: 81(44) 754-3763 Fax: 81(44) 754-3329
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information and circuit diagrams in this document are presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. Also, FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. FUJITSU semiconductor devices are intended for use in standard applications (computers, office automation and other office equipment, industrial, communications, and measurement equipment, personal or household devices, etc.). CAUTION: Customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with FUJITSU sales representatives before such use. The company will not be responsible for damages arising from such use without prior approval. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the prior authorization by Japanese government will be required for export of those products from Japan.
http://www.fujitsu.co.jp/
North and South America FUJITSU MICROELECTRONICS, INC. Semiconductor Division 3545 North First Street San Jose, CA 95134-1804, USA Tel: (408) 922-9000 Fax: (408) 922-9179 Customer Response Center Mon. - Fri.: 7 am - 5 pm (PST) Tel: (800) 866-8608 Fax: (408) 922-9179
http://www.fujitsumicro.com/
Europe FUJITSU MIKROELEKTRONIK GmbH Am Siebenstein 6-10 D-63303 Dreieich-Buchschlag Germany Tel: (06103) 690-0 Fax: (06103) 690-122
http://www.fujitsu-ede.com/
Asia Pacific FUJITSU MICROELECTRONICS ASIA PTE LTD #05-08, 151 Lorong Chuan New Tech Park Singapore 556741 Tel: (65) 281-0770 Fax: (65) 281-0220
http://www.fmap.com.sg/
F9904 (c) FUJITSU LIMITED Printed in Japan
28


▲Up To Search▲   

 
Price & Availability of MB15C100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X