Part Number Hot Search : 
78L07 R1020 LF2805A T200A BSCD32H C2SS001A APT30D4 IRF823
Product Description
Full Text Search
 

To Download M62551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RY MINA I PREL
MITSUBISHI
tion. ecifica t to change. final sp jec is not amits are sub :This Notice parametric li Some
M6255X Series
GENERAL PURPOSE C*MOS OP AMP(SINGLE/DUAL/QUAD)
OUTPUT 1 1 INVERTED 2 INPUT 1 NON-INVERTED 3 INPUT 1 GND 4
8 VCC 7 OUTPUT 2 6 INVERTED
INPUT 2
FEATURES *Dissipation current.........0.19/0.38/0.76mA<551/552/554> (TYP) *Output wide........................VO=GND to VCC (VIN=GND to VCC) *Slew rate................................................SR=1.2V/S (TYP) *Small size SSOP package. (551GP/ 552GP) APPLICATION Various types of arithmetic circuits for ink jet printer and other general electronic equipment RECOMMENDED OPERATING CONDITIONS Supply voltage...............................................................5V
BLOCK DIAGRAM (M62551L/GP)
INVERTED INPUT (3) NON-INVERtED INPUT (1) OUTPUT (5)
5 NON-INVERTED
INPUT 2 14 OUTPUT 4 INVERTED 13 INPUT 4 NON-INVERTED 12 INPUT 4 11 GND NON-INVERTED 10 INPUT 3 INVERTED 9 INPUT 3
OUTPUT 1 1 INVERTED 2 INPUT 1 NON-INVERTED 3 INPUT 1 VCC 4 NON-INVERTED 5 INPUT 2 INVERTED 6 INPUT 2 OUTPUT 2 7
OUTLINE: 5P5T (M62551L) SOT-25 (M62551GP) 8P4 (M62552P) 8P2S (M62552FP) SSOP-8 (M62552GP) 14P4 (M62554P) 14P2S (M62554FP)
NON-INVERTED INPUT
DESCRIPTION The M6255X is a single power supply system semiconductor integrated circuit designed to be used for general-purpose arithmetic amplifier of general electronic equipment for consumer appliances. This IC adopts C-MOS structure to achieve low power consumption and is therefore optimum for the recent boom in portable electronic equipment. The IC is also available for various applications for its full swing in both input and output, though the IC has a single power supply.
PIN CONFIGURATION (TOP VIEW)
OUTPUT
M62551L
1
OUTPUT
5 5
2
VCC
3
GND
4
INVERTED INPUT NON-INVERTED INPUT
M62551GP
1 2
GND
VCC
4
3
INVERTED INPUT
BLOCK DIAGRAM (M62552P/FP/GP)
M62552 P/FP/GP
8
VCC
M62554P/FP
8 OUTPUT 3
4 5 1
2
VCC (4)
INVERTED INPUT 1 NON-INVERTED INPUT 1
2 3 1 4
6 5 7
INVERTED INPUT 2 NON-INVERTED INPUT 2 OUTPUT 2
3
GND (2)
OUTPUT 1
*Pin number at GP is put in parentheses.
GND
BLOCK DIAGRAM (M62554P/FP)
4
OUTPUT 1 INVERTED INPUT 1 NON-INVERTED INPUT 1
1 2 CH1 3
VCC
14 13 CH4 12
OUTPUT 4 INVERTED INPUT 4 NON-INVERTED INPUT 4
NON-INVERTED INPUT 2 INVERTED INPUT 2 OUTPUT 2
5 CH2 6 7 11
GND
9 CH3 10 8
NON-INVERTED INPUT 3 INVERTED INPUT 3 OUTPUT 3
(1/3)
RY MINA I PREL
MITSUBISHI
tion. ecifica t to change. final sp jec is not amits are sub :This Notice parametric li Some
M6255X Series
GENERAL PURPOSE C*MOS OP AMP(SINGLE/DUAL/QUAD)
ABSOLUTE MAXIMUM RATINGS (Ta=25C,unless otherwise noted)
Symbol Parameter Conditions Ratings Unit
VCC Isink Isource VIN Vid Pd
Supply voltage Load current VINVCC Input voltage Differential Input voltage Power dissipation Ta=25C M62551 M62552 M62554 M62551 M62552 M62554
7 10 -0.3 to 7 7 450(L)/200(GP)
625(P)/440(FP)/280(GP)
V mA V V mW
700(P)/550(FP) 4.5(L)2.0(GP)
6.25(P)/4.4(FP)j/2.8(GP) mW/C C C
Ktheta Topr Tstg
Thermal derating Ambient temperature Storage temperature
Ta>25C
7.0(P)/5.5(FP) -20 to +85 -40 to+125
ELECTRICAL CHARACTERISTICS (Ta=25C,VCC=5V unless otherwise noted)
Symbol Parameter Test condition Min. Limits Typ Max . Unit
ICC VIO IB VICM GVO VOH
Circuit current
GV=0dB,RL=
M62551 M62552 M62554
Input offset voltage Input bias current Common mode voltage range Open loop voltage gain
GV=0dB,RL=
0.19 0.38 0.76 4 1 0 80
VCC-0.5 VCC-0.1
0.30 0.60 1.20 8 50 VCC
mA mV pA V dB
RL20K GV=0dB,VIN=VCC,IO=+5mA
100
VCC-0.1 VCC-0.02
Output voltage swing
GV=0dB,VIN=VCC,IO=+1mA GV=0dB,VIN=VCC,IO=-5mA GV=0dB,VIN=VCC,IO=-1mA
VOL CMRR SVRR SR fT VNI
Common mode rejection ratio Supply voltage rejection ratio Slew rate Gain bandwidth product
GV=0dB,RL=
Input conversion noise voltage VIN=2.5V,RS=1K,BW:10Hz,30KHz
0.05 0.01 65 65 1.2 1.0 5
0.25 0.1
V
dB dB V/S MHz 10
Vrms
(2/3)
RY MINA I PREL
MITSUBISHI
tion. ecifica t to change. final sp jec is not amits are sub :This Notice parametric li Some
M6255X Series
GENERAL PURPOSE C*MOS OP AMP(SINGLE/DUAL/QUAD)
MEASUREMENT CIRCUIT (1) CIRCUIT CURRENT
5V ICC
2.5V 2.5V
(2) INPUT OFFSET VOLTAGE
VIO
(3) COMMON MODE REJECTION RATIO
5 V Rf Rs
-10dB 1KHz 2.5V
(4) SUPPLY VOLTAGE REJECTION RATIO
VCC *VO1:VCC1 OUTPUT VO2:VCC2 OUTPUT VO (AC)
Rs VO (AC)
Rs Rf CMRR=(VIN/VO) X Rf/Rs
1/2VCC
Rs
1/2VCC
Rf SVRR=20log{(VCC1-VCC2) X Rf/Rs) / (VO1-VO2)}
APPLICATION (1) VOLTAGE FOLLOWER VCC
VIN
(2) REVEL DETECTOR VCC
VIN
1F
RL
1F
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them.Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit design, in order to prevent fires from spreading, redundancy, malfunction or other mishap.
(3/3)


▲Up To Search▲   

 
Price & Availability of M62551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X