Part Number Hot Search : 
SL24T1G 16R900G C74HC0 100GP LQFP44 AS7C2 RN1226 AM500
Product Description
Full Text Search
 

To Download M1MA152WKT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Common Anode Silicon Dual Switching diodes
These Common Cathode Silicon Epitaxial Planar Dual Diodes are designed for use in ultra high speed switching applications. These devices are housed in the SC-59 package which is designed for low power surface mount applications. * Fast t rr , < 3.0 ns * Low C D , < 2.0 pF * Available in 8 mm Tape and Reel Use M1MA151/2WKT1 to order the 7 inch/3000 unit reel. Use M1MA151/2WKT3 to order the 13 inch/10,000 unit reel.
CATHODE 3
M1MA151WKT1 M1MA152WKT1
SC-59 PACKAGE COMMON CATHODE DUAL SWITCHING DIODES 40/80 V-100mA SURFACE MOUNT
3
2 1
2 ANODE
1
CASE
318D-03, STYLE3 SC-59
MAXIMUM RATINGS (T A = 25C)
Rating Reverse Voltage Peak Reverse Voltage Forward Current Peak Forward Current Peak Forward Surge Current M1MA151WAT1 M1MA152WAT1 M1MA151WAT1 M1MA152WAT1 Single Dual Single Dual Single Dual Symbol VR V RM IF I FM I FSM (1) Value 40 80 40 80 100 150 225 340 500 750 Symbo PD TJ T stg lMax 200 150 -55 to +150 Unit mW C C Condition V R = 35 V V R = 75 V I F = 100 mA I R = 100 A Max 0.1 0.1 1.2 -- -- 2.0 3.0 Unit Adc Vdc Vdc pF ns Unit Vdc Vdc mAdc mAdc mAdc
THERMAL CHARACTERISTICS
Rating Power Dissipation Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTICS (T A = 25C)
Characteristic Reverse Voltage Leakage Current M1MA151WAT1 M1MA152WAT1 Forward Voltage Reverse Breakdown Voltage M1MA151WAT1 M1MA152WAT1 Diode Capacitance Reverse Recovery Time 1. t = 1 SEC 2. t rr Test Circuit Symbol IR VF VR CD t rr (2) Min -- -- -- 40 80 V R = 0, f = 1.0 MHz -- I F = 10 mA, V R = 6.0 V, -- R L = 100, I rr = 0.1 I R
H4-1/2
LESHAN RADIO COMPANY, LTD.
M1MA151WKT1 M1MA152WKT1
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
t
r
OUTPUT PULSE
t t I
F rr
t
p
t
10% R
L
90% V
R
I rr = 0.1 I I F = 10 mA V R= 6 V R L = 100
R
t p = 2 s t r = 0.35 ns
DEVICE MARKING--EXAMPLE
Marking Symbol
Type No. Symbol 151WK 152WK MT MU
MT X
The "X" represents a smaller alpha digit Date Code. The Date Code indicates the actual month in which the part was manufactured.
H4-2/2


▲Up To Search▲   

 
Price & Availability of M1MA152WKT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X