Part Number Hot Search : 
16245 KD70F120 AD7799 GL34G MAX5933C MCW1012 FJP5355 4HC245
Product Description
Full Text Search
 

To Download LT1178S8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1178S8 20A Max, Dual SO-8 Package, Single Supply Precision Op Amp
FEATURES
s s s s s s s s
DESCRIPTIO
s
8-Pin SO Package 20A Max Supply Current per Amplifier 180V Max Offset Voltage 350pA Max Offset Current 0.9VP-P, 0.1Hz to 10Hz Voltage Noise 1.5pAP-P, 0.1Hz to 10Hz Current Noise 0.6V/C Offset Voltage Drift Single Supply Operation: - Input Voltage Range Includes Ground - Output Swings to Ground While Sinking Current - No Pull-Down Resistors Are Needed Output Sources and Sinks 5mA Load Current
The LT1178S8 is a micropower dual op amp in the surface mount 8-pin package. It is optimized for single supply operation at 5V. Specifications are also provided at 15V supplies. The extremely low supply current is combined with true precision specifications: offset voltage is 60V, offset current is 50pA. Both offset parameters have low drift with temperature. The 1.5pAP-P current noise and picoampere offset current permit the use of megohm level source resistors without introducing serious errors. Voltage noise at 0.9VP-P is remarkably low considering the low supply current. The LT1178S8 can be operated from a single supply as low as one lithium cell or two Ni-Cad batteries. The input range goes below ground. The all-NPN output stage swings to within a few millivolts of ground while sinking current -- no power consuming pull-down resistors are needed. For applications where three times higher supply current is acceptable, the micropower LT1077 single, LT1078 dual and LT1079 quad are recommended. The LT1077/ LT1078/LT1079 have significantly higher bandwidth, slew rate; lower voltage noise and better output drive capability.
PACKAGE/ORDER I FOR ATIO
TOP VIEW +IN A 1 V- 2 +IN B 3 -IN B 4 8 -IN A 7 OUT A
+ 6V
ORDER PART NUMBER LT1178S8 PART MARKING 1178
5 OUT B
S8 PACKAGE 8-LEAD PLASTIC SOIC
TJMAX = 150C, JA = 200C/ W
Please note that the LT1178S8 surface mount pinout differs from that of the LT1178 standard plastic or ceramic dual-in-line packages. Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
For electrical specifications not listed below, refer to the standard LT1178C data sheet with the changes noted on this page.
SYMBOL VOS PARAMETER Input Offset Voltage CONDITIONS VS = 5V, 0V VS = 5V, 0V VS = 15V VS = 15V VS = 5V, 0V VS = 15V MIN TA = 25C 0C TA 70C TA = 25C 0C TA 70C 0C TA 70C 0C TA 70C TYP 60 85 120 150 0.6 0.7 MAX 180 350 350 540 3.5 3.8 UNITS V V V V V/C V/C
VOS T
Input Offset Voltage Drift (Note 1)
Note 1: Not 100% production tested.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
U
W
U
1
LT1178S8
PACKAGE DESCRIPTIO
0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP
0.016 - 0.050 0.406 - 1.270
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
2
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
U
Dimension in inches (millimeters) unless otherwise noted.
S8 Package 8-Lead Plastic SOIC
0.189 - 0.197* (4.801 - 5.004) 8 7 6 5
0.228 - 0.244 (5.791 - 6.197)
0.150 - 0.157* (3.810 - 3.988)
1
2
3
4
0.053 - 0.069 (1.346 - 1.752)
0.004 - 0.010 (0.101 - 0.254)
0.014 - 0.019 (0.355 - 0.483)
0.050 (1.270) BSC
SO8 0294
LT 0394 * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1994


▲Up To Search▲   

 
Price & Availability of LT1178S8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X