Part Number Hot Search : 
P6SMB39C C74AC TA4004F ADM696AQ J100A 270M10V J100A SC320
Product Description
Full Text Search
 

To Download LM385-12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM285/285B-1.2V LM285/285B-2.5V LM385/385B-1.2V LM385/385B-2.5V LOW POWER, BANDGAP VOLTAGE REFERENCES
FEATURES
s s Output Tolerance ....................................... 1% or 2% Output Voltage Option LM285/385-1.2V ........................................ 1.235V LM285/385-2.5V ............................................ 2.5V Wide Operating Current Range LM285/385-1.2V ........................... 15A to 20mA LM285/385-2.5V ........................... 20A to 20mA Temperature Coefficient .......................... 30ppm/C Dynamic Impedance .......................................... 0.6 TO-92-3 Plastic Package 8-Pin Plastic Narrow Body (SOIC) Package
1
GENERAL DESCRIPTION
The LM285/385-1.2V (1.235V output) and LM285/3852.5V (2.5V output) are bipolar, two-terminal, bandgap voltage references that offer precision performance without premium price. These devices do not require thin-film resistors, greatly lowering manufacturing complexity and cost. A 30ppm/C output temperature coefficient and a 15A to 20mA operating current range make these voltage references especially attractive for multimeter, data acquisition and telecommunications applications. PIN CONFIGURATIONS
TO-92-3 PLASTIC (BOTTOM VIEW) SURFACE MOUNT 8-PIN PLASTIC SOIC NC NC NC 1 2 3 8 7 6 5 CATHODE NC NC NC
2 3 4 5 6 7
s
s s s s
APPLICATIONS
s s s s s ADC and DAC Reference Current Source Generation Threshold Detectors Power Supplies Multi-meters
3 2 1
ANODE 4
LM285/285B EZB-1.2 LM285/285B EZB-2.5 LM385/385B CZB-1.2 LM385/385B CZB-2.5
LM285/285B E0A-1.2 LM285/285B EOA-2.5 LM385/385B COA-1.2 LM385/385B COA-2.5
NC = NO INTERNAL CONNECTION
ORDERING INFORMATION
Part No. LM285BEOA-1.2 LM285BEOA-2.5 LM285BEZB-1.2 LM285BEZB-2.5 LM285EOA-1.2 LM285EOA-2.5 LM285EZB-1.2 LM285EZB-2.5 LM385BCOA-1.2 LM385BCOA-2.5 LM385BCZB-1.2 LM385BCZB-2.5 LM385COA-1.2 LM385COA-2.5 LM385CZB-1.2 LM385CZB-2.5 Package 8-Pin SOIC 8-Pin SOIC TO-92-3 TO-92-3 8-Pin SOIC 8-Pin SOIC TO-92-3 TO-92-3 8-Pin SOIC 8-Pin SOIC TO-92-3 TO-92-3 8-Pin SOIC 8-Pin SOIC TO-92-3 TO-92-3 Temperature Range - 40C to +85C - 40C to +85C - 40C to +85C - 40C to +85C - 40C to +85C - 40C to +85C - 40C to +85C - 40C to +85C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C Voltage 1.2 2.5 1.2 2.5 1.2 2.5 1.2 2.5 1.2 2.5 1.2 2.5 1.2 2.5 1.2 2.5 Tolerance 1% 1.5% 1% 1.5% 2% 3% 2% 3% 1% 1.5% 1% 1.5% 2% 3% 2% 3%
LM285/B/385/B-9 11/6/96
8
3-9
TELCOM SEMICONDUCTOR, INC.
LM285/285B-1.2V LM285/285B-2.5V LM385/385B-1.2V LM385/385B-2.5V
ABSOLUTE MAXIMUM RATINGS*
Forward Current .................................................... +10mA Reverse Current .................................................... +30mA Storage Temperature Range ................ - 65C to +150C Operating Temperature Range TO-92 Package ................................ - 40C to +85C Surface Mount Package ................... - 40C to +85C
LOW POWER, BANDGAP VOLTAGE REFERENCES
Lead Temperature (Soldering, 10 sec) TO-92 Package .............................................. +300C Surface Mount Package ................................. +300C Power Dissipation Limited by Forward/Reverse Current
*Functional operation above the absolute maximum stress ratings is not implied.
ELECTRICAL CHARACTERISTICS: TA = +25C, unless otherwise specified.
Symbol
V(BR)R
Parameter
Reverse Breakdown Voltage LM285B-1.2/LM385B-1.2 TA = Tlow to Thigh (Note 1) LM285-1.2V/LM385-1.2V TA = Tlow to Thigh (Note 1) Minimum Operating Current TA = +25C TA = Tlow to Thigh (Note 1) Reverse Breakdown Voltage Change with Current IRmin = IR = 1.0mA, TA = +25C TA = Tlow to Thigh (Note 1) 1.0mA = IR = 20mA, TA = +25C TA = Tlow to Thigh (Note 1) Reverse Dynamic Impedance Average Temperature Coefficient Long Term Stability
Test Conditions
IR 20mA
LM285 / LM285B-1.2 Min Typ Max
1.223 1.200 1.205 1.192 -- -- 1.235 -- 1.235 -- 8.0 -- 1.247 1.270 1.260 1.273 15 20
LM385 / LM385B-1.2 Min Typ Max
1.223 1.210 1.205 1.192 -- -- 1.235 -- 1.235 -- 8.0 -- 1.247 1.260 1.260 1.273
Unit
V
IRMIN
A 15 20 mV -- -- -- -- -- -- -- -- -- -- -- 0.6 30 20 1.0 1.5 10 20 -- 100 -- -- -- -- -- -- -- -- -- -- -- -- 0.6 30 20 1.0 1.5 20 25 -- 100 --
V(BR)R
Z V(BR)/T S
IR = 100A 10A IR 20mA IR = 100A, TA = +25C 0.1C
ppm/C ppm/kHR
Symbol
V(BR)R
Parameter
Reverse Breakdown Voltage LM285B-2.5/LM385B-2.5 TA = Tlow to Thigh (Note 1) LM285-2.5V/LM385-2.5V TA = Tlow to Thigh (Note 1) Minimum Operating Current TA = +25C TA = Tlow to Thigh (Note 1) Reverse Breakdown Voltage Change with Current IRmin = IR = 1.0mA, TA = +25C TA = Tlow to Thigh (Note 1) 1.0mA = IR = 20mA, TA = +25C TA = Tlow to Thigh (Note 1) Reverse Dynamic Impedance Average Temperature Coefficient Long Term Stability
Test Conditions
IR = 20mA
LM285 / LM285B-2.5 Min Typ Max
2.462 2.415 2.425 2.400 -- -- 2.5 -- 2.5 -- 13 -- 2.538 2.585 2.575 2.600 20 30
LM385 / LM385B-2.5 Min Typ Max
2.462 2.436 2.425 2.400 -- -- 2.5 -- 2.5 -- 13 -- 2.538 2.564 2.575 2.600
Unit
V
IRMIN
A 20 30 mV -- -- -- -- -- -- -- -- -- -- -- 0.6 30 20 1.0 1.5 10 20 -- 100 -- -- -- -- -- -- -- -- -- -- -- -- 0.6 30 20 2.0 2.5 20 25 -- 100 --
V(BR)R
Z V(BR)/T S
IR = 100A 20A IR 20mA IR = 100A, TA = +25C 0.1C
ppm/C ppm/kHR
Note: 1. Tlow = - 40C for LM285-1.2, LM285-2.5, LM285B-1.2, LM285B-2.5 0C for LM385-1.2, LM385B-1.2, LM385-2.5, LM385B-2.5 Thigh = +85C for LM285-1.2, LM285-2.5, LM285B-1.2, LM285B-2.5 +70C for LM385-1.2, LM385B-1.2, LM385-2.5, LM385B-2.5 3-10
TELCOM SEMICONDUCTOR, INC.
LOW POWER, BANDGAP VOLTAGE REFERENCES
LM285/285B-1.2V LM285/285B-2.5V LM385/385B-1.2V LM385/385B-2.5V
1
TYPICAL APPLICATIONS 10V Reference
+15V 3 + 7 6 2 TC911 - 4 VOUT = 10V
Battery Powered 1.25V Reference
Precision Current Source
2 3
50 k
+9V
LM285/385-1.2V
360 k 1.25V
81 k 2
+15V - 7
1 F
2.5V
LM285/385 -2.5V
60 k
6
180 k
LM285/385-1.2V
0.1 F
3 TC911 + 4
R SET
I OUT = 1.25V R SET
4 5 6 7
RESPONSE TIME TEST CIRCUIT
36 k OUTPUT INPUT
LM285/385-1.2V LM285/385-2.5V
8
TELCOM SEMICONDUCTOR, INC.
3-11
PRELIMINARY INFORMATION
LM285/285B-1.2V LM285/285B-2.5V LM385/385B-1.2V LM385/385B-2.5V
TYPICAL CHARACTERISTICS
LM285/385-1.2V: Output Voltage vs Reverse Current 1000 OUTPUT VOLTAGE CHANGE (mV)
REVERSE CURRENT (A)
LOW POWER, BANDGAP VOLTAGE REFERENCES
LM285/385-1.2V: Output Voltage Change vs Reverse Current 10 FORWARD VOLTAGE (V) 1.2 TA = +25C 8 1.0 0.8 0.6 0.4 0.2
LM285/385-1.2V: Forward Voltage vs Forward Current TA = +25C
TA = +25C 100
6
10
4
1
2 0 0.01
0.1
0
0.25 0.5 0.75 1.0 1.25 OUTPUT VOLTAGE (V) LM285/385-1.2V Response Time
1.5
0.1 1 10 REVERSE CURRENT (mA)
100
0 0.01
0.1 1 10 FORWARD CURRENT (mA)
100
LM285/385-2.5V: Output Voltage vs Reverse Current 1000
REVERSE CURRENT (A)
10.0 TA = +25C 5.0 INPUT VOLTAGE (V) 0 1.5 1.0 0.5 0 0 200 400 TIME (sec) 600 OUTPUT
LM285/385-2.5V: Output Voltage Change vs Reverse Current 10
OUTPUT VOLTAGE CHANGE (mV)
TA = +25C 100
8
TA = +25C
6
10
4
1
2
0.1 0 0.5 1.0 1.5 2.0 2.5 OUTPUT VOLTAGE (V) LM285/385-2.5V Response Time TA = +25C INPUT 3.0
0 0.01
0.1 1 10 REVERSE CURRENT (mA)
100
LM285/385-2.5V: Forward Voltage vs Forward Current 1.2 TA = +25C FORWARD VOLTAGE (V) 1.0 0.8 0.6 0.4 0.2 0 0.01
VOLTAGE (V)
10 5 0 3 2 1 0 0
OUTPUT
0.1 1 10 FORWARD CURRENT (mA)
100
200 400 TIME (sec)
600
3-12
TELCOM SEMICONDUCTOR, INC.


▲Up To Search▲   

 
Price & Availability of LM385-12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X