Part Number Hot Search : 
NX7460LE TA124 R71H47 NX7460LE 00500 MMSZ5269 L1A335M LC810
Product Description
Full Text Search
 

To Download L4C381 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
DESCRIPTION
The L4C381 is a flexible, high speed, cascadable 16-bit Arithmetic and Logic Unit. It combines four 381-type 4-bit ALUs, a look-ahead carry generator, and miscellaneous interface logic -- all in a single 68-pin package. While containing new features to support high speed pipelined architectures and single 16-bit bus configurations, the L4C381 retains full performance and functional compatibility with the bipolar '381 designs. The L4C381 can be cascaded to perform 32-bit or greater operations. See "Cascading the L4C381" toward the end of this data sheet for more information. ARCHITECTURE The L4C381 operates on two 16-bit operands (A and B) and produces a 16-bit result (F). Three select lines control the ALU and provide 3 arithmetic, 3 logical, and 2 initialization functions. Full ALU status is provided to support cascading to longer word lengths. Registers are provided on both the ALU inputs and the output, but these may be bypassed under user control. An internal feedback path allows the registered ALU output to be routed to one of the ALU inputs, accommodating chain operations and accumulation. Furthermore, the A or B input can be forced to Zero allowing unary functions on either operand. ALU OPERATIONS
FTAB
FEATURES
u High-Speed (15ns), Low Power 16-bit Cascadable ALU u Implements Add, Subtract, Accumulate, Two's Complement, Pass, and Logic Operations u All Registers Have a Bypass Path for Complete Flexibility u 68-pin PLCC, J-Lead
L4C381 BLOCK DIAGRAM
A15-A0 16 B15-B0 16
ENA
A REGISTER
B REGISTER
ENB
0
0
2
The S2-S0 lines specify the operation to be performed. The ALU functions and their select codes are shown in Table 1. The two functions, B minus A and A minus B, can be achieved by setting the carry input of the least significant slice and selecting codes 001 and 010 respectively.
OSA OSB
P, G, C16 OVF, Z
5
4
ALU
16
S2-S0, C0
TABLE 1.
RESULT REGISTER ENF
ALU FUNCTIONS
FUNCTION CLEAR (F = 00 * * * 00) NOT(A) + B A + NOT(B) A+B A XOR B A OR B A AND B PRESET (F = 11 * * * 11)
S2-S0 000 001
FTF 16 OE 16
010 011 100 101 110 111
CLK
TO ALL REGISTERS
F15-F0
Arithmetic Logic Units
1
08/16/2000-LDS.381-P
L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
TABLE 2. ALU STATUS FLAGS
fri=0..1 o .5 fri=0..1 o .5
ALU STATUS The ALU provides Overflow and Zero status bits. Carry, Propagate, and Generate outputs are also provided for cascading. These outputs are defined for the three arithmetic functions only. The ALU sets the Zero output when all 16 output bits are zero. The Generate, Propagate, C16, and OVF flags for the A + B operation are defined in Table 2. The status flags produced for NOT(A) + B and A + NOT(B) can be found by complementing Ai and Bi respectively in Table 2. OPERAND REGISTERS The L4C381 has two 16-bit wide input registers for operands A and B. These registers are rising edge triggered by a common clock. The A register is enabled for input by setting the ENA control LOW, and the B register is enabled for input by setting the ENB control LOW. When either the ENA control or ENB control is HIGH, the data in the corresponding input register will not change. This architecture allows the L4C381 to accept arguments from a single 16-bit data bus. For those applications that do not require registered inputs, both the A and B operand registers can be bypassed with the FTAB control line. When the FTAB control is asserted (FTAB = HIGH), data is routed around the A and B input registers; however, they continue to function normally via the ENA and ENB controls. The contents of the input registers will again be available to the ALU if the FTAB control is released. OUTPUT REGISTER The output of the ALU drives the input of a 16-bit register. This risingedge-triggered register is clocked by the same clock as the input registers. When the ENF control is LOW, data from the ALU will be clocked into the
Bit Carry Generate = gi= Ai Bi Bit Carry Propagate = pi= Ai + Bi P0 = p0 Pi = pi( Pi-1) and G 0 = g0 G i = gi + pi(Gi-1) C i = G i-1 + Pi-1 ( C0) then G P C 16 OVF = = = = NOT(G15) NOT(P15) G 15 + P15C 0 C 15 XOR C16
fri=1..1 o .5
fri=1..1 o .5 fri=1..1 o .5
output register. By disabling the output register, intermediate results can be held while loading new input operands. Three-state drivers controlled by the OE input allow the L4C381 to be configured in a single bidirectional bus system. The output register can be bypassed by asserting the FTF control signal (FTF = HIGH). When the FTF control is asserted, output data is routed around the output register, however, it continues to function normally via the ENF control. The contents of the output register will again be available on the output pins if FTF is released. With both FTAB and FTF true (HIGH) the L4C381 is functionally identical to four cascaded 54S381-type devices. OPERAND SELECTION The two operand select lines, OSA and OSB, control multiplexers that precede the ALU inputs. These multiplexers provide an operand force-to-zero function as well as F register feedback to the B input. Table 3 shows the inputs to the ALU as a function of the operand select inputs. Either the A or B operands may be forced to zero.
TABLE 3. OPERAND SELECTION
OSB OSA OPERAND B OPERAND A
0 0 1 1
0 1 0 1
F 0 B B
A A 0 A
When both operand select lines are low, the L4C381 is configured as a chain calculation ALU. The registered ALU output is passed back to the B input to the ALU. This allows accumulation operations to be performed by providing new operands via the A input port. The accumulator can be preloaded from the A input by setting OSA true. By forcing the function select lines to the CLEAR state (000), the accumulator may be cleared. Note that this feedback operation is not affected by the state of the FTF control. That is, the F outputs of the L4C381 may be driven directly by the ALU. The output register continues to function, however, and provides the ALU B operand source.
Arithmetic Logic Units
2
08/16/2000-LDS.381-P
L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2, 3, 8)
Storage temperature ........................................................................................................... -65C to +150C Operating ambient temperature ........................................................................................... -55C to +125C VCC supply voltage with respect to ground ............................................................................ -0.5 V to +7.0 V Input signal with respect to ground ........................................................................................ -3.0 V to +7.0 V Signal applied to high impedance output ............................................................................... -3.0 V to +7.0 V Output current into low outputs ............................................................................................................. 25 mA Latchup current ............................................................................................................................... > 400 mA
OPERATING CONDITIONS To meet specified electrical and switching characteristics
Mode Active Operation, Commercial Active Operation, Military Temperature Range (Ambient) 0C to +70C -55C to +125C Supply Voltage 4.75 V VCC 5.25 V 4.50 V VCC 5.50 V
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 4)
Symbol VOH VOL VIH VIL IIX IOZ ICC1 ICC2 Parameter Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Current Output Leakage Current VCC Current, Dynamic VCC Current, Quiescent
(Note 3)
Test Condition VCC = Min., IOH = -2.0 mA VCC = Min., IOL = 8.0 mA
Min 2.4
Typ
Max
Unit V
0.5 2.0 0.0 VCC 0.8 20 20 15 30 1.5
V V V A A mA mA
Ground VIN VCC (Note 12) Ground VOUT VCC (Note 12)
(Notes 5, 6) (Note 7)
Arithmetic Logic Units
3
08/16/2000-LDS.381-P
432109876543210987654321 432109876543210987654321 432109876543210987654321
*DISCONTINUED SPEED GRADE tDIS tENA ENA, ENB, ENF S2-S0, OSA, OSB C0 A15-A0, B15-B0 Input FTAB = 1, FTF = 1 A15-A0, B15-B0 Clock (OSA, OSB = 0) C0 S2-S0, OSA, OSB FTAB = 1, FTF = 0 A15-A0, B15-B0 Clock C0 S2-S0, OSA, OSB FTAB = 0, FTF = 1 Clock C0 S2-S0, OSA, OSB FTAB = 0, FTF = 0 Clock C0 S2-S0, OSA, OSB From Input L4C381-55* To Output 20 20 18 16
Lowgoing Pulse Highgoing Pulse
DEVICES INCORPORATED
GUARANTEED MAXIMUM COMBINATIONAL DELAYS Notes 9, 10 (ns)
432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 1 432109876543212109876543210987654321098765432121098765432109876543210987654321 43210987654321210987654321098765432109876543212109876543210987654321098765432
F15-F0 55 56 37 55 -- 32 -- -- 56 37 55 32 -- -- L4C381-55* P, G OVF, Z 36 38 -- 42 38 -- 42 38 -- 42 36 -- -- 42 46 53 34 42 46 -- 34 42 53 34 42 53 34 42 C16 F15-F0 37 36 22 42 37 -- 22 42 36 22 42 36 22 42 40 46 30 40 -- 26 -- -- 46 30 40 26 -- -- L4C381-40* P, G OVF, Z 30 30 -- 32 30 -- -- 32 30 -- 32 30 -- 32 40 44 28 34 40 -- 28 34 44 28 34 44 28 34 C16 F15-F0 32 32 20 35 32 -- 20 35 32 20 35 32 20 35 26 28 22 26 -- 22 -- -- 28 22 26 22 -- -- L4C381-26* P, G OVF, Z 22 22 -- 22 22 -- -- 22 22 -- 22 22 -- 22 22 -- 18 22 26 18 22 22 26 18 22 26 18 22 C16 22 -- 18 22 22 18 22 22 22 18 22 22 18 22
GUARANTEED MINIMUM SETUP AND HOLD TIMES WITH RESPECT TO CLOCK RISING EDGE Notes 9, 10 (ns)
432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321
Setup Hold FTAB = 0 10 44 21 8 L4C381-55* 2 0 0 2 Setup Hold FTAB = 1 10 44 21 35 2 0 0 2 Setup Hold FTAB = 0 10 32 16 8 L4C381-40* 2 2 0 0 Setup Hold Setup Hold FTAB = 1 28 10 32 16 2 2 0 0 FTAB = 0 18 8 8 8 L4C381-26* 2 0 0 2 Setup Hold FTAB = 1 18 16 8 8 2 0 0 2
TRI-STATE ENABLE/DISABLE TIMES Notes 9, 10, 11 (ns)
SWITCHING CHARACTERISTICS -- COMMERCIAL OPERATING RANGE (0C to +70C)
CLOCK CYCLE TIME AND PULSE WIDTH Notes 9, 10 (ns)
65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 1 65432121098765432109876543210987654321 6543212109876543210987654321098765432
L4C381-55* 15 15 43 L4C381-40* 10 10 34 L4C381-26* 10 10 20
65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 6543212109876543210987654321098765432 65432121098765432109876543210987654321 5432121098765432109876543210987654321 65432121098765432109876543210987654321 6 1
L4C381-40* 18 L4C381-26* 16
Minimum Cycle Time
4
16-bit Cascadable ALU
Arithmetic Logic Units L4C381
08/16/2000-LDS.381-P
L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
SWITCHING CHARACTERISTICS -- COMMERCIAL OPERATING RANGE (0C to +70C) GUARANTEED MAXIMUM COMBINATIONAL DELAYS Notes 9, 10 (ns)
To Output From Input FTAB = 0, FTF = 0 Clock C0 S2-S0, OSA, OSB FTAB = 0, FTF = 1 Clock C0 S2-S0, OSA, OSB FTAB = 1, FTF = 0 A15-A0, B15-B0 Clock C0 S2-S0, OSA, OSB FTAB = 1, FTF = 1 A15-A0, B15-B0 Clock (OSA, OSB = 0) C0 S2-S0, OSA, OSB F15-F0 L4C381-20 P, G OVF, Z C16 F15-F0 L4C381-15 P, G OVF, Z C16
11 -- --
20 -- 18
20 14 20
20 14 18
11 -- --
15 -- 14
15 13 15
15 13 14
20 18 20
20 -- 18
20 14 20
20 14 18
15 14 15
15 -- 14
15 13 15
15 13 14
-- 11 -- --
16 -- -- 18
20 -- 14 20
17 -- 14 18
-- 11 -- --
14 -- -- 14
15 -- 13 15
14 -- 13 14
20 20 18 20
16 20 -- 18
20 20 14 20
17 20 14 18
15 15 14 15
14 15 -- 14
15 15 13 15
14 15 13 14
GUARANTEED MINIMUM SETUP AND HOLD TIMES WITH RESPECT TO CLOCK RISING EDGE Notes 9, 10 (ns)
L4C381-20 FTAB = 0 Input A15-A0, B15-B0 C0 S2-S0, OSA, OSB ENA, ENB, ENF Setup Hold 5 12 15 5 0 0 0 0 FTAB = 1 Setup Hold 14 12 15 5 0 0 0 0 L4C381-15 FTAB = 0 Setup Hold 5 10 12 5 0 0 0 0 FTAB = 1 Setup Hold 12 10 12 5 0 0 0 0
TRI-STATE ENABLE/DISABLE TIMES Notes 9, 10, 11 (ns) L4C381-20 tENA tDIS 8 8 L4C381-15 6 6
CLOCK CYCLE TIME AND PULSE WIDTH Notes 9, 10 (ns)
L4C381-20
Minimum Cycle Time
L4C381-15 14 4 4
18 5 5
Highgoing Pulse Lowgoing Pulse
Arithmetic Logic Units
5
08/16/2000-LDS.381-P
DEVICES INCORPORATED
GUARANTEED MAXIMUM COMBINATIONAL DELAYS Notes 9, 10 (ns)
432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321
F15-F0 65 68 42 66 -- 37 -- -- 68 42 66 37 -- -- L4C381-65* P, G OVF, Z 44 44 -- 48 44 -- 48 44 -- 48 44 -- -- 48 56 63 42 48 56 -- 42 48 63 42 48 63 42 48 C16 F15-F0 44 45 25 48 44 -- 25 48 45 25 48 45 25 48 45 56 32 46 -- 28 -- -- 56 32 46 28 -- -- L4C381-45* P, G OVF, Z 32 34 -- 38 32 -- -- 38 34 -- 38 34 -- 38 46 50 32 38 46 -- 32 38 50 32 38 50 32 38 C16 F15-F0 36 34 23 38 36 -- 23 38 34 23 38 34 23 38 30 34 26 30 -- 26 -- -- 34 26 30 26 -- -- L4C381-30* P, G OVF, Z 28 28 -- 28 28 -- -- 28 28 -- 28 28 -- 28 28 34 22 28 28 -- 22 28 34 22 28 34 22 28 C16 28 -- 22 28 28 22 28 28 28 22 28 28 22 28
GUARANTEED MINIMUM SETUP AND HOLD TIMES WITH RESPECT TO CLOCK RISING EDGE Notes 9, 10 (ns)
432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321 432109876543212109876543210987654321098765432121098765432109876543210987654321
Setup Hold FTAB = 0 12 50 25 10 L4C381-65* 2 0 0 3 Setup Hold FTAB = 1 12 50 25 43 2 0 0 3 Setup Hold FTAB = 0 10 36 20 8 L4C381-45* 3 2 0 0 Setup Hold Setup Hold FTAB = 1 33 10 36 20 3 2 0 0 FTAB = 0 10 20 12 8 L4C381-30* 3 2 0 0 Setup Hold FTAB = 1 20 10 20 12 3 2 0 0
TRI-STATE ENABLE/DISABLE TIMES Notes 9, 10, 11 (ns)
SWITCHING CHARACTERISTICS -- MILITARY OPERATING RANGE (-55C to +125C)
ENA, ENB, ENF
S2-S0, OSA, OSB
C0
A15-A0, B15-B0
Input
FTAB = 1, FTF = 1 A15-A0, B15-B0 Clock (OSA, OSB = 0) C0 S2-S0, OSA, OSB
FTAB = 1, FTF = 0 A15-A0, B15-B0 Clock C0 S2-S0, OSA, OSB
FTAB = 0, FTF = 1 Clock C0 S2-S0, OSA, OSB
FTAB = 0, FTF = 0 Clock C0 S2-S0, OSA, OSB
From Input
To Output
CLOCK CYCLE TIME AND PULSE WIDTH Notes 9, 10 (ns)
65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 65432121098765432109876543210987654321 1 65432121098765432109876543210987654321 6543212109876543210987654321098765432
L4C381-65* 20 20 52 L4C381-45* 15 15 38 L4C381-30* 12 12 26
432109876543210987654321 432109876543210987654321 432109876543210987654321 432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 5432121098765432109876543210987654321 432121098765432109876543210987654321 5432121098765432109876543210987654321 5
*DISCONTINUED SPEED GRADE tDIS tENA L4C381-65* 22 22 L4C381-45* 20 20 L4C381-30* 18 18
Lowgoing Pulse
Highgoing Pulse
Minimum Cycle Time
6
16-bit Cascadable ALU
Arithmetic Logic Units L4C381
08/16/2000-LDS.381-P
DEVICES INCORPORATED
GUARANTEED MINIMUM SETUP AND HOLD TIMES WITH RESPECT TO CLOCK RISING EDGE Notes 9, 10 (ns)
0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321
Setup Hold FTAB = 0 25 25 21 25 19 14 7 7 L4C381-25* 20 24 -- 22 0 0 0 2 Setup Hold FTAB = 1 19 14 14 25 24 18 24 7 0 0 0 2 22 24 18 22 Setup Hold 20 20 17 20 FTAB = 0 16 12 6 6 L4C381-20* 17 20 -- 18 0 2 0 0 Setup Hold FTAB = 1 12 16 12 20 20 16 20 6 0 2 0 0 17 20 16 18
GUARANTEED MAXIMUM COMBINATIONAL DELAYS Notes 9, 10 (ns)
0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321 0987654321098765432121098765432109876543210987654321
F15-F0 -- 14 -- -- 25 21 25 14 -- -- L4C381-25* P, G OVF, Z 24 -- 22 24 -- 22 20 -- -- 22 25 -- 18 24 24 18 24 24 18 24 C16 F15-F0 22 -- 18 22 24 18 22 24 18 22 -- 14 -- -- 20 17 20 14 -- -- L4C381-20* P, G OVF, Z 17 -- -- 18 20 -- 18 20 -- 18 20 -- 16 20 20 16 20 20 16 20 C16 17 -- 16 18 20 16 18 20 16 18
TRI-STATE ENABLE/DISABLE TIMES Notes 9, 10, 11 (ns)
SWITCHING CHARACTERISTICS -- MILITARY OPERATING RANGE (-55C to +125C)
ENA, ENB, ENF
S2-S0, OSA, OSB
C0
A15-A0, B15-B0
Input
FTAB = 1, FTF = 1 A15-A0, B15-B0 Clock (OSA, OSB = 0) C0 S2-S0, OSA, OSB
FTAB = 1, FTF = 0 A15-A0, B15-B0 Clock C0 S2-S0, OSA, OSB
FTAB = 0, FTF = 1 Clock C0 S2-S0, OSA, OSB
FTAB = 0, FTF = 0 Clock C0 S2-S0, OSA, OSB
From Input
To Output
CLOCK CYCLE TIME AND PULSE WIDTH Notes 9, 10 (ns)
65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 65432109876543210987654321 1 65432109876543210987654321 6543210987654321098765432
L4C381-25* 20 8 8 L4C381-20* 18 6 6
432109876543210987654321 432109876543210987654321 432109876543210987654321 432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321 5432109876543210987654321
*DISCONTINUED SPEED GRADE tDIS tENA L4C381-25* 14 14 L4C381-20* 10 10
Lowgoing Pulse
Highgoing Pulse
Minimum Cycle Time
7
16-bit Cascadable ALU
Arithmetic Logic Units L4C381
08/16/2000-LDS.381-P
L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
NOTES
9. AC specifications are tested with input transition times less than 3 ns, output reference levels of 1.5 V (except tDIS test), and input levels of nominally 0 to 3.0 V. Output loading may be a resistive divider which provides for specified IOH and IOL at an output voltage of VOH min and VOL max 2. The products described by this spec- respectively. Alternatively, a diode ification include internal circuitry de- bridge with upper and lower current signed to protect the chip from damagsources of IOH and IOL respectively, ing substrate injection currents and ac- and a balancing voltage of 1.5 V may be cumulations of static charge. Neverthe- used. Parasitic capacitance is 30 pF less, conventional precautions should minimum, and may be distributed. be observed during storage, handling, and use of these circuits in order to This device has high-speed outputs caavoid exposure to excessive electrical pable of large instantaneous current stress values. pulses and fast turn-on/turn-off times. As a result, care must be exercised in the 3. This device provides hard clamping of testing of this device. The following transient undershoot and overshoot. In- measures are recommended: put levels below ground or above VCC will be clamped beginning at -0.6 V and a. A 0.1 F ceramic capacitor should be VCC + 0.6 V. The device can withstand installed between VCC and Ground indefinite operation with inputs in the leads as close to the Device Under Test range of -0.5 V to +7.0 V. Device opera- (DUT) as possible. Similar capacitors tion will not be adversely affected, how- should be installed between device VCC ever, input current levels will be well in and the tester common, and device ground and tester common. excess of 100 mA. 4. Actual test conditions may vary from b. Ground and VCC supply planes those designated but operation is guar- must be brought directly to the DUT anteed as specified. socket or contactor fingers. 5. Supply current for a given applica- c. Input voltages should be adjusted to tion can be accurately approximated by: compensate for inductive ground and VCC noise to maintain required DUT input NCV2 F levels relative to the DUT ground pin. 4 where 10. Each parameter is shown as a minN = total number of device outputs C = capacitive load per output V = supply voltage F = clock frequency 6. Tested with all outputs changing every cycle and no load, at a 5 MHz clock rate. 7. Tested with all inputs within 0.1 V of VCC or Ground, no load. 8. These parameters are guaranteed but not 100% tested. imum or maximum value. Input requirements are specified from the point of view of the external system driving the chip. Setup time, for example, is specified as a minimum since the external system must supply at least that much time to meet the worst-case requirements of all parts. Responses from the internal circuitry are specified from the point of view of the device. Output delay, for example, is specified as a maximum since worst-case operation of any device always provides data within that time. 1. Maximum Ratings indicate stress specifications only. Functional operation of these products at values beyond those indicated in the Operating Conditions table is not implied. Exposure to maximum rating conditions for extended periods may affect reliability. 11. For the tENA test, the transition is measured to the 1.5 V crossing point with datasheet loads. For the tDIS test, the transition is measured to the 200mV level from the measured steady-state output voltage with 10mA loads. The balancing voltage, VTH, is set at 3.5 V for Z-to-0 and 0-to-Z tests, and set at 0 V for Zto-1 and 1-to-Z tests. 12. These parameters are only tested at the high temperature extreme, which is the worst case for leakage current.
FIGURE A. OUTPUT LOADING CIRCUIT
DUT
S1 IOL CL IOH VTH
FIGURE B. THRESHOLD LEVELS
tENA OE
Z 0
1.5 V 1.5 V 1.5 V
tDIS
3.5V Vth VOL*
0.2 V
0 1
Z Z
1.5 V
VOH*
0.2 V
Z
1
0V Vth VOL* Measured VOL with IOH = -10mA and IOL = 10mA VOH* Measured VOH with IOH = -10mA and IOL = 10mA
Arithmetic Logic Units
8
08/16/2000-LDS.381-P
L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
CASCADING
THE
L4C381
(of the C0 setup time, if the F register is used). The sum gives the overall input-to-output delay (or setup time) for the 32-bit configuration. This method gives a conservative result, since the C16 output is very lightly loaded. Formulas for calculation of all critical delays for a 32-bit system are shown in Figures 4A through 4D. Cascading to greater than 32 bits can be accomplished in two ways: The simplest (but slowest) method is to simply connect the C16 output of each slice to the C0 input of the next more significant slice. Propagation delays are calculated as for the 32-bit case, except that the C0 to C16 delays for all intermediate slices must be added to the overall delay for each path. A faster method is to use an external carry-lookahead generator. The P and G outputs of each slice are connected as inputs to the CLA generator, which in turn produces the C0 inputs for each slice except the least significant. The C16 outputs are not used in this case, except for the most significant one, which is the carry out of the overall system. The carry in to the system is connected to the C0 input of the least significant slice, and also to the carry lookahead generator. Propagation delays for this configuration are the sum of the time to P, G, for the least significant slice, the propagation delay of the carry lookahead generator, and the C0 to output time of the most significant slice.
Cascading the L4C381 to 32 bits is accomplished simply by connecting the C16 output of the least significant slice to the C0 input of the most significant slice. The S2-S0, OSA, OSB, ENA, ENB, and ENF lines are common to both devices. The Zero output flags should be logically ANDed to produce the Zero flag for the 32-bit result. The OVF and C16 outputs of the most significant slice are valid for the 32-bit result. Propagation delay calculations for this configuration require two steps: First determine the propagation delay from the input of interest to the C16 output of the lower slice. Add this number to the delay from the C0 input of the upper slice to the output of interest
Arithmetic Logic Units
9
08/16/2000-LDS.381-P
L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
FIGURE 4A.
FTAB = 0, FTF = 0
From Clock Clock C0 S2-S0, OSA, OSB A, B C0 S2-S0, OSA, OSB ENA, ENB, ENF Minimum cycle time
A31-A16
To (c)F (c) Other (c) Other (c) Other Setup time Setup time Setup time Setup time
= = = = = = = = =
Calculated Specification Limit Same as 16-bit case (Clock (c) C16) + (C0 (c) Out) (C0 (c) C16) + (C0 (c) Out) (S2-S0, OSA, OSB (c) C16) + (C0 (c) Out) Same as 16-bit case (C0 (c) C16) + (C0 Setup time) (S2-S0, OSA, OSB (c) C16) + (C0 Setup time) Same as 16-bit case (Clock (c) C16) + (C0 Setup time)
B15-B0
B31-B16
A15-A0
D Q
D Q
D Q
D Q
CLOCK C0, S 0 -S 2 OSA, OSB
A F
B C0
A C16
F
B C0
D Q
CLOCK 16
D Q
CLOCK
MOST SIGNIFICANT SLICE
16 F31-F16
F15-F0
LEAST SIGNIFICANT SLICE
FIGURE 4B.
FTAB = 0, FTF = 1
From Clock Clock C0 C0 S2-S0, OSA, OSB S2-S0, OSA, OSB A, B C0 S2-S0, OSA, OSB ENA, ENB, ENF Minimum cycle time To (c)F (c) Other (c)F (c) Other (c)F (c) Other Setup time Setup time Setup time Setup time = = = = = = = = = = = Calculated Specification Limit (Clock (c) C16) + (C0 (c) F) (Clock (c) C16) + (C0 (c) Out) (C0 (c) C16) + (C0 (c) F) (C0 (c) C16) + (C0 (c) Out) (S2-S0, OSA, OSB (c) C16) + (C0 (c) F) (S2-S0, OSA, OSB (c) C16) + (C0 (c) Out) Same as 16-bit case (C0 (c) C16) + (C0 Setup time) (S2-S0, OSA, OSB (c) C16) + (C0 Setup time) Same as 16-bit case (Clock (c) C16) + (C0 Setup time)
A31-A16
B31-B16
A15-A0
B15-B0
D Q
D Q
D Q
D Q
CLOCK C0, S 0 -S 2 OSA, OSB
A F
B C0
A C16 16
F
B C0
MOST SIGNIFICANT SLICE
16 F31-F16
F15-F0
LEAST SIGNIFICANT SLICE
Arithmetic Logic Units
10
08/16/2000-LDS.381-P
L4C381
DEVICES INCORPORATED
16-bit Cascadable ALU
FIGURE 4C.
FTAB = 1, FTF = 0
From To Clock (c)F A, B (c) Other C0 (c) Other S2-S0, OSA, OSB (c) Other A, B Setup time C0 Setup time S2-S0, OSA, OSB Setup time ENA, ENB, ENF Setup time Minimum cycle time (F register accumulate loop) = = = = = = = = = Calculated Specification Limit Same as 16-bit case (A, B (c) C16) + (C0 (c) Out) (C0 (c) C16) + (C0 (c) Out) (S2-S0, OSA, OSB (c) C16) + (C0 (c) Out) (A, B (c) C16) + (C0 Setup time) (C0 (c) C16) + (C0 Setup time) (S2-S0, OSA, OSB (c) C16) + (C0 Setup time) Same as 16-bit case (Clock (c) C16) + (C0 Setup time)
A31-A16
B31-B16
A15-A0
B15-B0 C0, S 0 -S 2 OSA, OSB
A F
B C0
A C16
F
B C0
D Q
CLOCK 16
D Q
CLOCK
MOST SIGNIFICANT SLICE
16 F31-F16
F15-F0
LEAST SIGNIFICANT SLICE
FIGURE 4D.
FTAB = 1, FTF = 1
From To A, B (c)F A, B (c) Other C0 (c)F C0 (c) Other S2-S0, OSA, OSB (c)F (c) Other S2-S0, OSA, OSB A, B Setup time C0 Setup time S2-S0, OSA, OSB Setup time ENA, ENB, ENF Setup time Minimum cycle time (F register accumulate loop) = = = = = = = = = = = Calculated Specification Limit (A, B (c) C16) + (C0 (c) F) (A, B (c) C16) + (C0 (c) Out) (C0 (c) C16) + (C0 (c) F) (C0 (c) C16) + (C0 (c) Out) (S2-S0, OSA, OSB (c) C16) + (C0 (c) F) (S2-S0, OSA, OSB (c) C16) + (C0 (c) Out) (A, B (c) C16) + (C0 Setup time) (C0 (c) C16) + (C0 Setup time) (S2-S0, OSA, OSB (c) C16) + (C0 Setup time) Same as 16-bit case (Clock (c) C16) + (C0 Setup time)
A31-A16
B31-B16
A15-A0
B15-B0 C0, S 0 -S 2 OSA, OSB
A F
B C0
A C16 16
F
B C0
MOST SIGNIFICANT SLICE
16 F31-F16
F15-F0
LEAST SIGNIFICANT SLICE
Arithmetic Logic Units
11
08/16/2000-LDS.381-P
7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 654321098765432121098765432109876543210987654321 7654321098765432121098765432109876543210987654321 7
68-pin
G H D C K E B A F L J
ZERO GND VCC ENF OVF CLK FTF A14 A12 A10 P
DEVICES INCORPORATED
Speed
20 ns 15 ns
-55C to +125C -- MIL-STD-883 COMPLIANT
-55C to +125C -- COMMERCIAL SCREENING
0C to +70C -- COMMERCIAL SCREENING
ORDERING INFORMATION
Plastic J-Lead Chip Carrier (J2)
A9 A10 A11 A12 A13 A14 A15 CLK VCC GND C16 P G ZERO OVF ENF FTF
68-pin
L4C381JC20 L4C381JC15
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
44 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
9
8
7
6
5
4
3
2
Top View
1 68 67 66 65 64 63 62 61 60
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
B7 B6 B5 B4 B3 B2 B1 B0 ENA ENB FTAB OSB OSA S2 S1 S0 C0
12
OE F15 F14 F13 F12 F11 F10 F9 F8 F7 F6 F5 F4 F3 F2 F1 F0
1
C16
A15
A13
A11
F15
OE
A9
A8
G
2
F13
F14
A6
A7
Ceramic Pin Grid Array (G1)
Discontinued Package
3
(i.e., Component Side Pinout)
F11
F12
A4
A5
4
16-bit Cascadable ALU
Arithmetic Logic Units
Through Package F10 A2 A3 F9
5
Top View
A0
A1
F7
F8
6
B14
B15
F5
F6
7
B12
B13
F3
F4
8
B10
B11
F1
F2
9
08/16/2000-LDS.381-P
FTAB ENB
OSA OSB
ENA
L4C381
10
C0 S1 B1 B3 B5 B8 B9
F0
11
S2 B0 B2 B4 B6 B7
S0
A8 A7 A6 A5 A4 A3 A2 A1 A0 B15 B14 B13 B12 B11 B10 B9 B8


▲Up To Search▲   

 
Price & Availability of L4C381

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X