Part Number Hot Search : 
T1206 LD505 UPD78 00010 GH1420 T1206 EA08965 LX1673
Product Description
Full Text Search
 

To Download KV1450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KV1450
VARIABLE CAPACITANCE DIODE FEATURES
s s s s s Very Low Series Resistance Excellent Linearity (CV Curve) Large Capacitance Ratio (A1 = 4.60 minimum) Two Diodes in a Miniature Package (SOT23-3) Very Small Capacitance Deviation at Tape/Reel
APPLICATIONS
s FM Radio s Voltage Controlled Oscillator
DESCRIPTION
The KV1450 variable capacitance diode was specially made to be used as tuning elements in car radios, radio cassettes, stereos, and other consumer radios. The KV1450 is suitable for wide band tuning from 76 to 108 MHz. If the KV450 is used only for FM reception, it is possible to operate it at 4.5 V so it is very useful in lowering the power demands of the set. The KV1450 is available in the miniature SOT23-3 package.
CLASSIFICATION
RANK C MIN C1 MAX 60.90 62.10 63.35 64.65 1 59.15 2 60.30 3 61.50 4 62.75
(Unit: pF)
5 64.00 65.90
KV1450
3
20 P
ORDERING INFORMATION
1 2
KV1450
Tape/Reel Code
TAPE/REEL CODE
TL: Tape Left
July 1999 TOKO, Inc.
Page 1
KV1450
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ....................................................... 18 V Forward Current .................................................... 50 mA Power Dissipation .............................................. 100 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range ...................-55 to +85 C Lead Soldering Temperature (10 s) ...................... 235 C
ELECTRICAL CHARACTERISTICS
Test conditions: TA = 25 C
SYMBOL V REV IREV C1 C6 C9 Q A1
PARAMETER Reverse Voltage Reverse Current Diode Capacitance 1 Diode Capacitance 6 Diode Capacitance 9 Quality Factor Capacitance Ratio
TEST CONDITIONS IREV = 10 A V REV = 10.0 V V REV = 1.0 V, f = 1 MHz V REV = 6.0 V, f = 1 MHz V REV = 9.0 V, f = 1 MHz V REV = 3.0 V, f = 100 MHz C1 / C9
MIN 16
TYP
MAX
UNITS V
100 59.15 17.67 10.77 60 4.60 62.50 65.90 23.54 13.26
nA pF pF pF
Note 1: Diode Capacitance measured with HP 4279A or equivalent instruments (at OSC level 20 mVrms, 5 mVrms). Note 2: Quality Factor measured with HP 4191A or equivalent instruments.
Page 2
July 1999 TOKO, Inc.
KV1450
TYPICAL PERFORMANCE CHARACTERISTICS
CAPACITANCE vs. REVERSE VOLTAGE 100 TA = 25 C f = 1 MHz CAPACITANCE (pF)
REVERSE CURRENT vs. REVERSE VOLTAGE 1n TA = 85 C TA = 55 C TA = 25 C 1p
100 p
IREV (A) 30 10 0 1 2 3 4 5 6 7 8 9 VREV (V)
10 p
100 f 0 2 4 6 8 10 12 14 16 VREV (V)
SERIES RESISTANCE vs. FREQUENCY 0.8 VREV = 3 V TA = 25 C 0.6
QUALITY FACTOR vs. REVERSE VOLTAGE 1000 TA = 25 C
f = 50 MHz
Q
100 100 MHz
70 MHz
RS ()
10
0.4 0 1 2 3 4 5 6 7 8 9 50 100 f (MHz) 300 500 VREV (V) C (TA) C (25 C)
vs. REVERSE VOLTAGE
TEMPERATURE COEFFICIENT vs. REVERSE VOLTAGE 1000 TA = -55 C to +85 C f = 1 MHz
1.05 1.04 1.03 1.02
C (25 C) C (TA)
f = 1 MHz
1.01 1.00 0.99 0.98 0.97 0.96 0.95 0 1 2 3 4
+55 C +25 C -15 C -55 C
C / TA (ppm/ C)
7 8 9
TA = +85 C
300
5
6
100 0 1 2 3 4 5 6 7 8 9 VREV (V)
VREV (V)
July 1999 TOKO, Inc.
Page 3
KV1450
PACKAGE OUTLINE
Marking Information
0.8 3 1.0
SOT23-3
Product Code
Marking 2.4
F5
e 0.95
e 0.95
1
2 0.4 e 0.95 e 0.95
+ 0.15 0.05
Recommended Mounting Pad 0.1 M
2.8
1.5
+ 0.3
0.7
1.15
1.1
0 ~ 0.1
+ 0.15 0.05
e1
0.5 2.8
+ 0.3
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 4
(c) 1999 Toko, Inc. All Rights Reserved IC-xxx-KV1471E 0798O0.0K
0.16
July 1999 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of KV1450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X