Part Number Hot Search : 
16722 LA6546H 1060CT C2120Y SC100 42S16 HMU17 PSD33
Product Description
Full Text Search
 

To Download KA9259D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA9259D(KA9259ED)
5-Channel Motor Drive IC
Features
* * * * * * 1-Phase, Full-Wave, Linear DC Motor Driver Built-in TSD (Thermal Shutdown) Circuit Built-in 5V Regulator (With An External PNP TR) Built-in Mute Circuit Built-in Loading Motor Speed Control Circuit Wide Operating Supply Voltage Range: 6V~13.2V
Description
The KA9259D is a monolithic integrated circuit, and suitable for 5-CH motor driver which drives focus actuator, tracking actuator, sled motor, spindle motor and loading motor of CD system.
28-SSOPH-375
Typical Applications
* * * * Compact Disk Player (CDP) Video Compact Disk Player (VCD) Automotive Compact Disk Player (CDP) Other Compact Disk Media
Ordering Information
Device KA9259ED Package 28-SSOPH-375 Operating Temp. -25C ~ +75C -25C ~ +75C
KA9259EDTF 28-SSOPH-375
Rev. 1.0.2
(c)2002 Fairchild Semiconductor Corporation
2
1 27 2 3 4 5 6 7 26 25 24 23 22 28 DO1.1 GND3 DO1.2 DO4.2 DI1.1 DO4.2 DI1.2 DI4.2 REB DI4.1 REO VREF MUTE VCC2 FIN (GND)
KA9259D(KA9259ED)
Pin Assignments
KA9259D
GND1
20
DI5.1
DO2.1
DO2.2
GND2
DI5.2
FIN (GND) 8 9 10 DI2 11 12 13 14
21 19 18 17 16 15
VCC1
LD CTL
DI3
DO3.2
DO3.1
DO5.2
DO5.1
KA9259D(KA9259ED)
Pin Definitions
Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Pin Name DO1.1 DO1.2 DI1.1 DI1.2 REB REO MUTE GND1 DI5.1 DI2 DO2.1 DO2.2 GND2 DI5.2 DO5.1 DO5.2 DO3.1 DO3.2 DI3 LD CTL VCC1 VCC2 VREF DI4.1 DI4.2 DO4.1 DO4.2 GND3 I/O O O I I O O I I I O O I O O O O I I I I I O O Focus Output 1(-) Focus Output 2(+) Focus Input 1 Focus Input 2 (Adjustable) Regulator Base Regulator Output, 5V Mute Ground 1 Loading Input 1 Spindle Input 2 Spindle Output (+) Spindle Output (-) Ground 2 Loading Input 2 Loading Output 1(+) Loading Output 2(-) Sled Output (-) Sled Output (+) Sled Input Loading Motor Speed Control Supply Voltage 1 Supply Voltage 2 2.5V Bias Tracking Input 1 (Adjustable) Tracking Input 2 Tracking Output 1(+) Tracking Output 2(-) Ground 3 Pin Function Description
3
KA9259D(KA9259ED)
Internal Block Diagram
LD CTL DO4.2 DO4.1 DO3.2 DO3.1 DO5.2 16 - Level shift VCC2 VCC1 DI4.2 DI4.1 DI3 FIN (GND) DO5.1 15 + 14 DI5.2 - GND3 VREF 23
28
27
26
25 10k
24
22
21
20
19
18
17
10k - + 10k TSD - + - Level shift +
- Level shift - +
+ 10k
2.5V Regulator 10k + 10k - + 10k 10k Mute 50k 10k + 50k 10k
Level shift -
1 DO1.1
2 DO1.2
3 DI1.1
4 DI1.2
5 REB
6 REO
7 MUTE FIN (GND)
8 GND1
9 DI5.1
10 DI2
11 DO2.1
DO2.2
4
GND2
-
-
+
Level shift -
12
13
+ +
COMP
KA9259D(KA9259ED)
Equivalent Circuits
Driver Input (Except For Loading Motor Driver) Driver Output
2.5V 10k
10k 1 2 11 12 15
16 17 18 27 26 20k
10 3 25 19
4 24
0.58k VREF1
Loading Motor Driver Input
Loading Motor Speed Control Input
9
14 50k 50k 50k 50k 50k 20 50k
50k 50k
50k
50k
50k
50k
50k
50k
Mute Input
Bias Input
50k 50k 7 23
50k
5
KA9259D(KA9259ED)
Absolute Maximum Ratings (Ta = 25C)
Parameter Maximum Supply Voltage Power Dissipation Operating Temperature Storage Temperature Maximum Current Output Symbol VCC MAX PD TOPR TSTG IOMAX Value 18 1.7
note
Unit V W C C A
-25 ~ +75 -55 ~ +150 1
Note: 1. When mounted on 76mm x 114mm x 1.57mm PCB (Phenolic resin material). 2. Power dissipation reduces 13.6mW / C for using above Ta=25C 3. Do not exceed Pd and SOA.
Power Dissipation Curve
Pd (mW) 3,000 2,000
1,000 0
0
25
50
75
100
125
150
175
Ambient temperature, Ta [C]
Recommended Operating Condition (Ta = 25C)
Parameter Operating Supply Voltage Symbol VCC Value 6 ~ 13.2 Unit V
6
KA9259D(KA9259ED)
Electrical Characteristics
(Ta = 25C, VCC = 8V, RL= 8, f =1kHz, unless otherwise specified) Parameter Quiescent Circuit Current Mute-on Current Mute-on Voltage Mute-off Voltage REGULATOR PART Output Voltage Load Regulation Line Regulation Input Offset Voltage Output Offset Voltage 1 Maximum Source Current 1 Maximum Sink Current 1 Maximum Output Voltage 3 Maximum Output Voltage 4 Closed-Loop Voltage Gain *Ripple Rejection Ratio *Slew Rate VREG VRL3 VCC VIO VOO1 ISOURCE1 RL=8VCC ISINK1 VOM3 VOM4 AVF RR SR RL=8GND VIN=0.7V, VCC=13V VIN=7V, VCC=13V, VIN=8V VIN=8V, VCC=13V VIN=0.1VRMS, f=120Hz 120Hz, VIN=1VRMS, Square wave VPIN9=5V, VPIN14=0V, RL=45 VPIN9=0V, VPIN14=5V, RL=45 VCTL=3.54.5V, VPIN9=5V VPIN14=0V, RL=45 VCTL=3.54.5V, VPIN9=0V VPIN14=5V, RL=45 IL=100400mA, VPIN9=5V, VPIN14=0V IL=100400mA, VPIN9=0V, VPIN14=5V VPIN9=5V, VPIN14=5V VPIN9=0V, VPIN14=0V IL=100mA IL=0200mA VCC=613V, IL=100mA 4.7 -50 -20 -15 -40 0.25 0.25 2.5 5 40 1 5.0 0 0 0.4 0.4 3.3 -5.8 6.5 60 2 5.3 50 80 15 40 4.6 -5.0 8 V mV mV mV mV A A V V dB dB V/s Symbol ICCQ IMUTE VMON VMOFF Conditions Under no-load Pin 7=GND Min. 2.5 2 Typ. 6 2.5 Max. 10 5 0.5 Unit mA mA V V
DRIVER PART (EXCEPT FOR LOADING MOTOR DRIVER)
LOADING MOTOR DRIVER PART (UNLESS OTHERWISE SPECIFIED, VCTL=OPENED) Output Voltage 1 Output Voltage 2 Output Voltage Regulation 1 (CTL) Output Voltage Regulation 2 (CTL) Load Regulation 1 Load Regulation 2 Output Offset Voltage 2 Output Offset Voltage 3 * Guaranteed design value VO1 VO2 VOCTL1 VOCTL2 VRL1 VRL2 VOO2 VOO3 2.5 2.5 0.5 0.5 -40 -40 3.1 3.1 1.0 1.0 300 300 3.8 3.8 1.5 1.5 700 700 40 40 V V V V mV mV mV mV
7
KA9259D(KA9259ED)
Application Information
1. Mute
Output driver bias
Pin #7 High Low
Mute circuit
7
Turn-off Turn-on
* When the mute pin #7 is open or the voltage of the mute pin #7 is below 0.5V, the mute circuit is activated so that the output circuit will be muted. * When the voltage of the mute pin is above 2V, the mute circuit is stopped and the output circuit is operated normally. * If the chip temperature rises above 175C, then the TSD (Thermal shutdown) circuit is activated and the output circuit is muted.
2. Tsd (Thermal Shutdown)
VREF BG Output driver bias
R11
Q11 R12
* The VREF BG is the output voltage of the band-gap-referenced biasing circuit and acts as the input voltage of the TSD circuit. * The base-emitter voltage of the TR, Q11 is designed to turn-on at below voltage. VBE = VREF BG x R12 / (R11+R12) = 400mV * When the chip temperature rises up to 175C, then the turn-on voltage of the Q11 would drop down to 400mV. Hence, the Q11 would turn on so the output circuit will be muted.
3. Regulator
5 I VREF BG D1 R1 D2 R3 CE 100F - + R2 6 KSB772 VOUT (5V) +
8
KA9259D(KA9259ED)
* The VREF BG is the output voltage of the band-gap-referenced biasing circuit and is the reference voltage of the regulator. * The external circuit is composed of the transistor, KSB772 and a capacitor, 100F, and the capacitor is used as a ripple eliminator and should have a good temperature characteristics. * The output voltage, VOUT is decided as follows. VOUT = VREF BG x 2 = 2.5 x 2 = 5V (R2 = R3) R2 = R3
4. Loading Motor Driver
20 +V COMP 9 14 + -
I + R VREF1 15 -V I + R VREF1 - Buffer Q3 - Buffer -V M 16 Q4 +V
Q1
Q2
* The input voltages of (5V and 0V) or (0V and 5V) pairs are applied to the input pin #9 and #14 respectively. * When the input voltages are applied to the input pin #9 and #14, then the output of the comparator is decided depends on the input voltage status. * As shown in the above diagram, the difference V, [VREF1 + (I x R)] - [VREF1 -(I x R)], is applied to the both terminals of the motor. The direction of the motor is decided by the voltage difference, +V and -V. * The output characteristics is as follows, - If pin # 9=5V and #14=0V, then pin # 15=+V and #16= -V, hence the motor turn in forward direction. - If pin # 9=0V and #14=5V, then pin # 15= -V and #16=+V, hence the motor turn in reverse direction. - If pin # 9=5V and #14=5V, then V=0V, hence the motor stop. - If pin # 9=0V and #14=0V, then V=0V, hence the motor stop. * When the rotation speed control of the loading motor is desired, refer to the follows.
5. Loading Motor Speed Control
VCC (8V) 50k 20 4V 50k
VCC
VCC (8V) 50k 20 4V
VCC
R
R
50k
D
* * * *
If the torque of the loading motor is too low when it is used with the pin #20 open, then it should used as the above diagram. The desired torque could be obtained by selecting the appropriate resistor R as shown in the left diagram. If it is necessary, the zener diode can be used as in the right diagram. The maximum torque is obtained when the applied voltage at pin #20 is about 6.8V (at VCC=8V).
9
KA9259D(KA9259ED)
6. Driver (Except For Loading Motor Driver)
VREF (2.5V) 3 10
+ -
AMP Level shift
-I
+ -
Buffer -V M 1 2 12 18 26 Q4 +V
Q1
Q2
19 25 10k 4 24 100k 10k +I + - Buffer Q3
11 17 27
* The voltage, VREF, is the reference voltage given by the bias voltage of the pin #23. * The input signal through the pin #3 is amplified by 10k/10k times and then fed to the level shift. * The level shift produces the current due to the difference between the input signal and the arbitrary reference signal. The current produced as +I and -I is fed into the driver buffer. * Driver Buffer operates the power Transistor of the output stage according to the state of the input signal. * The output stage is the BTL Driver and the motor is rotating in forward direction by operating TR Q1 and TR Q4. On the other hand, if TR Q2 and TR Q3 is operating, the motor is rotating in reverse direction. * When the input voltage through the pin #3 is below the VREF, then the direction of the motor in forward direction. * When the input voltage through the pin #3 is above the VREF, then the direction of the motor in reverse direction. * If it is desired to change the gain, then the pin #4 or #24 can be used. When the bias voltage of the pin #23 is below 1.4V, then the output circuit is muted. Hence for the normal operation, the bias voltage should be used in 1.6V~6.5V.
7. Connect a by-pass capacitor, 0.1f between the supply voltage source.
VCC2 22 VCC1 21 104
1. Radiation fin is connecting to the internal GND of the package. 2. Connect the fin to the external GND.
10
KA9259D(KA9259ED)
Typical Perfomance Charateristics
1 6 1 4
7 6 5 Imute [mA] 4 3 2 1 0
Icc[mA]
1 0 8 6 4 2 0 4 6 8 1 0
1 2
Vcc=vari pin23=2.5
Imute[mA]
Vcc=vari
4 6 8 10 12 14 16 18 20
Vcc[v]
1 2
1 4
1 6
1 8
2 0
Vcc[V] Figure 1. VCC vs. ICC
6.0 5.5 5.0
1000 900 800
Figure 2. VCC vs. Imute
Vreg[V]
4.5 4.0 3.5 3.0 3 5 7
Isink[mA]
700 600 500 400 300
Vcc=vari pin23=2.5 RL=8
9 11 13 15
Vcc=vari pin23=2.5 RL=8
4 6 8
Vcc[V]
Vcc[V]
10
12
14
16
Figure 3. VCC vs. Vreg
7.5 7.0 6.5 6.0 5.5 5.0 4 6 8
4.5 4.0 3.5
Figure 4. VCC vs. ISink
Avf[mA]
Vcc=vari pin23=2.5 RL=8
Vom[mA]
3.0 2.5 2.0
Vcc=vari
pin23=2.5
4 6 8 10 12 14 16
Vcc[V]
10
12
14
16
Vcc[V]
Figure 5. VCC vs. Avf
Figure 6. VCC vs. Vom
11
KA9259D(KA9259ED)
Test Circuits
SW13 8 SW12
3 2 1
VCC 8 SW14 8 3 2 1 VCC 8 3 2 1 VCC 28 27 26 25 24 23 22 21 20 19 18 17 16 15 8 SW21 3 8 SW19 TRACKING ~ 10F Ripple ~ 100F + 2+ + 1 SW17 2.5V 2 3 20 3 SW16 2+ 10F 1 SW15 IL 8 1 VCC 45 SW11 3 2 SW20 VCC 8 CTL SLED ~ SW9 VCC 1 3 2 1 VCC SW10 3 2
1 SW18
GND3 DO4.2 DO4.1 DI4.2 DI4.1 VREF VCC2
VCC1 LD ctl DI3
DO3.2 DO3.1 DO5.2 DO5.1
KA9259D
DO1.1 DO1.2 DI1.1 DI1.2 REB 1 VCC 1 2 8 3 8 +2 + VCC SW3 1 2 3 8 8 3 SW2 ~ Focus IL 100F Spindle Loading forwaed SW1 SW4 1 2 3 4 5 REO 6 VCC VCC Mute 1 SW5 +2 SW7 8 8 VCC SW6 SW8 1 2 1 2 3 Loading reverse MUTE 7 GND 8 DI5.1 DI2 9 10 DO2.1 DO2.2 GND2 DI5.2 11 12 13 14
3 KSB772
3
~
12
KA9259D(KA9259ED)
Application Circuits
SERVO PRE-AMP
CONTROLLER
FOUCS
TRACKING
BIAS
SLED
SPINDLE
CONTROL
FORWARD
REVERSE
TRACKING ACTUATOR
VCC
SLED MOTOR M
LOADING MOTOR M
102
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND3 DO4.2 DO4.1 DI4.2
DI4.1 VREF VCC2
VCC1 LD ctl
DI3 DO3.2 DO3.1 DO5.2 DO5.1
KA9259D
DO1.1 DO1.2 DI1.1 DI1.2 1 2 3 4 REB 5 REO 6 VCC MUTE 7 GND 8 DI5.1 9 DI2 10 DO2.1 DO2.2 GND2 DI5.2 11 12 13 14
KSB772 FOCUS ACTUATOR 100F
5V out +
M MUTE Low: ON High: OFF SPINDLE MOTOR
13
KA9259D(KA9259ED)
Mechanical Dimensions
Package
28-SSOPH-375
MIN 0.05 0.002 2.20 0.20 0.087 0.008 #28 1.20 ) 0.047 18.80 MAX 0.740 18.40 0.20 0.724 0.008 #14 #15 10.00 0.30 0.394 0.012
+0.10 0.25 -0.05 +0.004 0.010 -0.002
#1
2.50 MAX 0.098 MAX0.10 MAX0.004
7.50 0.20 0.295 0.008
0.80 0.20 0.031 0.008
14
0~ 8
9.53 0.375
0.80 0.031
0.40 0.10 0.016 0.004
(
KA9259D(KA9259ED)
15
KA9259D(KA9259ED)
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 9/13/02 0.0m 001 Stock#DSxxxxxxxx 2002 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of KA9259D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X