Part Number Hot Search : 
SMAJ50 5KE100A CMBT5400 DMN20 B7221 D7682 1THAV S6203
Product Description
Full Text Search
 

To Download IPB15N03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPP15N03L IPB15N03L OptiMOS(R) Buck converter series
Feature
* N-Channel
Product Summary VDS RDS(on) max. SMD version ID
P- TO263 -3-2
30 12.6 42
P- TO220 -3-1
V m A
* Logic Level * Low On-Resistance RDS(on) * Excellent Gate Charge x RDS(on) product (FOM)
* Superior thermal resistance
* 175C operating temperature * Avalanche rated * dv/dt rated * Ideal for fast switching buck converters
Type IPP15N03L IPB15N03L
Package
Ordering Code
Marking 15N03L 15N03L
P- TO220 -3-1 Q67042-S4039 P- TO263 -3-2 Q67040-S4344
Maximum Ratings, at Tj = 25 C, unless otherwise specified Parameter Symbol Continuous drain current1)
TC=25C
Value 42 42
Unit A
ID
Pulsed drain current
TC=25C
I D puls EAS EAR dv/dt VGS Ptot T j , Tstg
168 20 8 6 20 83 -55... +175 55/175/56 kV/s V W C mJ
Avalanche energy, single pulse
ID=20A, VDD=25V, RGS=25
Repetitive avalanche energy, limited by Tjmax2) Reverse diode dv/dt
IS=42A, VDS=-V, di/dt=200A/s, Tjmax=175C
Gate source voltage Power dissipation
TC=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2003-01-17
IPP15N03L IPB15N03L
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - case SMD version, device on PCB:
@ min. footprint @ 6 cm2 cooling area 3)
Symbol min. RthJC RthJA -
Values typ. 1.2 max. 1.8 62 40
Unit
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
V GS=0V, I D=1mA
Symbol min. V(BR)DSS VGS(th) I DSS I GSS RDS(on) RDS(on) 30 1.2
Values typ. 1.6 max. 2
Unit
V
Gate threshold voltage, VGS = VDS
ID=40A
Zero gate voltage drain current
V DS=30V, V GS=0V, Tj=25C V DS=30V, V GS=0V, Tj=125C
A 0.01 10 1 1 100 100 nA m 14.9 14.5 10.3 9.9 19.9 19.6 12.9 12.6
Gate-source leakage current
V GS=20V, VDS=0V
Drain-source on-state resistance
V GS=4.5V, ID=21A V GS=4.5V, ID=21A, SMD version
Drain-source on-state resistance
V GS=10V, ID=21A V GS=10V, ID=21A, SMD version
1Current limited by bondwire ; with an R thJC = 1.8K/W the chip is able to carry I D= 64A at 25C, for detailed information see app.-note ANPS071E available at www.infineon.com/optimos 2Defined by design. Not subject to production test. 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2
2003-01-17
IPP15N03L IPB15N03L
Electrical Characteristics Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Gate resistance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Output charge Gate plateau voltage Reverse Diode Inverse diode continuous forward current Inv. diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge ISM VSD trr Qrr
VGS =0V, I F=42A VR =-V, IF=lS, diF /dt=100A/s
Symbol
Conditions min.
Values typ. 42 850 330 90 1 6.5 20 24 14.5 max. -
Unit
g fs Ciss Coss Crss RG t d(on) tr t d(off) tf
V DS2*I D*RDS(on)max, ID=42A V GS=0V, V DS=25V, f=1MHz
21 -
S
1130 pF 330 130 9.8 30 36 21.8 ns
V DD=15V, VGS=10V, ID=21A, RG=7.8
Q gs Q gd Qg Q oss
V DD=15V, ID=21A
-
2.7 7.4 12.7 12.2 3.5
3.6 9.3 15.9 15.3 -
nC
V DD=15V, ID=21A, V GS=0 to 5V V DS=15V, ID=21A, V GS=0V
nC V
V(plateau) V DD=15V, ID=21A
IS
TC=25C
-
0.95 24 18
42 168
A
1.25 V 31 23 ns nC
Page 3
2003-01-17
IPP15N03L IPB15N03L
1 Power dissipation Ptot = f (TC)
100
IPP15N03L
2 Drain current ID = f (TC) parameter: V GS 10 V
50
IPP15N03L
W
A
80 70 60 50 40 30 20 10 0 0 100 120 140 160 C 190
40 35
P tot
ID
20 40 60 80
30 25 20 15 10 5 0 0
20
40
60
80
100 120 140 160 C 190
TC
TC
3 Safe operating area ID = f ( V DS ) parameter : D = 0 , TC = 25 C
10
3 IPP15N03L
4 Max. transient thermal impedance ZthJC = f (t p) parameter : D = t p/T
10 1
IPP15N03L
K/W A
tp = 8.8s 10 s
10 0
ID
DS
/I
10
D
2
ZthJC
100 s
10 -1
R
DS (on )
=
V
D = 0.50 10
-2
0.20 0.10
10
1 1 ms
0.05 10 -3 single pulse 0.02 0.01
10 ms
DC
10 0 -1 10
10
0
10
1
V
10
2
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
VDS
Page 4
tp
2003-01-17
IPP15N03L IPB15N03L
5 Typ. output characteristic ID = f (VDS); Tj=25C parameter: tp = 80 s
110
IPP15N03L Ptot = 83W
6 Typ. drain-source on resistance RDS(on) = f (ID) parameter: V GS
IPP15N03L
65
A
90 80
gf
VGS [V] a 3.0
m
55
b
c
d
e
b c d
3.5 4.0 4.5 5.0 5.5 6.0
RDS(on)
50 45 40 35 30
ID
70 60 50 40 30
c d
e f g
25 20 15
e g
d 4.5 e f 5.0 5.5 g 6.0
20 10 0 0 0.5 1 1.5 2 2.5 3 3.5
b
f
10 V [V] = GS
a
5 4
b 3.5
c 4.0
V
5
0 0
10
20
30
40
50
A
70
VDS
ID
7 Typ. transfer characteristics ID= f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 80 s
100
8 Typ. forward transconductance g fs = f(ID); Tj=25C parameter: gfs
50
A
80 70 60 50 40 30 20 10 0 0
S
40 35
gfs
30 25 20 15 10 5 0 0 1 2 3 4 6
ID
V VGS
10
20
30
40
50
60
70
80
A 100 ID
Page 5
2003-01-17
IPP15N03L IPB15N03L
9 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 21 A, VGS = 10 V
IPP15N03L
10 Typ. gate threshold voltage VGS(th) = f (Tj) parameter: V GS = VDS
2.5
m
30
V
24
RDS(on)
22 20 18 16 14 12 10 8 6 4 2 0 -60 -20 20 60 100 140
C
V GS(th)
0.8mA
1.5
40uA
98% 1
typ
0.5
200
0 -60
-20
20
60
100
C Tj
180
Tj
11 Typ. capacitances C = f (VDS) parameter: V GS=0V, f=1 MHz
10
4
12 Forward character. of reverse diode IF = f (VSD) parameter: Tj , tp = 80 s
10 3
IPP15N03L
V
A
Ciss
10 3
10 2
Coss
pF
Crss
10 2
IF
10 1 Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%) 10 0 0
10 1 0
5
10
15
20
V
30
0.4
0.8
1.2
1.6
2
2.4 V
3
VDS
VSD
Page 6
2003-01-17
IPP15N03L IPB15N03L
13 Typ. avalanche energy EAS = f (Tj) par.: ID = 20 A, VDD = 25 V, RGS = 25
20
15 Drain-source breakdown voltage V(BR)DSS = f (Tj ) parameter: ID=10 mA
IPP15N03L
36
mJ
16
V
V(BR)DSS
34 33 32
E AS
14 12 10
31 8 30 6 4 2 0 25 29 28 27 -60
45
65
85
105
125
145
C 185 Tj
-20
20
60
100
140
C
200
Tj
14 Typ. gate charge VGS = f (QGate ) parameter: ID = 21 A pulsed
IPP15N03L
16
V
12
VGS
10
0.2 VDS max
8 0.5 VDS max
0.8 VDS max
6
4
2
0 0
4
8
12
16
20
24
28 nC
34
Q Gate
Page 7
2003-01-17
IPP15N03L IPB15N03L
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 8
2003-01-17


▲Up To Search▲   

 
Price & Availability of IPB15N03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X