|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDTQS3251 HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX INDUSTRIAL TEMPERATURE RANGE QUICKSWITCH(R) PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX FEATURES: * * * * * * * IDTQS3251 Enhanced N channel FET with no inherent diode to Vcc 5 bidirectional switches connect inputs to outputs Pin compatible with the 74F251, 74FCT251, and 74FCT251T Zero propagation delay, zero ground bounce Undershoot clamp diodes on all switch and control inputs TTL-compatible control inputs Available in SOIC and QSOP packages DESCRIPTION: The QS3251 is a high-speed CMOS TTL-compatible 8:1 multiplexer/ demultiplexer. The QS3251 has 3-state outputs. The QS3251 is a function and pinout compatible version of the 74F251, 74FCT251 and the 74ALS/ AS/LS251 8:1 multiplexers. The low ON resistance of the QS3251 allows inputs to be connected to outputs without adding propagation delay and without generating additional ground bounce noise. Mux/Demux devices provide an order of magnitude faster speed than equivalent logic devices. The QS3251 is characterized for operation at -40C to +85C. APPLICATIONS: * * * * Logic replacement Video, audio, graphics switching, muxing Hot-swapping, hot-docking Voltage translation (5V to 3.3V) FUNCTIONAL BLOCK DIAGRAM S0 S1 S2 E I0 I1 I2 Y I3 I4 I5 I6 I7 The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 c 2000 Integrated Device Technology, Inc. FEBRUARY 2000 DSC-5754/1 IDTQS3251 HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS(1) Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX TSTG Description Supply Voltage to Ground DC Switch Voltage Vs DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA = 85C) Storage Temperature Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 0.5 -65 to +150 Unit V V V V mA W C I3 I2 I1 I0 Y NC E GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC I4 I5 I6 I7 S0 S1 S2 NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc terminals. 3. All terminals except Vcc. CAPACITANCE (TA = +25C, f = 1MHz, VIN = 0V, VOUT = 0V) Pins Control Inputs Quickswitch Channels (Switch OFF) Demux Mux Typ. 4 5 21 Max. (1) 5 7 23 Unit pF pF SOIC/ QSOP TOP VIEW NOTE: 1. This parameter is guaranteed but not production tested. PIN DESCRIPTION Pin Names I0 - I7 S0 - S2 E Y I/O I I I O Data Inputs Select Inputs Enable Input Data Output Description FUNCTION TABLE(1) Select E H L L L L L L L L S2 X L L L L H H H H S1 X L L H H L L H H S0 X L H L H L H L H Y Hi-Z I0 I1 I2 I3 I4 I5 I6 I7 Function Disable S2 - S 0 = 0 S2 - S 0 = 1 S2 - S 0 = 2 S2 - S 0 = 3 S2 - S 0 = 4 S2 - S 0 = 5 S2 - S 0 = 6 S2 - S 0 = 7 NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedence 2 IDTQS3251 HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5% Symbol VIH VIL IIN IOZ RON VP Parameter Input HIGH Level Input LOW Level Input LeakageCurrent (Control Inputs) Off-State Output Current (Hi-Z) Switch ON Resistance(2) Pass Voltage(3) Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V VIN VCC 0V VOUT VCC VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION =15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- -- -- 3.7 Typ.(1) -- -- -- -- 5 10 4 Max. -- 0.8 1 1 7 15 4.2 Unit V V A A V NOTES: 1. Typical values are at VCC = 5.0V, TA = 25C. 2. RON is guaranteed but not production tested. 3. Pass Voltage is guaranteed but not production tested. TYPICAL ON RESISTANCE vs VIN AT VCC = 5V RON (ohms) 16 14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 VIN (Volts) 3 IDTQS3251 HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX INDUSTRIAL TEMPERATURE RANGE POWER SUPPLY CHARACTERISTICS Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Control Input HIGH (2) Dynamic Power Supply Current per MHz(3) Test Conditions(1) VCC = Max., VIN = GND or Vcc, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., I and Y pins open Control Inputs Toggling at 50% Duty Cycle NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TLL driven input (VIN = 3.4V, control inputs only). I and Y pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The I and Y inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested. Max. 3 1.5 0.25 Unit A mA mA/MHz SWITCHING CHARACTERISTICS OVER OPERATING RANGE TA = -40C to +85C, VCC = 5.0V 5%; CLOAD = 50pF, RLOAD = 500 unless otherwise noted. Symbol tPLH tPHL tPZL tPZH tPZL tPZH tPLZ tPHZ Data Propagation Delay (2,3) Ix to Y Switch Turn-on Delay Sx to Y Switch Turn-on Delay E to Y Switch Turn-off Delay (2) E to Y, Sx to Y 0.5 -- 6 ns Parameter Min. (1) -- 0.5 0.5 Typ. -- -- -- Max. 0.25 6.6 6 Unit ns ns ns NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 4 IDTQS3251 HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION IDTQS XXXXX Device Type XX Package S1 Q Small Outline IC Quarter Size Outline Package 3251 High Speed CMOS Quickswitch 8:1 Mux/Demux CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 5 |
Price & Availability of IDTQS3251 |