Part Number Hot Search : 
LC9946 98TK200 LCX08MTC ZY24GP SLD104AV SM8133BB CCK200 M710B1
Product Description
Full Text Search
 

To Download HMBT5089 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6816 Issued Date : 1993.08.26 Revised Date : 2002.10.25 Page No. : 1/3
HMBT5089
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HMBT5089 is designed for low noise, high gain, general purpose amplifier applications.
Absolute Maximum Ratings
SOT-23
* Maximum Temperatures Storage Temperature ........................................................................................... -55 ~ +150 C Junction Temperature.................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 225 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ......................................................................................... 30 V VCEO Collector to Emitter Voltage...................................................................................... 25 V VEBO Emitter to Base Voltage........................................................................................... 4.5 V IC Collector Current ......................................................................................................... 50 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 *hFE3 fT Cob Min. 30 25 4.5 400 450 400 50 Typ. Max. 50 100 500 800 1200 4.0 Unit V V V nA nA mV mV Test Conditions IC=100uA IC=1mA IE=10uA VCB=15V VEB=4.5V IC=10mA, IB=1mA IC=10mA, IB=1mA VCE=5V, IC=0.1mA VCE=5V, IC=1mA VCE=5V, IC=10mA VCE=5V, IC=0.5mA, f=20MHz VCB=5V, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz pF
HMBT5089
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 hFE @ VCE=5V 10000
Spec. No. : HE6816 Issued Date : 1993.08.26 Revised Date : 2002.10.25 Page No. : 2/3
Saturation Voltage & Collector Current
Saturation Voltage (mV)
Current Gain-hFE
100
1000
VCE(sat) @ IC=10IB 100
10
1 0.1 1 10 100 1000 10000
10 0.1 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
On Voltage & Collector Current
10000 10
Capacitance & Reverse-Biased Voltage
On Voltage (mV)
1000 VBE(on) @ VCE=5V
Capacitance (pF)
Cob
1
100 0.1 1 10 100 1000 10000
0.1 0.1
1
10
100
Collector Current-IC (mA)
Reverse-Biased Voltage (V)
Cutoff Frequency & Collector Current
1000 10000
Safe Operating Area
PT=1ms 1000
Cutoff Frequence (MHz)
Collector Current (mA)
PT=100ms PT=1s 100
VCE=5V 100
10
10 1 10 100
1 1 10 100
Collector Current-IC (mA)
Forward Voltage (v)
HMBT5089
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-23 Dimension
Spec. No. : HE6816 Issued Date : 1993.08.26 Revised Date : 2002.10.25 Page No. : 3/3
A L
Marking:
3 BS 1 V G 2
1R
Rank Code Control Code
3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N
C
D
H
K
J
Style: Pin 1.Base 2.Emitter 3.Collector *: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HMBT5089
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMBT5089

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X