Part Number Hot Search : 
MAX3969 MB1505G MB3829 AN4470 LA7629 SF5511 M3R23TAJ 60101
Product Description
Full Text Search
 

To Download HFA1149EVAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFA1149
TM
Data Sheet
June 2000
File Number
4304.3
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
The HFA1149 is a high speed, low power, current feedback amplifier built with Intersil's proprietary complementary bipolar UHF-1 process. This amplifier features a unique combination of power and performance specifically tailored for video applications. The HFA1149 incorporates an output disable pin which is TTL/CMOS compatible, and user programmable for polarity (active high or low). This feature eliminates the inverter required between amplifiers in multiplexer configurations. The ultra-fast (12ns/20ns) disable/enable times make the HFA1149 the obvious choice for pixel switching and other high speed multiplexing applications. The HFA1149 is a high performance, pin compatible upgrade for the popular HA-5020 and HFA1145, as well as the CLC410. For a comparably performing op amp without an output disable, please refer to the HFA1109 data sheet.
Features
* Wide - 3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 450MHz * Gain Flatness (To 250MHz) . . . . . . . . . . . . . . . . . . . 0.8dB * Very Fast Slew Rate (AV = +2) . . . . . . . . . . . . . . 1100V/s * High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 1.7M * Differential Gain/Phase. . . . . . . . . . . 0.02%/0.02 Degrees * Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 10mA * Fast Output Disable/Enable . . . . . . . . . . . . . . . 12ns/20ns
Applications
* Professional Video Processing * Video Switchers and Routers * Medical Imaging * PC Multimedia Systems * Video Pixel Switching * Video Distribution Amplifiers
Ordering Information
PART NUMBER (BRAND) HFA1149IB (H1149) HFA11XXEVAL TEMP. RANGE (oC) -40 to 85 PACKAGE 8 Ld SOIC PKG. NO. M8.15
* Flash Converter Drivers * Radar/IF Processing
HFA1149 PIN DESCRIPTIONS PIN NAME DESCRIPTION Optional Logic Threshold Set. Maintains disable pin TTL compatibility with asymmetrical supplies (e.g., +10V, 0V). Defines Polarity of Disable Input. High or floating selects active low disable (i.e., DIS). TTL Compatible Disable Input. Output is driven to a true Hi-Z state when active. Polarity depends on state of Polarity Set Pin.
DIP Evaluation Board for High Speed Op Amps
Threshold Set
Pinout
HFA1149 (SOIC) TOP VIEW
THRESHOLD SET 1 -IN 2 +IN 3 V- 4 + 8 DIS / DIS 7 V+ 6 OUT 5 POLARITY SET
Polarity Set DIS/DIS
HFA1149 DISABLE FUNCTIONALITY POLARITY SET (PIN 5) High or Float High or Float Low Low DISABLE (PIN 8) High or Float Low High or Float Low OUTPUT (PIN 6) Enabled Disabled Disabled Enabled
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. | Copyright (c) Intersil Corporation 2000
HFA1149
Absolute Maximum Ratings
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V DC Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY 1V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V Output Current (Note 2) . . . . . . . . . . . . . . . . Short Circuit Protected 30mA Continuous 60mA 50% Duty Cycle ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . 1000V Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . 1000V Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . . 50V
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160 Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on an evaluation PC board in free air. 2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however, continuous (100% duty cycle) output current must not exceed 30mA for maximum reliability.
Electrical Specifications
VSUPPLY = 5V, AV = +2, RF = 250, RL = 100, Unless Otherwise Specified (NOTE 3) TEST LEVEL TEMP. (oC)
PARAMETER INPUT CHARACTERISTICS Input Offset Voltage
TEST CONDITIONS
MIN
TYP
MAX
UNITS
A A
25 Full Full 25 Full 25 Full 25 Full Full 25 Full 25 Full Full 25 Full 25 Full 25, 85 -40 25 25 Full
47 45 50 47 0.8 0.5 2
1 2 10 50 48 53 51 4 5 30 0.5 0.5 2 3 40 3 3 1.6 1.6 1.7 1.4 60 1.6 2.5
5 8 10 15 1 3 10 15 6 8 5 8 -
mV mV V/oC dB dB dB dB A A nA/oC A/V A/V A A nA/oC A/V A/V A/V A/V M M pF V
Average Input Offset Voltage Drift Input Offset Voltage Common-Mode Rejection Ratio Input Offset Voltage Power Supply Rejection Ratio Non-Inverting Input Bias Current VCM = 2V VCM = 2V VPS = 1.25V VPS = 1.25V
B A A A A A A
Non-Inverting Input Bias Current Drift Non-Inverting Input Bias Current Power Supply Sensitivity Inverting Input Bias Current VPS = 1.25V VPS = 1.25V
B A A A A
Inverting Input Bias Current Drift Inverting Input Bias Current Common-Mode Sensitivity Inverting Input Bias Current Power Supply Sensitivity Non-Inverting Input Resistance VCM = 2V VCM = 2V VPS = 1.25V VPS = 1.25V VCM = 2V VCM = 2V Inverting Input Resistance Input Capacitance Input Voltage Common Mode Range (Implied by VIO CMRR, +RIN, and -IBIAS CMS tests)
B A A A A A A B B A
2
HFA1149
Electrical Specifications
VSUPPLY = 5V, AV = +2, RF = 250, RL = 100, Unless Otherwise Specified (Continued) (NOTE 3) TEST LEVEL B B B TEMP. (oC) 25 25 25
PARAMETER Input Noise Voltage Density (Note 5) Non-Inverting Input Noise Current Density (Note 5) Inverting Input Noise Current Density (Note 5) TRANSFER CHARACTERISTICS Open Loop Transimpedance Gain (Note 5) Minimum Stable Gain AC CHARACTERISTICS -3dB Bandwidth (VOUT = 0.2VP-P, Note 5)
TEST CONDITIONS f = 100kHz f = 100kHz f = 100kHz
MIN -
TYP 4 2.4 40
MAX -
UNITS nV/Hz pA/Hz pA/Hz
B B
25 Full
-
500 1
-
k V/V
AV = -1, RF = 200 AV = +1, +RS = 700 AV = +2
B B B B B B
25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full
300 290 280 260 390 350 -1.0 -1.1 -1.6 -1.7 -1.9 -2.2 0.3 0.4 0.8 0.9 1.3 1.4 3 2.8 33 30 -
375 360 330 320 450 410 0 0 -0.45 -0.45 -0.75 -0.75 -0.85 -0.85 0.1 0.1 0.35 0.35 0.6 0.6 3.2 3 36 33 120 0.05 -55 -57 -68 -60 -65
0.2 0.5 -
MHz MHz MHz MHz MHz MHz dB dB dB dB dB dB dB dB dB dB dB dB dB dB
Gain Peaking
AV = +2, VOUT = 0.2VP-P To 125MHz
B B
Gain Flatness (AV = +2, VOUT = 0.2VP-P, Note 5)
B B
To 200MHz
B B
To 250MHz
B B
Gain Flatness To 125MHz AV = +1, +RS = 700, VOUT = 0.2VP-P (Note 5) To 200MHz
B B B B
To 250MHz
B B
OUTPUT CHARACTERISTICS Output Voltage Swing, Unloaded (Note 5) Output Current (Note 5) Output Short Circuit Current Closed Loop Output Resistance (Note 5) Second Harmonic Distortion (VOUT = 2VP-P, Note 5) Third Harmonic Distortion (VOUT = 2VP-P, Note 5) Reverse Isolation (S12) TRANSIENT CHARACTERISTICS Rise and Fall Times VOUT = 0.5VP-P B B 25 Full 1.1 1.1 1.3 1.4 ns ns AV = -1, RL = AV = -1, RL = 75 AV = -1 DC, AV = +1, Enabled 20MHz 60MHz 20MHz 60MHz 30MHz A A A A B B B B B B B 25 Full 25, 85 -40 25 25 25 25 25 25 25 V V mA mA mA dBc dBc dBc dBc dB
3
HFA1149
Electrical Specifications
VSUPPLY = 5V, AV = +2, RF = 250, RL = 100, Unless Otherwise Specified (Continued) (NOTE 3) TEST LEVEL B B Slew Rate AV = -1, RF = 200 VOUT = 5VP-P AV = +1, VOUT = 4VP-P, +RS = 700 AV = +2, VOUT = 5VP-P Settling Time (VOUT = +2V to 0V step, Note 5) To 0.1% To 0.05% To 0.01% Overdrive Recovery Time VIDEO CHARACTERISTICS Differential Gain (f = 3.58MHz) RL = 150 RL = 75 Differential Phase (f = 3.58MHz) RL = 150 RL = 75 POWER SUPPLY CHARACTERISTICS Power Supply Range Power Supply Current (Note 4) C A A 25 25 Full 4.5 9.6 10 5.5 10 11 V mA mA B B B B B B B B 25 Full 25 Full 25 Full 25 Full 0.02 0.03 0.04 0.05 0.02 0.02 0.05 0.06 0.06 0.09 0.09 0.12 0.06 0.06 0.09 0.13 % % % % Degrees Degrees Degrees Degrees VIN = 2V B B B B B B B B B B TEMP. (oC) 25 Full 25 Full 25 Full 25 Full 25 25 25 25
PARAMETER Overshoot
TEST CONDITIONS VOUT = 0.5VP-P
MIN 2300 2200 475 430 940 800 -
TYP 0 0.5 2600 2500 550 500 1100 950 19 23 36 5
MAX 2 5 -
UNITS % % V/s V/s V/s V/s V/s V/s ns ns ns ns
HFA1149 DISABLE CHARACTERISTICS Polarity Set = Floating, Threshold Set = Floating, Unless Otherwise Specified Disabled Supply Current Digital Input Logic Low (Note 4) Digital Input Logic High (Note 4) VDIS = 0V A A A A Digital Input Logic Low Current (Note 4) Digital Input Logic High Current (Note 4) Output Disable Time (Note 5) Output Enable Time (Note 5) Disabled Output Capacitance Disabled Output Leakage Off Isolation (VDIS = 0V, VIN = 1VP-P, Note 5) NOTES: 3. Test Level: A. Production tested; B. Typical or guaranteed limit based on characterization; C. Design Typical for information only. 4. Digital inputs are Polarity Set and DIS / DIS. 5. See Typical Performance Curves for more information. VDIGITAL = 0V VDIGITAL = 5V VIN = 0.5V, VDIS = 2.4V to 0V VIN = 0.5V, VDIS = 0V to 2.4V VDIS = 0V VDIS = 0V, VIN = VOUT = 3V At 10MHz At 30MHz 2V, A A B B B A B B Full Full 25 Full Full Full 25 25 25 Full 25 25 2.0 2.2 2.8 100 1 12 20 2.5 3 -64 -54 3.5 0.8 200 15 10 mA V V V A A ns ns pF A dB dB
4
HFA1149 Application Information
Optimum Feedback Resistor
Although a current feedback amplifier's bandwidth dependency on closed loop gain isn't as severe as that of a voltage feedback amplifier, there can be an appreciable decrease in bandwidth at higher gains. This decrease may be minimized by taking advantage of the current feedback amplifier's unique relationship between bandwidth and RF. All current feedback amplifiers require a feedback resistor, even for unity gain applications, and RF, in conjunction with the internal compensation capacitor, sets the dominant pole of the frequency response. Thus, the amplifier's bandwidth is inversely proportional to RF. The HFA1149 design is optimized for a 250 RF at a gain of +2. Decreasing RF decreases stability, resulting in excessive peaking and overshoot (Note: Capacitive feedback will cause the same problems due to the feedback impedance decrease at higher frequencies). At higher gains the amplifier is more stable, so RF can be decreased in a trade-off of stability for bandwidth.
TABLE 1. OPTIMUM FEEDBACK RESISTOR GAIN (ACL) -1 +1 +2 +5 +10 RF () 200 250 (+RS = 700) 250 100 90 BANDWIDTH (MHz) 375 330 450 160 70
The DIS / DIS input is TTL compatible, and unlike most competitive devices, the TTL compatibility can be maintained when the HFA1149 is operated at supplies other than 5V (see the "Threshold Set input" section below). An internal resistive bias network ensures that the DIS / DIS pin is pulled high if it is undriven on the PCB.
Polarity Set Input
A novel feature of the HFA1149 is the polarity programmability of the disable control pin (DIS / DIS). Depending on the state of the Polarity Set input (pin 5), the designer can define the active state to be high or low for the DIS / DIS input (see the "HFA1149 Disable Functionality" table on the front page). With this feature, a 2:1 multiplexer can be created by defining one amplifier's disable control as active low (Polarity Set = High or floating), and the other amplifier's control as active high (Polarity Set = Low). Note that if the Polarity Set pin is left floating, an internal pull-up resistor pulls the pin high, and the HFA1149 becomes a drop-in replacement for any standard 5V supply op amp with output disable (e.g., CLC410, CLC411, CLC430, HA-5020, HFA1145, AD810). Likewise, if the disable and polarity set pins are both floated, the HFA1149 works just like a standard op amp (i.e., the output is always enabled).
Threshold Set Input for TTL Compatibility
The HFA1149 derives an internal threshold reference for the digital circuitry as long as the power supplies are nominally 5V. This reference is used to ensure the TTL compatibility of the DIS / DIS and Polarity Set inputs. With symmetrical 5V supplies the Threshold Set pin (Pin 1) must be floated to guarantee TTL compatibility. If asymmetrical supplies (e.g., +10V, 0V) are utilized, and TTL compatibility is desired, the Threshold Set pin must be connected to an external voltage (e.g., GND for +10V, 0V operation). The following equation should be used to determine the voltage (VTHSET) to be applied to the Threshold Set pin:
VV THSET = 1.58 ( V DIGTH + 1.6V ) - ----- - 0.46 ( V+ ), 8
Table 1 lists recommended RF values, and the expected bandwidth, for various closed loop gains. For a gain of +1, a resistor (+RS) in series with +IN is required to reduce gain peaking and increase stability
Output Disable Function
The HFA1149 incorporates an output disable function that is useful for reducing power dissipation or for multiplexing signals onto a common analog bus. When disabled, the inverting input and the output become high impedances (however, the feedback network for gains other than +1 still present a load to ground from the output), the supply current reduces by 68%, and the input to output isolation becomes greater than 60dB. The amplifier is disabled by driving the DIS / DIS input to its active state. The active state of the DIS / DIS input is user programmable via the HFA1149's Polarity Set input (see next paragraph). If the Polarity Set input is left floating, or is tied to a logic high (e.g., V+), then the disable function is activated by a logic low on the DIS / DIS input (typical of most output disable op amps). If the Polarity Set input is connected to a logic low (e.g., GND), then a logic high on the DIS / DIS input disables the amplifier.
where VDIGTH is the desired switching point (typically 1.4V for TTL compatibility) of the Polarity Set and DIS / DIS inputs. Figure 1 illustrates the input impedance of the Threshold Set pin for calculating the input current at a given VTHSET.
V+ 7k VTHSET 3k 25k
V-
FIGURE 1. THRESHOLD SET INPUT IMPEDANCE
5
HFA1149 PC Board Layout
The frequency response of this amplifier depends greatly on the care taken in designing the PC board. The use of low inductance components such as chip resistors and chip capacitors is strongly recommended, while a solid ground plane is a must! Attention should be given to decoupling the power supplies. A large value (10F) tantalum in parallel with a small value (0.1F) chip capacitor works well in most cases. Terminated microstrip signal lines are recommended at the input and output of the device. Capacitance directly on the output must be minimized, or isolated as discussed in the next section. Care must also be taken to minimize the capacitance to ground seen by the amplifier's inverting input (-IN). The larger this capacitance, the worse the gain peaking, resulting in pulse overshoot and possible instability. Thus, it is recommended that the ground plane be removed under traces connected to -IN, and connections to -IN should be kept as short as possible.
.
BOARD SCHEMATIC
510 510 VH 1 50 IN 2 3 4 10F 0.1F -5V GND 8 7 50 6 5 GND OUT VL 0.1F 10F +5V
TOP LAYOUT
VH 1 +IN OUT V+ VL VGND
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly terminated transmission line will degrade the amplifier's phase margin resulting in frequency response peaking and possible oscillations. In most cases, the oscillation can be avoided by placing a resistor (RS) in series with the output prior to the capacitance. RS and CL form a low pass network at the output, thus limiting system bandwidth well below the amplifier bandwidth. By decreasing RS as CL increases, the maximum bandwidth is obtained without sacrificing stability. In spite of this, bandwidth still decreases as the load capacitance increases.
BOTTOM LAYOUT
Evaluation Board
The performance of the HFA1149 may be evaluated using the HFA11XX Evaluation Board (part number HFA11XXEVAL). Please contact your local sales office for information. When evaluating this amplifier, the two 510 gain setting resistors on the evaluation board should be changed to 250. The layout and schematic of the board are shown in Figure 2.
NOTE: The SOIC version may be evaluated in the DIP board by using a SOIC-to-DIP adapter such as Aries Electronics Part Number 08-350000-10. FIGURE 2. EVALUATION BOARD SCHEMATIC AND LAYOUT
6
HFA1149 Typical Performance Curves
200 AV = +2 150 OUTPUT VOLTAGE (mV) 100 50 0 -50 -100 -150 -200 TIME (5ns/DIV.) 1.5 1.0 OUTPUT VOLTAGE (V) 0.5 0 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.)
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified
2.0 AV = +2
FIGURE 3. SMALL SIGNAL PULSE RESPONSE
200 AV = +1 150 OUTPUT VOLTAGE (mV) OUTPUT VOLTAGE (V) 100 50 0 -50 -100 -150 -200 TIME (5ns/DIV.) 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 2.0
FIGURE 4. LARGE SIGNAL PULSE RESPONSE
AV = +1
TIME (5ns/DIV.)
FIGURE 5. SMALL SIGNAL PULSE RESPONSE
200 AV = -1 150 OUTPUT VOLTAGE (mV) OUTPUT VOLTAGE (V) 100 50 0 -50 -100 -150 -200 TIME (5ns/DIV.) 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 2.0
FIGURE 6. LARGE SIGNAL PULSE RESPONSE
AV = -1
TIME (5ns/DIV.)
FIGURE 7. SMALL SIGNAL PULSE RESPONSE
FIGURE 8. LARGE SIGNAL PULSE RESPONSE
7
HFA1149 Typical Performance Curves
200 150 OUTPUT VOLTAGE (mV) OUTPUT VOLTAGE (V) 100 50 AV = +10 0 -50 AV = +5 -100 -150 -200 TIME (5ns/DIV.) AV = +5
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified (Continued)
2.0 1.5 1.0 0.5 AV = +10 0 AV = +10 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.) AV = +5
AV = +10
AV = +5
FIGURE 9. SMALL SIGNAL PULSE RESPONSE
FIGURE 10. LARGE SIGNAL PULSE RESPONSE
GAIN (dB)
3 0 -3
VOUT = 200mVP-P GAIN AV = +1 NORMALIZED PHASE (DEGREES) 125
DISABLE 800mV/DIV. (0.4V TO 2.4V)
0 PHASE
AV = +1 AV = -1 0 90 180 AV = -1 0.3 TIME (10ns/DIV.) 1 10 FREQUENCY (MHz) 100 270 700
OUTPUT 400mV/DIV. 0 AV = +2, VIN = 0.5V
AV = +1
FIGURE 11. OUTPUT ENABLE AND DISABLE RESPONSE
FIGURE 12. FREQUENCY RESPONSE
NORMALIZED GAIN (dB)
510 3 0 -3 BANDWIDTH (MHz) AV = +10 AV = +5 PHASE (DEGREES) PHASE AV = +2 0 90 AV = +10 AV = +5 180 270 700 450 420 390 360 AV = +1 AV = -1 VOUT = 200mVP-P GAIN AV = +2 480
AV = +2
330 300 -75
0.3
1
10 FREQUENCY (MHz)
100
-50
-25
0
25
50
75
100
TEMPERATURE (oC)
FIGURE 13. FREQUENCY RESPONSE
FIGURE 14. -3dB BANDWIDTH vs TEMPERATURE
8
HFA1149 Typical Performance Curves
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified (Continued)
116 AV = +1 106
0.1 0 NORMALIZED GAIN (dB) -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 1
VOUT = 200mVP-P
( VIO ) ) I
AZOL (dB, 20 LOG
96 86 76 66 56 46 36 26 0.01 0.1 0.3 1 3 6 10 30 100 0 45 90 135 180 500 PHASE (DEGREES) 12 15
AV = +2
10 FREQUENCY (MHz)
100
500
FREQUENCY (MHz)
FIGURE 15. GAIN FLATNESS
FIGURE 16. OPEN LOOP TRANSIMPEDANCE
-30 AV = +1 -40 DISTORTION (dBc) 100MHz
-20 AV = +1 -30 100MHz -40 DISTORTION (dBc)
-50 50MHz -60 20MHz -70 10MHz
-50 -60 -70 20MHz -80
50MHz
10MHz
-80 -90 -90 -6 -3 0 3 6 OUTPUT POWER (dBm) 9 12 -100 -6 -3 0 3 6 9 OUTPUT POWER (dBm)
FIGURE 17. 2nd HARMONIC DISTORTION vs POUT
FIGURE 18. 3rd HARMONIC DISTORTION vs POUT
-30 AV = +2 -40 100MHz DISTORTION (dBc) DISTORTION (dBc) -50 50MHz -60 10MHz -70 20MHz -80
-30 AV = +2 -40 100MHz -50 50MHz -60 20MHz -70 10MHz -80
-90 -6 -3 0 3 6 9 OUTPUT POWER (dBm) 12 15
-90 -6 -3 0 3 6 9 OUTPUT POWER (dBm) 12
FIGURE 19. 2nd HARMONIC DISTORTION vs POUT
FIGURE 20. 3rd HARMONIC DISTORTION vs POUT
9
HFA1149 Typical Performance Curves
-20 VOUT = 2VP-P -30 DISTORTION (dBc) -30 AV = +1 DISTORTION (dBc) -40 -40 AV = -1 AV = +2 -60
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified (Continued)
-20 VOUT = 2VP-P
-50 AV = +2, -1 -60 AV = +1
-50
-70
-70 AV = +1
-80 0 10 20 30 40 50 60 70 FREQUENCY (MHz) 80 90 100
-80 0 10 20 30 40 50 60 70 80 90 100 FREQUENCY (MHz)
FIGURE 21. 2nd HARMONIC DISTORTION vs FREQUENCY
FIGURE 22. 3rd HARMONIC DISTORTION vs FREQUENCY
AV = +2 OUTPUT RESISTANCE () 1K OFF ISOLATION (dB) 100 10 1 0.1 0.01
-30 -40 -50 -60 -70 -80 -90 -100
AV = +2 VIN = 1VP-P
0.3
1
10 FREQUENCY (MHz)
100
1000
0.5
1
10 FREQUENCY (MHz)
100
FIGURE 23. CLOSED LOOP OUTPUT RESISTANCE
FIGURE 24. OFF ISOLATION
3.6 3.4 3.2 OUTPUT VOLTAGE (V) 3.0 +VOUT (RL = 50) 2.8 2.6 2.4 2.2 |-VOUT| (RL = 50) 2.0 1.8 1.6 -75 -50 -25 0 25 50 75 100 125 |-VOUT| (RL = 100) +VOUT (RL = 50) +VOUT (RL = 100) |-VOUT| (RL = 100) SUPPLY CURRENT (mA)
14 13.5 13 12.5 12 11.5 11 10.5 10 9.5 9 8.5 4 4.5 5 5.5 6 6.5 7 7.5 8 TEMPERATURE (C) SUPPLY VOLTAGE (V)
FIGURE 25. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 26. SUPPLY CURRENT vs SUPPLY VOLTAGE
10
HFA1149 Typical Performance Curves
VSUPPLY = 5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100, Unless Otherwise Specified (Continued)
17 16 15 SUPPLY CURRENT (mA) 13 12 11 10 9 8 7 6 5 4 -75 VS = 4V VS = 5V VS = 8V NOISE VOLTAGE (nV/Hz) 14
100
100
INIINI+ 10 ENI 10
INI+
1 -50 -25 0 25 50 75 100 125 0.1 TEMPERATURE (oC) 1 10 FREQUENCY (kHz)
1 100
FIGURE 27. SUPPLY CURRENT vs TEMPERATURE
FIGURE 28. INPUT NOISE CHARACTERISTICS
AV = +2 0.1 SETTLING ERROR (%) VOUT = 2V
0.05 0.025 0 -0.025 -0.05
-0.1
10
20
30
40
50
60
70
80
90
100
TIME (ns)
FIGURE 29. SETTLING RESPONSE
11
NOISE CURRENT (pA/Hz)
HFA1149 Die Characteristics
DIE DIMENSIONS 59 mils x 80 mils x 19 mils 1500m x 2020m x 483m METALLIZATION Type: Metal 1: AICu(2%)/TiW Type: Metal 2: AICu(2%) Thickness: Metal 1: 8kA 0.4kA Thickness: Metal 2: 16kA 0.8kA GLASSIVATION Type: Nitride Thickness: 4kA 0.5kA TRANSISTOR COUNT 130 SUBSTRATE POTENTIAL (POWERED UP) Floating (Recommend Connection to V-)
Metallization Mask Layout
HFA1149
THRESHOLD SET
NC
DIS / DIS NC
V+ -IN OUT
NC
POLARITY SET
+IN
V-
NC
NC
12
HFA1149 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C) 8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
INCHES SYMBOL A MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
L
A1 B C D E
A1 0.10(0.004) C
e H h L N
0.050 BSC 0.2284 0.0099 0.016 8 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 8 0o 6.20 0.50 1.27
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil Ltd. 8F-2, 96, Sec. 1, Chien-kuo North, Taipei, Taiwan 104 Republic of China TEL: 886-2-2515-8508 FAX: 886-2-2515-8369
13


▲Up To Search▲   

 
Price & Availability of HFA1149EVAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X