Part Number Hot Search : 
MBRB20 5931B SEF101FL N5312 D45H11E3 16GA002 BFS17W LT8612
Product Description
Full Text Search
 

To Download FU-68PDF-V520M129B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION Module type FU-68PDF-V520MxxB is a 1.58m (L-Band) DFB-LD module with polarization maintaining optical fiber. This module is suitable to a CW light source for external modulator for use in 2.5Gb/s and 10Gb/s digital optical communication systems. This module is prepared to expand the wavelength channels into L-Band for Dense-WDM transmission. FEATURES l Multi quantum wells (MQW) DFB Laser Diode module (100GHz spacing) l Input impedance is 25 l Emission wavelength is in 1.58m band l Polarization maintaining optical fiber pig-tail l Built-in optical isolator l Built-in thermal electric cooler l Butterfly package l With photodiode for optical output monitor APPLICATION High speed transmission systems (~10Gb/s) Dense-WDM systems OPTION l Wavelength option: 1565nm~1625nm are available ABSOLUTE MAXIMUM RATINGS (Tld=Tset) Parameter Symbol Conditions Rating Unit Laser diode Optical output Pf CW 24 mW power Forward current If CW 150 mA Reverse voltage Vrl 2 V Photodiode Reverse voltage Vrd 20 V Forward current Ifd 2 mA ThermoCooler current Ipe 1.3 A electric cooler Cooler voltage Vpe 3.1 V (Note) Operating case temperature Tc -20 ~ 70 C Storage temperature Tstg -40 ~ 85 C Note) Even if the thermo-electric cooler (TEC) is operated within the rated conditions, uncontrolled current loading or operation without heatsink may easily damage the module by exceeding the storage temperature range. Thermistor resistance should be properly monitored by the feedback circuit during TEC operation to avoid the catastrophic damage.
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25 unless otherwise noted) C Parameter Symbol Test Conditions Limits Min. Typ. Threshold current Ith CW 10 Operating current Iop CW, Pf=20mW Operating voltage Vop CW, Pf=20mW Input impedance Zin Pf=20mW 25 CW, Pf=20mW (Note 1) Light-emission central c wavelength -1 Central wavelength drift with c/Tc Tc=-20~70 C case temp. Laser operating temperature Tset 15 Spectral line width CW, Pf=20mW f Side mode suppression ratio Sr CW, Pf=20mW 33 40 Cutoff frequency fc Pf=20mW 2 (-1.5dB optical) Polarization extinction ratio Ex CW, Pf=20mW 20 25 Relative intensity noise Nr CW, Pf=20mW, -155 0.5~3GHz Tracking error Er Tc=-20~70 C, (Note 2) APC, ATC Differential efficiency CW, Pf=20mW 0.15 Monitor current Optical isolation Imon Iso CW, Pf=20mW, Vrd=5V Tc=25C Tc=-20~70 C Vrd=5V, Tc=-20~70 C Vrd=5V, f=1MHz 0.2 35 23 -
Unit Max. 25 130 2 mA mA V W nm pm/ C C MHz dB GHz dB dB/Hz dB mW/ mA mA dB A pF
0 35 20 -145 0.5 4 0.1 10
Dark current (PD) Id Capacitance (PD) Ct Note 1) See Table 1. Note 2) Er=max|10xlog(Pf / Pf@25C)|
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70C) Parameter Symbol Test Conditions Thermistor resistance B constant of Rth Cooling capacity Cooler current Rth B T Ipe Tld=25 C Pf=20mW, Tc=70 C Pf=20mW, Tc=65 C, Tld=Tset Pf=20mW, Tc=70 C, Tld=Tset Pf=20mW, Tc=65 C, Tld=Tset Pf=20mW, Tc=70 C, Tld=Tset Min. 9.5 55 -
Limits Typ. 10 3950 0.7 0.9 1.4 2
Unit Max. 10.5 1 1.2 2.3 2.6 kW K C A A V V
Cooler voltage
Vpe
FIBER PIGTAIL SPECIFICATIONS Parameter Type Mode field diameter Cladding diameter Secondary coating outer diameter Polarization axis Connector Optical return loss of connector Note 3) PMF - Sumitomo Panda fiber (PM-155)
Limits PM (Note 3) 11+/-1 125+/-3 0.9+/-0.1 slow axis FC/PC 40 (min)
Unit m m mm dB
DOCUMENTATION (Tld=Tset) Fiber output power vs. Laser forward current at Tld=Tset and Tc=-20,25,70 C Threshold current (Ith) Laser forward current (Iop) at Pf=20mW Laser forward voltage (Vop) at Pf=20mW Laser operating temperature (Tset) at (Note 4) c Monitor current (Imon) at Pf=20mW Thermistor resistance (Rth) Cooler current (Ipe) at Pf=20mW and Tc=70C Cooler voltage (Vpe) at Pf=20mW and Tc=70C Note 4) Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified value accurately.
* * * * * * * * *
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Table 1. Type number Type number (nm) c FU-68PDF-V520M103B 1567.13 FU-68PDF-V520M139B FU-68PDF-V520M104B 1567.54 FU-68PDF-V520M140B FU-68PDF-V520M105B 1567.95 FU-68PDF-V520M141B FU-68PDF-V520M106B 1568.36 FU-68PDF-V520M142B FU-68PDF-V520M107B 1568.77 FU-68PDF-V520M143B FU-68PDF-V520M108B 1569.18 FU-68PDF-V520M144B FU-68PDF-V520M109B 1569.59 FU-68PDF-V520M145B FU-68PDF-V520M110B 1570.01 FU-68PDF-V520M146B FU-68PDF-V520M111B 1570.42 FU-68PDF-V520M147B FU-68PDF-V520M112B 1570.83 FU-68PDF-V520M148B FU-68PDF-V520M113B 1571.24 FU-68PDF-V520M149B FU-68PDF-V520M114B 1571.65 FU-68PDF-V520M150B FU-68PDF-V520M115B 1572.06 FU-68PDF-V520M151B FU-68PDF-V520M116B 1572.48 FU-68PDF-V520M152B FU-68PDF-V520M117B 1572.89 FU-68PDF-V520M153B FU-68PDF-V520M118B 1573.30 FU-68PDF-V520M154B FU-68PDF-V520M119B 1573.71 FU-68PDF-V520M155B FU-68PDF-V520M120B 1574.13 FU-68PDF-V520M156B FU-68PDF-V520M121B 1574.54 FU-68PDF-V520M157B FU-68PDF-V520M122B 1574.95 FU-68PDF-V520M158B FU-68PDF-V520M123B 1575.37 FU-68PDF-V520M159B FU-68PDF-V520M124B 1575.78 FU-68PDF-V520M160B FU-68PDF-V520M125B 1576.20 FU-68PDF-V520M161B FU-68PDF-V520M126B 1576.61 FU-68PDF-V520M162B FU-68PDF-V520M127B 1577.03 FU-68PDF-V520M163B FU-68PDF-V520M128B 1577.44 FU-68PDF-V520M164B FU-68PDF-V520M129B 1577.86 FU-68PDF-V520M165B FU-68PDF-V520M130B 1578.27 FU-68PDF-V520M166B FU-68PDF-V520M131B 1578.69 FU-68PDF-V520M167B FU-68PDF-V520M132B 1579.10 FU-68PDF-V520M168B FU-68PDF-V520M133B 1579.52 FU-68PDF-V520M169B FU-68PDF-V520M134B 1579.93 FU-68PDF-V520M170B FU-68PDF-V520M135B 1580.35 FU-68PDF-V520M171B FU-68PDF-V520M136B 1580.77 FU-68PDF-V520M172B FU-68PDF-V520M137B 1581.18 FU-68PDF-V520M173B FU-68PDF-V520M138B 1581.60 FU-68PDF-V520M174B All wavelengths are referred to vacuum. Tolerance is c+/-0.05nm. (nm) c 1582.02 1582.44 1582.85 1583.27 1583.69 1584.11 1584.53 1584.95 1585.36 1585.78 1586.20 1586.62 1587.04 1587.46 1587.88 1588.30 1588.73 1589.15 1589.57 1589.99 1590.41 1590.83 1591.26 1591.68 1592.10 1592.52 1592.95 1593.37 1593.79 1594.22 1594.64 1595.06 1595.49 1595.91 1596.34 1596.76 (nm) c 1597.19 1597.62 1598.04 1598.47 1598.89 1599.32 1599.75 1600.17 1600.60 1601.03 1601.46 1601.88 1602.31 1602.74 1603.17 1603.60 1604.03 1604.46 1604.88 1605.31 1605.74 1606.17 1606.60 1607.04 1607.47 1607.90 1608.33 1608.76 1609.19 1609.62 1610.06 1610.49 1610.92 1611.35 1611.79
Type number FU-68PDF-V520M175B FU-68PDF-V520M176B FU-68PDF-V520M177B FU-68PDF-V520M178B FU-68PDF-V520M179B FU-68PDF-V520M180B FU-68PDF-V520M181B FU-68PDF-V520M182B FU-68PDF-V520M183B FU-68PDF-V520M184B FU-68PDF-V520M185B FU-68PDF-V520M186B FU-68PDF-V520M187B FU-68PDF-V520M188B FU-68PDF-V520M189B FU-68PDF-V520M190B FU-68PDF-V520M191B FU-68PDF-V520M192B FU-68PDF-V520M193B FU-68PDF-V520M194B FU-68PDF-V520M195B FU-68PDF-V520M196B FU-68PDF-V520M197B FU-68PDF-V520M198B FU-68PDF-V520M199B FU-68PDF-V520M200B FU-68PDF-V520M201B FU-68PDF-V520M202B FU-68PDF-V520M203B FU-68PDF-V520M204B FU-68PDF-V520M205B FU-68PDF-V520M206B FU-68PDF-V520M207B FU-68PDF-V520M208B FU-68PDF-V520M209B
TZ7-99-295B
(6/6)
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
OUTLINE DIAGRAM (Unit : mm)
28.4
FU-68PDF-V520MxxxB
MITSUBISHI ELECTRIC CORPORATION


▲Up To Search▲   

 
Price & Availability of FU-68PDF-V520M129B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X