Part Number Hot Search : 
TLG4243 FDA4004C TLG4243 STF20A60 XC3202B NM3SOL3R CXA1562S RB085
Product Description
Full Text Search
 

To Download FU-68PDF-V510M129B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V510MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION Module type FU-68PDF-V510MxxB is a 1.58m (L-Band) DFB-LD module with polarization maintaining optical fiber. This module is suitable to a CW light source for external modulator for use in 2.5Gb/s and 10Gb/s digital optical communication systems. This module is prepared to expand the wavelength channels into L-Band for Dense-WDM transmission. FEATURES l Input impedance is 25 l Multi quantum wells (MQW) DFB Laser Diode module l Emission wavelength is in 1.58m band l Polarization maintaining optical fiber pig-tail l Built-in optical isolator l Built-in thermal electric cooler l Butterfly package l With photodiode for optical output monitor APPLICATION High speed transmission systems (~10Gb/s) Dense-WDM systems OPTION l Wavelength option: 1565nm~1625nm are available ABSOLUTE MAXIMUM RATINGS (Tld=Tset) Parameter Symbol Conditions Rating Unit Laser diode Optical output Pf CW 15 mW power Forward current If CW 150 mA Reverse voltage Vrl 2 V Photodiode Reverse voltage Vrd 20 V Forward current Ifd 2 mA ThermoCooler current Ipe 1.3 A electric cooler Cooler voltage Vpe 3.1 V (Note) Operating case temperature Tc -20 ~ 70 C Storage temperature Tstg -40 ~ 85 C Note) Even if the thermo-electric cooler (TEC) is operated within the rated conditions, uncontrolled current loading or operation without heatsink may easily damage the module by exceeding the storage temperature range. Thermistor resistance should be properly monitored by the feedback circuit during TEC operation to avoid the catastrophic damage.
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V510MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25 unless otherwise noted) C Parameter Symbol Test Conditions Limits Min. Typ. Threshold current Ith CW 10 Operating current Iop CW, Pf=10mW Operating voltage Vop CW, Pf=10mW Input impedance Zin Pf=10mW 25 CW, Pf=10mW (Note 1) Light-emission central c wavelength -1 Central wavelength drift with c/Tc Tc=-20~70 C case temp. Laser operating temperature Tset 20 Spectral line width CW, Pf=10mW f Side mode suppression ratio Sr CW, Pf=10mW 33 40 Cutoff frequency fc Pf=10mW 2 (-1.5dB optical) Polarization extinction ratio Ex CW, Pf=10mW 20 25 Relative intensity noise Nr CW, Pf=10mW, -155 0.5~3GHz Tracking error Er Tc=-20~70 C, (Note 2) APC, ATC Differential efficiency CW, Pf=10mW 0.1 Monitor current Optical isolation Imon Iso CW, Pf=10mW, Vrd=5V Tc=25C Tc=-20~70 C Vrd=5V, Tc=-20~70 C Vrd=5V, f=1MHz 0.2 35 23 -
Unit Max. 25 100 1.8 mA mA V nm pm/ C C MHz dB GHz dB dB/Hz dB mW/ mA mA dB A pF
0 35 20 -145 0.5 2 0.1 10
Dark current (PD) Id Capacitance (PD) Ct Note 1) See Table 1. Note 2) Er=max|10xlog(Pf / Pf@25C)|
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V510MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70C) Parameter Symbol Test Conditions Thermistor resistance B constant of Rth Cooling capacity Cooler current Cooler voltage Rth B T Ipe Vpe Tld=25 C Pf=10mW, Tc=70 C Pf=10mW, Tc=70 C, Tld=Tset Pf=10mW, Tc=70 C, Tld=Tset Min. 9.5 50 -
Limits Typ. 10 3950 0.6 1.2
Unit Max. 10.5 1 2 k K C A V
FIBER PIGTAIL SPECIFICATIONS Parameter Type Mode field diameter Cladding diameter Secondary coating outer diameter Polarization axis Connector Optical return loss of connector Note 3) PMF - Sumitomo Panda fiber (PM-155)
Limits PM (Note 3) 11+/-1 125+/-3 0.9+/-0.1 slow axis FC/PC 40 (min)
Unit m m mm dB
DOCUMENTATION (Tld=Tset) Fiber output power vs. Laser forward current at Tld=Tset and Tc=-20,25,70 C Threshold current (Ith) Laser forward current (Iop) at Pf=10mW Laser forward voltage (Vop) at Pf=10mW Laser operating temperature (Tset) at (Note 4) c Monitor current (Imon) at Pf=10mW Thermistor resistance (Rth) Cooler current (Ipe) at Pf=10mW and Tc=70C Cooler voltage (Vpe) at Pf=10mW and Tc=70C Note 4) Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified value accurately.
* * * * * * * * *
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V510MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Table 1. Type number Type number (nm) c FU-68PDF-V510M103B 1567.13 FU-68PDF-V510M139B FU-68PDF-V510M104B 1567.54 FU-68PDF-V510M140B FU-68PDF-V510M105B 1567.95 FU-68PDF-V510M141B FU-68PDF-V510M106B 1568.36 FU-68PDF-V510M142B FU-68PDF-V510M107B 1568.77 FU-68PDF-V510M143B FU-68PDF-V510M108B 1569.18 FU-68PDF-V510M144B FU-68PDF-V510M109B 1569.59 FU-68PDF-V510M145B FU-68PDF-V510M110B 1570.01 FU-68PDF-V510M146B FU-68PDF-V510M111B 1570.42 FU-68PDF-V510M147B FU-68PDF-V510M112B 1570.83 FU-68PDF-V510M148B FU-68PDF-V510M113B 1571.24 FU-68PDF-V510M149B FU-68PDF-V510M114B 1571.65 FU-68PDF-V510M150B FU-68PDF-V510M115B 1572.06 FU-68PDF-V510M151B FU-68PDF-V510M116B 1572.48 FU-68PDF-V510M152B FU-68PDF-V510M117B 1572.89 FU-68PDF-V510M153B FU-68PDF-V510M118B 1573.30 FU-68PDF-V510M154B FU-68PDF-V510M119B 1573.71 FU-68PDF-V510M155B FU-68PDF-V510M120B 1574.13 FU-68PDF-V510M156B FU-68PDF-V510M121B 1574.54 FU-68PDF-V510M157B FU-68PDF-V510M122B 1574.95 FU-68PDF-V510M158B FU-68PDF-V510M123B 1575.37 FU-68PDF-V510M159B FU-68PDF-V510M124B 1575.78 FU-68PDF-V510M160B FU-68PDF-V510M125B 1576.20 FU-68PDF-V510M161B FU-68PDF-V510M126B 1576.61 FU-68PDF-V510M162B FU-68PDF-V510M127B 1577.03 FU-68PDF-V510M163B FU-68PDF-V510M128B 1577.44 FU-68PDF-V510M164B FU-68PDF-V510M129B 1577.86 FU-68PDF-V510M165B FU-68PDF-V510M130B 1578.27 FU-68PDF-V510M166B FU-68PDF-V510M131B 1578.69 FU-68PDF-V510M167B FU-68PDF-V510M132B 1579.10 FU-68PDF-V510M168B FU-68PDF-V510M133B 1579.52 FU-68PDF-V510M169B FU-68PDF-V510M134B 1579.93 FU-68PDF-V510M170B FU-68PDF-V510M135B 1580.35 FU-68PDF-V510M171B FU-68PDF-V510M136B 1580.77 FU-68PDF-V510M172B FU-68PDF-V510M137B 1581.18 FU-68PDF-V510M173B FU-68PDF-V510M138B 1581.60 FU-68PDF-V510M174B All wavelengths are referred to vacuum. Tolerance is c+/-0.05nm. (nm) c 1582.02 1582.44 1582.85 1583.27 1583.69 1584.11 1584.53 1584.95 1585.36 1585.78 1586.20 1586.62 1587.04 1587.46 1587.88 1588.30 1588.73 1589.15 1589.57 1589.99 1590.41 1590.83 1591.26 1591.68 1592.10 1592.52 1592.95 1593.37 1593.79 1594.22 1594.64 1595.06 1595.49 1595.91 1596.34 1596.76 (nm) c 1597.19 1597.62 1598.04 1598.47 1598.89 1599.32 1599.75 1600.17 1600.60 1601.03 1601.46 1601.88 1602.31 1602.74 1603.17 1603.60 1604.03 1604.46 1604.88 1605.31 1605.74 1606.17 1606.60 1607.04 1607.47 1607.90 1608.33 1608.76 1609.19 1609.62 1610.06 1610.49 1610.92 1611.35 1611.79
Type number FU-68PDF-V510M175B FU-68PDF-V510M176B FU-68PDF-V510M177B FU-68PDF-V510M178B FU-68PDF-V510M179B FU-68PDF-V510M180B FU-68PDF-V510M181B FU-68PDF-V510M182B FU-68PDF-V510M183B FU-68PDF-V510M184B FU-68PDF-V510M185B FU-68PDF-V510M186B FU-68PDF-V510M187B FU-68PDF-V510M188B FU-68PDF-V510M189B FU-68PDF-V510M190B FU-68PDF-V510M191B FU-68PDF-V510M192B FU-68PDF-V510M193B FU-68PDF-V510M194B FU-68PDF-V510M195B FU-68PDF-V510M196B FU-68PDF-V510M197B FU-68PDF-V510M198B FU-68PDF-V510M199B FU-68PDF-V510M200B FU-68PDF-V510M201B FU-68PDF-V510M202B FU-68PDF-V510M203B FU-68PDF-V510M204B FU-68PDF-V510M205B FU-68PDF-V510M206B FU-68PDF-V510M207B FU-68PDF-V510M208B FU-68PDF-V510M209B
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V510MxxxB
1.58 m (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
OUTLINE DIAGRAM (Unit : mm)
28.4
FU-68PDF-V510MxxxB
MITSUBISHI ELECTRIC CORPORATION


▲Up To Search▲   

 
Price & Availability of FU-68PDF-V510M129B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X