Part Number Hot Search : 
PGA301 1N522 LM337BT 05210G0A GOB94020 M5260 WSH137 1500A
Product Description
Full Text Search
 

To Download FP102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN3961A
FP102
PNP Epitaxial Planar Silicon Transistor/ Composite Schottky Barrier Diode
DC-DC Converter Applications
Features
* Composite type with a PNP transistor and a Shottky barrier diode contained in one package, facilitating high-density mounting. * The FP102 is formed with 2chips, one being equivalent to the 2SB1396 and the other the SB07-03C, placed in one package.
Package Dimensions
unit:mm 2088A
[FP102] 1:Base 2:Common 3:Emitter 4:Common 5:Anode 6:Common 7:Common (Common:Collcector, Cathode) SANYO:PCP4 (Bottom view)
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter [TR] Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Base Current Collector Dissipation Junction Temperature [SBD] Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Surge Voltage Average Rectified Current Surge Forward Current Junction Temperature Storage Temperature VRRM VRSM IO IFSM Tj Tstg 50Hz sine wave, 1cycle 30 35 700 5 -55 to +125 -55 to +125 V V mA A C C VCBO VCEO VEBO IC I CP IB PC Tj Mounted on ceramic board (250mm2x0.8mm) -15 -11 -7 -3 -5 -600 1.3 150 V V V A A mA W C Symbol Conditions Ratings Unit
Marking:102 Electrical Connection
1:Base 2:Common 3:Emitter 4:Common 5:Anode 6:Common 7:Common (Common:Collcector, Cathode) (Top view)
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
52098HA (KT)/62094MT (KOTO) AX-8060 No.3961-1/4
FP102
Continued from preceding page.
Electrical Characteristics at Ta=25C
Parameter [TR] Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance C-E Saturation Voltage B-E Saturation Voltage C-B Breakdown Voltage C-E Breakdown Voltage E-B Breakdown Voltage Turn-ON Time Storage Time Fall Time [SBD] Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Reverse Recovery Time Thermal Resistance VR VF IR C trr Rthj-a IR=300A IF=700mA VR=15V VR=10V, f=1MHz IF=IR=100mA, See specified Test Circuit Mounted on ceramic board (250mm2x0.8mm) 120 30 0.55 80 28 10 V V A pF ns C/W ICBO IEBO hFE1 hFE2 fT Cob VCE(sat) VBE(sat) VCB=-12V, IE=0 VEB=-6V, IC=0 VCE=-2V, IC=-0.5A VCE=-2V, IC=-3A VCE=-2V, IC=-0.3A VCB=-10V, f=1MHz IC=-1.5A, IB=-30mA IC=-1.5A, IB=-30mA -15 -11 -7 25 200 10 140 70 400 26 -0.22 -0.9 -0.4 -1.2 MHz pF V V V V V ns ns ns -0.1 -0.1 560 A A Symbol Conditons Ratings min typ max Unit
V(BR)CBO IC=-10A, IE=0 V(BR)CEO IC=-1mA, RBE= V(BR)EBO IE=-10A, IC=0 ton tstg tf See specified Test Circuit See specified Test Circuit See specified Test Circuit
Switching Time Test Circuit
(TR) (SBD)
No.3961-2/4
FP102
No.3961-3/4
FP102
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of May, 1998. Specifications and information herein are subject to change without notice.
PS No.3961-4/4


▲Up To Search▲   

 
Price & Availability of FP102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X