Part Number Hot Search : 
79L06A C3549 C3216 P6KE39A DL120 TL072AM NTE791 4HCT57
Product Description
Full Text Search
 

To Download FMMD7000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR (SERIES)
ISSUE 2 - OCTOBER 1995
FMMD7000
2
DIODE PIN CONNECTION
PARTMARKING DETAIL 5C 1 3
3 1 2
SOT23
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Breakdown Voltage Voltage (IR=100A) Peak Forward Current Peak Forward Surge Current Power Dissipation at Tamb = 25C Operating and Storage Temperature Range SYMBOL V(BR) IF I FM Ptot Tj:Tstg VALUE 70 200 500 330 -55 to +150 UNIT V mA mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Breakdown Voltage Forward Voltage Reverse Current Recovery Time* Diode Capacitance SYMBOL V (BR) VF IR trr Cd MIN. 100 0.5 0.8 0.7 1.1 0.3 15 2.5 MAX. UNIT CONDITIONS. V V V
A
IR=10A IF=1mA IF=100mA VR=50V IF= IR=10mA, IR(REC) =1.0mA VR=0, f=1MHz
ns pF
Spice parameter data is available upon request for this device
PAGE NUMBER


▲Up To Search▲   

 
Price & Availability of FMMD7000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X