Part Number Hot Search : 
H83694 K1885 AD7703BR LC72711W 7447012 HM62V1 AK5365 80CPQ020
Product Description
Full Text Search
 

To Download DTC363EK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
Digital transistors (built-in resistors)
DTC363EU / DTC363EK / DTC363ES
FFeatures In addition to the features of regular digital transistors, 1) Low VO(on) makes these transistors optimal for muting circuits. VO(on) = 40mV (Typ.) (IO / II = 50mA / 2.5mA) 2) They can be used at high current (IC = 600mA). FExternal dimensions (Units: mm)
FStructure NPN digital transistor (Built-in resistor type)
FEquivalent circuit
(96-350-C363E)
441
Transistors
FAbsolute maximum ratings (Ta = 25_C)
DTC363EU / DTC363EK / DTC363ES
FElectrical characteristics (Ta = 25_C)
FPackaging specifications
FRon measurement circuit
442
Transistors
FElectrical characteristic curves
DTC363EU / DTC363EK / DTC363ES
443


▲Up To Search▲   

 
Price & Availability of DTC363EK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X