|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS DF005S - DF10S 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Features ! ! ! ! ! ! Glass Passivated Die Construction G Low Forward Voltage Drop High Current Capability High Surge Current Capability Designed for Surface Mount Application B Plastic Material - UL Recognition Flammability Classification 94V-O L J ~ + ~ A C D E H Mechanical Data ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 K Polarity: As Marked on Case *Low profile models (J = 2.20~2.50mm) are available. Weight: 0.38 grams (approx.) Please consult factory. Mounting Position: Any Marking: Type Number DF-S Dim Min Max A 7.40 7.90 B 6.20 6.50 C 0.009 0.25 D 0.076 0.33 E -- 10.40 G 1.02 1.53 H 8.13 8.51 J* 3.20 3.40 K 5.0 5.20 L 1.00 1.20 All Dimensions in mm Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. DF 005S 50 35 @TA=25C unless otherwise specified Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 40C Symbol VRRM VRWM VR VR(RMS) IO DF 01S 100 70 DF 02S 200 140 DF 04S 400 280 1.0 DF 06S 600 420 DF 08S 800 560 DF 10S 1000 700 Unit V V A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per element Peak Reverse Current At Rated DC Blocking Voltage @IF = 1.0A @TA = 25C @TA = 125C IFSM VFM IRM Cj RJA Tj, TSTG 30 1.1 10 500 25 110 -65 to +150 A V A pF K/W C Typical Junction Capacitance per element (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to ambient mounted on PC board with 5.0mm2 (0.03mm thick) land areas. DF005S - DF10S 1 of 3 (c) 2002 Won-Top Electronics IF, INSTANTANEOUS FORWARD CURRENT (A) 1.0 60 Hz Resistive or Inductive load 10 Tj = 25C Pulse Width = 300s 2% duty cycle I(AV), AVERAGE FORWARD CURRENT (A) 1.0 0.5 0.1 0 40 60 80 100 120 140 0.01 0.4 0.6 0.8 1.0 1.2 1.4 TA, AMBIENT TEMPERATURE (C) Fig. 1 Output Current Derating Curve VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typ Forward Characteristics (per element) IFSM , PEAK FORWARD SURGE CURRENT (A) 60 Single half-sine-Wave (JEDEC M ethod) 100 Tj = 25c f = 1.0 Mhz Vsig = 50 mV p-p 50 CJ, CAPACITANCE (pF) 40 30 10 20 10 0 1 10 100 1 1 10 100 NUM BER OF CYCLES AT 60 Hz Fig. 3 M ax Non-Repetitive Peak Forward Surge Current VR, REVERSE VOLTAGE (V) Fig. 4 Typ Junction Capacitance (per element) 100 IR, INSTANTANEOUS REVERSE CURRENT (A) Tj = 125C 10 1.0 Tj = 25C 0.1 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typ Reverse Characteristics (per element) DF005S - DF10S 2 of 3 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No.! DF005S-T3 DF005S DF01S-T3 DF01S DF02S-T3 DF02S DF04S-T3 DF04S DF06S-T3 DF06S DF08S-T3 DF08S DF10S-T3 DF10S Package Type DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD Shipping Quantity 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. RECOMMENDED FOOTPRINT 0.047 MIN (1.20 MIN) 0.404 MAX (10.26 MAX) 0.06 MIN (1.52 MIN) 0.205(5.2) 0.195(5.0) inches(mm) Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics DF005S - DF10S 3 of 3 |
Price & Availability of DF04S-T3 |