Part Number Hot Search : 
RU3YX 00312 10102 2N888 AD595A L50S800 1N4722 RT3N77M
Product Description
Full Text Search
 

To Download DBI15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DBI 15-005 ... DBI 15-16 Three-Phase Si-Bridge Rectifiers Dreiphasen-Si-Bruckengleichrichter Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Metal case - Metallgehause Dimensions Abmessungen Weight approx. - Gewicht ca. Compound has classification UL94V-0 Vergumasse UL94V-0 klassifiziert
Dimensions / Mae in mm
15 A 50...1600 V
40 x 20 x 10 [mm] 35 g
Standard packaging: bulk see page 22 Standard Lieferform: lose im Karton s. Seite 22
Maximum ratings Type Typ DBI 15-005 DBI 15-01 DBI 15-02 DBI 15-04 DBI 15-06 DBI 15-08 DBI 15-10 DBI 15-12 DBI 15-14 DBI 15-16 max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700 800 900 1000
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 1200 1400 1600 80 A 2) 250 A 310 A2s - 50...+150/C - 50...+150/C
Repetitive peak fwd. current - Period. Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t <10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1 2
f > 15 Hz TA = 25/C TA = 25/C
IFRM IFSM i2t Tj TS
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if the temperature of the case is kept to 120/C - Gultig, wenn die Gehausetemp. auf 120/C gehalten wird 340 28.02.2002
DBI 15-005 ... DBI 15-16 Characteristics Max. current without cooling fin Dauergrenzstrom ohne Kuhlblech Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom TA = 50/C TA = 50/C Tj = 25/C Tj = 25/C R-load C-load R-load C-load IF = 7.5 A VR = VRRM IFAV IFAV IFAV IFAV VF IR VISO RthC M4 Kennwerte 2.5 A 2.5 A 15.0 A 15.0 A < 1.05 V 1) < 10 :A > 2500 V < 3.3 K/W 18 10% lb.in 2 10% Nm
Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment
1
) Valid for one branch - Gultig fur einen Bruckenzweig 28.02.2002
341


▲Up To Search▲   

 
Price & Availability of DBI15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X