Part Number Hot Search : 
STD1703L TOP243 L2030 MDHU128 SB1660 6T612G 25P10 HD74LS
Product Description
Full Text Search
 

To Download DB15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB 15-005 ... DB 15-16 Three-Phase Si-Bridge Rectifiers Dreiphasen-Si-Bruckengleichrichter
Nominal current Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case with alu-bottom Kunststoffgehause mit Alu-Boden Dimensions Abmessungen
15 A 50...1600 V
28.5 x 28.5 x 10 [mm] 21 g
Weight approx. - Gewicht ca. Compound has classification UL94V-0 Vergumasse UL94V-0 klassifiziert
Dimensions / Mae in mm
Standard packaging: bulk see page 22 Standard Lieferform: lose im Karton s. Seite 22
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ DB 15-005 DB 15-01 DB 15-02 DB 15-04 DB 15-06 DB 15-08 DB 15-10 DB 15-12 DB 15-14 DB 15-16 max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700 800 900 1000
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 1200 1400 1600 80 A 2) 250 A
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle
1 2
f > 15 Hz TA = 25/C
IFRM IFSM
344
) Valid for one branch - Gultig fur einen Bruckenzweig ) Max. case temperature TC = 120/C - Max. Gehausetemperatur TC = 120/C 28.02.2002
DB 15-005 ... DB 15-16 Rating for fusing, t <10 ms Grenzlastintegral, t <10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur TA = 25/C i2t Tj TS 310 A2s - 50...+150/C - 50...+150/C
Characteristics Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom TA = 50/C Tj = 25/C Tj = 25/C R-load C-load IF = 7.5 A VR = VRRM IFAV IFAV VF IR VISO RthC 10-32 UNF M5
Kennwerte 15.0 A 15.0 A < 1.05 V 1) < 10 :A >2500 V < 3.3 K/W 18 10% lb.in 2 10% Nm
Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment
1
) Valid for one branch - Gultig fur einen Bruckenzweig 28.02.2002
345


▲Up To Search▲   

 
Price & Availability of DB15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X