Part Number Hot Search : 
RT1202 AD8324 18VUV 18VUV BS8C5 AD8324 2SB1109 CHIPS
Product Description
Full Text Search
 

To Download CNX62A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNX62A
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
APPROVALS l UL recognised, File No. E91231
2.54 7.0 6.0 1.2 1 2 3
Dimensions in mm 6 5 4
'X' SPECIFICATION APPROVALS l VDE 0884 approval pending
l
EN60950 approval pending
6.62 4.0 3.0 0.5 3.0 0.5 3.35
7.62
DESCRIPTION The CNX62A optically coupled isolator consists of an infrared light emitting diode and a NPN silicon photo transistor in a standard 6 pin dual in line plastic package with the base pin unconnected. FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Current Transfer Ratio (40% min) l Low Saturation Voltage suitable for TTL integrated circuits l High BVCEO (50V min) l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l Base pin unconnected for improved noise immunity in high EMI environment APPLICATIONS l DC motor controllers l Industrial systems controllers l Signal transmission between systems of different potentials and impedances
OPTION SM
SURFACE MOUNT OPTION G
13 Max 0.26
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 150C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage Power Dissipation 60mA 6V 105mW
OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION 50V 6V 160mW
7.62
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
Total Power Dissipation 200mW (derate linearly 2.67mW/C above 25C)
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
ISOCOM INC 1024 S. Greenville Ave, Suite 240, Allen, TX 75002 USA Tel: (214) 495-0755 Fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com
DB90037m-AAS/A1
ELECTRICAL CHARACTERISTICS ( TA= 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Voltage (VR) Reverse Current (IR) Collector-emitter Breakdown (BVCEO) ( Note 2 ) Emitter-collector Breakdown (BVECO) Collector-emitter Dark Current (ICEO) Current Transfer Ratio (IC / IF ) (Note 2) MIN TYP MAX UNITS 1.2 6 10 50 6 50 1.5 V V A V V nA TEST CONDITION IF = 10mA IR = 10A VR = 6V IC = 1mA IE = 100A VCE = 10V 10mA IF , 0.4V VCE 10mA IF , 5V VCE 0.4 5300 7500 V VRMS VPK
Output
Coupled
0.4 1.5
Collector-emitter Saturation VoltageVCE (SAT) Input to Output Isolation Voltage VISO
10mA IF , 4mA IC See note 1 See note 1 VIO = 500V (note 1) VCC = 5V , IC = 2mA , RL = 100 VCC = 5V , IC = 2mA , RL = 1k
Input-output Isolation Resistance RISO 5x1010 Turn-on Time Turn-off Time Turn-on Time Turn-off Time ton toff ton toff 3 3 12 12
s s s s
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
7/12/00
DB90037m-AAS/A1
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation P C (mW)
Collector Current vs. Collector-emitter Voltage 50 TA = 25C 50 30 20 15 20 10 0 10 IF = 5mA
150
Collector current I C (mA)
40 30
100
50
0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) (V) Forward Current vs. Ambient Temperature 80 70 Forward current I F (mA) 60 50 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Ambient Temperature 1.5 Relative current transfer ratio
0
2
4
6
8
10
Collector-emitter voltage VCE ( V ) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 100 Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Forward Current 2.8 Relative current transfer ratio IF = 10mA IC = 4mA
IF = 10mA VCE = 0.4V
Collector-emitter saturation voltage V
CE(SAT)
2.4 2.0 1.6 1.2 0.8 0.4 0 1 2 VCE = 0.4V TA = 25C 5 10 20 50
1.0
0.5
0 -30 0 25 50 75 Ambient temperature TA ( C ) 100
Forward current IF (mA)
DB90037m-AAS/A1
7/12/00


▲Up To Search▲   

 
Price & Availability of CNX62A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X