Part Number Hot Search : 
1SMB13 0022122 A1535A AD7699 1SS123 C7973 TFBS4710 55000
Product Description
Full Text Search
 

To Download C67078-S1357-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 103AL
SIPMOS (R) Power Transistor * N channel * Enhancement mode * Avalanche-rated * Logic Level * dv/dt rated * Low on-resistance * 175 C operating temperature * also in TO-220 SMD available Pin 1 G Pin 2 D Pin 3 S
Type BUZ 103AL
VDS
50 V
ID
35 A
RDS(on)
0.05
Package TO-220 AB
Ordering Code C67078-S1357-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 35 Unit A
ID IDpuls
140
TC = 29 C
Pulsed drain current
TC = 25 C
Avalanche energy, single pulse
EAS
100 dv/dt 6
mJ
ID = 35 A, VDD = 25 V, RGS = 25 L = 81 H, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 35 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Gate-source peak voltage,aperiodic Power dissipation
VGS Vgs Ptot
14 20
V W
TC = 25 C
120
Semiconductor Group
1
07/96
BUZ 103AL
Maximum Ratings Parameter Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Symbol Values -55 ... + 175 -55 ... + 175 1.25 75 E 55 / 175 / 56 K/W Unit C
Tj Tstg RthJC RthJA
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 1.6 0.1 1 10 10 0.035 2 1 100 100 100
V
VGS = 0 V, ID = 0.25 mA, Tj = -40 C
Gate threshold voltage
VGS(th)
1.2
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
A nA A nA 0.05
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = -40 C VDS = 50 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
VGS = 5 V, ID = 17.5 A
Semiconductor Group
2
07/96
BUZ 103AL
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
10 22 1100 330 140 -
S pF 1500 500 210 ns 35 55
VDS 2 * ID * RDS(on)max, ID = 17.5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Rise time
tr
130 200
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
210 280
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Fall time
tf
120 160
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 103AL
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.2 55 90 35 140 V 1.8 nS nC Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 70 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 103AL
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 5 V
36 A
130 W 110
Ptot
100 90 80 70 60 50
ID
28 24 20 16 12
40 30 20 4 10 0 0 0 20 40 60 80 100 120 140 C 180 0 20 40 60 80 100 120 140 C 180 8
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
ID
10 2
t = 15.0s p
ZthJC
10 0
/ID =
VD
S
100 s
RD
) on S(
1 ms
10 -1 D = 0.50 0.20
10
1 10 ms
0.10 10 -2 0.05 0.02 DC single pulse 0.01
10 0 0 10
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 103AL
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
80
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 17.5 A, VGS = 5 V
0.14
Ptot = 120W
l kj i hV
GS [V] a 2.0 b 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 7.0 8.0 10.0
0.12
A
ID
60
g
RDS (on)0.11
0.10 0.09 0.08 0.07 0.06 0.05 0.04 0.03
c d
50
f
e f
40
e
g h i
98%
30
d
j k l
typ
20
c
10 0 0.0
b a
0.02 0.01 0.00 -60
1.0
2.0
3.0
4.0
V
6.0
VDS
-20
20
60
100
C
180
Tj
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
55 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
35
S
ID
45 40 35
gfs
25
20 30 25 20 10 15 10 5 0 0 0 1 2 3 4 5 6 7 8 V 10 VGS 0 5 10 15 20 25 30 35 A ID 45 5 15
Semiconductor Group
6
07/96
BUZ 103AL
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.16
a b c d e f
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
RDS (on) 0.12 VGS(th)
3.6 3.2
0.10
2.8 2.4
0.08
98%
2.0 0.06 1.6
g
typ 2%
h j
0.04
i
1.2 0.8 0.4
0.02 VGS [V] =
a 2.5 2.0 3.0 b 3.5 c 4.0 d 4.5 e f 5.0 5.5 g 6.0 h i j 7.0 8.0 10.0
0.00 0 10 20 30 40 50 60 A 75
0.0 -60
-20
20
60
100
C
180
ID
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
A
C
pF
IF
10 2
10 3
Ciss
10 1
Tj = 25 C typ Coss Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 2 0
Crss
5 10 15 20 25 30 V 40 VDS
10 0 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 103AL
Avalanche energy EAS = (Tj ) parameter: ID = 35 A, VDD = 25 V RGS = 25 , L = 81 H
110 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 52 A
16
V
EAS
90
VGS
80 70 60
12
10
8 50 40 30 4 20 10 0 20 40 60 80 100 120 140 C 180 2 0 6
0,2 VDS max
0,8 VDS max
Tj
0
10
20
30
40
50
nC
65
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
62 V 60
V(BR)DSS 59
58 57 56 55 54 53 52 51 50 49 48 47 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
07/96
BUZ 103AL
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of C67078-S1357-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X