Part Number Hot Search : 
M1101 MPY43C49 ES5603 SSF6808A DTC144WE FP5109 AC126 7130A
Product Description
Full Text Search
 

To Download BF904A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BF904A; BF904AR; BF904AWR N-channel dual gate MOS-FETs
Product specification Supersedes data of 1999 Feb 01 1999 May 14
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
FEATURES * Specially designed for use at 5 V supply voltage * Short channel transistor with high transfer admittance to input capacitance ratio * Low noise gain controlled amplifier up to 1 GHz * Superior cross-modulation performance during AGC. APPLICATIONS * VHF and UHF applications with 3 to 7 V supply voltage such as television tuners and professional communications equipment. DESCRIPTION Enhancement type field-effect transistors. The transistors consist of an amplifier MOS-FET with source and substrate interconnected and an internal bias circuit to ensure good cross-modulation performance during AGC. The BF904A, BF904AR and BF904AWR are encapsulated in the SOT143B, SOT143R and SOT343R plastic packages respectively. QUICK REFERENCE DATA SYMBOL VDS ID Ptot yfs Cig1-ss Crss F Tj PARAMETER drain-source voltage drain current total power dissipation forward transfer admittance input capacitance at gate 1 reverse transfer capacitance noise figure operating junction temperature CAUTION f = 1 MHz f = 800 MHz Ts 110 C
2 Top view
BF904A; BF904AR; BF904AWR
PINNING PIN 1 2 3 4 DESCRIPTION source drain gate 2 gate 1
1 Top view 2
MSB014
handbook, 2 columns 4
3
BF904A marking code: M41.
Fig.1
Simplified outline (SOT143B).
handbook, 2 columns 3
4
halfpage
3
4
1 2
MSB035
1
MSB842
Top view
BF904AR marking code: M42.
BF904AWR marking code: MH.
Fig.2
Simplified outline (SOT143R).
Fig.3
Simplified outline (SOT343R).
CONDITIONS
MIN. - - - 22 - - - -
TYP. - - - 25 2.2 25 2 -
MAX. 7 30 200 30 2.6 35 - 150
UNIT V mA mW mS pF fF dB C
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
1999 May 14
2
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDS ID IG1 IG2 Ptot Tstg Tj Note 1. Ts is the temperature of the soldering point of the source lead. PARAMETER drain-source voltage drain current gate 1 current gate 2 current total power dissipation storage temperature operating junction temperature Ts 110 C; note 1; see Fig.4 CONDITIONS - - - - - -65 - MIN. 7 30 10 10 200 +150 150 MAX. V mA mA mA mW C C UNIT
MGL615
handbook, halfpage
250
Ptot (mW)
200
150
100
50
0 0 50 100 150 Ts (C) 200
Fig.4 Power derating curve.
1999 May 14
3
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
THERMAL CHARACTERISTICS SYMBOL Rth j-s Note 1. Soldering point of the source lead. STATIC CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)G1-SS V(BR)G2-SS V(F)S-G1 V(F)S-G2 VG1-S(th) VG2-S(th) IDSX IG1-SS IG2-SS Note 1. RG1 connects gate 1 to VGG = 5 V; see Fig.21. PARAMETER gate 1-source breakdown voltage gate 2-source breakdown voltage forward source-gate 1 voltage forward source-gate 2 voltage gate 1-source threshold voltage gate 2-source threshold voltage drain-source current gate 1 cut-off current gate 2 cut-off current PARAMETER thermal resistance from junction to soldering point
BF904A; BF904AR; BF904AWR
CONDITIONS note 1
VALUE 200
UNIT K/W
CONDITIONS VG2-S = VDS = 0; IG1-S = 10 mA VG1-S = VDS = 0; IG2-S = 10 mA VG2-S = VDS = 0; IS-G1 = 10 mA VG1-S = VDS = 0; IS-G2 = 10 mA VG2-S = 4 V; VDS = 5 V; ID = 20 A VG1-S = VDS = 5 V; ID = 20 A VG2-S = 4 V; VDS = 5 V; RG1 = 120 k; note 1 VG2-S = VDS = 0; VG1-S = 5 V VG1-S = VDS = 0; VG2-S = 5 V
MIN. 6 6 0.5 0.5 0.3 0.3 8 - -
MAX. 15 15 1.5 1.5 1 1.2 13 50 50
UNIT V V V V V V mA nA nA
DYNAMIC CHARACTERISTICS Common source; Tamb = 25 C; VDS = 5 V; VG2-S = 4 V; ID = 10 mA; unless otherwise specified. SYMBOL yfs Cig1-s Cig2-s Cos Crs F PARAMETER forward transfer admittance input capacitance at gate 1 input capacitance at gate 2 drain-source capacitance noise figure f = 1 MHz f = 1 MHz f = 1 MHz f = 200 MHz; GS = 2 mS; BS = BSopt f = 800 MHz; GS = GSopt; BS = BSopt CONDITIONS pulsed; Tj = 25 C MIN. 22 - 1 1 - - - TYP. 25 2.2 1.5 1.4 25 1 2 MAX. 30 2.6 2 1.7 35 1.5 2.8 UNIT mS pF pF pF fF dB dB
reverse transfer capacitance f = 1 MHz
1999 May 14
4
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
40 Y fs (mS) 30
MLD268
MRA769
handbook, halfpage gain
0
reduction (dB) 10
20 20 30
10
40
50 0 50 0 50 100 150 o T j ( C) 0 1 2 3 VAGC (V) 4
f = 50 MHz.
Fig.5
Transfer admittance as a function of the junction temperature; typical values.
Fig.6
Typical gain reduction as a function of the AGC voltage; see Fig.21.
handbook, halfpage
120
MRA771
MLD270
20 ID (mA) 15 2V V G2 S = 4 V 3V 2.5 V
Vunw (dB V) 110
100
10 1.5 V
90
5 1V
80
0
10
20
30
40 50 gain reduction (dB)
0 0 0.4 0.8 1.2 1.6 2.0 V G1 S (V)
VDS = 5 V; VGG = 5 V; fw = 50 MHz. funw = 60 MHz; Tamb = 25 C; RG1 = 120 k.
Fig.7
Unwanted voltage for 1% cross-modulation as a function of gain reduction; typical values; see Fig.21.
VDS = 5 V. Tj = 25 C.
Fig.8 Transfer characteristics; typical values.
1999 May 14
5
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
MLD269
MLD271
handbook, halfpage
20
ID (mA) 16
V G1 S = 1.4 V
handbook, halfpage
150
I G1 1.3 V 1.2 V 1.1 V (A) 100
V G2 S = 4 V 3.5 V
3V
12
2.5 V 50
8
1.0 V 0.9 V 2V
4
0 0 2 4 6 8 10 V DS (V)
0 0 0.5 1.0 1.5 2.0 2.5 V G1 S (V)
VG2-S = 4 V. Tj = 25 C.
VDS = 5 V. Tj = 25 C.
Fig.9 Output characteristics; typical values.
Fig.10 Gate 1 current as a function of gate 1 voltage; typical values.
MLD272
MLD273
handbook, halfpage
40
handbook, halfpage
16
y fs (mS) 30
V G2 S = 4 V 3.5 V 3V
ID (mA) 12
20
2.5 V
8
10
4
2V 0 0 4 8 12 16 20 I D (mA)
0 0 10 20 30 40 50 I G1 (A)
VDS = 5 V. VDS = 5 V. Tj = 25 C. VG2-S = 4 V. Tj = 25 C.
Fig.11 Forward transfer admittance as a function of drain current; typical values.
Fig.12 Drain current as a function of gate 1 current; typical values.
1999 May 14
6
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
MLD275
MLD274
handbook, halfpage
12
handbook, halfpage
20
ID (mA)
ID (mA) 15 8
R G1 = 47 k
68 k 82 k 100 k 120 k 150 k
10 180 k 220 k 5
4
0 0 1 2 3 4 VGG (V) VDS = 5 V; VG2-S = 4 V; Tj = 25 C. RG1 = 120 k (connected to VGG); see Fig.21. 5
0 0 2 4 6 V GG = V DS (V) 8
VG2-S = 4 V; Tj = 25 C. RG1 connected to VGG; see Fig.21.
Fig.13 Drain current as a function of gate 1 supply voltage (= VGG); typical values.
Fig.14 Drain current as a function of gate 1 (= VGG) and drain supply voltage; typical values.
MLD276
handbook, halfpage
12
ID (mA) 8
V GG = 5 V 4.5 V 4V 3.5 V 3V
handbook, halfpage
40
MLB945
I G1 (A) 30
V GG = 5 V 4.5 V 4V
20
3.5 V 3V
4 10
0 0 2 4 V G2 S (V) 6
0 0 2 4 V G2 S (V) 6
VDS = 5 V; Tj = 25 C. RG1 = 120 k (connected to VGG); see Fig.21.
VDS = 5 V; Tj = 25 C. RG1 = 120 k (connected to VGG); see Fig.21.
Fig.15 Drain current as a function of gate 2 voltage; typical values.
Fig.16 Gate 1 current as a function of gate 2 voltage; typical values.
1999 May 14
7
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
10 2 handbook, halfpage y is (mS) 10
MLD277
10 3 y rs (S) 10 2 b is
MLD278
10 3
rs (deg) rs
y rs 10 2
1
10
10
g is 10 1 10
102
f (MHz)
10 3
1 10
1 102 f (MHz) 10 3
VDS = 5 V; VG2 = 4 V. ID = 10 mA; Tamb = 25 C.
VDS = 5 V; VG2 = 4 V. ID = 10 mA; Tamb = 25 C.
Fig.17 Input admittance as a function of frequency; typical values.
Fig.18 Reverse transfer admittance and phase as a function of frequency; typical values.
10 2
MLD279
10 2
handbook, halfpage
10
MGL614
y fs (mS)
y fs
fs (deg)
yos (mS) bos 1
10
fs
10 10-1 gos
1 10
1 102 f (MHz) 10 3
10-2 10
102
f (MHz)
103
VDS = 5 V; VG2 = 4 V. ID = 10 mA; Tamb = 25 C.
VDS = 5 V; VG2 = 4 V. ID = 10 mA; Tamb = 25 C.
Fig.19 Forward transfer admittance and phase as a function of frequency; typical values.
Fig.20 Output admittance as a function of frequency; typical values.
1999 May 14
8
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
VAGC R1 10 k
C1 4.7 nF C3 12 pF
C2 R GEN 50 VI R2 50 4.7 nF
DUT R G1
L1
450 nH
C4 4.7 nF
RL 50
VGG
V DS
MLD171
Fig.21 Cross-modulation test set-up.
1999 May 14
9
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
Table 1 f (MHz) 40 100 200 300 400 500 600 700 800 900 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 Table 2
BF904A; BF904AR; BF904AWR
Scattering parameters: VDS = 5 V; VG2-S = 4 V; ID = 10 mA; Tamb = 25 C S11 MAGNITUDE (ratio) 0.989 0.987 0.976 0.972 0.947 0.925 0.905 0.883 0.861 0.841 0.822 0.787 0.752 0.723 0.685 0.665 0.659 0.670 0.700 0.729 0.726 ANGLE (deg) -3.2 -7.9 -15.7 -23.3 -30.6 -37.6 -44.4 -50.9 -57.0 -63.0 -68.4 -78.9 -88.1 -97.3 -106.3 -114.0 -119.8 -124.2 -129.3 -138.7 -150.1 S21 MAGNITUDE (ratio) 2.52 2.52 2.47 2.43 2.36 2.26 2.19 2.10 2.01 1.93 1.85 1.71 1.59 1.47 1.36 1.31 1.30 1.26 1.10 0.82 0.52 ANGLE (deg) 175.9 169.4 159.2 150.5 139.6 130.3 121.1 112.3 103.6 95.5 87.8 72.3 57.3 40.1 25.0 7.7 -14.0 -42.2 -78.2 -120.8 -162.8 S12 MAGNITUDE (ratio) 0.001 0.001 0.003 0.004 0.005 0.005 0.005 0.006 0.006 0.006 0.006 0.007 0.011 0.019 0.021 0.026 0.035 0.050 0.076 0.106 0.128 ANGLE (deg) 87.9 86.1 81.4 80.5 76.9 75.6 75.5 78.0 85.3 90.7 102.6 127.1 143.7 150.0 149.4 151.5 158.2 163.4 162.2 150.5 137.4 S22 MAGNITUDE (ratio) 0.989 0.988 0.984 0.985 0.975 0.968 0.961 0.954 0.946 0.934 0.931 0.923 0.926 0.935 0.931 0.930 0.944 0.941 0.849 0.642 0.480 ANGLE (deg) -1.7 -4.3 -8.6 -12.7 -16.9 -20.8 -24.7 -28.4 -32.0 -35.6 -39.3 -46.7 -54.2 -62.2 -69.3 -77.7 -89.1 -103.5 -119.7 -130.9 -130.6
Noise data: VDS = 5 V; VG2-S = 4 V; ID = 10 mA; Tamb = 25 C f (MHz) 800 Fmin (dB) 2.0 opt (ratio) 0.686 (deg) 49.6 Rn () 50.4
1999 May 14
10
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
PACKAGE OUTLINES Plastic surface mounted package; 4 leads
BF904A; BF904AR; BF904AWR
SOT143B
D
B
E
A
X
y vMA HE
e bp wM B
4
3
Q
A
A1 c
1
b1 e1
2
Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max 0.1 bp 0.48 0.38 b1 0.88 0.78 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 1.7 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1 y 0.1
OUTLINE VERSION SOT143B
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
1999 May 14
11
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
Plastic surface mounted package; reverse pinning; 4 leads
SOT143R
D
B
E
A
X
y vMA HE
e bp wM B
3
4
Q
A
A1 c
2
b1 e1
1
Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max 0.1 bp 0.48 0.38 b1 0.88 0.78 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 1.7 HE 2.5 2.1 Lp 0.55 0.25 Q 0.45 0.25 v 0.2 w 0.1 y 0.1
OUTLINE VERSION SOT143R
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-03-10
1999 May 14
12
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904A; BF904AR; BF904AWR
Plastic surface mounted package; reverse pinning; 4 leads
SOT343R
D
B
E
A
X
y
HE e
vMA
3
4
Q
A A1 c
2
wM B bp e1 b1
1
Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.4 0.3 b1 0.7 0.5 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 1.15 HE 2.2 2.0 Lp 0.45 0.15 Q 0.23 0.13 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT343R
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-05-21
1999 May 14
13
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BF904A; BF904AR; BF904AWR
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1999 May 14
14
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
NOTES
BF904A; BF904AR; BF904AWR
1999 May 14
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 02 67 52 2531, Fax. +39 02 67 52 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA 64
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
125004/00/03/pp16
Date of release: 1999 May 14
Document order number:
9397 750 05271


▲Up To Search▲   

 
Price & Availability of BF904A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X