Part Number Hot Search : 
BAT160A T8535B P708RCU 78M05CT OP123 AD7934 B0737 SLA50
Product Description
Full Text Search
 

To Download AK4309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAHI KASEI
[AK4309B]
AK4309B
16Bit SCF DAC for Multimedia
General Description The AK4309B is a 1bit stereo DAC for multimedia audio systems. A 1bit DAC can achieve monotonicity and low distortion with no adjustment and is superior to traditional R-2R ladder based DACs. In the AK4309B, the loss of accuracy from clock jitter is also improved by using SCF techniques for on-chip post filter. The AK4309B includes continuous time filter with single end output and does not need any external parts. The master clock can be either 256fs or 384fs, supporting various audio environment. Features
Sampling Rate Ranging from 8kHz to 50kHz On chip Perfect filtering * 8 times FIR Interpolator * 2nd order SCF and CTF * Total Response: 0.5dB at 20kHz On chip Buffer with Single End Output Master Clock: 256fs or 384fs High Tolerance to Clock Jitter TTL Level Digital Interface THD+N: -84dB Dynamic Range: 90dB Output Level: 3.4Vpp Power Supply: 5V10% Low Power Dissipation: 80mW at 5V Small Package: 20pin SSOP Pin Compatible with AK4310/4309A
0177-E-00 -1-
1997/6
ASAHI KASEI
[AK4309B]
Ordering Guide
AK4309BVM AKD4309B 20pin SSOP(0.65mm pitch) -10+70C Evaluation Board (AK4309B's board is the same as AK4310's)
Pin Layout
Compatibility with AK4310/09A
Parameter Power Supply Digital I/F level DR Output Voltage Click Noise Function of Pin 4 Package
AK4310 35.5V CMOS 92dB 2.8Vpp High
AK4309A 4.55.5V TTL 91dB 3.4Vpp Middle
AK4309B 4.55.5V TTL 90dB 3.4Vpp Low NC 20SSOP
PD
24SSOP
PD
24SSOP
0177-E-00 -2-
1997/6
ASAHI KASEI
[AK4309B]
PIN/FUNCTION No. 1 2 3 4 5 Pin Name TST1 DVDD DVSS NC I/O I I Function Test Pin (Pull-down pin) Must be left floating or tied to DVSS. Digital Power Supply Pin Digital Ground Pin No Connection Reset Pin When at "L", the AK4309B is in power-down mode and is held in reset. The AK4309B should always be reset upon power-up. Master Clock Input Pin An external TTL clock should be input on this pin. The fs is selected by CKS pin. Master Clock Select Pin "L": MCLK=256fs, "H": MCLK=384fs Serial Bit Input Clock Pin This clock is used to latch SDATA. Serial Data Input Pin 2's complement MSB-first data is input on this pin. L/R Clock Pin This input determines which channel is currently being input on the Serial Data Input pin, SDATA. "H": Lch, "L": Rch Rch analog output pin Lch analog output pin Common Voltage pin, AVDD/2 Normally connected to AVSS with a 0.1uF ceramic capacitor in parallel with a 10uF electrolytic cap. Analog Power Supply Pin Analog Ground Pin No Connection "H" Voltage Reference Input Pin The differential Voltage between VREFH and VREFL inputs set the analog output range. The VREFH pin is normally connected to AVDD and the VREFL pin is connected to AVSS. A 0.1uF ceramic capacitor should be as near to both pins. "L" Voltage Reference Input Pin Zero Input Detect Pin When SDATA of both channels follow a total 8192 LRCK cycles with "0" input data, this pin goes "H".
RST
6
MCLK
I
7 8 9 10
CKS BICK SDATA LRCK
I I I I
11 12 13
AOUTR AOUTL VCOM
O O O
14 15 16 17 18
AVDD AVSS NC NC VREFH
I
19 20
VREFL DZF
I O
* NC pins are not bonded internally.
0177-E-00 -3-
1997/6
ASAHI KASEI
[AK4309B]
ABSOLUTE MAXIMUM RATINGS (AVSS,DVSS=0V; Note 1 ) Parameter Power Supplies: Analog Digital DVDD-AVDD Input Current, Any Pin Except Supplies Input Voltage Ambient Operating Temperature Storage Temperature Note: 1 . All voltages with respect to ground. WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. Symbol AVDD DVDD VDA IIN VIND Ta Tstg min -0.3 -0.3 -0.3 -10 -65 max 6.0 6.0 0.3 10 AVDD+0.3 70 150 Units V V V mA V
C C
RECOMMENDED OPERATING CONDITIONS (AVSS,DVSS=0V; Note 1 ) Parameter Analog Digital Voltage Reference(VREFH) Power Supplies: (Note 2 ) (Note 3 )
Symbol AVDD DVDD VREF
min 4.5 4.5 3.0
typ 5.0 5.0 -
max 5.5 AVDD AVDD
Units V V V
Notes: 2 . AVDD and DVDD should be powered at the same time or AVDD should be powered earlier than DVDD. 3 . Analog output voltage scales with the voltage of VREFH at VREFL=AVSS. AOUT(typ.@0dB)=3.4Vpp*VREFH/5.
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.
0177-E-00 -4-
1997/6
ASAHI KASEI
[AK4309B]
ANALOG CHARACTERISTICS (Ta=25C; AVDD,DVDD=5.0V; VREFH=AVDD,VREFL=AVSS; fs=44.1kHz; Signal Frequency=1kHz; Measurement Bandwidth=10Hz20kHz; RL10k; unless otherwise specified) Parameter Resolution Dynamic Characteristics (Note 4 ) THD+N (0dB Output) Dynamic Range (-60dB Output, A weight) S/N (A weight) Interchannel Isolation(1kHz) DC Accuracy Interchannel Gain Mismatch Gain Drift DC Accuracy Output Voltage Load Resistance Power Supplies Power Supply Current Normal Operation ( RST = "H") AVDD DVDD Power-Down-Mode ( RST = "L") AVDD+DVDD (Note 7 ) Power Dissipation (AVDD+DVDD) Normal Operation Power-Down-Mode (Note 7 ) Power Supply Rejection (Note 8 ) (Note 6 ) 3.23 10 3.4 3.57 Vpp k (Note 5 ) 0.15 60 0.3 dB ppm/C 85 85 80 -84 90 90 90 -79 dB dB dB dB min typ 16 max Units Bits
13 3 10 80 50 50
18 5 50 115 250
mA mA uA mW uW dB
Notes: 4 . Measured by AD725C(SHIBASOKU). Averaging mode. Refer to the eva board manual. 5 . The voltage on VREFH pin is held +5V externally. 6 . Full-scale voltage(0dB). Output voltage scales with the voltage of VREH-VREFL. AOUT(typ.@0dB)=3.4Vpp*(VREFH-VREFL)/5. 7 . Power Dissipation in the power-down mode is applied with no external clocks (MCLK,BICK,LRCK held "H" or "L"). 8 . PSR is applied to AVDD,DVDD with 1kHz, 100mVpp. VREF pin is held +5V.
0177-E-00 -5-
1997/6
ASAHI KASEI
[AK4309B]
FILTER CHARACTERISTICS (Ta=25C; AVDD,DVDD=4.5V5.5V; fs=44.1kHz) Parameter Digital Filter Passband -0.2dB (Note 9 ) -6.0dB (Note 9 ) PB SB PR SA GD 0 24.3 41 22.05 20.0 0.05 14.5 0.5 kHz kHz kHz dB dB 1/fs dB Symbol min typ max Units
Stopband Passband Ripple Stopband Attenuation Group Delay
(Note 10 )
Digital Filter + SCF + CTF Frequency Response 020.0kHz
Note: 9 . The passband and stopband frequencies scale with fs. For example, PB=0.4535*fs(@-0.2dB), SB=0.55*fs. 10 . The calculating delay time which occurred by digital filtering. This time is from setting the 16bit data of both channels to input register to the output of analog signal.
DIGITAL CHARACTERISTICS (Ta=25C; AVDD,DVDD=4.55.5V) Parameter High-Level Input Voltage Low-Level Input Voltage High-Level Output Voltage (Iout=-100A) Low-Level Output Voltage (Iout=100A) Input Leakage Current Symbol VIH VIL VOH VOL Iin min 2.2 DVDD-0.5 typ max 0.8 0.5 10 Units V V V V uA
0177-E-00 -6-
1997/6
ASAHI KASEI
[AK4309B]
SWITCHING CHARACTERISTICS (Ta=25C; AVDD,DVDD=4.55.5V; CL=20pF) Parameter Master Clock Timing 256fs: Pulse Width Low Pulse Width High 384fs: Pulse Width Low Pulse Width High Symbol fCLK tCLKL tCLKH fCLK tCLKL tCLKH fs Duty tBCK tBCKL tBCKH tBLR tLRB tSDH tSDS min 2.048 28 28 3.072 23 23 8 45 312.5 100 100 50 50 50 50 44.1 typ max 12.8 Unit MHz ns ns MHz ns ns kHz kHz % ns ns ns ns ns ns ns ns
19.2
LRCK Frequency Duty Cycle Serial Interface Timing BICK Period BICK Pulse Width Low Pulse Width High BICK rising to LRCK edge LRCK Edge to BICK rising SDATA Hold Time SDATA Setup Time Reset Timing
50 55
(Note 11 ) (Note 11 )
RST Pulse Width (Note 12 ) tRST 150 Notes: 11 . BICK rising edge must not occur at the same time as LRCK edge. 12 . The AK4309B can be reset by bringing RST "L" to "H" only upon power up.
0177-E-00 -7-
1997/6
ASAHI KASEI
[AK4309B]
Timing Diagram
0177-E-00 -8-
1997/6
ASAHI KASEI
[AK4309B]
OPERATION OVERVIEW
System Clock
The external clocks which are required to operate the AK4309B are MCLK, LRCK, BICK. The master clock(MCLK) should be synchronized with LRCK but the phase is not critical. The MCLK is used to operate the digital interpolation filter and the delta-sigma modulator. The frequency of MCLK is determined by the sampling rate (LRCK), CKS pin. Table 1 illustrates corresponding clock frequencies. When the 384fs is selected, the internal master clock becomes 256fs(=384fs*2/3). Refer to Figure 1 . All external clocks(MCLK,BICK,LRCK) should always be present whenever the AK4309B is in normal operation mode(RST="H"). If these clocks are not provided, the AK4309B may draw excess current because the device utilizes dynamic refreshed logic internally. If the external clocks are not present, the AK4309B should be in the power-down mode(RST ="L"). After exiting reset at power-up etc., the AK4309B is in powerdown mode until MCLK and LRCK are input.
Clock LRCK (fs) BICK MCLK CKS="L" CKS="H"
frequency 8k50kHz
64fs
256fs 384fs
Table 1 . System Clocks
Figure 1 . MCLK divider
Audio Serial Interface Format
Data is shifted in via the SDATA pin using BICK and LRCK inputs. A serial data is MSB-first, 2's compliment format and is latched by the rising edge of BICK.
Figure 2 . Data Input Timing
0177-E-00 -9-
1997/6
ASAHI KASEI
[AK4309B]
Zero detection
When the input data at both channels are continuously zeros for 8192 LRCK cycles, DZF goes to "H". DZF immediately goes "L" if input data are not zero after going DZF "H".
System Reset
The AK4309B should be reset once by bringing RST "L" upon power-up. The AK4309B is powered up and the internal timing starts clocking by LRCK "" after exiting reset and power down state by MCLK. The AK4309B is in power-down mode until LRCK is input.
SYSTEM DESIGN Figure 3 shows the system connection diagram. An evaluation board[AKD4310] is available which demonstrates the optimum layout, power supply arrangements and measurement results.
Figure 3 . Typical Connection Diagram Notes: - LRCK=fs, BICK32fs, MCLK=256fs at CKS="L", MCLK=384fs at CKS="H". - Power lines of AVDD and DVDD should be distributed separately from the point with low impedance of regulator etc. - When AOUT drives some capacitive load, some resistor should be added in series between AOUT and capacitive load. - The capacitor value on VCOM depends on low frequency noise level of power supply.
0177-E-00 - 10 -
1997/6
ASAHI KASEI 1. Grounding and Power Supply Decoupling
[AK4309B]
To minimize coupling by digital noise, decoupling capacitors should be connected to AVDD and DVDD, respectively. AVDD is supplied from analog supply in system and DVDD is supplied from AVDD via 10 resistor as shown in Figure 3 . Alternatively if AVDD and DVDD are supplied separately, AVDD and DVDD should be powered at the same time or AVDD should be powered earlier than DVDD. Analog ground and digital ground should be connected together near to where the supplies are brought onto the printed circuit board. Decoupling capacitors for high frequency should be placed as near as possible. 2. Voltage reference The differential Voltage between VREFH and VREFL set the analog output range. VREFH pin is normally connected to AVDD and VREFL pin is connected to AVSS with a 0.1uF ceramic capacitor. VCOM is a signal ground of this chip. An electrolytic capacitor of around 10uF in parallel with a 0.1uF ceramic capacitor attached to these pins eliminates the effects of high frequency noise. No load current may be drawn from VCOM pin. All signals, especially clocks, should be kept away from the VREF and VCOM pins in order to avoid unwanted coupling into the AK4309B. 3. Analog Outputs The analog outputs are also single-ended and centered around the VCOM voltage. The output signal range is typically 3.4Vpp. AC coupling capacitors of larger than 1uF are recommended. The internal switched-capacitor filter and continuous-time filter attenuate the noise generated by the delta-sigma modulator beyond the audio passband. Therefore, any external filters are not required for typical application. The output voltage is a positive full scale for 7FFFH(@16bit) and a negative full scale for 8000H(@16bit). The ideal output is VCOM voltage for 0000H(@16bit). DC offsets on analog outputs are eliminated by AC coupling since analog outputs have DC offsets of VCOM + a few mV.
0177-E-00 - 11 -
1997/6
ASAHI KASEI
[AK4309B]
PACKAGE
z 20pin SSOP (Unit: mm)
NOTE: Dimension "*" does not include mold flash.
Package & Lead frame material
Package molding compound : Lead frame material : Lead frame surface treatment : Epoxy Cu Solder plate
0177-E-00 - 12 -
1997/6
ASAHI KASEI
[AK4309B]
MARKING
Contents of AAXXXX AA: Lot# XXXX: Date Code
0177-E-00 - 13 -
1997/6
IMPORTANT NOTICE
zThese products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. zAKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. zAny export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. zAKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. zIt is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification.


▲Up To Search▲   

 
Price & Availability of AK4309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X