|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES SNR = 57 dB @ 39 MHz Analog Input (-0.5 dBFS) Low Power 190 mW at 65 MSPS 285 mW at 105 MSPS 30 mW Power-Down Mode 300 MHz Analog Bandwidth On-Chip Reference and Track/Hold 1 V p-p or 2 V p-p Analog Input Range Option Single 3.3 V Supply Operation (2.7 V-3.6 V) Two's Complement or Offset Binary Data Format Option APPLICATIONS Battery-Powered Instruments Hand-Held Scopemeters Low-Cost Digital Oscilloscopes Ultrasound Equipment Cable Reverse Path Broadband Wireless Residential Power Line Networks AIN AIN 10-Bit, 65/80/105 MSPS 3 V A/D Converter AD9214 FUNCTIONAL BLOCK DIAGRAM AVDD PWRDWN DrVDD AD9214 DFS/GAIN PIPELINE 10 ADC CORE BUFFER T/H OUTPUT REGISTER OR 10 D9-D0 ENCODE TIMING REF AGND REF REFSENSE DGND PRODUCT DESCRIPTION PRODUCT HIGHLIGHTS The AD9214 is a 10-bit monolithic sampling analog-to-digital converter (ADC) with an on-chip track-and-hold circuit, and is optimized for low cost, low power, small size, and ease of use. The product operates up to 105 MSPS conversion rate with outstanding dynamic performance over its full operating range. The ADC requires only a single 3.3 V (2.7 V to 3.6 V) power supply and an encode clock for full performance operation. No external reference or driver components are required for many applications. The digital outputs are TTL/CMOS compatible and a separate output power supply pin supports interfacing with 3.3 V or 2.5 V logic. The clock input is TTL/CMOS compatible. In the power-down state, the power is reduced to 30 mW. A gain option allows support for either 1 V p-p or 2 V p-p analog signal input swing. Fabricated on an advanced CMOS process, the AD9214 is available in a 28-lead surface-mount plastic package (28-SSOP) specified over the industrial temperature range (-40C to +85C). High Performance--Outstanding ac performance from 65 MSPS to 105 MSPS. SNR greater than 55 dB typical and as high as 58 dB. Low Power--The AD9214 at 285 mW consumes a fraction of the power available in existing high-speed monolithic solutions. In sleep mode, power is reduced to 30 mW. Single Supply--The AD9214 uses a single 3 V supply, simplifying system power supply design. It also features a separate digital output driver supply line to accommodate 2.5 V logic families. Small Package--The AD9214 is packaged in a small 28-lead surface-mount plastic package (28-SSOP). REV. D Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002 AD9214-SPECIFICATIONS DC SPECIFICATIONS frequency used, unless otherwise noted.) Parameter RESOLUTION ACCURACY No Missing Codes Offset Error Gain Error1 Differential Nonlinearity2 (DNL) Integral Nonlinearity2 (INL) TEMPERATURE DRIFT Offset Error Gain Error1 Reference Voltage REFERENCE (REF) Internal Reference Voltage Output Current3 Input Current4 Input Resistance ANALOG INPUTS (AIN, AIN) Differential Input Range Common-Mode Voltage Differential Input Resistance5 Differential Input Capacitance POWER SUPPLY Supply Voltages AVDD DrVDD Supply Current IAVDD (AVDD = 3.0 V)6 Power-Down Current7 IAVDD (AVDD = 3.0 V) Power Consumption8 PSRR 25C Full Full 25C 25C Full 25C Full Full Full Full 25C Full Full Full Full Full Full Full VI VI VI I I V I V V V V VI V V V V V V V 1.18 Temp Test Level Min 10 Guaranteed Guaranteed -18 0 -2 -1.0 0.5 -1.0 -1.35 0.75 -1.9 16 150 80 1.23 200 123 10 1 or 2 AVDD/3 20 5 1.28 1.18 (AVDD = 3 V, DrVDD = 3 V; TMIN = -40 C, TMAX = +85 C; external 1.25 V voltage reference and rated encode AD9214-65 Typ Max AD9214-80 Typ Max 10 Guaranteed Guaranteed 0 +18 +8 0.5 +1.2 +1.4 0.75 +1.5 +1.8 16 150 80 1.23 200 123 10 1 or 2 AVDD/3 20 5 1.28 1.18 AD9214-105 Typ Max 10 Guaranteed -18 -2 -1.0 -2.2 -2.5 0 0.8 1.5 +18 +8 +1.5 +1.7 +2.2 +2.5 LSB % FS LSB LSB LSB LSB ppm/C ppm/C ppm/C 1.28 V A A k V p-p V k pF Min Min Unit Bits +18 +8 +1.0 +1.2 +1.35 +1.9 -18 -2 -1.0 -1.0 -1.5 -1.8 16 150 80 1.23 200 123 10 1 or 2 AVDD/3 20 5 Full Full Full Full Full 25C Full IV IV VI VI VI I V 2.7 2.7 64 10 190 0.5 2 3.6 3.6 75 15 220 2.7 2.7 90 10 250 1 2 3.6 3.6 105 15 300 2.7 2.7 95 10 285 1 2 3.6 3.6 110 15 325 V V mA mA mW LSB/V mV/V NOTES 1 Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.25 V external reference). 2 Measured with 1 V A IN range for AD9214-80 and AD9214-105. Measured with 2 V A IN range for AD9214-65. 3 REFSENSE externally connected to AGND, REF is configured as an output for the internal reference voltage. 4 REFSENSE externally connected to AV DD, REF is configured as an input for an external reference voltage. 5 10 k to AVDD/3 on each input. 6 IAVDD is measured with an analog input of 10.3 MHz, 0.5 dBFS, sine wave, rated encode rate, and PWRDN = 0. See Typical Performance Characteristics and Applications section for I DrVDD. 7 Power-down supply currents measured with PWRDN = 1; rated encode rate, A IN = full-scale dc input. 8 Power consumption measured with A IN = full-scale dc input. Specifications subject to change without notice. -2- REV. D AD9214 DIGITAL SPECIFICATIONS (AV Parameter DIGITAL INPUTS Logic "1" Voltage Logic "0" Voltage Input Capacitance DIGITAL OUTPUTS2 Logic Compatibility Logic "1" Voltage Logic "0" Voltage 1 DD = 3 V, DrVDD = 3 V; TMIN = -40 C, TMAX = +85 C) Min 2.0 0.8 2.0 CMOS/TTL DrVDD - 50 mV 50 2.0 CMOS/TTL DrVDD - 50 mV 50 AD9214-65 Typ Max Min 2.0 0.8 2.0 CMOS/TTL DrVDD - 50 mV 50 AD9214-80 Typ Max Min 2.0 0.8 AD9214-105 Typ Max Unit V V pF V V mV Temp Full Full Full Test Level IV IV V Full Full VI VI NOTES 1 Digital Inputs include ENCODE and PWRDN. 2 Digital Outputs include D0-D9 and OR. Specifications subject to change without notice. AC SPECIFICATIONS1 Parameter SNR Analog Input 10 MHz @ -0.5 dBFS 39 MHz 51 MHz 70 MHz SINAD Analog Input 10 MHz @ -0.5 dBFS 39 MHz 51 MHz 70 MHz EFFECTIVE NUMBER OF BITS Analog Input 10 MHz @ -0.5 dBFS 39 MHz 51 MHz 70 MHz (AVDD = 3 V, DrVDD = 3 V; ENCODE = Maximum Conversion Rate; TMIN = -40 C, T MAX = +85 C; external 1.25 V voltage reference used, unless otherwise noted.) Temp 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C 25C Test Level I I V V I I V V I I V V I I V V I I V V I I V V V V Min 55.5 AD9214-65 Typ Max 58.3 57.1 Min 56.0 55.0 AD9214-80 Typ Max 58.1 57.1 55.0 54.0 57.6 56.7 54.5 Min 51.0 50.5 AD9214-105 Typ Max 53.0 53.0 53.0 52.6 52.0 52.0 52.0 52.0 8.4 8.4 8.4 8.4 -62 -62 -68 -71 -64 -62 -64 -67 -71 -65 62 62 62 62 72 300 Unit dB dB dB dB dB dB dB dB Bit Bit Bit Bit dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBFS MHz 55.0 57.8 56.7 55.5 54.5 50.0 50.0 8.9 9.3 9.2 9.0 8.8 9.3 9.2 8.8 8.5 -74 -76 -72 -65 -72 -74 -78 SECOND HARMONIC DISTORTION Analog Input 10 MHz @ -0.5 dBFS 39 MHz 51 MHz 70 MHz THIRD HARMONIC DISTORTION Analog Input 10 MHz @ -0.5 dBFS 39 MHz 51 MHz 70 MHz SFDR Analog Input 10 MHz @ -0.5 dBFS 39 MHz 51 MHz 70 MHz TWO-TONE INTERMOD DISTORTION2 Analog Input @ -0.5 dBFS ANALOG INPUT BANDWIDTH -66 -79 -75 -64 -63 -63.5 -71 -70 -63 -63 -59 -59 63.5 71 70 63 63 71 71 67 64 74 300 57 57 76 300 NOTES 1 AC specifications based on a 1.0 V p-p full-scale input range for the AD9214-80 and AD9214-105, and a 2.0 V p-p full-scale input range for the AD9214-65. An external reference is used. 2 F1 = 29.3 MHz, F2 = 30.3 MHz. Specifications subject to change without notice. REV. D -3- AD9214-SPECIFICATIONS SWITCHING SPECIFICATIONS external 1.25 V voltage reference used, unless otherwise noted.) Parameter ENCODE INPUT PARAMETERS* Maximum Conversion Rate Minimum Conversion Rate Encode Pulsewidth High (tEH) Encode Pulsewidth Low (tEL) Aperture Delay (tA) Aperture Uncertainty (Jitter) DATA OUTPUT PARAMETERS Pipeline Delays Output Valid Time (tV)* Output Propagation Delay* (tPD) TRANSIENT RESPONSE TIME OUT-OF-RANGE RECOVERY TIME an ac load of 5 pF or a dc current of 40 A. (AVDD = 3 V, DrVDD = 3 V; ENCODE = Maximum Conversion Rate; TMIN = -40 C, TMAX = +85 C; Test Level VI IV IV IV V V IV V V V V AD9214-65 Typ Max AD9214-80 Typ Max AD9214-105 Typ Max Temp Full Full Full Full 25C 25C Full Full Full 25C 25C Min 65 Min 80 Min 105 Unit MSPS MSPS ns ns ns ps rms Clock Cycle ns ns ns ns 20 6.0 6.0 2.0 3 5 4.5 4.5 5 5 5.0 5.0 2.0 3 5 4.5 4.5 5 5 20 3.8 3.8 2.0 3 5 4.5 4.5 5 5 20 3.0 3.0 6.0 3.0 6.0 6.0 *tV and tPD are measured from the 1.5 V level of the ENCODE input to the 50% levels of the digital output swing. The digital output load during test is not to exceed Specifications subject to change without notice. SAMPLE N AIN SAMPLE N+1 SAMPLE N+5 tA ENCODE SAMPLE N+2 SAMPLE N+3 SAMPLE N+4 tEH tEL 1/FS tPD D9 - D0 DATA N-5 DATA N-4 DATA N-3 DATA N-2 DATA N-1 tV DATA N Figure 1. Timing Diagram -4- REV. D AD9214 ABSOLUTE MAXIMUM RATINGS 1 EXPLANATION OF TEST LEVELS Electrical AVDD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V max DrVDD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V max Analog Input Voltage . . . . . . . . . . . -0.5 V to AVDD + 0.5 V Analog Input Current . . . . . . . . . . . . . . . . . . . . . . . 0.4 mA Digital Input Voltage . . . . . . . . . . . -0.5 V to AVDD + 0.5 V Digital Output Current . . . . . . . . . . . . . . . . . . 20 mA max REF Input Voltage . . . . . . . . . . . . . -0.5 V to AVDD + 0.5 V Environmental2 Operating Temperature Range (Ambient) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +125C Maximum Junction Temperature . . . . . . . . . . . . . . . 150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . 150C Storage Temperature Range (Ambient) . . . -65C to +150C NOTES 1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2 Typical thermal impedances (package = 28 SSOP); JA = 49C/W. These measurements were taken on a 6-layer board in still air with a solid ground plane. I 100% production tested. II 100% production tested at 25C and guaranteed by design and characterization at specified temperatures. III Sample Tested Only IV Parameter is guaranteed by design and characterization testing. V Parameter is a typical value only. VI 100% production tested at 25C and guaranteed by design and characterization for industrial temperature range. ORDERING GUIDE Model AD9214BRS-65 AD9214BRS-80 AD9214BRS-105 AD9214-65PCB AD9214-105PCB Temperature Range -40C to +85C (Ambient) -40C to +85C (Ambient) -40C to +85C (Ambient) 25C 25C Package Description 28-Lead Shrink Small Outline Package 28-Lead Shrink Small Outline Package 28-Lead Shrink Small Outline Package Evaluation Board with AD9214-65 Evaluation Board with AD9214-105 Package Option RS-28 RS-28 RS-28 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9214 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE REV. D -5- AD9214 PIN FUNCTION DESCRIPTIONS Pin No. 1 2 Mnemonic OR DFS/GAIN Function CMOS Output; Out-of-Range Indicator. Logic HIGH indicates the analog input voltage was outside the converter's range for the current output data. Data Format Select and Gain Mode Select. Connect externally to AVDD for two's complement data format and 1 V p-p analog input range. Connect externally to AGND for Offset Binary data format and 1 V p-p analog input range. Connect externally to REF (Pin 4) for two's complement data format and 2 V p-p analog input range. Floating this pin will configure the device for Offset Binary data format and a 2 V p-p analog input range. Reference Mode Select Pin for the ADC. This pin is normally connected externally to AGND, which enables the internal 1.25 V reference, and configures REF (Pin 4) as an analog reference output pin. Connecting REFSENSE externally to AVDD disables the internal reference, and configures REF (Pin 4) as an external reference input. In this case, the user must drive REF with a clean and accurate 1.25 V ( 5%) reference input. Reference input or output as configured by REFSENSE (Pin 3). When configured as an output (REFSENSE = AGND), the internal reference (nominally 1.25 V) is enabled and is available to the user on this pin. When configured as an input (REFSENSE = AVDD), the user must drive REF with a clean and accurate 1.25 V ( 5%) reference. This pin should be bypassed to AGND with an external 0.1 F capacitor, whether it is configured as an input or output. Analog Ground Analog Power Supply, Nominally 3 V Positive terminal of the differential analog input for the ADC. Negative terminal of the differential analog input for the ADC. This pin can be left open if operating in single-ended mode, but it is preferable to match the impedance seen at the positive terminal (see Driving the Analog Inputs). Encode Clock for the ADC. The AD9214 samples the analog signal on the rising edge of ENCODE. CMOS-compatible power-down mode select, Logic LOW for normal operation; Logic HIGH for power-down mode (digital outputs in high impedance state). PWRDN has an internal 10 k pull-down resistor to ground. Digital Output Ground Digital Output Driver Power Supply. Nominally 2.5 V to 3.6 V. CMOS Digital Outputs of ADC 3 REFSENSE 4 REF 5, 8, 11 6, 7, 12 9 10 AGND AVDD AIN AIN 13 14 ENCODE PWRDN 15, 23 16, 24 17-22, 25-28 DGND DrVDD D0 (LSB)-D5, D6-D9 (MSB) PIN CONFIGURATION 28-Lead Shrink Small Outline Package OR 1 DFS/GAIN 2 REFSENSE 3 REF 4 AGND 5 AVDD 6 AVDD 7 AIN 9 AIN 10 AGND 11 AVDD 12 ENCODE 13 PWRDN 14 28 D9 (MSB) 27 D8 26 D7 25 D6 24 DrVDD AD9214 23 DGND TOP VIEW 22 D5 AGND 8 (Not to Scale) 21 D4 20 D3 19 D2 18 D1 17 D0 (LSB) 16 DrVDD 15 DGND -6- REV. D AD9214 TERMINOLOGY Analog Bandwidth Harmonic Distortion, Third The analog input frequency at which the spectral power of the fundamental frequency (as determined by the FFT analysis) is reduced by 3 dB. Aperture Delay The ratio of the rms signal amplitude to the rms value of the third harmonic component, reported in dBc. Integral Nonlinearity The delay between the 50% point of the rising edge of the ENCODE command and the instant at which the analog input is sampled. Aperture Uncertainty (Jitter) The deviation of the transfer function from a reference line measured in fractions of 1 LSB using a "best straight line" determined by a least square curve fit. Minimum Conversion Rate The encode rate at which the SNR of the lowest analog signal frequency drops by no more than 3 dB below the guaranteed limit. Maximum Conversion Rate The sample-to-sample variation in aperture delay. Differential Analog Input Resistance, Differential Analog Input Capacitance and Differential Analog Input Impedance The encode rate at which parametric testing is performed. Output Propagation Delay The real and complex impedances measured at each analog input port. The resistance is measured statically and the capacitance and differential input impedances are measured with a network analyzer. Differential Analog Input Voltage Range The delay between a differential crossing of ENCODE and ENCODE and the time when all output data bits are within valid logic levels. Noise (for any range within the ADC) VNOISE = Z x 0.001 x 10 FS dBm - SNRdBc - Signal dBFS 10 The peak-to-peak differential voltage that must be applied to the converter to generate a full-scale response. Peak differential voltage is computed by observing the voltage on a single pin and subtracting the voltage from the other pin, which is 180 degrees out of phase. Peak-to-peak differential is computed by rotating the inputs phase 180 degrees and taking the peak measurement again. Then the difference is computed between both peak measurements. Differential Nonlinearity Where Z is the input impedance, FS is the full-scale of the device for the frequency in question, SNR is the value for the particular input level and Signal is the signal level within the ADC reported in dB below full-scale. This value includes both thermal and quantization noise. Power Supply Rejection Ratio (PSRR) The deviation of any code width from an ideal 1 LSB step. Effective Number of Bits The ratio of a change in input offset voltage to a change in power supply voltage. Signal-to-Noise-and-Distortion (SINAD) The effective number of bits (ENOB) is calculated from the measured SNR based on the equation: Full Scale SINADMEASURED - 1.76 dB + 20 log Actual ENOB = 6.02 Encode Pulsewidth/Duty Cycle The ratio of the rms signal amplitude (set 0.5 dB below full scale) to the rms value of the sum of all other spectral components, including harmonics but excluding dc. Signal-to-Noise Ratio (without Harmonics) Pulsewidth high is the minimum amount of time that the ENCODE pulse should be left in Logic "1" state to achieve rated performance; pulsewidth low is the minimum time ENCODE pulse should be left in low state. See timing implications of changing tENCH in text. At a given clock rate, these specs define an acceptable Encode duty cycle. Full-Scale Input Power The ratio of the rms signal amplitude (set at 0.5 dB below full scale) to the rms value of the sum of all other spectral components, excluding the first five harmonics and dc. Spurious-Free Dynamic Range (SFDR) Expressed in dBm. Computed using the following equation: V 2FULL SCALE rms Z INPUT = 10 log 0.001 The ratio of the rms signal amplitude to the rms value of the peak spurious spectral component. The peak spurious component may or may not be a harmonic. May be reported in dBc (i.e., degrades as signal level is lowered), or dBFS (always related back to converter full scale). Two-Tone Intermodulation Distortion Rejection The ratio of the rms value of either input tone to the rms value of the worst third order intermodulation product; reported in dBc. Two-Tone SFDR Power FULL SCALE Gain Error Gain error is the difference between the measured and ideal full scale input voltage range of the ADC. Harmonic Distortion, Second The ratio of the rms value of either input tone to the rms value of the peak spurious component. The peak spurious component may or may not be an intermodulation distortion product. May be reported in dBc (i.e., degrades as signal level is lowered), or in dBFS (always related back to converter full scale). Worst Other Spur The ratio of the rms signal amplitude to the rms value of the second harmonic component, reported in dBc. The ratio of the rms signal amplitude to the rms value of the worst spurious component (excluding the second and third harmonic) reported in dBc. REV. D -7- AD9214 Transient Response Time Out-of-Range Recovery Time Transient response is defined as the time it takes for the ADC to reacquire the analog input after a transient from 10% above negative full scale to 10% below positive full scale. Out-of-range recovery time is the time it takes for the ADC to reacquire the analog input after a transient from 10% above positive full scale to 10% above negative full scale, or from 10% below negative full scale to 10% below positive full scale. EQUIVALENT CIRCUITS AVDD 30k 40 15k 30k REF AIN 40 15k AIN AVDD VREF 10k 10k Figure 2. Analog Input Stage Figure 5. REF Configured as an Output 2.6k AVDD 600 ENCODE REF 10k 2.6k Figure 3. Encode Inputs Figure 6. REF Configured as an Input DVDD 40 DX Figure 4. Digital Output Stage -8- REV. D Typical Performance Characteristics- AD9214 0 -10 -20 -30 -40 dB dB 0 ENCODE: 105MSPS AIN: 50.3MHz @ -0.5dBFS SNR: 53.0dB ENOB: 8.5 BITS SFDR: 64dBFS -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 ENCODE: 65MSPS AIN: 15.3MHz @ -0.5dBFS SNR: 56.9dB ENOB: 9.2 BITS SFDR: 70dB -50 -60 -70 -80 -90 -100 0 FREQUENCY - MHz 52.5 0 FREQUENCY- MHz 52.5 TPC 1. FFT: fS = 105 MSPS, fIN = ~50.3 MHz; AIN = -0.5 dBFS Differential, 1 V p-p Analog Input Range TPC 4. FFT: fS = 65 MSPS, fIN = 15.3 MHz (2 V p-p) with AD8138 Driving AIN 0 -10 -20 -30 -40 ENCODE: 80MSPS AIN: 70.3MHz @ -0.5dBFS SNR: 54.0dB ENOB: 8.5 BITS SFDR: 64dBFS 100 3RD 90 2ND 80 dB dB -50 -60 70 SFDR 60 -70 -80 -90 -100 0 FREQUENCY - MHz 40 50 40 0 10 20 30 40 50 AIN FREQUENCY - MHz 60 70 TPC 2. FFT: fS = 80 MSPS, fIN = 70 MHz; AIN = -0.5 dBFS, 1 V p-p Analog Input Range TPC 5. Harmonic Distortion (Second and Third) and SFDR vs. AIN Frequency (1 V p-p, fS = 105 MSPS) 0 -10 -20 -30 -40 ENCODE: 105MSPS AIN: 70.3MHz @ -0.5dBFS SNR: 52.6dB ENOB: 8.4 BITS SFDR: 62.6dBFS 85 3RD 80 75 70 65 SFDR 2ND dB -50 -60 -70 -80 -90 -100 0 FREQUENCY- MHz 52.5 dB 60 55 50 45 40 0 25 50 AIN FREQUENCY - MHz 75 TPC 3. FFT: f S = 105 MSPS; fIN = 70 MHz (1 V p-p) TPC 6. Harmonic Distortion (Second and Third) and SFDR vs. AIN Frequency (1 V p-p, fS = 80 MSPS) REV. D -9- AD9214 100 75 SFDR - 1V p-p 90 70 2ND 65 SFDR - 2V p-p 60 SINAD - 1V p-p 55 SINAD - 2V p-p 50 80 3RD 70 SFDR 60 50 SIGNAL LEVEL - dB dB 45 40 20 40 0 20 40 FREQUENCY - MHz 60 80 40 80 60 ENCODE RATE - MSPS 100 120 TPC 7. Harmonic Distortion (Second and Third) and SFDR vs. AIN Frequency (1 V p-p and 2 V p-p, fS = 65 MSPS) TPC 10. SINAD and SFDR vs. Encode Rate (fIN = 10.3 MHz; 1 V p-p and 2 V p-p) 0 -10 -20 -30 -40 ENCODE: 80MSPS AIN: 29.3MHz @ -6dBFS 30.3MHz @ -6dBFS SFDR: 74dBFS SIGNAL LEVEL - dB 75 SFDR - 80MSPS 70 65 SFDR - 105MSPS 60 55 50 45 SINAD - 105MSPS 40 35 30 0 FREQUENCY - MHz 40 2 4 6 PULSEWIDTH HIGH - ns 8 10 SINAD - 80MSPS dB -50 -60 -70 -80 -90 -100 TPC 8. Two-Tone Intermodulation Distortion (29.3 MHz, 30.3 MHz; 1 V p-p, fS = 80 MSPS) TPC 11. SINAD and SFDR vs. Encode Pulsewidth High (1 V p-p) 0 -10 -20 -30 ENCODE: 105MSPS AIN: 30MHz @ -6dBFS 31MHz @ -6dBFS SFDR: 73dBFS 120 12 100 IAVDD 80 10 8 -40 -50 -60 -70 -80 -90 -100 0 FREQUENCY - MHz 52.5 60 IDrVDD 40 6 4 20 2 0 0 20 40 60 80 ENCODE RATE - MSPS 100 0 120 TPC 9. Two-Tone Intermodulation Distortion (30 MHz and 31 MHz; 1 V p-p, fS = 105 MSPS) TPC 12. IAVDD and IDrVDD vs. Encode Rate (fAIN = 10.3 MHz, -0.5 dBFS, and -3 dBFS) CLOAD on Digital Outputs ~7 pF -10- REV. D IDrVDD - mA IAVDD - mA dB AD9214 58 56 54 SINAD 10.3MHz/105MSPS 52 VREF - V 1.25 1.40 SNR 10.3MHz/105MSPS 1.35 SIGNAL LEVEL - dB 1.30 50 48 1.20 46 44 -40 1.15 0 40 TEMPERATURE - C 80 1.10 0 100 -500 -400 -300 -200 -100 IREF - A 200 300 400 500 TPC 13. SINAD/SNR vs. Temperature (fAIN = 10.3 MHz, fENCODE = 105 MSPS, 1 V p-p) TPC 16. ADC Reference vs. Current Load 4.0 3.5 3.0 % FULL SCALE 1.00 0.75 0.50 0.25 0.00 -0.25 -0.50 -0.75 -1.00 0 40 TEMPERATURE - C 80 0 128 256 384 512 CODE 640 768 896 1024 2.0 1.5 1.0 0.5 0.0 -40 TPC 14. ADC Gain vs. Temperature (with External 1.25 V Reference) INL - LSB 2.5 TPC 17. INL @ 80 MSPS 1.240 1.00 0.75 REFERENCE VOLTAGE - V 1.235 0.50 0.25 0.00 -0.25 -0.50 -0.75 1.230 1.225 1.220 -40 DNL - LSB 0 40 TEMPERATURE - C 80 -1.00 0 128 256 384 512 CODE 640 768 896 1024 TPC 15. ADC Reference vs. Temperature (with 200 A Load) TPC 18. DNL @ 80 MSPS REV. D -11- AD9214 THEORY OF OPERATION DFS/GAIN The AD9214 architecture is a bit-per-stage pipeline converter utilizing switch capacitor techniques. These stages determine the 7 MSBs and drive a 3-bit flash. Each stage provides sufficient overlap and error correction allowing optimization of comparator accuracy. The input buffer is differential and both inputs are internally biased. This allows the most flexible use of ac or dc and differential or single-ended input modes. The output staging block aligns the data, carries out the error correction and feeds the data to output buffers. The output buffers are powered from a separate supply, allowing support of different logic families. During power-down, the outputs go to a high impedance state. APPLYING THE AD9214 Encoding the AD9214 The DFS/GAIN (Data Format Select/Gain) input (Pin 2) controls both the output data format and gain (analog input voltage range) of the ADC. The table below describes its operation. Table I. Data Format and Gain Configuration External DFS/GAIN Connection AGND AVDD REF Floating Differential Analog Input Voltage Range 1 V p-p 1 V p-p 2 V p-p 2 V p-p Output Data Format Offset Binary Two's Complement Two's Complement Offset Binary Driving the Analog Inputs Any high-speed A/D converter is extremely sensitive to the quality of the sampling clock provided by the user. A Track/ Hold circuit is essentially a mixer. Any noise, distortion, or timing jitter on the clock will be combined with the desired signal at the A/D output. For that reason, considerable care has been taken in the design of the ENCODE input of the AD9214, and the user is advised to give commensurate thought to the clock source. The ENCODE input is fully TTL/CMOS compatible, and should normally be driven directly from a low jitter, crystalcontrolled TTL/CMOS oscillator. The ENCODE input is internally biased, allowing the user to ac-couple in the clock signal. The cleanest clock source is often a crystal oscillator producing a pure sine wave. Figure 7 illustrates ac coupling such a source to the ENCODE input. The analog input to the AD9214 is a differential buffer. As shown in the equivalent circuits, each of the differential inputs is internally dc biased at ~AVDD/3 to allow ac-coupling of the analog input signal. The analog signal may be dc-coupled as well. In this case, the dc load will be equivalent to ~10 k to AVDD/3, and the dc common-mode level of the analog signals should be within the range of AVDD/3 200 mV. For best dynamic performance, impedances at AIN and AIN should match. Driving the analog input differentially optimizes ac performance, minimizing even order harmonics and taking advantage of common-mode rejection of noise. A differential signal may be transformer-coupled, as illustrated in Figure 8, or driven from a high-performance differential amplifier such as the AD8138 illustrated in Figure 9. AD9214 ENCODE LOW JITTER CRYSTAL SINE OR PULSE SOURCE 1V p-p 50 ANALOG SIGNAL SOURCE 1:1 25 0.1 F AIN AD9214 25 AIN Figure 7. AC-Coupled Encode Circuit Reference Circuit The reference circuit of the AD9214 is configured by REFSENSE (Pin 3). By externally connecting REFSENSE to AGND, the ADC is configured to use the internal reference (~1.25 V), and the REF pin connection (Pin 4) is configured as an output for the internal reference voltage. If REFSENSE is externally connected to AVDD, the ADC is configured to use an external reference. In this mode, the REF pin is configured as a reference input, and must be driven by an external 1.25 V reference. In either configuration, the analog input voltage range (either 1 V p-p or 2 V p-p as determined by DFS/Gain) will track the reference voltage linearly, and an external bypass capacitor should be connected between REF and AGND to reduce noise on the reference. In practice, no appreciable degradation in performance occurs when an external reference is adjusted 5%. Figure 8. Single-Ended-to-Differential Conversion Using a Transformer Special care was taken in the design of the analog input section of the AD9214 to prevent damage and corruption of data when the input is overdriven. The optimal input range is 1.0 V p-p, but the AD9214 can support a 2.0 V p-p input range with some degradation in performance (see DFS/GAIN pin description above). -12- REV. D AD9214 500 50 ANALOG SIGNAL SOURCE AVDD 10k 5k 500 0.1 F 500 500 AD8138 +- VOCM -+ 50 AIN 15pF 50 AIN AD9214 It should also be noted that extra capacitive loading will increase output timing and invalidate timing specifications. Digital output timing is guaranteed with 10 pF loads. LAYOUT INFORMATION Figure 9. DC-Coupled Analog Input Circuit POWER SUPPLIES The AD9214 has two power supplies, AVDD and DrVDD. AVDD and AGND supply power to all the analog circuitry, the inputs and the internal timing and digital error correction circuits. AVDD supply current will vary slightly with encode rate, as noted in the Typical Performance Characteristics section. DrVDD and DGND supply only the CMOS digital outputs, allowing the user to adjust the voltage level to match downstream logic. DrVDD current will vary depending on the voltage level, external loading capacitance, and the encode frequency. Designs that minimize external load capacitance will reduce power consumption and reduce supply noise that may affect ADC performance. The maximum DrVDD current can be calculated as I DrVDD = VDrVDD x CLOAD x fencode x N The schematic of the evaluation board (Figure 10) represents a typical implementation of the AD9214. A multilayer board is recommended to achieve best results. It is highly recommended that high quality, ceramic chip capacitors be used to decouple each supply pin to ground directly at the device. The pinout of the AD9214 facilitates ease of use in the implementation of high frequency, high resolution design practices. All of the digital outputs and their supply and ground pin connections are segregated to one side of the package, with the inputs on the opposite side for isolation purposes. Care should be taken when routing the digital output traces. To prevent coupling through the digital outputs into the analog portion of the AD9214, minimal capacitive loading should be placed on these outputs. It is recommended that a fan-out of only one gate should be used for all AD9214 digital outputs. The layout of the encode circuit is equally critical. Any noise received on this circuitry will result in corruption in the digitization process and lower overall performance. The Encode clock must be isolated from the digital outputs and the analog inputs. EVALUATION BOARD where N is the number of output bits, 10 in the case of the AD9214. This maximum current is for the condition of every output bit switching on every clock cycle, which can only occur for a full scale square wave at the Nyquist frequency, fENCODE /2. In practice, IDrVDD will be the average number of output bits switching, which will be determined by the encode rate and the characteristics of the analog input signal. The performance curves section provides a reference of IDrVDD versus encode rate for a 10.3 MHz sine wave driving the analog input. Both power supply connections should be decoupled to ground at or near the package connections, using high quality, ceramic chip capacitors. A single ground plane is recommended for all ground (AGND and DGND) connections. The PWRDN control pin configures the AD9214 for a sleep mode when it is logic HIGH. PWRDN floats logic LOW for normal operation. In sleep mode, the ADC is not active, and will consume less power. When switching from sleep mode to normal operation, the ADC will need ~15 clock cycles to recover to valid output data. Digital Outputs The AD9214 evaluation board offers designers an easy way to evaluate device performance. The user must supply an analog input signal, encode clock reference, and power supplies. The digital outputs of the AD9214 are latched on the evaluation board, and are available with a data ready signal at a 40-pin edge connector. Please refer to the evaluation board schematic, layout, and Bill of Materials. Power Connections Power to the board is supplied via three detachable, 4-pin power strips (U4, U9, and U10). These 12 pins should be driven as outlined in the Table II. Table II. Power Supply Connections for AD9214 Evaluation Board Pin 1 3 5 7 9 11 2, 4, 6, 8, 10, 12 Designator LVC +5 V -5 V VCC VDD DAC GND External Supply Required 3V +5 V (Optional Z1 Supply) -5 V (Optional Z1 Supply) 3V 3V 5V Ground Care must be taken when designing the data receivers for the AD9214. It is recommended that the digital outputs drive a series resistor (e.g., 100 ) followed by a gate like the 74LCX821. To minimize capacitive loading, there should be only one gate on each output pin. An example of this is shown in the evaluation board schematic in Figure 10. The series resistors should be placed as close to the AD9214 as possible to limit the amount of current that can flow into the output stage. These switching currents are confined between ground (DGND) and the DrVDD pins. Standard TTL gates should be avoided since they can appreciably add to the dynamic switching currents of the AD9214. REV. D Please note that the +5 V and -5 V supplies are optional, and only required if the user adds differential op amp Z1 to the board. -13- AD9214 Reference Circuit Analog Input The evaluation board is configured at assembly to use the AD9214's on-board reference. To supply an external reference, the user must connect the REFSENSE pin to VCC by removing the jumper block connecting E25 to E26, and placing it between E19 and E24. In this configuration, an external 1.25 V reference must be connected to jumper connection E23. Jumper connections E19-E21, E24, and resistors R13-R14 are omitted at assembly, and not used in the evaluation of the AD9214. Gain/Data Format The analog input signal is connected to the evaluation board by SMB connector J1. As configured at assembly, the signal is ac coupled by capacitor C10 to transformer T1. This 1:1 transformer provides a 50 termination for connector J1 via 25 resistors R1 and R4. T1 also converts the signal at J1 into a differential signal for the analog inputs of the AD9214. Resistor R3, normally omitted, can be used to terminate J1 if the transformer is removed. The user can reconfigure the board to drive the AD9214 singleendedly by removing the jumper block between E1 and E3, and replacing it between E3 and E2. In this configuration, capacitor C2 stabilizes the self-bias of AIN, and resistor R2 provides a matched impedance for a 50 source at J1. Transformer T1 can be bypassed by moving the jumper normally between E40 and E38 to connect E40 to E37, and moving the jumper normally between E39 and E10 to connect E7 to E10. In this configuration, the analog input of the AD9214 is driven single ended, directly from J1; and R3 (normally omitted) should be installed to terminate any cable connected to J1. Using the AD8138 The evaluation board is assembled with the DFS/GAIN pin connected to ground; this configures the AD9214 for a 1 V p-p analog input range, and offset binary data format. The user may remove this jumper and replace it to make one of the connections described in the table below to configure the AD9214 for different gain and output data format options. Table III. Data Format and Gain Configuration for Evaluation Board DFS/GAIN Jumper Placement E18 to E12 E16 to E11 E15 to E14 E17 to E13 Power-Down DFS/GAIN Connection AGND AVDD REF Floating Differential Output Data AIN Range Format 1 V p-p 1 V p-p 2 V p-p 2 V p-p Offset Binary Two's Complement Two's Complement Offset Binary The evaluation board is configured at assembly so that the PWRDN input floats low for normal operating condition. The user may add a jumper between option holes E5 and E6 to connect PWRDN to AVCC, configuring the AD9214 for powerdown mode. Encode Signal and Distribution An optional driver circuit for the analog input, based on the AD8138 differential amplifier, is included in the layout of the AD9214 evaluation board. This portion of the evaluation circuit is not populated when the board is manufactured, but can be easily be added by the user. Resistors R5, R16, R18, and R25 are the feedback network that sets the gain of the AD8138. Resistors R23 and R24 set the common-mode voltage at the output of the op amp. Resistors R27 and R28, and capacitor C15, form a low-pass filter at the output of the AD8138, limiting its noise contribution into the AD9214. Once the drive circuit is populated, the user should remove the jumper block normally between E40 and E38, and place it between E40 and E41. This will ac-couple the analog input signal from SMB connector J1 to the AD8138 drive circuit. The user will also need to remove the jumper blocks that normally connect E39 to E10 and E1 to E3 to remove transformer T1 from the circuit. DAC Reconstruction Circuit The encode input signal should drive SMB connector J5, which has an on-board 50 termination. A standard CMOS compatible pulse source is recommended. Alternatively, the user can adjust the dc level of an ac-coupled clock source by adding resistor R11, normally omitted. J5 drives the AD9214 ENCODE input and one gate of U12, which buffers and distributes the clock signal to the on-board latch (U3), the reconstruction DAC (U11), and the output data connector (U2). The board comes assembled with timing options optimized for the DAC and latch; the user may invert the DR signal at Pin 37 of edge connector U2 by removing the jumper block between E34 and E35, and reinstalling it between E35 and E36. The data available at output connector U2 is also reconstructed by DAC U11, the AD9752. This 12-bit, high-speed digital-to-analog converter is included as a tool in setting up and debugging the evaluation board. It should not be used to measure the performance of the AD9214, as its performance will not accurately reflect the performance of the ADC. The DAC's output, available at J2, will drive 50 . The user can add a jumper block between E8 and E9 to activate the SLEEP function of the DAC. -14- REV. D AD9214 AD9214/PCB Bill of Material # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Quantity 1 19 4 1 4 4 4 1 2 37 3 1 1 1 1 1 1 3 Reference Designator N/A C1-C3, C5-C14, C16-C20, C25-C28 C21-C24 C4 R1, R2, R4, R8 R7, R10, R12, R17 U5-U8 R21 R6, R9 E1-E6, E8-E9, E11-E27, E29, E31-E41 J1, J2, J5 U12 U11 U3 U1 U2 T1 U4, U9, U10 Device PCB Capacitor Capacitor Capacitor Resistor Resistor Resistor Resistor Resistor Test Points Jumper Connections Connector Clock Chip DAC Latch ADC/DUT 40-Pin Header Transformer Power Strip Power Connector Capacitor Capacitor Capacitor Resistor Resistor Resistor Resistor Resistor Resistor Resistor Op Amp Package 603 CAPTAJD 603 1206 1206 RPAK_742 1206 1206 Value 0.1 F 10 F 0.01 F 25 50 100 0 2000 TSW-120-07-G-S SMT-100-BK-G 51-52-220 SN74LVC86 AD9752 74LCX821 AD9214 Samtec TSW-120-07-G-D Mini Circuits ADT1-1WT Newark 95F5966 25.602.5453.0 0.1 F 10 F 15 pF 500 1 k 4 k User Select N/A 50 0 AD8138 SMB SOIC SOIC SOIC SOIC The following items are included in the PCB design, but are omitted at assembly. 19 20 21 22 23 24 25 26 27 28 29 3 2 1 4 1 1 3 2 3 1 1 C1, C20, C28 C30, C29 C15 R5, R18, R25, R26 R23 R24 R11, R15, R16 R13, R14 R27, R28, R3 R19 Z1 603 CAPTAJD 603 1206 1206 1206 1206 1206 1206 1206 SOIC REV. D -15- AD9214 -5V R16 50 CLKLAT R15 50 GND GND +5V LVC VCC DAC VDD VDD OPTIONAL U9 E16 E11 1 1 -5V GND VCC GND VDD GND DAC GND 3V 3V U7 U7 2 3 4 1 2 3 4 C17 0.1 F VCC GND GND E25 E26 OPTIONAL E30 DTR GND GND C19 0.1 F 24 VDD 7 8 APAK_742 U8 VCC C25 0.1 F E21 E20 GND DR GND E19 E24 LVC GND +5V GND 3V 2 3 4 E18 E12 E17 E13 U4 U10 C30 10 F C29 10 F C21 10 F C22 10 F C23 10 F C24 10 F C26 0.1 F E15 E14 GND 4QPHA 40 38 36 E22 E23 AD9214A U1 74LCXB21 GND GND R13 GND 2k GND VDD GND APAK_742 U8 C8 0.1 F GND E39 GND E7 1 2 3 4 5 6 7 8 1 2 3 4 5 6 10 9 16 15 14 13 12 11 D9 MSB D8 D7 D6 D5 D4 D3 D2 D1 D0 16 15 14 13 12 11 10 9 U2 40 38 36 34 32 30 28 26 34 32 30 28 26 GND 1 T1 6 E10 5 C6 E1 0.1 F GND R2 25 VDD C9 0.1 F GND APAK_742 GND E4 GND VCC E6 11 10 9 C2 0.1 F 2 R4 25 GND J1 C10 0.1 F E37 E38 3 4 E40 E29 R1 25 C4 0.1 F 1 2 3 4 24 22 20 18 16 14 12 24 22 20 18 16 14 12 R3 50 5 6 7 8 C18 0.1 F GND GND OPTIONAL GND 1 2 C27 R14 3 0.1 F 2k 4 5 VCC 6 C3 0.1 F C7 0.1 F VCC 7 8 AMP 9 E3 10 GND 11 AMP E2 C8 0.1 F VCC 12 GND 13 ENC E5 14 OR DFS/GAIN REFSENSE REF AGND1 AVDD AVDD AGND AIN AIN AGND AVDD CLK PWRDN 16 15 14 13 12 1 2 3 4 5 6 7 8 9 10 11 12 DE U3 VCC D9 D9 D8 D8 D7 D7 D6 D6 D5 D5 D4 D4 D3 D3 D2 D2 D1 D1 D0 D0 GND CLK 23 22 21 20 19 18 17 16 15 14 13 CLKLAT 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 APAK_742 D9 MSB D8 D7 D6 DrVDD DGND D5 D4 D3 D2 D1 D0 LSB DrVDD1 DGND1 28 27 26 25 24 23 22 21 20 19 18 17 16 15 GND 39 39 37 37 35 35 33 33 31 31 29 29 27 27 25 25 23 23 21 21 19 19 17 17 15 15 13 13 11 11 9 9 7 7 5 5 3 3 1 1 10 10 8 8 6 6 4 4 2 2 Figure 10. PCB Schematic R26 500 5V C1 0.1 F 1 3 2 VCOM -16- AD8138 V V AMP R27 50 C15 15pF AMP U11 4 R28 50 OPTIONAL 5V R5 500 R25 4k AD9752 CLKDAC DAC GND C14 0.1 F C11 0.1 F GND GND R7 50 GND GND R8 25 GND R6 2k GND E28 E27 CLKLAT E31 E32 CLKDAC GND E33 LVC LVC GND E9 E8 C12 0.1 F DAC GND GND R9 2k GND J2 DAC C13 0.1 F GND R23 1k E41 8 Z1 5 6 C20 0.1 F C28 0.1 F R25 500 -5V R18 500 D9 MSB D8 D7 D6 D5 D4 D3 OPTIONAL GND OPTIONAL C16 0.1 F LVC R10 50 ENC D2 D1 D0 LSB GND GND LVC ENC R19 0 GND R21 0 1 DB11 2 DB10 3 DB9 4 DB8 5 DB7 6 DB6 7 DB5 8 DB4 9 DB3 10 DB2 11 DB1 12 DB0 13 NC1 14 NC2 28 CLK 27 DVDD 26 DCOM 25 NC3 24 AVDD 23 ICOMP 22 IOUTA 21 IOUTB 20 ACOM 19 NC4 18 FSADJ 17 REFIO 16 REFLO 15 SLEEP J5 R11 50 5N74LVC86 R12 50 LVC DR R17 50 GND E34 E35 E36 U12 1 1A 2 1B 3 1Y 4 2A 5 2B 6 2Y 7 GND 14 VCC 13 4B 12 4A 11 4Y 10 3B 9 3A 8 3Y GND REV. D AD9214 Figure 11. PCB Top Side Silkscreen Figure 14. PCB Bottom Side Copper \ Figure 12. PCB Top Side Copper Figure 15. PCB Ground Layer--Layer TBD Figure 13. PCB Bottom Side Silkscreen Figure 16. PCB Power Layers--Layers 3 and 4 REV. D -17- AD9214 OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 28-Lead Shrink Small Outline Package (RS-28) 0.407 (10.34) 0.397 (10.08) 28 15 0.311 (7.9) 0.301 (7.64) 1 14 0.078 (1.98) PIN 1 0.068 (1.73) 0.07 (1.79) 0.066 (1.67) 0.212 (5.38) 0.205 (5.21) 0.008 (0.203) 0.0256 (0.65) 0.002 (0.050) BSC 8 0.015 (0.38) 0 SEATING 0.009 (0.229) 0.010 (0.25) PLANE 0.005 (0.127) 0.03 (0.762) 0.022 (0.558) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN -18- REV. D AD9214 Revision History Location Data Sheet changed from REV. C to REV. D. Page Edit to Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 TPC 15 replaced with new figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Edit to Figure 10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 07/01--Data Sheet changed from REV. B to REV. C. Edit to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 05/01--Data Sheet changed from REV. A to REV. B. Changes to PSRR Specifications in AD9214-65, AD9214-80, AD9214-105 Columns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Change to SNR Specifications in AD9214-105 Column . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Changes to THIRD HARMONIC DISTORTION Specifications in AD9214-105 Column . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 01/01--Data Sheet changed from REV. 0 to REV. A. Changes to DC Specifications in AD9214-65, AD9214-80, AD9214-105 Columns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Changes to AC Specifications in AD9214-65, AD9214-105 Columns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 REV. D -19- -20- C01693-0-2/02(D) PRINTED IN U.S.A. |
Price & Availability of AD9214 |