Part Number Hot Search : 
BD952F 3640MD 4096XEDD TFS462 45M30A AKD4125 PE44630 GBL06
Product Description
Full Text Search
 

To Download AD824ACHIPS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Single Supply Operation: 3 V to 30 V Very Low Input Bias Current: 2 pA Wide Input Voltage Range Rail-to-Rail Output Swing Low Supply Current: 500 A/Amp Wide Bandwidth: 2 MHz Slew Rate: 2 V/ s No Phase Reversal APPLICATIONS Photo Diode Preamplifier Battery Powered Instrumentation Power Supply Control and Protection Medical Instrumentation Remote Sensors Low Voltage Strain Gage Amplifiers DAC Output Amplifier GENERAL DESCRIPTION
OUT A -IN A +IN A V+ +IN B -IN B OUT B
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp AD824
PIN CONFIGURATIONS 14-Lead Epoxy DIP (N Suffix) 14-Lead Epoxy SO (R Suffix)
1 2 3 4 5 6 7 TOP VIEW
14 OUT D 13 -IN D 12 +IN D
OUT A -IN A +IN A V+ +INB -INB OUTB
1 2 3 4 5 6 7
14 13
OUT D -IN D
AD824
12 +IN D V- +IN C -IN C OUT C
AD824
11 V- 10 +IN C 9 8 -IN C OUT C
11 TOP VIEW (Not to Scale) 10 9 8
16-Lead Epoxy SO (R Suffix)
The AD824 is a quad, FET input, single supply amplifier, featuring rail-to-rail outputs. The combination of FET inputs and rail-to-rail outputs makes the AD824 useful in a wide variety of low voltage applications where low input current is a primary consideration. The AD824 is guaranteed to operate from a 3 V single supply up to 15 volt dual supplies. Fabricated on ADI's complementary bipolar process, the AD824 has a unique input stage that allows the input voltage to safely extend beyond the negative supply and to the positive supply without any phase inversion or latchup. The output voltage swings to within 15 millivolts of the supplies. Capacitive loads to 350 pF can be handled without oscillation. The FET input combined with laser trimming provides an input that has extremely low bias currents with guaranteed offsets below 300 V. This enables high accuracy designs even with high source impedances. Precision is combined with low noise, making the AD824 ideal for use in battery powered medical equipment.
OUT A 1 -IN A 2
16 OUT D 15 -IN D 14 +IN D
+IN A 3 V+ 4 +IN B 5 -IN B 6
AD824
13 V- 12 +IN C 11 -IN C 10 OUT C 9 NC
OUT B 7 NC 8
NC = NO CONNECT
Applications for the AD824 include portable medical equipment, photo diode preamplifiers and high impedance transducer amplifiers. The ability of the output to swing rail-to-rail enables designers to build multistage filters in single supply systems and maintain high signal-to-noise ratios. The AD824 is specified over the extended industrial (-40C to +85C) temperature range and is available in 14-pin DIP and narrow 14-pin and 16-pin SO packages.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 (c) Analog Devices, Inc., 1997
AD824-SPECIFICATIONS
ELECTRICAL SPECIFICATIONS (@ V = +5.0 V, V
S CM
= 0 V, VOUT = 0.2 V, TA = +25 C unless otherwise noted)
Min Typ 0.1 Max 1.0 1.5 300 900 12 4000 10 3.0 80 74 1013 3.3 Units mV mV V V pA pA pA pA V dB dB dB pF V/mV V/mV V/mV V/mV V/C
V V V V mV mV mV mV mA mA dB dB A V/s kHz s MHz Degrees dB V p-p nV/Hz fA/Hz %
Parameter INPUT CHARACTERISTICS Offset Voltage AD824A Offset Voltage AD824B
Symbol VOS
Conditions
TMIN to TMAX VOS TMIN to TMAX Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio IB TMIN to TMAX IOS TMIN to TMAX CMRR VCM = 0 V to 2 V VCM = 0 V to 3 V TMIN to TMAX VO = 0.2 V to 4.0 V RL = 2 k RL = 10 k RL = 100 k TMIN to TMAX, RL = 100 k -0.2 66 60 60 2 300 2 300
Input Impedance Large Signal Voltage Gain
AVO
Offset Voltage Drift
OUTPUT CHARACTERISTICS Output Voltage High
VOS/T
VOH
20 50 250 180
40 100 1000 400 2
4.988 4.985 4.85 4.82 15 20 120 140 12 10 100 80 500 2 150 2.5 2 50 -123 2 16 0.8 0.005 600
Output Voltage Low
VOL
Short Circuit Limit Open-Loop Impedance POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier DYNAMIC PERFORMANCE Slew Rate Full-Power Bandwidth Settling Time Gain Bandwidth Product Phase Margin Channel Separation NOISE PERFORMANCE Voltage Noise Voltage Noise Density Current Noise Density Total Harmonic Distortion
ISC ZOUT PSRR ISY SR BWP tS GBP o CS en p-p en in THD
ISOURCE = 20 A TMIN to TMAX ISOURCE = 2.5 mA TMIN to TMAX ISINK = 20 A TMIN to TMAX ISINK = 2.5 mA TMIN to TMAX Sink/Source TMIN to TMAX f = 1 MHz, AV = 1 VS = 2.7 V to 12 V TMIN to TMAX TMIN to TMAX RL = 10 k, AV = 1 1% Distortion, VO = 4 V p-p VOUT = 0.2 V to 4.5 V, to 0.01% No Load f = 1 kHz, RL = 2 k 0.1 Hz to 10 Hz f = 1 kHz f = 1 kHz f = 10 kHz, RL = 0, AV = +1
4.975 4.97 4.80 4.75
25 30 150 200
70 66
-2-
REV. A
AD824 ELECTRICAL SPECIFICATIONS (@ V =
S
15.0 V, VOUT = 0 V, TA = +25 C unless otherwise noted)
Conditions Min Typ 0.5 0.6 0.5 0.6 4 500 25 3 500 -15 70 66 80 1013 3.3 12 50 300 200 50 200 2000 1000 2 14.988 14.985 14.85 14.82 -14.985 -14.98 -14.88 -14.86 20 100 80 560 625 675 Max 2.5 4.0 1.5 2.5 35 4000 20 13 Units mV mV mV mV pA pA pA pA pA V dB dB pF V/mV V/mV V/mV V/mV V/C V V V V V V V V mA dB dB A A V/s kHz s MHz Degrees dB V p-p nV/Hz fA/Hz %
Parameter INPUT CHARACTERISTICS Offset Voltage AD824A Offset Voltage AD824B
Symbol VOS
TMIN to TMAX VOS IB IB IOS CMRR TMIN to TMAX VCM = 0 V TMIN to TMAX VCM = -10 V TMIN to TMAX Input Voltage Range Common-Mode Rejection Ratio Input Impedance Large Signal Voltage Gain VCM = -15 V to 13 V TMIN to TMAX Vo = -10 V to +10 V; RL = 2 k RL = 10 k RL = 100 k TMIN to TMAX, RL = 100 k Input Bias Current Input Bias Current Input Offset Current
AVO
Offset Voltage Drift OUTPUT CHARACTERISTICS Output Voltage High
VOS/T VOH
Output Voltage Low
VOL
Short Circuit Limit Open-Loop Impedance POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier DYNAMIC PERFORMANCE Slew Rate Full-Power Bandwidth Settling Time Gain Bandwidth Product Phase Margin Channel Separation NOISE PERFORMANCE Voltage Noise Voltage Noise Density Current Noise Density Total Harmonic Distortion
ISC ZOUT PSRR ISY
ISOURCE = 20 A TMIN to TMAX ISOURCE = 2.5 mA TMIN to TMAX ISINK = 20 A TMIN to TMAX ISINK = 2.5 mA TMIN to TMAX Sink/Source, TMIN to TMAX f = 1 MHz, AV = 1 VS = 2.7 V to 15 V TMIN to TMAX VO = 0 V TMIN to TMAX RL = 10 k, AV = 1 1% Distortion, VO = 20 V p-p VOUT = 0 V to 10 V, to 0.01% f = 1 kHz, RL =2 k 0.1 Hz to 10 Hz f = 1 kHz f = 1 kHz f =10 kHz, VO = 3 V rms, RL = 10 k
14.975 14.970 14.80 14.75
8
-14.975 -14.97 -14.85 -14.8
70 68
SR BWP tS GBP o CS en p-p en in THD
2 33 6 2 50 -123 2 16 1.1 0.005
REV. A
-3-
AD824-SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter INPUT CHARACTERISTICS Offset Voltage AD824A -3 V Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio Input Impedance Large Signal Voltage Gain VOS TMIN to TMAX IB TMIN to TMAX IOS TMIN to TMAX CMRR VCM = 0 V to 1 V TMIN to TMAX VO = 0.2 V to 2.0 V RL = 2 k RL = 10 k RL = 100 k TMIN to TMAX, RL = 100 k 0 58 56 2 250 2 250 74 1013 3.3 AVO 10 30 180 90 20 65 500 250 2 2.988 2.985 2.85 2.82 15 20 120 140 8 6 100
(@ VS = +3.0 V, VCM = 0 V, VOUT = 0.2 V, TA = +25 C unless otherwise noted)
Conditions Min Typ 0.2 Max 1.0 1.5 12 4000 10 1 Units mV mV pA pA pA pA V dB dB pF V/mV V/mV V/mV V/mV V/C V V V V mV mV mV mV mA mA dB dB A V/s kHz s MHz Degrees dB V p-p nV/Hz fA/Hz %
Symbol
Offset Voltage Drift OUTPUT CHARACTERISTICS Output Voltage High
VOS/T VOH
Output Voltage Low
VOL
Short Circuit Limit Short Circuit Limit Open-Loop Impedance POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier DYNAMIC PERFORMANCE Slew Rate Full-Power Bandwidth Settling Time Gain Bandwidth Product Phase Margin Channel Separation NOISE PERFORMANCE Voltage Noise Voltage Noise Density Current Noise Density Total Harmonic Distortion
ISC ISC ZOUT PSRR ISY SR BWP tS GBP o CS en p-p en in THD
ISOURCE = 20 A TMIN to TMAX ISOURCE = 2.5 mA TMIN to TMAX ISINK = 20 A TMIN to TMAX ISINK = 2.5 mA TMIN to TMAX Sink/Source Sink/Source, TMIN to TMAX f = 1 MHz, AV = 1 VS = 2.7 V to 12 V, TMIN to TMAX VO = 0.2 V, TMIN to TMAX RL =10 k, AV = 1 1% Distortion, VO = 2 V p-p VOUT = 0.2 V to 2.5 V, to 0.01% f = 1 kHz, RL = 2 k 0.1 Hz to 10 Hz f = 1 kHz f = 10 kHz, RL = 0, AV = +1
2.975 2.97 2.8 2.75
25 30 150 200
70 66 500 2 300 2 2 50 -123 2 16 0.8 0.01 600
-4-
REV. A
AD824 WAFER TEST LIMITS (@ V = +5.0 V, V
S CM
= 0 V, TA = +25 C unless otherwise noted)
Conditions Limit 1.0 12 20 -0.2 to 3.0 66 70 15 4.975 25 600 Units mV max pA max pA V min dB min V/V V/mV min V min mV max A max
Parameter Offset Voltage Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio Power Supply Rejection Ratio Large Signal Voltage Gain Output Voltage High Output Voltage Low Supply Current/Amplifier
Symbol VOS IB IOS VCM CMRR PSRR AVO VOH VOL ISY
VCM = 0 V to 2 V V = + 2.7 V to +12 V RL = 2 k ISOURCE = 20 A ISINK = 20 A VO = 0 V, RL =
NOTE Electrical tests and wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
DICE CHARACTERISTICS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . -VS - 0.2 V to +VS Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . 30 V Output Short Circuit Duration to GND . . . . . . . . . Indefinite Storage Temperature Range N, R Package . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Operating Temperature Range AD824A, B . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Junction Temperature Range N, R Package . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300C Package Type 14-Pin Plastic DIP (N) 14-Pin SOIC (R) 16-Pin SOIC (R) JA2 76 120 92 JC 33 36 27 Units C/W C/W C/W
ABSOLUTE MAXIMUM RATINGS 1
AD824 Die Size 0.70 X 0.130 inch, 9,100 sq. mils. Substrate (Die Backside) Is Connected to V+. Transistor Count, 143.
VCC
I5 R1 R2 R9
I6 Q18 Q29
NOTES 1 Absolute maximum ratings apply to both DICE and packaged parts unless otherwise noted. 2 JA is specified for the worst case conditions, i.e., JA is specified for device in socket for P-DIP packages; JA is specified for device soldered in circuit board for SOIC package.
Q21 Q27 Q4 +IN J1 J2 Q5 Q19 Q7 R13 Q22 R7 Q23 C4 VOUT Q20 Q6 C3
ORDERING GUIDE
Model AD824AN AD824BN AD824AR AD824AR-3V AD824AN-3V AD824AR-14 AD824AR-14-3V AD824AR-16 AD824ACHIPS Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C +25C Package Option 14-Pin Plastic DIP 14-Pin Plastic DIP 14-Pin SOIC 14-Pin SOIC 14-Pin Plastic DIP 14-Pin SOIC 14-Pin SOIC 16-Pin SOIC DICE
-IN R15 C2
Q24 Q25 Q8 C1 Q2 R12 I1 R14 Q28 I2 I3 VEE I4 R17 Q26 Q3 Q31
Figure 1. Simplified Schematic of 1/4 AD824 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily WARNING! accumulate on the human body and test equipment and can discharge without detection. Although the AD824 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD ESD SENSITIVE DEVICE precautions are recommended to avoid performance degradation or loss of functionality.
REV. A
-5-
AD824-Typical Characteristics
80 VS = 15V NO LOAD 60
80
VS = +5V NO LOAD
60
GAIN - dB
GAIN - dB
40
40 45 20 90 135 0 100 1k 10k 100k 1M 180
PHASE - Degrees PHASE - Degrees
45 20 90 135 0 100 1k 10k 100k 1M 180
10M
PHASE - Degrees
10M
100 90
100 90
10 0%
10 0%
50mV
1s
50mV
1s
Figure 2. Open-Loop Gain/Phase and Small Signal Response, VS = 15 V, No Load
Figure 4. Open-Loop Gain/Phase and Small Signal Response, VS = +5 V, No Load
80
VS = 15V CL = 100pF
60
VS = +5V CL = 220pF
60
GAIN - dB
40
GAIN - dB
45 20 90 135 0 180
40 45 20 90 135 0 100 1k 10k 100k 1M 180
PHASE - Degrees
-20
10M
1k
10k
100k
1M
10M
100 90
100 90
10 0%
10 0%
50mV
1s
50mV
1s
Figure 3. Open-Loop Gain/Phase and Small Signal Response, VS = 15 V, CL = 100 pF
Figure 5. Open-Loop Gain/Phase and Small Signal Response, VS = +5 V, CL = 220 pF
-6-
REV. A
AD824
60 VS = +3V NO LOAD
100 90
t
9.950 s
40
GAIN - dB
45 20 90 135 0 180
PHASE - Degrees
10 0%
5V
2s
-20
t
10.810 s
1k
10k
100k
1M
10M
100 90
100 90
10 0%
5V
2s
10 0%
Figure 8. Slew Rate, RL = 10k
50mV 1s
Figure 6. Open-Loop Gain/Phase and Small Signal Response, VS = +3 V, No Load
VOUT
100 90
60
VS = +3V CL = 220pF
10 0%
5V
40
GAIN - dB
100s
45 20 90 135 0 180
PHASE - Degrees
Figure 9. Phase Reversal with Inputs Exceeding Supply by 1 Volt
0.8
-20
0.7
OUTPUT TO RAIL - Volts
1k
10k
100k
1M
10M
0.6 0.5 SOURCE 0.4 0.3 0.2 0.1 SINK
100 90
10 0%
0 1
5
10
50mV
1s
50 100 500 LOAD CURRENT - A
1m
5m
10m
Figure 7. Open-Loop Gain/Phase and Small Signal Response, VS = +3 V, CL = 220 pF
Figure 10. Output Voltage to Supply Rail vs. Sink and Source Load Currents
REV. A
-7-
AD824-Typical Characteristics
14 COUNT = 60 12
NOISE DENSITY - nV/Hz
+3V VS 15V
10
NUMBER OF UNITS
60
8 6 4
40
20
2
5 10 15 FREQUENCY - kHz 20
0 -2.5
-2.0
-1.5
-1.0 -0.5 0 0.5 1.0 OFFSET VOLTAGE DRIFT
1.5
2.0
2.5
Figure 11. Voltage Noise Density
Figure 14. TC VOS Distribution, -55C to +125C, VS = 5, 0
150
0.1
VS = 5, 0 125
RL = 0 AV = +1
INPUT OFFSET CURRENT - pA
10k 20k
100
0.010
VS = +3
THD+N - %
75 50 25
VS = +5
0.001 VS = 15
0 -25 -60
0.0001 20
100
1k FREQUENCY - Hz
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE - C
Figure 12. Total Harmonic Distortion
Figure 15. Input Offset Current vs. Temperature
280 COUNT = 860 240 200
100k VS = 5, 0 10k
INPUT BIAS CURRENT - pA
NUMBER OF UNITS
1k
160 120 80
100
10
40 0 -0.5
1
-0.4
-0.3
-0.2 -0.1 0 0.1 0.2 OFFSET VOLTAGE - mV
0.3
0.4
0.5
20
40
60
80
100
120
140
TEMPERATURE - C
Figure 13. Input Offset Distribution, VS = 5, 0
Figure 16. Input Bias Current vs. Temperature
-8-
REV. A
AD824
120
. ..
1k 100
COMMON-MODE REJECTION - dB
80
INPUT VOLTAGE NOISE - nV/Hz
100 1k 10k 100k FREQUENCY - Hz 1M 10M
100
60
40
10
20
0 10
1
1
10
100 1k FREQUENCY - Hz
10k
100k
Figure 17. Common-Mode Rejection vs. Frequency
Figure 20. Input Voltage Noise Spectral Density vs. Frequency
-40
120
-60
POWER SUPPLY REJECTION - dB
100
80
THD - dB
-80
60
40
-100
20
-120 100
1k
10k FREQUENCY - Hz
100k
0 10
100
1k
10k 100k FREQUENCY - Hz
1M
10M
Figure 18. THD vs. Frequency, 3 V rms
Figure 21. Power Supply Rejection vs. Frequency
100
100
30
80 OPEN-LOOP GAIN - dB
80 PHASE MARGIN - Degrees
25
OUTPUT VOLTAGE - Volts
60 15V 40 +3, 0V 20
60
20
40
15
20
10
0
0
5
-20 10
100
1k
10k 100k FREQUENCY - Hz
1M
-20 10M
0 1k
3k
10k 30k 100k INPUT FREQUENCY - Hz
300k
1M
Figure 19. Open-Loop Gain and Phase vs. Frequency
Figure 22. Large Signal Frequency Response
REV. A
-9-
AD824
-80
5V
-90
100 90
5s
CROSSTALK - dB
-100
-110 1 TO 4 -120 1 TO 2 -130 1 TO 3
10 0%
-140 10
100
1k FREQUENCY - Hz
10k
100k
Figure 23. Crosstalk vs. Frequency
Figure 26. Large Signal Response
10k
2750 2500 VS = 15V
1k
OUTPUT IMPEDANCE -
SUPPLY CURRENT - A
2250
100
2000 1750 1500 VS = 3, 0
10
1
.1
1250 1000 -60
.01 10
100
1k
10k 100k FREQUENCY - Hz
1M
10M
-40
-20
0
20 40 60 80 TEMPERATURE - C
100
120
140
Figure 24. Output Impedance vs. Frequency, Gain = +1
Figure 27. Supply Current vs. Temperature
1000 VS = 15V
OUTPUT SATURATION VOLTAGE - mV
20mV
100 90
500ns
VS = 3, 0
100
VOL - VS 10 VS - VOH
10 0%
0 0.01
0.10 1.0 LOAD CURRENT - mA
10.0
Figure 25. Small Signal Response, Unity Gain Follower, 10k 100 pF Load
Figure 28. Output Saturation Voltage
-10-
REV. A
AD824
APPLICATION NOTES
INPUT CHARACTERISTICS
In the AD824, n-channel JFETs are used to provide a low offset, low noise, high impedance input stage. Minimum input common-mode voltage extends from 0.2 V below -VS to 1 V less than +VS. Driving the input voltage closer to the positive rail will cause a loss of amplifier bandwidth. The AD824 does not exhibit phase reversal for input voltages up to and including +VS. Figure 29a shows the response of an AD824 voltage follower to a 0 V to +5 V (+VS) square wave input. The input and output are superimposed. The output tracks the input up to +VS without phase reversal. The reduced bandwidth above a 4 V input causes the rounding of the output wave form. For input voltages greater than +VS, a resistor in series with the AD824's noninverting input will prevent phase reversal at the expense of greater input voltage noise. This is illustrated in Figure 29b.
A current-limiting resistor should be used in series with the input of the AD824 if there is a possibility of the input voltage exceeding the positive supply by more than 300 mV or if an input voltage will be applied to the AD824 when VS = 0. The amplifier will be damaged if left in that condition for more than 10 seconds. A 1 k resistor allows the amplifier to withstand up to 10 volts of continuous overvoltage and increases the input voltage noise by a negligible amount. Input voltages less than -VS are a completely different story. The amplifier can safely withstand input voltages 20 volts below the minus supply voltage as long as the total voltage from the positive supply to the input terminal is less than 36 volts. In addition, the input stage typically maintains picoamp level input currents across that input voltage range.
OUTPUT CHARACTERISTICS
1V
100 90
2s
The AD824's unique bipolar rail-to-rail output stage swings within 15 mV of the positive and negative supply voltages. The AD824's approximate output saturation resistance is 100 for both sourcing and sinking. This can be used to estimate output saturation voltage when driving heavier current loads. For instance, the saturation voltage will be 0.5 volts from either supply with a 5 mA current load. For load resistances over 20 k, the AD824's input error voltage is virtually unchanged until the output voltage is driven to 180 mV of either supply.
10
GND
0%
1V
(a)
1V
+VS
100 90
If the AD824's output is overdriven so as to saturate either of the output devices, the amplifier will recover within 2 s of its input returning to the amplifier's linear operating region.
10s
1V
10
GND
0%
1V
Direct capacitive loads will interact with the amplifier's effective output impedance to form an additional pole in the amplifier's feedback loop, which can cause excessive peaking on the pulse response or loss of stability. Worst case is when the amplifier is used as a unity gain follower. Figures 5 and 7 show the AD824's pulse response as a unity gain follower driving 220 pF. Configurations with less loop gain, and as a result less loop bandwidth, will be much less sensitive to capacitance load effects. Noise gain is the inverse of the feedback attenuation factor provided by the feedback network in use. Figure 30 shows a method for extending capacitance load drive capability for a unity gain follower. With these component values, the circuit will drive 5,000 pF with a 10% overshoot.
+V S
VOUT
(b)
+5V RP VIN
0.01F 100 0.01F VOUT CL 20pF
8 VIN
1/4 AD824
4
Figure 29. (a) Response with RP = 0; VIN from 0 to +VS (b) VIN = 0 to + VS + 200 m V VOUT = 0 to + VS RP = 49.9 k
-VS
20k
Since the input stage uses n-channel JFETs, input current during normal operation is positive; the current flows out from the input terminals. If the input voltage is driven more positive than +VS - 0.4 V, the input current will reverse direction as internal device junctions become forward biased. This is illustrated in Figure 9.
Figure 30. Extending Unity Gain Follower Capacitive Load Capability Beyond 350 pF
REV. A
-11-
AD824
APPLICATIONS Single Supply Voltage-to-Frequency Converter Table I. AD824 In Amp Performance
The circuit shown in Figure 31 uses the AD824 to drive a low power timer, which produces a stable pulse of width t1. The positive going output pulse is integrated by R1-C1 and used as one input to the AD824, which is connected as a differential integrator. The other input (nonloading) is the unknown voltage, VIN. The AD824 output drives the timer trigger input, closing the overall feedback loop.
+10V C5 0.1F U4 REF02 2 VREF = 5V 6 5 4 4 RSCALE ** 10k CMOS 74HCO4 U3B 3 U3A 2 1 U2 CMOS 555 R3* 116k 4 6 2 7 C6 390pF 5% (NPO) R THR TR DIS GND 1 CV 8 V+ OUT 3 5 OUT2 C3 0.1F
Parameters CMRR Common-Mode Voltage Range 3 dB BW, G = 10 G = 100 tSETTLING 2 V Step (VS = 0 V, 3 V) 5 V (VS = 5 V) Noise @ f = 1 kHz, G = 10 G = 100
VS = 3 V, 0 V 74 dB
VS = 80 dB
5V
-0.2 V to +2 V -5.2 V to +4 V 180 kHz 180 kHz 18 kHz 18 kHz 2 s 270 nV/Hz 2.2 V/Hz 5 s 270 nV/Hz 2.2 V/Hz
3
5s
OUT1
100 90
0.01F, 2% R2 499k, 1% U1 C1
R1 VI N 499k, 1% 0V TO 2.5V FULL SCALE C2 0.01F, 2%
1/4 AD824B
10 0%
1V
C4 0.01F
NOTES: fOUT = VIN /(VREF*t1), t1 = 1.1*R3*C6 = 25kHz fS AS SHOWN.
Figure 32a. Pulse Response of In Amp to a 500 mV p-p Input Signal; VS = +5 V, 0 V; Gain = 10
* = 1% METAL FILM, <50ppm/C TC ** = 10%, 20T FILM, <100ppm/C TC
t1 = 33s FOR f OUT = 20kHz @ VIN = 2.0V
R1 VREF 90k
R2 9k
R3 1k
R4 1k
R5 9k
R6 90k
OHMTEK PART # 1043
Figure 31. Single Supply Voltage-to-Frequency Converter
G =10 +VS
G =100
G =100
G =10
Typical AD824 bias currents of 2 pA allow megaohm-range source impedances with negligible dc errors. Linearity errors on the order of 0.01% full scale can be achieved with this circuit. This performance is obtained with a 5 volt single supply, which delivers less than 3 mA to the entire circuit.
Single Supply Programmable Gain Instrumentation Amplifier
VIN1 VIN2
0.1F 2 RP 1k RP 1k (G =10) VOUT = (VIN1 - VIN2 ) (1+ 6 1
1/4 8 3 AD824
1/4
5 AD824 11
7 VOUT
The AD824 can be configured as a single supply instrumentation amplifier that is able to operate from single supplies down to 3 V or dual supplies up to 15 V. AD824 FET inputs' 2 pA bias currents minimize offset errors caused by high unbalanced source impedances. An array of precision thin-film resistors sets the in amp gain to be either 10 or 100. These resistors are laser-trimmed to ratio match to 0.01% and have a maximum differential TC of 5 ppm/C.
R6 ) +VREF R4 + R5 R5 + R6 ) +VREF R4
(G =100)
VOUT = (VIN1 - VIN2 ) (1+
FOR R1 = R6, R2 = R5 AND R3 = R4
Figure 32b. A Single Supply Programmable Instrumentation Amplifier
-12-
REV. A
AD824
3 Volt, Single Supply Stereo Headphone Driver
The AD824 exhibits good current drive and THD+N performance, even at 3 V single supplies. At 1 kHz, total harmonic distortion plus noise (THD+N) equals -62 dB (0.079%) for a 300 mV p-p output signal. This is comparable to other single supply op amps that consume more power and cannot run on 3 V power supplies. In Figure 33, each channel's input signal is coupled via a 1 F Mylar capacitor. Resistor dividers set the dc voltage at the noninverting inputs so that the output voltage is midway between the power supplies (+1.5 V). The gain is 1.5. Each half of the AD824 can then be used to drive a headphone channel. A 5 Hz high-pass filter is realized by the 500 F capacitors and the headphones, which can be modeled as 32 ohm load resistors to ground. This ensures that all signals in the audio frequency range (20 Hz-20 kHz) are delivered to the headphones.
+3V 0.1F 0.1F
of +4.5 V can be used to drive an A/D converter front end. The other half of the AD824 is configured as a unity-gain inverter and generates the other bridge input of -4.5 V. Resistors R1 and R2 provide a constant current for bridge excitation. The AD620 low power instrumentation amplifier is used to condition the differential output voltage of the bridge. The gain of the AD620 is programmed using an external resistor RG and determined by:
G= 49.4 k +1 RG
A 3.3 Volt/5 Volt Precision Sample-and-Hold Amplifier
1F CHANNEL 1 MYLAR
95.3k
47.5k
1/4 AD824 500F
95.3k 10k
4.99k HEADPHONES 32 IMPEDANCE 10k
L
In battery-powered applications, low supply voltage operational amplifiers are required for low power consumption. Also, low supply voltage applications limit the signal range in precision analog circuitry. Circuits like the sample-and-hold circuit shown in Figure 35, illustrate techniques for designing precision analog circuitry in low supply voltage applications. To maintain high signal-to-noise ratios (SNRs) in a low supply voltage application requires the use of rail-to-rail, input/output operational amplifiers. This design highlights the ability of the AD824 to operate rail-to-rail from a single +3 V/+5 V supply, with the advantages of high input impedance. The AD824, a quad JFET-input op amp, is well suited to S/H circuits due to its low input bias currents (3 pA, typical) and high input impedances (3 x 1013 , typical). The AD824 also exhibits very low supply currents so the total supply current in this circuit is less than 2.5 mA.
3.3/5V 3.3/5V 0.1F 4 A1 11 R4 2k 3.3/5V
R 4.99k 47.5k 1/4 AD824
R1 50k
AD824A
3 2
1F CHANNEL 2 MYLAR
1 FALSE GROUND (FG)
500F
R2 50k
Figure 33. 3 Volt Single Supply Stereo Headphone Driver
15
13 14 ADG513 16 10 11 9 FG 7 2 1 3 10 9 7 6 8 A3 8 + - VOUT CH 500pF R5 2k
Low Dropout Bipolar Bridge Driver
The AD824 can be used for driving a 350 ohm Wheatstone bridge. Figure 34 shows one half of the AD824 being used to buffer the AD589--a 1.235 V low power reference. The output
+VS 49.9k +1.235V AD589 10k 1% 1/4 AD824 26.4k, 1% 350 350 3 350 RG 2 10k 10k 1% 1% 1/4 AD824 -4.5V R2 20 -VS +VS 0.1F GND 0.1F -VS 1F 1F -5V 7 AD620 5 4 VREF -VS +5V 6 R1 20 TO A/D CONVERTER REFERENCE INPUT +VS
AD824B
5 6 A2
AD824C
C 500pF FG
AD824D
12 SAMPLE/ HOLD 13 A4
FG 14
4
5
350
Figure 35. 3.3 V/5.5 V Precision Sample and Hold
In many single supply applications, the use of a false ground generator is required. In this circuit, R1 and R2 divide the supply voltage symmetrically, creating the false ground voltage at one-half the supply. Amplifier A1 then buffers this voltage creating a low impedance output drive. The S/H circuit is configured in an inverting topology centered around this false ground level.
Figure 34. Low Dropout Bipolar Bridge Driver
REV. A
-13-
AD824
A design consideration in sample-and-hold circuits is voltage droop at the output caused by op amp bias and switch leakage currents. By choosing a JFET op amp and a low leakage CMOS switch, this design minimizes droop rate error to better than 0.1 V/s in this circuit. Higher values of CH will yield a lower droop rate. For best performance, CH and C2 should be polystyrene, polypropylene or Teflon capacitors. These types of capacitors exhibit low leakage and low dielectric absorption. Additionally, 1% metal film resistors were used throughout the design. In the sample mode, SW1 and SW4 are closed, and the output is VOUT = -VIN. The purpose of SW4, which operates in parallel with SW1, is to reduce the pedestal, or hold step, error by injecting the same amount of charge into the noninverting input of A3 that SW1 injects into the inverting input of A3. This creates a common-mode voltage across the inputs of A3 and is then rejected by the CMR of A3; otherwise, the charge injection from SW1 would create a differential voltage step error that would appear at VOUT. The pedestal error for this circuit is less than 2 mV over the entire 0 V to 3.3 V/5 V signal range. Another method of reducing pedestal error is to reduce the pulse amplitude applied to the control pins. In order to control the ADG513, only 2.4 V are required for the "ON" state and 0.8 V for the "OFF" state. If possible, use an input control signal whose amplitude ranges from 0.8 V to 2.4 V instead of a full range 0 V to 3.3 V/5 V for minimum pedestal error. Other circuit features include an acquisition time of less than 3 s to 1%; reducing CH and C2 will speed up the acquisition time further, but an increased pedestal error will result. Settling time is less than 300 ns to 1%, and the sample-mode signal BW is 80 kHz. The ADG513 was chosen for its ability to work with 3 V/5 V supplies and for having normally-open and normally-closed precision CMOS switches on a dielectrically isolated process. SW2 is not required in this circuit; however, it was used in parallel with SW3 to provide a lower RON analog switch.
-14-
REV. A
AD824
* AD824 SPICE Macro-model 9/94, Rev. A * ARG/ADI * * Copyright 1994 by Analog Devices, Inc. * * Refer to "README.DOC" file for License Statement. Use of this model indicates your acceptance with the terms and provisions in the License Statement. * * Node assignments * noninverting input * | inverting input * | | positive supply * | | | negative supply * | | | | output * || | | | .SUBCKT AD824 1 2 99 50 25 * * INPUT STAGE & POLE AT 3.1 MHz * R3 5 99 1.193E3 R4 6 99 1.193E3 CIN 1 2 4E-12 C2 5 6 19.229E-12 I1 4 50 108E-6 IOS 1 2 1E-12 EOS 7 1 POLY(1) (12,98) 100E-6 1 J1 4 2 5 JX J2 4 7 6 JX * * GAIN STAGE & DOMINANT POLE * EREF 98 0 (30,0) 1 R5 9 98 2.205E6 C3 9 25 54E-12 G1 98 9 (6,5) 0.838E-3 V1 8 98 -1 V2 98 10 -1 D1 9 10 DX D2 8 9 DX * * COMMON-MODE GAIN NETWORK WITH ZERO AT 1 kHz * R21 11 12 1E6 R22 12 98 100 C14 11 12 159E-12 E13 11 98 POLY(2) (2,98) (1,98) 0 0.5 0.5 * * POLE AT 10 MHz * R23 18 98 1E6 C15 18 98 15.9E-15 G15 98 18 (9,98) 1E-6 * * OUTPUT STAGE * ES 26 98 (18,98) 1 RS 26 22 500 IB1 98 21 2.404E-3 IB2 23 98 2.404E-3 D10 21 98 DY D11 98 23 DY C16 20 25 2E-12 C17 24 25 2E-12 DQ1 97 20 DQ Q2 20 21 22 NPN Q3 24 23 22 PNP DQ2 24 51 DQ Q5 25 20 97 PNP 20 Q6 25 24 51 NPN 20 VP 96 97 0 VN 51 52 0 EP 96 0 (99,0) 1 EN 52 0 (50,0) 1 R25 30 99 5E6 R26 30 50 5E6 FSY1 99 0 VP 1 FSY2 0 50 VN 1 DC1 25 99 DX DC2 50 25 DX * * MODELS USED * .MODEL JX NJF(BETA=3.2526E-3 VTO=-2.000 IS=2E-12) .MODEL NPN NPN(BF=120 VAF=150 VAR=15 RB=2E3 + RE=4 RC=550 IS=1E-16) .MODEL PNP PNP(BF=120 VAF=150 VAR=15 RB=2E3 + RE=4 RC=750 IS=1E-16) .MODEL DX D(IS=1E-15) .MODEL DY D() .MODEL DQ D(IS=1E-16) .ENDS AD824
REV. A
-15-
AD824
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Pin Plastic (N) Package (N-14)
14 PIN 1 1 0.795 (20.19) 0.725 (18.42) 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC 0.070 (1.77) 0.045 (1.15) 0.060 (1.52) 0.015 (0.38) 7 0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93) 8 0.280 (7.11) 0.240 (6.10)
0.130 (3.30) MIN SEATING PLANE
0.015 (0.381) 0.008 (0.204)
14-Pin SOIC (R) Package (R-14)
14
8 0.1574 (4.00) 0.1497 (3.80)
PIN 1 1 7
0.2440 (6.20) 0.2284 (5.80)
0.3444 (8.75) 0.3367 (8.55) 0.0688 (1.75) 0.0532 (1.35) 0.0098 (0.25) 0.0040 (0.10) 0.0500 (1.27) BSC 8 0
0.0196 (0.50) x 45 0.0099 (0.25)
0.0192 (0.49) 0.0138 (0.35)
0.0098 (0.25) 0.0075 (0.19)
0.0500 (1.27) 0.0160 (0.41)
16-Pin SOIC Package (R-16)
0.4133 (10.50) 0.3977 (10.00)
16 9
0.2914 (7.40) 0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
1
8
PIN 1 0.0118 (0.30) 0.0040 (0.10)
0.1043 (2.65) 0.0926 (2.35)
0.0291 (0.74) 0.0098 (0.25) x 45
0.0500 (1.27) BSC
0.0192 (0.49)
SEATING 0.0125 (0.32) 0.0138 (0.35) PLANE 0.0091 (0.23)
8 0
0.0500 (1.27) 0.0157 (0.40)
-16-
REV. A
PRINTED IN U.S.A.
C1988a-2-1/97


▲Up To Search▲   

 
Price & Availability of AD824ACHIPS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X