Part Number Hot Search : 
PHC20306 2SD2556 NTE616 XXXGP MAX20271 1002D SD850 2SK22
Product Description
Full Text Search
 

To Download 2SK1389 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1389
F-III Series
> Features
High Current Low On-Resistance No Secondary Breakdown Low Driving Power High Forward Transconductance
N-channel MOS-FET
60V
0,025 50A
125W
> Outline Drawing
> Applications
- Motor Control - General Purpose Power Amplifier - DC-DC converters
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Continous Reverse Drain Current Gate-Source-Voltage Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS ID I D(puls) I DR V GS PD T ch T stg Rating 60 50 200 50 20 125 150 -55 ~ +150 Unit V A A A V W C C
> Equivalent Circuit
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Diode Forward On-Voltage Reverse Recovery Time Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t V t
GSS DS(on)
fs iss oss rss d(on) r d(off) f SD rr
Test conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=60V Tch=25C VGS=0V Tch=125C VGS=20V VDS=0V ID=25A VGS=4V ID=25A VGS=10V ID=25A VDS=25V VDS=25V VGS=0V f=1MHz VCC=30V ID=50A VGS=10V RGS=25 IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C
Min. 60 1,0
Typ. 1,5 10 0,2 10 0,022 0,015 36 2600 800 400 20 130 400 170 1,35 100
Max. 2,5 500 1,0 100 0,04 0,025 3900 1200 600 30 200 600 250 2,0
20
Unit V V A mA nA S pF pF pF ns ns ns ns V ns
- Thermal Characteristics Item Thermal Resistance
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to air channel to case
Min.
Typ.
Max. 35 1,0
Unit C/W C/W
Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX -75370 - 972-233-1589 - FAX 972-233-0481 - http://www.collmer.com
N-channel MOS-FET
60V
0,025 50A
2SK1389
F-III Series
Drain-Source-On-State Resistance vs. Tch Typical Transfer Characteristics
125W
> Characteristics
Typical Output Characteristics
ID [A]
1
RDS(ON) []
2
ID [A]
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
RDS(ON) []
44
gfs [S]
5
VGS(th) [V]
6
ID [A]
ID [A]
Tch [C]
Typical Capacitance vs. VDS
Typical Input Charge
Forward Characteristics of Reverse Diode
C [nF]
7
VDS [V]
8
VGS [V]
IF [A]
9
VDS [V]
Qg [nC]
VSD [V]
Allowable Power Dissipation vs. TC
Safe operation area
Zth(ch-c) [K/W]
Transient Thermal impedance
PD [W]
10
ID [A]
12
11
Tc [C]
VDS [V]
t [s]
This specification is subject to change without notice!


▲Up To Search▲   

 
Price & Availability of 2SK1389

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X