Part Number Hot Search : 
8A712 1680924 102MP ADM1040 08775 M65850 SF2N3445 25TTS
Product Description
Full Text Search
 

To Download 2SC4381 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4381/4382
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1667/1668) sAbsolute maximum ratings
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg (Ta=25C) Unit V V V A A W C C
Application : TV Vertical Output, Audio Output Driver and General Purpose
(Ta=25C)
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
2SC4381 2SC4382 150 150 6 2 1 25(Tc=25C) 150 -55 to +150 200 200
2SC4381 2SC4382 10max
Unit
A
V
VEB=6V IC=25mA VCE=10V, IC=0.7A IC=0.7A, IB=0.07A VCE=12V, IE=-0.2A VCB=10V, f=1MHz
10max 150min 200min 60min 1.0max 15typ 35typ
A
V V
16.90.3
8.40.2
VCB=
150
200
13.0min
MHz pF
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 20 RL () 20 IC (A) 1 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 100 IB2 (mA) -100 ton (s) 1.0typ tstg (s) 3.0typ tf (s) 1.5typ
2.54
3.9 BCE
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s a t)( V ) 2
50 m A
VCE( sat ) - IB Characteristics (Typical)
3
I C - V BE Temperature Characteristics (Typical)
2 (VCE=10V)
1.6 Collector Current I C (A)
2
1.2
Collector Current I C( A)
Temp
e Temp) 25C (Cas
0.8
IB=5mA/Step
0.4
IC = 0 .5
A
1A
100
2A
0
0
0
2
4
6
8
10
0
2
10
1000
0
0.5 Base-Emittor Voltage V B E( V)
-55C (Cas
1
125C
(Case
e Temp)
1
)
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
1.0
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
(V C E= 10V) 400 DC Cur rent Gain h F E DC Cur rent Gain h F E 400
(VCE=10V)
j - a( C/W)
Transient Thermal Resistance
hFE - IC Characteristics (Typical)
h FE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
6
125 C
2 5 C
Typ
100
100
- 3 0 C
1
50 30 0.01
50 30 0.01
0.1 Collector Current I C( A)
1
2
0.1 Collector Current I C (A)
1
2
0.5
1
10 Time t(ms)
100
1000
fT - IE Characteristics (Typical)
30 (VCE=12V) 5
Safe Operating Area (Single Pulse)
30
1m 5m
20 ms
P c - T a Derating
s
C
Collecto r Curr ent I C( A)
1
M aximum Power Dissip ation P C( W)
D
Cut-o ff F requ ency f T( MH Z)
s
W
20
Typ
20
ith In fin ite he at si nk
10
0.1 Without Heatsink Natural Cooling 1.2SC4381 2.2SC4382
12
10
Without Heatsink 0 -0.01 0.01 -0.1 -0.5 -1 -2 1 10 Emitter Current I E( A) Collector-Emitter Voltage V C E( V) 100 300 0
0
50
100
150
Ambient Temperature Ta(C)
101


▲Up To Search▲   

 
Price & Availability of 2SC4381

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X