Part Number Hot Search : 
TPA6120 24D12 122ML 4787497 H8205A 01GEEG3V SP505BCM AT83C
Product Description
Full Text Search
 

To Download 160MT100KB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27502 rev. A 05/03
MT..KB SERIES
THREE PHASE BRIDGE Power Modules
Features
Package fully compatible with the industry standard INT-Apak power modules series High thermal conductivity package, electrically insulated case Outstanding number of power encapsulated components Excellent power volume ratio, outline for easy connections to power transistor and IGBT modules 4000 VRMS isolating voltage UL E78996 approved
130 A 160 A
Description
A range of extremely compact, encapsulated three phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and heavy duty applications.
Major Ratings and Characteristics
Parameters
IO @ TC IFSM
2
130MT.KB 160MT.KB
130 (160) 85 (62) 1130 1180 6400 5800 64000 160 (200) 85 (60) 1430 1500 10200 9300 102000
Units
A C A A A2s A2s A2s V C C
@ 50Hz @ 60Hz
It
@ 50Hz @ 60Hz
I2t VRRM TSTG TJ range range range
800 to 1600 - 40 to 150 - 40 to 150
www.irf.com
1
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
80 100 130-160MT..KB 120 140 160
VRRM , maximum repetitive peak reverse voltage V
800 1000 1200 1400 1600
VRSM , maximum nonrepetitive peak rev. voltage V
900 1100 1300 1500 1700
IRRM max.
@ TJ max.
mA
10
Forward Conduction
Parameter
IO IFSM Maximum DC output current @ Case temperature Maximum peak, one-cycle forward, non-repetitive surge current
130MT.KB 160MT.KB Units Conditions
130 (160) 85 (62) 1130 1180 950 1000 160 (200) 85 (60) 1430 1500 1200 1260 10200 9300 7200 6600 102000 0.81 1.04 3.52 3.13 1.49 4000 V V m A2s V A2s A C A t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Initial TJ = TJ max. 120 Rect conduction angle
I2t
Maximum I2t for fusing
64000 5800 4500 4100
I2t
Maximum I2t for fusing
64000 0.78 0.99 4.59 4.17 1.63 4000
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. (I > x IF(AV)), @ TJ max. (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. (I > x IF(AV)), @ TJ max. Ipk = 200A, TJ = 25C, tp = 400s single junction TJ = 25C, all terminal shorted f = 50Hz, t = 1s
VF(TO)1 Low level value of threshold voltage VF(TO)2 High level value of threshold voltage rf1 rf2 VFM VINS Low level value of forward slope resistance High level value of forward slope resistance Maximum forward voltage drop RMS isolation voltage
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case
130MT.KB 160MT.KB Units Conditions
-40 to 150 -40 to 150 0.16 0.93 0.18 1.08 0.12 0.73 0.15 0.88 0.03 K/W C C K/W DC operation per module DC operation per junction 120 Rect condunction angle per module 120 Rect condunction angle per junction Per module Mounting surface smooth, flat and greased
A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. Lubricated threads.
RthCS Max. thermal resistance, case to heatsink T Mounting torque 10% to heatsink to terminal wt Approximate weight
4 to 6 3 to 4 176
Nm
g
2
www.irf.com
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
Ordering Information Table
Device Code
16
1 1 -
0
2
MT
3
160
4
K
B
5
Current rating code: 13 = 130 A (Avg) 16 = 160 A (Avg)
2 3 4 5
-
Three phase diodes bridge Essential part number Voltage code: Code x 10 = VRRM (See Voltage Ratings Table) Generation II
Outline Table (without optional barriers)
D A B C E F
All dimensions in millimeters (inches)
NOTE: To order the Optional Hardware see Bulletin I27900 www.irf.com 3
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
Outline Table (with optional barriers)
D A B C E F
All dimensions in millimeters (inches)
Maximum Allowable Case Temperature (C)
150 130MT..KB Series 140 130 120 110 100 90 80 70 60 50 0 20 40 60 80 100 120 140 160 180 Total Output Current (A) 120 (Rect) Instantaneous Forward Current (A)
1000
100
T = 25C J 10 T = 150C J
130MT..KB Series Per Junction 1 0 1 2 3 4 5 Instantaneous Forward Voltage (V)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
4
www.irf.com
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
500 450 Maximum Total Power Loss (W) 400 350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160 0 25 50 75 100 125 150 Total Output Current (A) Maximum Allowable Ambient Temperature (C)
0.5 K/ W 0.7 K /W
1.5 K/W
130MT..KB Series TJ = 150C 120 (Rect)
SA R th
0.
0.2
12
= 05 0. W K/
K/ W
K/ W
-D
0.3
ta el
K/W
R
Fig. 3 - Total Power Loss Characteristics
1000 900 800 700 600 500 400 300 200 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine Wave Forward Current (A)
1200 1100 1000 900 800 700 600 500 400 300 200 0.01
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 150C No Voltage Reapplied Rated VRRM Reapplied
130MT..KB Series
130MT..KB Series
0.1 Pulse Train Duration (s)
1
Fig. 4 - Maximum Non-Repetitive Surge Current
150 160MT..KB Series 140 130 120 110 100 90 80 70 60 50 0 40 80 120 160 200 240 Total Output Current (A) 120 (Rect)
Instantaneous Forward Current (A)
Fig. 5 - Maximum Non-Repetitive Surge Current
1000
Maximum Allowable Case Temperature (C)
100
T = 25C J 10 TJ = 150C
160MT..KB Series Per Junction 1 0 1 2 3 4 5 Instantaneous Forward Voltage (V)
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
www.irf.com
5
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
600 Maximum Total Power Loss (W) 500 400 300 200 100 0 0 40 80 120 160 0 200 25 50 75 100 125 150 Total Output Current (A) Maximum Allowable Ambient Temperature (C) 160MT..KB Series TJ = 150C 120 (Rect)
Rt
A hS
0.
1
0. 15
K/ W
= 05 0. W K/ ta el -D
K/ W
0.2
0 .3
0 .5
K/W
R
K/W
K /W
/W 1.5 K/W
0. 7 K
Fig. 8 - Total Power Loss Characteristics
1300 1200 1100 1000 900 800 700 600 500 400 300 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial T J = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine Wave Forward Current (A)
1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 0.01
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 150C No Voltage Reapplied Rated V RRM Reapplied
160MT..KB Series
160MT..KB Series
0.1 Pulse Train Duration (s)
1
Fig. 9 - Maximum Non-Repetitive Surge Current
10 Steady State Value R thJC = 0.93 K/W R thJC = 0.73 K/W 1 (DC Operation)
Fig. 10 - Maximum Non-Repetitive Surge Current
Transient Thermal Impedance Z thJC (K/W)
130MT..KB Series 160MT..KB Series
0.1 Per Junction
0.01 0.001
0.01
0.1 Square Wave Pulse Duration (s)
1
10
Fig. 11 - Thermal Impedance ZthJC Characteristic
6
www.irf.com
130-160MT..KB Series
Bulletin I27502 rev. A 05/03
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05 /03
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 160MT100KB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X