Part Number Hot Search : 
AX88790L TC372 2SK150 C18F25 FF450 54000 STA001 54000
Product Description
Full Text Search
 

To Download 12CTQ045-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20554 rev. B 07/01
12CTQ... 12CTQ...S 12CTQ... -1
SCHOTTKY RECTIFIER 12 Amp
IF(AV) = 12Amp VR = 35 to 45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 6 Apk, TJ = 125C (per leg) range
Description/ Features Units
A V A V The 12CTQ center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-220 package Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
12CTQ
12 35 to 45 690 0.53
- 55 to 175
C
Case Styles 12CTQ... 12CTQ... S 12CTQ... -1
Base Common Cathode
2
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
TO-220 www.irf.com
D PAK
2
TO-262 1
12CTQ... Series
Bulletin PD-20554 rev. B 07/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
12CTQ035
35
12CTQ040
40
12CTQ045
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device)
12CTQ Units
6 12 690 140 8 1.20 A mJ A A
Conditions
50% duty cycle @ TC = 160C, rectangular wave form Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, IAS = 1.20 Amps, L = 11.10 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
12CTQ Units
0.60 0.73 0.53 0.64 0.8 7.0 0.35 18.23 400 8.0 10,000 V V V V mA mA V
m
Conditions
@ 6A @ 12A @ 6A @ 12A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH V/ s
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
12CTQ Units
-55 to 175 -55 to 175 3.50 1.75 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in)
2
www.irf.com
12CTQ... Series
Bulletin PD-20554 rev. B 07/01
100
(m A )
10 0 T J= 175 C 10 1 0.1 75 C 0 .01 0.0 01 0 .00 0 1 0 5 10 15 20 25 30 35 40 45 Reverse V olta ge - V R (V ) 50 C 25 C 150 C 125 C 100 C
Instantaneous Forward Current - IF (A)
10
10 0 0 (p F)
Rev erse C urre nt - I
R
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
Tj = 175C Tj = 125C Tj = 25C
Junc tion C apa c itan ce - C
T
T J= 25 C
1 0.2
1 00
0.4 0.6 0.8 1 1.2 1.4 Forward Voltage Drop - VFM (V)
1.6
0
10
20
30
40
50
Reverse V olta ge - V R (V )
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T he rm a l Im ped an ce Z thJ C ( C /W )
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1 D D D D D = = = = = 0.75 0.50 0.33 0.25 0.20 Sin gle P ulse (Therm a l Resistanc e) Notes:
0.1
PD M
t1 t2
0.0 1
1. D uty factor D = t 11/ t 2 2. Peak TJ = PD M x Z thJC+ T C
0.0 01 0.0 00 0 1
0.0 00 1
0 .0 0 1
0.0 1
0 .1
1
10
100
t 1 , R ectangula r Pulse Dura tion (Sec onds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
12CTQ... Series
Bulletin PD-20554 rev. B 07/01
17 5 A llow ab le C a se Tem p e ra ture - ( C ) Ave ra ge P ow er Loss - (W atts) 5 4 .5 17 0 4 3 .5 3 2 .5 2 1 .5 1 0 .5 0 0 2 4 6 8 10 0 2 4 6 8 10 A vera ge Forw ard C urrent - I F(AV) (A ) A vera ge Forw ard C urren t - I F(AV) (A) RM S Lim it DC D D D D D = = = = = 0.20 0.25 0.33 0.50 0.75
16 5
DC
16 0
Sq ua re wa ve (D = 0.50) 80% Ra ted V a p p lied R
15 5
see note (2)
15 0
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
N on-Rep etitive Surg e C urrent - I FSM (A) 10 0 0
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
At An y Rated Load C ond ition An d W ith Rated V RRM A pp lied Follow in g Surg e
1 00 10 100 1 00 0 10 0 00 Sq uare W ave Pulse D uration - t p (m icrosec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H -SPE ED SW ITC H FREE-W HE EL D IO D E 40H FL40S02 V d = 25 V olt
D UT
IRFP460 Rg = 25 ohm
+
C UR RE N T M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
12CTQ... Series
Bulletin PD-20554 rev. B 07/01
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03) 2.89 (0.11) 2.64 (0.10) 0.10 (0.004)
1 2 Common Cathode 3
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
Base Common Cathode
2
Anode
Anode
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
Base Common Cathode
2
1
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
3
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
1
Anode
2 Common Cathode
Anode
2.54 (0.10) 2X
Conform to JEDEC outline D Pak (SMD-220) Dimensions in millimeters and (inches)
2
www.irf.com
5
12CTQ... Series
Bulletin PD-20554 rev. B 07/01
Outline Table
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
Base Common Cathode
2
1
Anode
2 Common Cathode
3
Anode
Marking Information
EXAMPLE: THIS IS A 12CTQ040-1 LOT CODE 1789 ASSEMBLED ON WW 19, 1999 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 9 = 1999 WEEK 19 LINE C
6
www.irf.com
12CTQ... Series
Bulletin PD-20554 rev. B 07/01
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
FEED DIR ECTION
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532)
12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) D IA . MIN .
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
12
1
C
2
T
3
Q
4
045
5
-1
6
1 2 3 4 5 6 6
-
Essential Part Number Common Cathode T = TO-220 Q = Schottky Q Series Voltage Rating S = D2Pak -1 = TO-262 035 = 35V 040 = 40V 045 = 45V
www.irf.com
7
12CTQ... Series
Bulletin PD-20554 rev. B 07/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 12CTQ045-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X