Part Number Hot Search : 
TP5335 MSC82001 1N5950A ES5108 AN101 HFA30T MSS12 MPX7100A
Product Description
Full Text Search
 

To Download WJ1051AS1012VDC20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CIT RELAYTM
FEATURES: * Switching capacity up to 10A * Small size and light weight * Low coil power consumption * High contact load * Strong resistance to shock and vibration
WJ105
18.2 x 10.6 x 14.7 mm
CONTACT DATA
Contact Arrangement Contact Rating 1A = SPST N.O 1C = SPDT 5A @ 250VAC 10A @ 125VAC Resistive 1/4 hp, 250VAC TV-5, 120VAC < 50 milliohms initial AgCdO 150W 1250VA 277VAC, 30VDC 10A
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
.20W .45W 3 3.9 45 20 2.25 0.3 5 6.5 125 55 3.75 0.5 6 7.8 180 80 4.50 0.6 .20 10 10 9 11.7 400 180 6.75 0.9 .45 12 15.6 720 320 9.00 1.2 24 31.2 2800 1280 18.00 2.4 48 62.4 11520 5120 36.00 4.8 CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Rated
Max.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 300V rms min. @ sea level 750V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 10N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 9.5g
CIT RELAY Website: www.citrelay.com
Tel: 763-535-2339
Fax: 763-535-2194
CIT RELAYTM
ORDERING INFORMATION
1. Series: WJ105 2. Contact Arrangement: 1A = SPST N.O. 1C = SPDT (.45W coil only) 3. Sealing Options: S = Sealed C = Dust Cover 4. Current Rating: 10 = 10A 5. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 24VDC 48VDC 6. Coil Power: .20 = .20W .45 = .45W
WJ105
WJ105 1C S 10 12VDC .45
DIMENSIONS (Unit = mm)
PCB Layout
Schematics
CIT RELAY Website: www.citrelay.com
Tel: 763-535-2339
Fax: 763-535-2194


▲Up To Search▲   

 
Price & Availability of WJ1051AS1012VDC20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X