![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS DATA SHEET TDA8012M Low power PLL FM demodulator for satellite TV receivers Product specification Supersedes data of 1995 Feb 02 File under Integrated Circuits, IC02 1996 Mar 26 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers FEATURES * High input sensitivity * Fully balanced two-pin Voltage Controlled Oscillator (VCO) * Low input impedance (50 ) * Low impedance video baseband output * Internal voltage stabilizer * Keyed AFC or peak-to-peak AFC * Carrier detector * AGC output * Suitable for High Definition TV (HDTV). QUICK REFERENCE DATA SYMBOL VCC ICC Vi Vo(p-p) fi PARAMETER supply voltage supply current input signal voltage level video output signal voltage amplitude (peak-to-peak value) operating input frequency fo = 25 MHz (p-p) VCC = 5 V; Tamb = 25 C CONDITION MIN. 4.5 50 53 - - TYP. 5.0 60 57 1 480 APPLICATIONS TDA8012M * Direct Broadcast Satellite (DBS) receivers. GENERAL DESCRIPTION The TDA8012M is a sensitive PLL FM demodulator which is used for the second IF in satellite receivers. It provides Automatic Gain Control (AGC) and Automatic Frequency Control (AFC) outputs that can be used to optimize the level and frequency of the input signal. During the searching procedure, the AFC output provides a signal which is used for carrier detection. MAX. 5.5 70 61 - - UNIT V mA dBV V MHz ORDERING INFORMATION TYPE NUMBER TDA8012M PACKAGES NAME SSOP20 DESCRIPTION plastic shrink small outline package; 20 leads; body width 4.4 mm VERSION SOT266-1 1996 Mar 26 2 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers BLOCK DIAGRAM TDA8012M handbook, full pagewidth CDF1 CDF2 1 2 CARRIER DETECTOR 20 AFC 19 18 AFCos AFCCDO KEY 3 PD(pos) 4 17 NF PD(neg) IFI1 IFI2 5 6 VCO 16 15 14 VCO2 VCO1 OSCGND GND V CC 7 8 STABILIZER 13 AGC 12 11 VIDEO BUFFER MBE251 LF2 LF1 VIDEO AGCO AGC th 9 10 TDA8012M Fig.1 Block diagram. 1996 Mar 26 3 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers PINNING SYMBOL CDF1 CDF2 PD(pos) PD(neg) IFI1 IFI2 GND VCC AGCO AGCth VIDEO LF1 LF2 OSCGND VCO1 VCO2 NF KEY AFCCDO AFCos PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 DESCRIPTION carrier detector filter 1 input carrier detector filter 2 input positive peak detector output negative peak detector output IF input 1 IF input 2 ground supply voltage AGC output AGC threshold voltage input baseband signal output loop filter 1 input loop filter 2 input oscillator ground oscillator tank circuit 1 input oscillator tank circuit 2 input noise filter input key pulse input AFC and carrier detector output AFC offset input PD(neg) IFI1 IFI2 GND V CC AGCO 4 5 ndbook, halfpage TDA8012M CDF1 CDF2 PD(pos) 1 2 3 20 AFC os 19 AFC CDO 18 KEY 17 NF 16 VCO2 TDA8012M 6 7 8 9 15 VCO1 14 OSCGND 13 LF2 12 LF1 11 VIDEO MBE250 AGC th 10 Fig.2 Pin configuration. FUNCTIONAL DESCRIPTION The TDA8012M is a low power PLL FM demodulator designed for use in satellite TV reception systems. The demodulator is based on a Phase-Locked Loop (PLL) structure including a fully balanced two-pin VCO. A high gain IF amplifier ensures a high input sensitivity. The video output voltage is supplied via a highly linear video buffer which has a low output impedance. The centre frequency of the VCO and the loop characteristics can be set using external components. The circuit provides an AGC signal which is used to drive a gain-controlled IF amplifier (TDA8011T or TDA8010M) to ensure a stable PLL demodulation characteristic. An analog AFC voltage is also made available. This signal can be suitably applied to the input of the ADC port of the PLL frequency synthesizer (TSA5055). The AFC function may be keyed to address D2MAC and MUSE systems. The TDA8012M includes a Carrier Detector (CD) which is used for channel detection during search procedures. 1996 Mar 26 4 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCC Vi(max) Isource(max) tsc ZL Tstg Tj Tamb HANDLING supply voltage maximum input voltage on all pins maximum output source current maximum short-circuit time on all outputs AC load impedance at video output storage temperature junction temperature operating ambient temperature PARAMETER MIN. -0.3 -0.3 - - 600 -55 - -10 6.0 VCC 10 10 - +150 +150 +80 TDA8012M MAX. V V mA s C C C UNIT Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe it is desirable to take normal precautions appropriate to handling MOS devices. THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient in free air VALUE 120 UNIT K/W CHARACTERISTICS VCC = 5 V; fi = 480 MHz; Vi = 57 dBV; Tamb = 25 C; measured in application circuit of Fig.4; unless otherwise specified. SYMBOL Supplies VCC ICC KVCO fo/T fo Vi Zi supply voltage supply current note 1 4.75 50 5.0 60 5.25 70 V mA PARAMETER CONDITIONS MIN. TYP. MAX. UNIT Voltage controlled oscillator voltage controlled oscillator constant voltage controlled oscillator drift voltage controlled oscillator shift VCC = 4.75 to 5.25 V; Tamb = -10 +80 C note 2 VCC = 4.75 to 5.25 V note 3 real part; note 4 parallel inductive part; note 4 KPD Gv phase detector constant phase-lock loop gain Vi = 57 dBV drift; note 5 shift; note 5 22.5 - - 25 27.5 MHz/V C-1 kHz -70 x 10-6 - - 750 Frequency demodulator input signal voltage level input impedance 53 - - - - - 57 50 130 0.37 2 2 61 - - - - - dBV nH V/rad dB dB 1996 Mar 26 5 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers SYMBOL Zo(diff) CRPLL Gdiff diff IM3 PARAMETER differential output impedance of the phase detector phase-lock loop capture range differential gain differential phase third-order intermodulation distortion note 6 note 7 note 7 note 8 fo = 25 MHz CONDITIONS MIN. 1.6 - - - 50 2 17 2 2 - TYP. TDA8012M MAX. 2.4 - - - - UNIT k MHz % deg dB Video output Vo(p-p) VO(DC) Zo AGCth LD baseband output signal amplitude (peak-to-peak value) DC voltage level of video output output impedance 0.9 2.1 - - 61 - - - - 1.0 2.35 10 - - 1 1 8 200 1.1 2.6 50 V V Automatic gain control (note 9) AGC threshold as a function of the voltage applied to pin 10 level detector IAGC = 0.5 mA; 0.1VCC IAGC = 0.5 mA; 0.9VCC shift; VCC = 4.75 to 5.25 V drift; Tamb = -10 to +80 C AGC steepness Vsat(AGC) low level AGC output saturation voltage IAGC = 0.5 mA; note 10 IAGC = 1 mA 53 - - - - 500 dBV dBV dB dB mA/dB mV Keying pulse tkey tW(key) VIL VIH Zi VAFC/f AFCshift input keyed pulse time period keyed pulse width LOW level input keyed pulse voltage key on HIGH level input keyed pulse voltage key off input impedance - 8 - 2.7 1 64 - - - - - - 0.8 - - s s V V k AFC and carrier detector output (note 11) AFC steepness shift of AFC voltage in relation to VCO shift with unmodulated 480 MHz input signal drift of AFC voltage in relation to the VCO VCC = 5% 4.9 - 5.5 180 6.1 500 V/MHz kHz AFCdrift Tamb = 80 C; note 12 - -400 - kHz 1996 Mar 26 6 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers Notes 1. The DC supply current is defined for VCC = 5 V. TDA8012M 2. This typical value of -70 ppm/C or -70 x 10-6 C-1 can be found in the reference measuring set-up shown in Fig.3. The temperature drift may be adjusted by the temperature coefficient of the external capacitor in the tank circuit. 3. The circuit is designed for an input level of 57 dBV. The maximum allowable input level is 61 dBV. However, for levels other than 57 dBV the optimum loop filter values will be different from those given for the 57 dBV input level in the reference measuring set-up. 4. The input impedance is reduced to a resistor with a parallel reactance. The values are given at 480 MHz. In order to reduce the radiation from the oscillator to the RF input, it is recommended to use a symmetrical drive. 5. The PLL loop gain shift and drift are given without loop filter shift and drift (non-temperature compensated external components). 6. The capture range or lock-in range is defined as the PLL normal operating range. This value depends strongly on the loop filter characteristics. 7. Measurements with test signals in accordance with CCIR recommendation 473-3. FM modulated signal with DBS parameters: a) 625 lines PAL TV system b) 25 MHz/V modulator sensitivity c) 1 V (p-p) video signal d) No SAW filter is used. 8. No SAW filter is used at the input: a) 16 MHz/V modulator sensitivity b) 4.43 MHz sine wave colour signal [660 mV (p-p)] c) 3.25 MHz sine wave luminance signal [700 mV (p-p)] d) Two Wegner sound sub-carriers at 7.02 and 7.2 MHz (100 mV) e) Intermodulation distance is defined as the distance between the luminance signal and the intermodulation products. 9. The characteristics of the AGC function are measured in the application circuit of Fig.4. The circuit illustrated in Fig.4 has been designed to set the maximum AGC current of 1 mA. The output of the AGC function is capable of handling up to 5 mA. The maximum AGC current can be increased to 5 mA by decreasing the value of the resistor connected between pins 8 and 9. 10. In the application circuit (see Fig.4) the voltage at the AGC output decreases when the IF input level increases above the adjusted AGC threshold. 11. The outputs from the AFC and carrier detector are combined at pin 19 (see Fig.3). During search tuning, when the input frequency is outside the capture range, the combined output (carrier detector function) is at a LOW level (any voltage below 0.6VCC). When the PLL becomes locked, the voltage at pin 19 rises to a HIGH level (V19 = 0.8VCC to VCC). When the input channel is close to the centre frequency, V19 falls to the LOW level. As shown in Fig.3, the voltage at pin 19 is now a function of the centre frequency (AFC function). This information may be read by a microcontroller via the ADC of the satellite frequency synthesizer (TSA5055) and the I2C-bus. 12. The drift of the AFC voltage is measured in accordance with the following method: a) At room temperature (Tamb = 25 C) the TDA8012M is driven by a 480 MHz unmodulated signal. The voltage at pin 20 must be adjusted to obtain a 1.5 V output at the AFC output (pin 19). b) At Tamb = 80 C, due to its temperature drift, the AFC output voltage differs from 1.5 V. The input frequency must, therefore, be adjusted to obtain 1.5 V at the AFC output. The drift of the AFC voltage will then be equal to the difference between the new input frequency and 480 MHz. 1996 Mar 26 7 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers TDA8012M V19/VCC 1 carrier detect on 0.8 0.6 0.45 0.3 0.15 0 fo 500 kHz MBE253 AFC DATA frequency Fig.3 AFC and carrier detector output. 1996 Mar 26 8 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers APPLICATION INFORMATION TDA8012M dbook, full pagewidth VCC 1 F 82 k 2.7 M CARRIER DETECTOR 20 AFC 19 22 F 330 nF 3 18 17 10 k 13 k AFCCDO 1 F 36 k 1 2 2.2 k 10 M 330 nF 4 180 pF KEY 10 M IF input 10 nF 5 6 VCO 16 15 30 nH 1.2 pF 10 nF 14 7 V CC 4.7 k AGCO 47 k 9 10 VIDEO 8 STABILIZER 13 AGC 12 2 k 10 pF 1.3 k TDA8012M 11 VIDEO BUFFER MBE252 Fig.4 Application circuit. 1996 Mar 26 9 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers PACKAGE OUTLINE SSOP20: plastic shrink small outline package; 20 leads; body width 4.4 mm TDA8012M SOT266-1 D E A X c y HE vM A Z 20 11 Q A2 pin 1 index A1 (A 3) Lp L A 1 e bp 10 detail X wM 0 2.5 scale 5 mm DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.5 A1 0.15 0 A2 1.4 1.2 A3 0.25 bp 0.32 0.20 c 0.20 0.13 D (1) 6.6 6.4 E (1) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1.0 Lp 0.75 0.45 Q 0.65 0.45 v 0.2 w 0.13 y 0.1 Z (1) 0.48 0.18 10 0o o Note 1. Plastic or metal protrusions of 0.20 mm maximum per side are not included. OUTLINE VERSION SOT266-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 90-04-05 95-02-25 1996 Mar 26 10 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Reflow soldering Reflow soldering techniques are suitable for all SSOP packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. Wave soldering Wave soldering is not recommended for SSOP packages. This is because of the likelihood of solder bridging due to closely-spaced leads and the possibility of incomplete solder penetration in multi-lead devices. TDA8012M If wave soldering cannot be avoided, the following conditions must be observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow and must incorporate solder thieves at the downstream end. Even with these conditions, only consider wave soldering SSOP packages that have a body width of 4.4 mm, that is SSOP16 (SOT369-1) or SSOP20 (SOT266-1). During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Repairing soldered joints Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C. 1996 Mar 26 11 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values TDA8012M This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1996 Mar 26 12 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers NOTES TDA8012M 1996 Mar 26 13 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers NOTES TDA8012M 1996 Mar 26 14 Philips Semiconductors Product specification Low power PLL FM demodulator for satellite TV receivers NOTES TDA8012M 1996 Mar 26 15 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. (02) 805 4455, Fax. (02) 805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. (01) 60 101-1256, Fax. (01) 60 101-1250 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. (172) 200 733, Fax. (172) 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. (359) 2 689 211, Fax. (359) 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS: Tel. (800) 234-7381, Fax. (708) 296-8556 Chile: see South America China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. (852) 2319 7888, Fax. (852) 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. (032) 88 2636, Fax. (031) 57 1949 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. (358) 0-615 800, Fax. (358) 0-61580 920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. (01) 4099 6161, Fax. (01) 4099 6427 Germany: P.O. Box 10 51 40, 20035 HAMBURG, Tel. (040) 23 53 60, Fax. (040) 23 53 63 00 Greece: No. 15, 25th March Street, GR 17778 TAVROS, Tel. (01) 4894 339/4894 911, Fax. (01) 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Shivsagar Estate, A Block, Dr. Annie Besant Rd. Worli, BOMBAY 400 018 Tel. (022) 4938 541, Fax. (022) 4938 722 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. (01) 7640 000, Fax. (01) 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, TEL AVIV 61180, Tel. (03) 645 04 44, Fax. (03) 648 10 07 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. (0039) 2 6752 2531, Fax. (0039) 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. (03) 3740 5130, Fax. (03) 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. (02) 709-1412, Fax. (02) 709-1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. (03) 750 5214, Fax. (03) 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. 9-5(800) 234-7831, Fax. (708) 296-8556 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. (040) 2783749, Fax. (040) 2788399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. (09) 849-4160, Fax. (09) 849-7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. (022) 74 8000, Fax. (022) 74 8341 Philippines: PHILIPS SEMICONDUCTORS PHILIPPINES Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. (63) 2 816 6380, Fax. (63) 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. (022) 612 2831, Fax. (022) 612 2327 Portugal: see Spain Romania: see Italy Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. (65) 350 2000, Fax. (65) 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. (011) 470-5911, Fax. (011) 470-5494 South America: Rua do Rocio 220 - 5th floor, Suite 51, CEP: 04552-903-SAO PAULO-SP, Brazil, P.O. Box 7383 (01064-970), Tel. (011) 821-2333, Fax. (011) 829-1849 Spain: Balmes 22, 08007 BARCELONA, Tel. (03) 301 6312, Fax. (03) 301 4107 Sweden: Kottbygatan 7, Akalla. S-16485 STOCKHOLM, Tel. (0) 8-632 2000, Fax. (0) 8-632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. (01) 488 2211, Fax. (01) 481 77 30 Taiwan: PHILIPS TAIWAN Ltd., 23-30F, 66, Chung Hsiao West Road, Sec. 1, P.O. Box 22978, TAIPEI 100, Tel. (886) 2 382 4443, Fax. (886) 2 382 4444 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. (66) 2 745-4090, Fax. (66) 2 398-0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. (0212) 279 2770, Fax. (0212) 282 6707 Ukraine: PHILIPS UKRAINE, 2A Akademika Koroleva str., Office 165, 252148 KIEV, Tel. 380-44-4760297, Fax. 380-44-4766991 United Kingdom: Philips Semiconductors LTD., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. (0181) 730-5000, Fax. (0181) 754-8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. (800) 234-7381, Fax. (708) 296-8556 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. (381) 11 825 344, Fax. (359) 211 635 777 Internet: http://www.semiconductors.philips.com/ps/ For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31-40-2724825 SCDS48 (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 537021/1100/02/pp16 Document order number: Date of release: 1996 Mar 26 9397 750 00766 |
Price & Availability of TDA8012M
![]() |