Part Number Hot Search : 
1H104 LY6264UL DAC8228 07N60 NTE2024 22R105 NDB6050L 37800
Product Description
Full Text Search
 

To Download SY10H601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9-BIT ECL-TO-TTL WITH 3-STATE ENABLE
FEATURES
s s s s s s s s s s 9-bit ideal for byte-parity applications 3-state TTL outputs Flow-through configuration Extra TTL and ECL power/ground pins to minimize switching noise ECL and TTL 3-state control inputs 4.8ns max. delay into 50pF, 9.6ns into 200pF (all outputs switching) PNP TTL inputs for low loading Choice of ECL compatibility: MECL 10KH (10Hxxx) or 100K (100Hxxx) Fully compatible with Motorola MC10H/100H601 Available in 28-pin PLCC package
SY10H601 SY100H601
DESCRIPTION
The SY10/100H601 are 9-bit, dual supply ECL-to-TTL translators. Devices in the Micrel-Synergy 9-bit translator series utilize the 28-lead PLCC for optimal power pinning, signal flow-through and electrical performance. The devices feature a 48mA TTL output stage and AC performance is specified into both a 50pF and 200pF load capacitance. For the 3-state output disable, both ECL and TTL control inputs are provided, allowing maximum design flexibility. The 10H version is compatible with MECL 10KH ECL logic levels. The 100H version is compatible with 100K levels.
BLOCK DIAGRAM
OEECL OETTL D0 Q0
PIN CONFIGURATION
VCCT Q6 GND Q5 GND Q7 Q8
25 24 23 22 21 20 19
D1 D2
Q1 Q2
Q4 Q3 VCCT Q2 GND Q1 Q0
26 27 28 1 2 3 4 5 6 7 8 9 10 11
18 17 16
TOP VIEW PLCC
15 14 13 12
D8 D7 VCCE D6 D5 D4 D3
D3 ECL D4
Q3 Q4 TTL
OETTL NC OEECL
D0 D1
D5 D6 D7
Q5 Q6 Q7
PIN NAMES
Pin GND VCCE Function TTL Ground (0V) ECL VCC (0V) TTL Supply (+5.0V) ECL Supply (-5.2/-4.5V) Data Inputs (ECL) Data Outputs (TTL) 3-State Control (ECL) 3-State Control (TTL)
Rev.: D Amendment: /0
D8
Q8
VCCT VEE D0-D8 Q0-Q8 OEECL OETTL
1
VEE
D2
Issue Date: February, 1998
Micrel
SY10H601 SY100H601
TRUTH TABLE LOGIC DIAGRAM
OEECL L L H X OETTL L L X H D L H X X Q L H Z Z
DC ELECTRICAL CHARACTERISTICS
VCCT = 5.0V 10%; VEE = -4.75V to -5.5V (10H Version); VEE = -4.2V to -5.5V (100H Version)
TA = 0C Symbol IEE ICCH ICCL ICCZ IOS IOZH IOZL Parameter Power Supply Current, ECL Power Supply Current, TTL Min. -- -- -- -- -100 -- -- Max. 46 110 110 105 -225 50 -50 TA = +25C Min. -- -- -- -- -100 -- -- Max. 46 110 110 105 -225 50 -50 TA = +85C Min. -- -- -- -- -100 -- -- Max. 50 110 110 105 -225 50 -50 Unit mA mA Condition -- --
Output Short Circuit Current Output Disable Current HIGH Output Disable Current LOW
mA A A
VOUT = 0V VOUT = 2.7V VOUT = 0.5V
AC ELECTRICAL LOGIC DIAGRAM CHARACTERISTICS
VCCT = 5.0V 10%; VEE = -4.75V to -5.5V (10H Version); VEE = -4.2V to -5.5V (100H Version)
TA = 0C Symbol tPLH tPHL tPLZ tPHZ tPLZ tPHZ tPZL tPZH tPZL tPZH tr tf Parameter Propagation Delay to Output Output Disable Time, OEECL Output Disable Time, OETTL Output Enable Time, OEECL Output Enable Time, OETTL Output Rise/Fall Time 1.0V - 2.0V Min. 1.7 3.4 3.7 5.4 4.3 7.0 3.5 5.0 4.2 6.0 -- -- Max. 4.8 9.6 6.5 13 7.5 15 6.0 12 7.0 14 1.2 3.0 TA = +25C Min. 1.7 3.4 3.7 5.4 4.3 7.0 3.5 5.0 4.2 6.0 -- -- Max. 4.8 9.6 6.5 13 7.5 15 6.0 12 7.0 14 1.2 3.0 TA = +85C Min. 1.7 3.4 3.7 5.4 4.3 7.0 3.5 5.0 4.2 6.0 -- -- Max. 4.8 9.6 6.5 13 7.5 15 6.0 12 7.0 14 1.2 3.0 Unit ns ns ns ns ns ns Condition CL = 50pF CL = 200pF CL = 50pF CL = 200pF CL = 50pF CL = 200pF CL = 50pF CL = 200pF CL = 50pF CL = 200pF CL = 50pF CL = 200pF
PRODUCT ORDERING CODE
Ordering Code SY10H601JC SY10H601JCTR SY100H601JC SY100H601JCTR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial Commercial
2
Micrel
SY10H601 SY100H601
28 LEAD PLCC (J28-1)
Rev. 03
3
Micrel
SY10H601 SY100H601
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
4


▲Up To Search▲   

 
Price & Availability of SY10H601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X