Part Number Hot Search : 
A3P125 IDT54 CXD3400N P300006 300000 0K6TR 0M000 B3768
Product Description
Full Text Search
 

To Download SY10E451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 SY100E451
FEATURES
s s s s s s 1100MHz min. toggle frequency Extended 100E VEE range of -4.2V to -5.5V Differential inputs: data and clock VBB output for single-ended use Asynchronous Master Reset Fully compatible with industry standard 10KH, 100K ECL levels s Internal 75K input pulldown resistors s Fully compatible with Motorola MC10E/100E451 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E451 offer six D-type flip-flops with singleended outputs and differential data and clock inputs, designed for use in new, high-performance ECL systems. The registers are triggered by the rising edge of the CLK input. A logic HIGH on the Master Reset (MR) input resets all outputs to a logic LOW. The VBB output is provided for use as a reference voltage for single-ended reception of ECL signals to that device only. When used for this purpose, it is recommended that VBB is decoupled to VCC via a 0.01F capacitor.
BLOCK DIAGRAM
D0 D0
PIN CONFIGURATION
D3 VCCO
18 17
D5
D5 D4
D R
Q0
25 24 23 22 21 20 19
D1 D1
D R
Q1
CLK VBB CLK VEE
D4 D3
26 27 28 1 2 3 4 5 6 7 8 9 10 11
Q5 Q4 VCC Q3 VCCO Q2 Q1
D2 D2
D R
Q2
D3 D3
MR NC D0
TOP VIEW PLCC J28-1
16 15 14 13 12
D R
Q3
D2 VCCO
D1 D2
D4 D4
D R
Q4
D5 D5 CLK CLK MR VBB
D R
Q5
PIN NAMES
Pin D0-D5 D0-D5 CLK CLK MR VBB Q0-Q5 VCCO Function + Data Input - Data Input + Clock Input - Clock Input Master Reset Input VBB Output Data Outputs VCC to Output
Q0
Rev.: C
D0 D1
Amendment: /1
1
Issue Date: February, 1998
Micrel
SY10E451 SY100E451
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol VBB Parameter Output Reference Voltage 10E 100E Input HIGH Current Power Supply Current 10E 100E VCMR Common Mode Range -- -- -2.0 84 84 -- 101 101 -0.4 -- -- -2.0 84 84 -- 101 101 -0.4 -- -- -2.0 84 97 -- 101 116 -0.4 V 1 TA = 25C TA = +85C Max. -1.19 -1.26 150 A mA -- -- Unit V -1.38 -1.38 -- -- -- -- -1.27 -1.35 -1.26 -1.38 150 -- -- -- -- -1.25 -1.31 -1.26 -1.38 150 -- -- -- -- Condition -- Min. Typ. Max. Min. Typ. Max. Min. Typ.
IIH IEE
NOTE: 1. VCMR is referenced to the most psitive side of the differential input signal. Normal operation is obtained when the "HIGH" input is within the VCMR range and the input swing is greater than VPP(min) and < 1V.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol fMAX tPLH tPHL Parameter Max. Toggle Frequency Propagation Delay to Output CLK (Diff) CLK (SE) MR Set-up Time, D Hold Time, D
(AC)
TA = +25C -- 800 850 850 -- -- -- -- -- -- 800 1100 1400 475 425 425 150 250 150 750 400 -- 275 650 650 600 -100 100 -- 600 -- 100 450 -- 800 850 850 -- -- -- -- -- -- 800
TA = +85C Max. -- 800 850 850 -- -- -- -- -- -- 800 ps ps mV ps ps ps ps -- -- 1 -- -- 2 -- Unit MHz ps Condition -- -- 1100 1400 475 425 425 150 250 150 750 400 -- 275 650 650 600 -100 100 -- 600 -- 100 450
Min. Typ. Max. Min. Typ. 1100 1400 475 425 425 150 250 150 750 400 -- 275 650 650 600 -100 100 -- 600 -- 100 450
Max. Min. Typ.
tS tH VPP tRR tPW tskew tr tf
Minimum Input Swing Reset Recovery Time Minimum Pulse Width CLK, MR Within-Device Skew Rise/Fall Time 20% to 80%
NOTES: 1. Minimum input voltage for which AC parameters are guaranteed. 2. Within-device skew is defined as identical transitions on similar paths through a device.
PRODUCT ORDERING CODE
Ordering Code SY10E451JC SY10E451JCTR SY100E451JC SY100E451JCTR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial Commercial
2
Micrel
SY10E451 SY100E451
3
Micrel
SY10E451 SY100E451
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
4


▲Up To Search▲   

 
Price & Availability of SY10E451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X