|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
QUINT DIFFERENTIAL LINE RECEIVER SY10E416 SY100E416 FEATURES s Differential D and Q s Extended 100E VEE range of -4.2V to -5.5V s s s s s s s VBB output for single-ended use 600ps max. propagation delay High frequency outputs 2 stages of gain Internal 75K input pull-down resistors Fully compatible with Motorola 10E/100E416 Available in 28-pin PLCC package DESCRIPTION The SY10/100E416 are 5-bit differential line receiving devices. The 2.0GHz of bandwidth provided by the high frequency outputs make the devices ideal for buffering of very high speed oscillators. A VBB pin is available to AC couple an input signal to the devices. The design incorporates two stages of gain internal to the devices, making them an excellent choice for use in high bandwidth amplifier applications. BLOCK DIAGRAM D0 D0 D1 D0 D2 D2 D3 D3 D4 D4 VBB Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 PIN CONFIGURATION Q4 Q4 VCCO D4 D4 VCCO 25 24 23 22 21 20 19 D3 D2 D2 VEE VBB D0 D0 D3 26 27 28 1 2 3 4 5 6 7 8 9 10 11 18 17 Q3 Q3 VCC Q2 Q2 VCCO Q1 TOP VIEW PLCC J28-1 16 15 14 13 12 D1 VCCO Q0 Q0 PIN NAMES Pin D[0:4], D[0:4] Q[0:4], Q[0:4] VCCO Function Differential Data Inputs Differential Data Outputs VCC to Output VCCO Q1 Rev.: C D1 Amendment: /1 1 Issue Date: February, 1998 Micrel SY10E416 SY100E416 DC ELECTRICAL CHARACTERISTICS VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND TA = 0C Symbol VBB Parameter Output Reference Voltage 10E 100E Input HIGH Current Power Supply Current 10E 100E VPP (DC) VCMR Input Sensitivity Common Mode Range -- -- 50 -1.5 135 135 -- -- 162 162 -- 0 -- -- 50 -1.5 135 135 -- -- 162 162 -- 0 -- -- 50 -1.5 135 155 -- -- 162 186 -- 0 mV V 1 2 Min. -1.38 -1.38 -- Typ. -- -- -- Max. TA = +25C Min. Typ. -- -- -- Max. TA = +85C Min. Typ. Max. -- -- -- -1.19 -1.26 150 A mA -- -- Unit V -1.27 -1.35 -1.26 -1.38 150 -- -1.25 -1.31 -1.26 -1.38 150 -- Condition -- IIH IEE NOTES: 1. Differential input voltage required to obtain a full ECL swing on the outputs. 2. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the VCMR range and the input swing is greater than VPP (min.) and <1V. AC ELECTRICAL CHARACTERISTICS VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND TA = 0C Symbol tPLH tPHL tskew tskew VPP (AC) tr tf Parameter Propagation Delay to Output D (Diff) D (SE) Within-Device Skew Duty Cycle Skew, tPLH-tPHL Minimum Input Swing Rise/Fall Time 20-80% 150 100 Min. 250 200 -- Typ. 350 350 50 10 -- 200 -- 350 150 100 Max. 500 550 -- TA = +25C Min. 250 200 -- Typ. 350 350 50 10 -- 200 -- 350 150 100 Max. 500 550 -- TA = +85C Min. Typ. 250 200 -- 350 350 50 10 -- 200 -- 350 Max. Unit ps 500 550 -- ps ps mV ps 1 2 3 -- Condition -- NOTES: 1. Within-device skew is defined as identical transitions on similar paths through a device. 2. Duty cycle skew defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. 3. Minimum input swing for which AC parameters are guaranteed. PRODUCT ORDERING CODE Ordering Code SY10E416JC SY10E416JCTR SY100E416JC SY100E416JCTR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial Commercial 2 Micrel SY10E416 SY100E416 28 LEAD PLCC (J28-1) Rev. 03 3 Micrel SY10E416 SY100E416 MICREL-SYNERGY TEL 3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA FAX + 1 (408) 980-9191 + 1 (408) 914-7878 WEB http://www.micrel.com This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated 4 |
Price & Availability of SY10E416 |